Part Number Hot Search : 
BC848C 68732LA STTH106 STTH106 EP9302 221M35 SS215A NE68100
Product Description
Full Text Search
 

To Download MUR3010PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
SEMICONDUCTOR
MUR3010PT, RURH1510CC, MUR3015PT, RURH1515CC, MUR3020PT, RURH1520CC
15A, 100V - 200V Ultrafast Dual Diodes
Package
JEDEC TO-218AC
April 1995
Features
* Ultrafast with Soft Recovery Characteristic (tRR < 30ns) * +175oC Rated Junction Temperature * Reverse Voltage Up to 200V * Avalanche Energy Rated
Applications
* Switching Power Supply * Power Switching Circuits * General Purpose
CATHODE (FLANGE)
ANODE1 CATHODE ANODE2
Description
MUR3010PT, MUR3015PT, MUR3020PT and RURH1510CC, RURH1515CC, RURH1520CC are ultrafast dual diodes (tRR < 30ns) with soft recovery characteristics. They have a low forward voltage drop and are of planar, silicon nitride passivated, ion-implanted, epitaxial construction. These devices are intended for use as energy steering/ clamping diodes and rectifiers in a variety of switching power supplies and other power switching applications. Their low stored charge and ultrafast recovery with soft recovery characteristics minimizes ringing and electrical noise in many power switching circuits thus reducing power loss in the switching transistor.
PACKAGING AVAILABILITY PART NUMBER MUR3010PT RURH1510CC MUR3015PT RURH1515CC MUR3020PT RURH1520CC PACKAGE TO-218AC TO-218AC TO-218AC TO-218AC TO-218AC TO-218AC BRAND MUR3010PT RURH1510C MUR3015PT RURH1515C MUR3020PT RURH1520C
A1 A2
Symbol
K
NOTE: When ordering, use the entire part number.
Absolute Maximum Ratings
TC = +25oC MUR3010PT RURH1510CC 100V 100V 100V 15A MUR3015PT RURH1515CC 150V 150V 150V 15A 30A 200A -55oC to +175oC MUR3020PT RUR1520CC 200V 200V 200V 15A 30A 200A -55oC to +175oC
Peak Repetitive Reverse Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VRRM Working Peak Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VRWM DC Blocking Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VR Average Rectified Forward Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . IF(AV) (Total device forward current at rated VR and TC = 150oC) Peak Forward Repetitive Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .IFRM 30A (Rated VR, square wave 20kHz) Nonrepetitive Peak Surge Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .IFSM 200A (Surge applied at rated load condition halfwave 1phase 60Hz) Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . TSTG, TJ -55oC to +175oC
Copyright
(c) Harris Corporation 1995 6-12
File Number
2775.4
MUR3010PT, MUR3015PT, MUR3020PT, RURH1510CC, RURH1515CC, RURH1520CC
Electrical Specifications
TC = +25oC, Unless Otherwise Specified LIMITS TEST CONDITION IF = 15A TC = +150oC IF = 15A TC = +25oC IR at TC = +150oC VR = 100V VR = 150V VR = 200V IR at TC = +25oC VR = 100V VR = 150V VR = 200V tRR IF = 1A IF = 15A tA IF = 1A IF = 15A tB IF = 1A IF = 15A RJC EAVL DEFINITIONS VF = Instantaneous forward voltage (pw = 300s, D = 2%). IR = Instantaneous reverse current. tRR = Reverse recovery time at dIF/dt = 100A/s (See Figure 2), summation of tA + tB. tA = Time to reach peak reverse current at dIF/dt = 100A/s (See Figure 2). tB = Time from peak IRM to projected zero crossing of IRM based on a straight line from peak IRM through 25% of IRM (See Figure 2). RJC = Thermal resistance junction to case. EAVL = Controlled avalanche energy (See Figures 7 and 8). pw = pulse width. D = duty cycle. see Fig. 7, 8 MUR3010PT, RURH1510CC MIN TYP 18 20 9 10 MAX 0.85 1.05 500 100 30 35 1.5 20 MUR3015PT, RURH1515CC MIN TYP 18 20 9 10 MAX 0.85 1.05 500 100 30 35 1.5 20 MUR3020PT, RURH1520CC MIN TYP 18 20 9 10 MAX 0.85 1.05 500 100 30 35 1.5 20 UNITS V V A A A A A A ns ns ns ns ns ns
oC/W
SYMBOL VF
mj
V1 AMPLITUDE CONTROLS IF V2 AMPLITUDE CONTROLS dIF/dt R1 L1 = SELF INDUCTANCE OF R4 +LLOOP Q1 +V1 0 t2 t1 R2
+V3 Q2 t1 5tA(MAX) t2 > tRR t3 > 0 L1 tA(MIN) R4 10 LLOOP DUT Q4 0 0.25 IRM C1 R4 IRM IF
dIF dt
tRR tA tB
t3 0 -V2 R3
Q3 -V4 VR VRM (REC)
FIGURE 1. tRR TEST CIRCUIT
FIGURE 2. DEFINITIONS OF tRR, tA AND tB
6-13
MUR3010PT, MUR3015PT, MUR3020PT, RURH1510CC, RURH1515CC, RURH1520CC Typical Performance Curves
100.0 100 TJ = +150oC IF , FORWARD CURRENT (A) 10.0 IR , REVERSE CURRENT (A) 10
TJ = +150oC 1.0 TJ = +100oC TJ = +25oC 0.10
1
TJ = +100oC
0.1
0.01 TJ = +25oC
0.1 0.0
0.001 0.2 0.4 0.6 0.8 1.0 1.2 1.4 0 VF , FORWARD VOLTAGE DROP (V) 50 100 150 VR , REVERSE VOLTAGE (V) 200
FIGURE 3. FORWARD VOLTAGE vs FORWARD CURRENT CHARACTERISTIC
FIGURE 4. REVERSE VOLTAGE vs REVERSE CURRENT CHARACTERISTIC
16 14 IF(AVG) , AVERAGE CURRENT (A)
50.0 t, RECOVERY TIMES (ns)
DC 12 SQUARE WAVE 10 8 6 4 2
40.0
tRR
30.0
tA
20.0
tB
10.0 1.0
0 10.0 IF , FORWARD CURRENT (A) 100.0 140 145 150 155 160 165 170 175 180 TC , CASE TEMPERATURE (oC)
FIGURE 5. TYPICAL tRR, tA AND tB CURVES vs FORWARD CURRENT
L R+ VDD
FIGURE 6. TYPICAL CURRENT DERATING CURVE vs CASE TEMPERATURE
Q1
130
1M DUT
12V
Q2
VAVL
130
CURRENT SENSE VDD IV
IL
12V t0 t1 t2 t
FIGURE 7. AVALANCHE ENERGY TEST CIRCUIT
FIGURE 8. CURRENT VOLTAGE WAVEFORM
IL PEAK = 1A, L = 40mH, R < 0.1W, EAVL = 1/2LI2 [VAVL/(VAVL - VDD)]
6-14


▲Up To Search▲   

 
Price & Availability of MUR3010PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X