Part Number Hot Search : 
YBAMU DSK27K27 BCM7412 100000 ER1001AF X1N958U 2SD0639 SR102
Product Description
Full Text Search
 

To Download MP1008 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
Silicon Bridge Rectifiers
COMCHIP
www.comchiptech.com
MP1000 Thru 1010
Reverse Voltage: 50 - 1000 Volts Forward Current: 10 Amp
Features
- Diffused Junction
-
High Current Capability High Case Dielectric Strength High Surge Current Capability Ideal for Printed Circuit Board Application Plastic Material has Underwriters Laboratory Flammability Classification 94V-O
MP-10
H J G
+
~
A
E
~
E
-
Mechanical Data
- Case: Molded Plastic - Terminals: Plated Leads Solderable per MIL STD-202, Method 208 - Weight: 5.4 grams (approx.) - Mounting Position: Through Hole for #6 Screw - Mounting Torque: 5.0 Inch-pounds Maximum
D
Dim A B C D E
C B
Metal Heat Sink
MP-10 Min Max 14.73 15.75 5.80 6.90 19.00 1.00 O Typical 5.11 6.14 Hole for # 6 screw G 3.60 4.00 H 10.30 11.30 J 2.38 x 45oC Typical All Dimensions in mm
Maximum Ratings and Electrical Characterics
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. CHARACTERISTICS Peak Repetitive Reverse Voltage Working Peak Rever se Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current (Note1) @ T A = 50C Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage (per element) @I F = 5.0A Peak Reverse Current @T C = 25C At Rated DC Blocking Voltage @T C = 100C I2t Rating for Fusing (t < 8.3ms) (Note2) Typical Junction Capacitance (Note3) Typical Thermal Resistance (Note4) Operating and Storage Temperature Range Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IR I2t Cj R
JC
MP MP MP MP MP MP MP UNIT 1000 1001 1002 1004 1006 1008 1010 50 35 100 70 200 140 400 280 10 200 1.1 10 1.0 64 110 7.5 -65 to +150 600 420 800 560 1000 700 V V A A V uA mA A2s pF K/W C
Tj, TSTG
Note: 1. Non-repetitive for t > 1ms and < 8.3ms. 2. Thermal resistance junction to am bient mounted on PC board with 13.0 x 13.0 x 0.03mm thick land areas. 3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C. 4. Thermal resistance junction to cas e per element.
MDS0309003A
Page 1
www..com
Silicon Bridge Rectifiers
Rating and Characteristic Curves (MP1000 thru 1010)
COMCHIP
www.comchiptech.com
10
10
IAV, Average forward OUTPUT current ( A )
Resistive or Inductive load
8
IF, Forward current ( A )
1.0
6
4
0.1
Tj = 25 o C Pulse width = 300uS
2
0 25 50 75 100 125
0.01 0 0.4 0.8 1.2 1.6
TA, Ambient Temperature ( o C)
VF, Instantaneous Forward Voltage (V)
240
10
Tc = 50 o C Single half sine-wave JEDEC method
200
IR, Instantaneous Reverse Current ( A )
IF, Peak Forward Surge Current ( A )
Tj =100o C
160
1.0
120
80
0.1
40
Tj =25o C
0 1.0 10 100 0.01 0 40 80 120
Number of Cycles at 60Hz
Percent of Rated Peak Reverse Voltage (%)
MDS0309003A
Page 2


▲Up To Search▲   

 
Price & Availability of MP1008

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X