Part Number Hot Search : 
SP211HBC MKC1860 BD4832G 33048A MMA709 0T120 0505S BD4832G
Product Description
Full Text Search
 

To Download MP1008-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
Silicon Bridge Rectifiers
MP1000-G THRU MP1010-G (RoHS Device)
Reverse Voltage: 50 ~ 1000 Volts Forward Current: 10 Amp Features:
Diffused Junction High Current Capability High Case Dielectric Strength High Surge Current Capability Ideal for Printed Circuit Board Application Plastic Material has Underwriters Laboratory Flammability Classification 94V-0
MP-10
H J G
+ ~
A E
~ -
Mechanical Data:
Case: Molded Plastic Terminals: Plated Leads Solderable Per MIL STD-202, Method 208 Weight: 5.4 grams (approx.) Mounting position: Through Hole for #6 Screw
D
E
Dim A B C D E
C B Metal Heat Sink
KBP Min. Max 14.73 15.75 5.80 6.90 19.00 1.00 O Typical 6.14 5.11 Hole for #6 screw G 3.60 4.00 J 10.30 11.30 2.38x45C Typical I All Dimensions in mm
Maximum Ratings and Electrical Characteristics
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate currently by 20%. Characteristics Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current (Note1) @ TA = 50C
MP MP MP MP KBP KBP KBP Symbol 1000-G 1001-G 1002-G 1004-G 1006-G 1008-G 1010-G UNIT
VRRM VRWM VR VR(RMS) Io
35 70 140 280 10 420 560 700 V A 50 100 200 400 600 800 1000 V
Non-Repetitive Peak Forward Surge Current 8.3ms Single IFSM Half-sine-wave superimposed on rated load (JEDEC Method) Forward Voltage (per element) @ IF=2.0A Peak Reverse Current @ TA=25C At Rated DC Blocking Voltage @ TA=100C Rating for Fusing (t<8.3ms) (Note2) Typical Thermal Resistance (Note4) Operating and Storage Temperature Range Typical Junction Capacitance (Note3)
Note:
200
A
VFM IRM I2t
RJA
TJ, TSTG CJ
1.1 10 1.0 64 7.5 -55 to +160 110
V uA A2S K/W C pF
1. Non-repetitive for t>1ms and <8.3ms. 2. Thermal resistance junction to ambient mounted on PC board with 13.0 x 13.0 x 0.03 mm thick land areas. 3. Measured at 1.0MHz and applied reverse voltage of 4.0V D.C. 4. Thermal resistance junction to case per element.
"-G" suffix designated RoHS compliant version
Comchip Technology Corporation . Tel:510-657-8671 . Fax: 510-657-8921 . www.comchiptech.com
Page1
Silicon Bridge Rectifiers
MP1000-G THRU MP1010-G (RoHS Device)
Rating and Characteristic Curve (MP1000-G thru MP1010-G)
10
10
IAV, Average forward OUTPUT current ( A )
Resistive or Inductive load
8
IF, Forward current ( A )
1.0
6
4
0.1
Tj = 25 o C Pulse width = 300uS
2
0 25 50 75 100 125
0.01 0 0.4 0.8 1.2 1.6
TA, Ambient Temperature
( o C)
VF, Instantaneous Forward Voltage (V)
240
10
Tc = 50 o C Single half sine-wave JEDEC method
200
IR, Instantaneous Reverse Current ( A )
IF, Peak Forward Surge Current ( A )
Tj =100o C
160
1.0
120
80
0.1
40
Tj =25o C
0 1.0 10 100 0.01 0 40 80 120
Number of Cycles at 60Hz
Percent of Rated Peak Reverse Voltage (%)
"-G" suffix designated RoHS compliant version
Comchip Technology Corporation . Tel:510-657-8671 . Fax: 510-657-8921 . www.comchiptech.com
Page2


▲Up To Search▲   

 
Price & Availability of MP1008-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X