Part Number Hot Search : 
74352 0V10X AN630 00M16 20400 4674BEP 00M16 TC74LC
Product Description
Full Text Search
 

To Download MBR0530 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR0530
New Product
Vishay Semiconductors
formerly General Semiconductor
SOD-123
.022 (0.55)
Small Surface Mount Schottky Rectifier
Reverse Voltage 30V Forward Current 0.5A
Cathode Band
.152 (3.85) .140 (3.55) .112 (2.85) .100 (2.55)
Top View
Dimensions in inches and (millimeters)
Mounting Pad Layout
0.094 (2.40)
.006 (0.15) max.
0.055 (1.40) 0.055 (1.40)
.004 (0.1) max.
.067 (1.70) .055 (1.40)
.053 (1.35) max.
.010 (0.25) min.
Mechanical Data
Case: SOD-123 plastic case Polarity: Band denotes cathode end Weight: 0.01g Marking Code: B3 Terminals: High temperature soldering: 250C/10 seconds at terminals Packaging Codes/Options: D3/10K per 13" reel (8mm tape) D4/3K per 7" reel (8mm tape)
Features
* * * * For surface mounted applications Low profile package Ideal for automated placement Low power loss, high efficiency
Maximum Ratings and Thermal Characteristics (TA = 25C unless otherwise noted)
Parameter Maximum repetitive peak reverse voltage Working peak reverse voltage Maximum DC blocking voltage Maximum average forward rectified current at rated VR, TC = 115C Peak forward surge current 8.3ms single half sine-wave TL = 25C Voltage rate of change at rated VR, TJ = 25C Typical thermal resistance junction to lead junction to ambient Operating junction and storage temperature Symbol VRRM VRWM VR IF(AV) IFSM dv/dt RJL RJA TJ, TSTG Value 30 30 30 0.5 5.5 1,000 118 206 -55 to +125 Unit V V V A A V/s C/W C
Electrical Characteristics (TA = 25C unless otherwise noted)
Maximum instantaneous forward voltage (1) at at at at IF = IF = IF = IF = 0.1A, 0.1A, 0.5A, 0.5A, TJ = TJ = TJ = TJ = 25C 100C 25C 100C VF 0.375 0.340 0.43 0.420 130 5 20 V A mA A
Maximum DC reverse current
VR = 30V, TJ = 25C VR = 30V, TJ = 100C VR = 15V, TJ = 25C
IR
Note: (1) Pulse test: 300 ms pulse width, 1% duty cycle.
Document Number 88663 07-Feb-02
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of MBR0530

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X