Part Number Hot Search : 
VV5430 STM1815T B70NF3 SP7656E 73CB06 L321F CM200 GS711
Product Description
Full Text Search
 

To Download MBR0520LT1-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR0520LT1, MBR0520LT3
Preferred Devices
Surface Mount Schottky Power Rectifier
Plastic SOD-123 Package
The Schottky Power Rectifier employs the Schottky Barrier principle with a barrier metal that produces optimal forward voltage drop-reverse current tradeoff. Ideally suited for low voltage, high frequency rectification, or as free wheeling and polarity protection diodes in surface mount applications where compact size and weight are critical to the system. This package provides an alternative to the leadless 34 MELF style package. These state-of-the-art devices have the following features:
http://onsemi.com
* * * * *
Guardring for Stress Protection Very Low Forward Voltage (0.38 V Max @ 0.5 A, 25C) 125C Operating Junction Temperature Epoxy Meets UL94, VO at 1/8 Package Designed for Optimal Automated Board Assembly
SCHOTTKY BARRIER RECTIFIER 0.5 AMPERES 20 VOLTS
Mechanical Characteristics
* Reel Options: MBR0520LT1 = 3,000 per 7 reel/8 mm tape. * * * * * *
Reel Options: MBR0520LT3 = 10,000 per 13 reel/8 mm tape. Device Marking: B2 Polarity Designator: Cathode Band Weight: 11.7 mg (approximately) Case: Epoxy, Molded Finish: All External Surfaces Corrosion Resistant and Terminal Leads are Readily Solderable Lead and Mounting Surface Temperature for Soldering Purposes: 260C Max. for 10 Seconds
SOD-123 CASE 425 STYLE 1
MARKING DIAGRAM
B2 B2 = Device Code
MAXIMUM RATINGS
Rating Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Average Rectified Forward Current (Rated VR, TL = 90C) Non-Repetitive Peak Surge Current (Surge Applied at Rated Load Conditions Halfwave, Single Phase, 60 Hz) Storage Temperature Range Operating Junction Temperature Voltage Rate of Change (Rated VR) Symbol VRRM VRWM VR IF(AV) IFSM Value 20 Unit V
ORDERING INFORMATION
Device Package SOD-123 SOD-123 Shipping 3000/Tape & Reel 10,000/Tape & Reel
0.5 5.5
A A
MBR0520LT1 MBR0520LT3
Tstg TJ dv/dt
-65 to +125 -65 to +125 1000
C C V/ms
Preferred devices are recommended choices for future use and best overall value.
(c) Semiconductor Components Industries, LLC, 2000
1
October, 2000 - Rev. 3
Publication Order Number: MBR0520LT1/D
MBR0520LT1, MBR0520LT3
THERMAL CHARACTERISTICS
Rating Thermal Resistance -- Junction to Ambient (Note 1.) Thermal Resistance -- Junction to Lead Symbol RJA RJL Value 206 150 Unit C/W C/W
ELECTRICAL CHARACTERISTICS
Maximum Instantaneous Forward Voltage (Note 2.) (iF = 0.1 Amps) (iF = 0.5 Amps) Maximum Instantaneous Reverse Current (Note 2.) (VR = 10 V) (Rated dc Voltage = 20 V) 1. 1 inch square pad size (1 x 0.5 inch for each lead) on FR4 board. 2. Pulse Test: Pulse Width = 300 s, Duty Cycle 2%. IR vF TJ = 25C 0.300 0.385 TJ = 25C 75 A 250 A TJ = 100C 0.220 0.330 TJ = 100C 5 mA 8 mA mA Volts
iF, INSTANTANEOUS FORWARD CURRENT (AMPS)
10,000 I R, REVERSE CURRENT ( A) 1
TJ = 100C 1000
0.1
TJ = 100C
75C
25C
-25C
75C 100
0.01
0.1 0.2 0.3 0.4 vF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
0.5
0
5
10 15 VR, REVERSE VOLTAGE (VOLTS)
20
25
Figure 1. Typical Forward Voltage
Figure 2. Typical Reverse Current
200
100 I R, REVERSE CURRENT ( A) TJ = +25C
C, CAPACITANCE (pF)
150
10
100
1 -25C
50
0.1
0
0
5
10 15 20 VR, REVERSE VOLTAGE (VOLTS)
25
0.01
0
5
10 15 20 VR, REVERSE VOLTAGE (VOLTS)
25
Figure 3. Typical Capacitance
Figure 4. Typical Reverse Current
http://onsemi.com
2
MBR0520LT1, MBR0520LT3
P F(AV), AVERAGE POWER DISSIPATION (WATT) 1 AVERAGE FORWARD CURRENT (AMP) 0.875 0.75 0.625 0.5 0.375 0.25 0.125 0 60 67 5 10 20 74 95 102 109 81 88 LEAD TEMPERATURE (C) 116 123 130 DC IPK = = SQUARE WAVE IAV 0.35 0.315 0.28 0.245 0.21 0.175 0.14 0.105 0.07 0.035 0 0 0.125 0.25 0.375 0.5 0.625 0.75 0.875 IF(AV), AVERAGE FORWARD CURRENT (AMP) 1 IPK + 20 IAV 10 5 TJ = 125C SQUARE WAVE DC
Figure 5. Current Derating (Lead)
Figure 6. Power Dissipation
RECOMMENDED FOOTPRINT FOR SOD-123
0.91 0.036
2.36 0.093 4.19 0.165
SOD-123
http://onsemi.com
3
EEE EEE EEE EEE EEE
EEEE EEEE EEEE EEEE EEEE
1.22 0.048
mm inches
MBR0520LT1, MBR0520LT3
PACKAGE DIMENSIONS SOD-123 PLASTIC CASE 425-04 ISSUE C
A
C H
1
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. DIM A B C D E H J K INCHES MIN MAX 0.055 0.071 0.100 0.112 0.037 0.053 0.020 0.028 0.004 --0.000 0.004 --0.006 0.140 0.152 MILLIMETERS MIN MAX 1.40 1.80 2.55 2.85 0.95 1.35 0.50 0.70 0.25 --0.00 0.10 --0.15 3.55 3.85
K
ON Semiconductor and are trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer.
PUBLICATION ORDERING INFORMATION
NORTH AMERICA Literature Fulfillment: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: ONlit@hibbertco.com Fax Response Line: 303-675-2167 or 800-344-3810 Toll Free USA/Canada N. American Technical Support: 800-282-9855 Toll Free USA/Canada EUROPE: LDC for ON Semiconductor - European Support German Phone: (+1) 303-308-7140 (Mon-Fri 2:30pm to 7:00pm CET) Email: ONlit-german@hibbertco.com French Phone: (+1) 303-308-7141 (Mon-Fri 2:00pm to 7:00pm CET) Email: ONlit-french@hibbertco.com English Phone: (+1) 303-308-7142 (Mon-Fri 12:00pm to 5:00pm GMT) Email: ONlit@hibbertco.com EUROPEAN TOLL-FREE ACCESS*: 00-800-4422-3781 *Available from Germany, France, Italy, UK, Ireland CENTRAL/SOUTH AMERICA: Spanish Phone: 303-308-7143 (Mon-Fri 8:00am to 5:00pm MST) Email: ONlit-spanish@hibbertco.com Toll-Free from Mexico: Dial 01-800-288-2872 for Access - then Dial 866-297-9322 ASIA/PACIFIC: LDC for ON Semiconductor - Asia Support Phone: 303-675-2121 (Tue-Fri 9:00am to 1:00pm, Hong Kong Time) Toll Free from Hong Kong & Singapore: 001-800-4422-3781 Email: ONlit-asia@hibbertco.com JAPAN: ON Semiconductor, Japan Customer Focus Center 4-32-1 Nishi-Gotanda, Shinagawa-ku, Tokyo, Japan 141-0031 Phone: 81-3-5740-2700 Email: r14525@onsemi.com ON Semiconductor Website: http://onsemi.com For additional information, please contact your local Sales Representative.
AAA AAA
2
B
E J
STYLE 1: PIN 1. CATHODE 2. ANODE
D
http://onsemi.com
4
MBR0520LT1/D


▲Up To Search▲   

 
Price & Availability of MBR0520LT1-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X