Part Number Hot Search : 
TCMT1113 B3916 MSR33RT MAX1120 BAV70S3 000MKEC 2SK115 T110018
Product Description
Full Text Search
 

To Download LU4U041XYLF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bothhand USA
"LAN-MATE" SERIES
email:sales@bothhandusa.com
tel: 978-887-8050
1x4 RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS P/N: LU4U041XY LF
Page : 1/ 2
Feature l l l l l l l l l RJ-45 needs to be matched FCC standard RJ-45 connector integrated with X' FMR / Impedance Resistor/High Voltage Capacitor. Size same as RJ-45 connector to save PCB board pace. Reduced EMI radiation to improve EMI performance. Design for 100 base transmission over UTP-5 CABLE. Meet TR-068 (Pantone color code number 114C). Comply with RoHS requirements-whole part No Cd, No Hg, No Cr6+, No PBB and PBDE and No Pb on external pins. Operating temperature range: 0J to +70J. Storage temperature range: -25J to +125J.
Electrical Specifications @ 25C
Part Number TX LU4U041XY LF 1CT:1CT Turns Ratio (5%) RX 1CT:1CT OCL (uH Min) @100KHz/0.1V with 8mA DC Bias 350 CW/W (pF Max) 56 L.L (uH Max) 0.5 Insertion Loss (dB Max) 0.3-100MHz -0.8 1500 HI-POT (Vrms)
Continue
Part Number LU4U041XY LF -16 Return Loss (dB Min) TX/RX Cross talk (dB Min) CMR (dB Min)
30MHz 40MHz 50MHz 60MHz 80MHz 0.3-30MHz 30-60MHz 60-100MHz 1-30MHz 30-60MHz 60-125MHz -14 -13.5 -13 -10 -40 -35 -30 -30 -25 -20
Schematic
462 Boston St, Topsfield, MA 01983
http://www.bothhandUSA.com email:sales@bothhandusa.com
A2(08/01)
tel: 978-887-8050 fax: 978-887-5434
Bothhand USA
"LAN-MATE" SERIES
email:sales@bothhandusa.com
tel: 978-887-8050
1x4 RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS P/N: LU4U041XY LF Mechanical
Page : 2/ 2
1. Plastic Material 2. Spring Wire 3. Solder Pin 4. Durability
: Thermoplastic (UL 94V-0), Black Housing : Phosphor bronze with selective gold plating : 0.4x0.4mm, Phosphor bronze with solder Plated : 750 Mating cycles Min.
PCB Layout Mounting Hole(Top View)
462 Boston St, Topsfield, MA 01983
http://www.bothhandUSA.com email:sales@bothhandusa.com
A2(08/01)
tel: 978-887-8050 fax: 978-887-5434


▲Up To Search▲   

 
Price & Availability of LU4U041XYLF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X