|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
FULL SIZE D.I.L. VOLTAGE CONTROLLED m OSCILLATORS o HCMOS, 0 .c 70C TO M2001 thru M2007 L2001 thru L2007 M2021 thru M2023 L2021 thru L2023 M2031 thru M2033 L2031 thru L2033 M2008 HALF SIZE D.I.L. ta a D VCXOs, 5V . Thru-Hole w w w he S et 4U H2001 thru H2007 H2021 thru H2023 H2031 thru H2033 Thru-Hole / Gull Wing, 5V 1 MHz to 175 MHz Thru-hole VCXOs are available for 5V operation from 1 MHz to175 MHz. Users have a choice of many off-the-shelf models. Diverse combinations of pull, control voltage and center frequency deviation are available, accommodating a wide variety of filtering and driving circuitry. Standard VCXOs are hermetically sealed in full size (M) or half size (H), DIL packages. All VCXOs are tested and guaranteed over 0 to 70C. For operation from -40 to +85C see our extended temperature models. These 5V VCXOs generate an HCMOS frequency output which is controlled by an input voltage. The end-point frequency/voltage parameters are defined, as is the center frequency. CAPTURE RANGE The Frequency-Capture range is equal to the (Center-Frequency the Frequency Deviation), because every MF VCXO is ATE-tested to meet the Frequency-Deviation over the temperature range. Frequency Capture specification includes all effects of temperature and supply voltage. It is not necessary to make additional capture allowances. CONNECTIONS Full Size Pin 1. Pin 7. Pin 8. Pin 14. Half Size Pin 1. Pin 4. Pin 5. Pin 8. Control Voltage, VC Ground & Case Output +5V, VDD DOT DENOTES PIN 1 .800 .005 .200 MAX .215 MAX .018 .001 .060 TYP .300 .005 .400 .600 .005 Pin 1 .008/025 .15 MIN w .100 .005 Pin 7 w w t a .D DOT DENOTES PIN 1 .018 .300 1 8 S a .2 MAX .160 .2 MAX 4 .300 5 FEATURES * Frequency from 1 MHz to 175 MHz * Capture-range is fully defined, under all conditions * Start-up time less than 5 ms. * Low profile package available above 60 MHz * Choice of thru-hole or gull wing e h U t4 e .c m o DOT DENOTES PIN 1 DOT DENOTES PIN 1 .52 MAX SQUARE .800 .005 .52 MAX SQUARE .200 MAX .270 MAX .018 .001 .600 .005 Pin 1 Pin 7 .520 .005 .300 . 005 Pin 14 Pin 8 GLASS INSULATORS (4) on .48 x .18 ctrs. .300 . 005 .150 Pin 8 .500 .005 Pin 14 .250 MAX GLASS INSULATORS (4) on .48 x .18 ctrs. "M" Package - "L" Package is same as "M" but seated height is 0.190 "H" Package "M" Package with Gull Wing ELECTRONICS w w w .D ta a he S t4 e U 1 .300 +.004 .c .018 om 5 8 .200 MAX .070 4 .300 +.004 Glass Insulators (4) "H" Package with Gull Wing 10 Commerce Drive, New Rochelle, NY10801 * 914-576-6570 * Fax: 914-576-6204 * http://www.mfelectronics.com * email:mfsales@mfelec.com 62 FULL SIZE D.I.L. VOLTAGE CONTROLLED OSCILLATORS HCMOS, 0 TO 70C Thru-Hole /Gull Wing, 5V 1 MHz to 175 MHz M2001 thru M2007 L2001 thru L2007 M2021 thru M2023 L2021 thru L2023 M2031 thru M2033 L2031 thru L2033 M2008 HALF SIZE D.I.L. H2001 thru H2007 H2021 thru H2023 H2031 thru H2033 Center Frequency is Between Two Voltages Control Voltage (Volts) 0.3 to 10.0 0.3 to 4.0 0.3 to 10.0 0.3 to 4.0 1.0 to 4.0 0 to 5.0 0.5 to 4.5 Frequency Deviation (ppm) 175 min 75 min 175 to 300 125 min 75 to 300 150 min 125 to 250 Guaranteed Control Center Capture Voltage Frequency Range at Center Stability (ppm) Frequency (ppm) 175 75 175 125 75 150 125 2.5 to 5.0 1.3 to 2.3 2.5 to 5.0 1.3 to 2.3 1.8 to 3.0 -- 1.8 to 3 DESCRIPTIONS M2001, H2001, L2001 M2002, H2002, L2002 M2003, H2003, L2003 M2004, H2004, L2004 M2005, H2005, L2005 M2006, H2006, L2006 M2007, H2007, L2007 M2021, H2021, L2021 M2022, H2022, L2022 M2023, H2023, L2023 M2031, H2031, L2031 M2032, H2032, L2032 M2033, H2033, L2033 175 ppm, min. deviation when using 0.3 to 10V control-voltage 75 ppm, min. deviation when using 0.3 to 4.0V control-voltage 175 ppm to 300 ppm deviation when using 0.3 to 10V control-voltage 125 ppm min. deviation when using 0.3 to 4.0V control-voltage 75 ppm to 300 ppm deviation when using 1.0 to 4.0V control-voltage, for use where the control voltage is 1 volt off both rails 150 ppm, min. deviation when using 0 to 5.0V rail-to-rail control-voltage 125 ppm to 250 ppm deviation when using 0.5 to 4.5V control-voltage 75 ppm capture when using using 0.5 to 4.5V control-voltage and 2.5V center with 50 ppm stability 100 ppm capture when using using 0.5 to 4.5V control-voltage and 2.5V center with 50 ppm stability 150 ppm capture when using using 0.5 to 4.5V control-voltage and 2.5V center with 50 ppm stability 75 ppm capture when using using 0.5 to 4.5V control-voltage and 2.5V center with 25 ppm stability 100 ppm capture when using using 0.5 to 4.5V control-voltage and 2.5V center with 25 ppm stability 150 ppm capture when using using 0.5 to 4.5V control-voltage and 2.5V center with 25 ppm stability MODEL 2001 2002 2003 2004 2005 2006 2007 30, typ 50, max Center Frequency is at 2.5V with 50 ppm stability Control Voltage (Volts) 0.5 to 4.5 0.5 to 4.5 0.5 to 4.5 Frequency Deviation (ppm) 75 to 150 100 to 200 150 to 300 Guaranteed Control Center Capture Voltage Frequency Range at Center Stability (ppm) Frequency (ppm) 75 100 150 2.5 2.5 2.5 30, typ 50, max MODEL 2021 2022 2023 Center Frequency is at 2.5V with 25 ppm stability Control Voltage (Volts) 0.5 to 4.5 0.5 to 4.5 0.5 to 4.5 Frequency Deviation (ppm) 75 to 150 100 to 200 150 to 300 Guaranteed Control Center Capture Voltage Frequency Range at Center Stability (ppm) Frequency (ppm) 75 100 150 2.5 2.5 2.5 20, typ 25, max MODEL 2031 2032 2033 M2008 SPECIFICATIONS Temperature of Operation Supply Voltage Supply Current 10 MHz 20 MHz 25 MHz Phase Jitter Output Symmetry TR & TF (max.) Cmos (20 to 80%) TTL (.5 to 2.5V) Load Start-up time Frequency Control Control Voltage Deviation Sensitivity Linearity Input Impedance Modulation BW 0 to 70C (25 ppm) -40 to +85C (50 ppm) 5V 5% (CL = 15 pf) 13 ma. 17 ma. 19 ma. <100 ps. 45/55 @ CMOS/TTL levels (<16 MHz) 40/60 @ CMOS/TTL levels (16-25 MHz) TR TF (CL = 15 pf) 5ns 4ns 4ns 4ns 10 TTL gates, CMOS compatible <10 ms. 0.5 - 2.5 - 4.5 Vdc 100 ppm min., 150 ppm max. +50 to +75 ppm/V <5% 50 K ohms at 10 KHz 20 KHz (-3db, Vc=2.5V) FREQUENCY STABILITY Frequency stability vs. Temperature (0 to 70C) is typically less than 20 ppm. Since the deviation of each oscillator is tested and guaranteed over the whole operating temperature range, it is not necessary to make additional capture allowance. All oscillators will capture frequencies with the full minimum values of the deviation under all conditions. QUALITY Each VCXO is computer-tested at three temperatures to guarantee full compliance to the specification. PIN 1. CONTROL VOLTAGE VDD +5V Power Supply GND Half Size connections shown in ( ) To adapt Fet probe to receptacle use Tektronix Part #103-0164-00 To connect output to scope use use Tektronix Part #131-0258-00 (receptacle) MA 1 (1) 14 (8) FET PROBE 350 MHz SCOPE LOAD Y-OUTPUT 7 (4) 8 (5) COUNTER ALL OSCILLATORS HAVE INTERNAL BYPASS CAPACITORS TEST CIRCUIT ELECTRONICS 10 Commerce Drive, New Rochelle, NY10801 * 914-576-6570 * Fax: 914-576-6204 * http://www.mfelectronics.com * email:mfsales@mfelec.com 63 FULL SIZE D.I.L. VOLTAGE CONTROLLED OSCILLATORS HCMOS, 0 TO 70C Thru-Hole /Gull Wing, 5V 1 MHz to 175 MHz M2001 thru M2007 L2001 thru L2007 M2021 thru M2023 L2021 thru L2023 M2031 thru M2033 L2031 thru L2033 M2008 HALF SIZE D.I.L. H2001 thru H2007 H2021 thru H2023 H2031 thru H2033 SPECIFICATIONS Temperature Operating Storage 0 to 70C -55 to +125C Frequency Stability VC = 2.5V 20, 25 or 50 ppm, max. as shown in model specification MIN. 4.5 TYP 5.0 30 MAX 5.5 45 UNITS volts ma MECHANICAL SPECIFICATIONS Gross Leak - Each unit checked in 125C flurocarbon Fine Leak - Mass spectrometer leak rate less than 2 X 10-8 atmos, cc/sec of helium Pins - Kovar, nickel plated with 60/40 solder coat Bend Test - Will withstand two bends of 90 from reference Header - Steel, with nickel plate Case - Stainless steel, type 304 Marking - Printing is black epoxy ink Resistance to Solvents - MIL STD 202, Method 215 AGING 3 to 5 ppm, first year, typ. 1 ppm per year thereafter, typ. Input Voltage Input Current Output Levels (HCMOS) "0" Level, sinking 16 ma. "1" Level, sourcing 10 ma. Rise and Fall Times, HCMOS From 0.4 to (VDD-.4) V (Above 35 MHz) Symmetry At VDD / 2 Input Impedance, Pin 5., Control Voltage Control Voltage Bandwidth 0.4 VDD -.4 volts volts 2.5 4 2 ns ns . 45/55 percent 15 15 1000 150 Kohms KHz ENVIRONMENTAL SPECIFICATIONS Temperature Cycle - Not to exceed 5 ppm change when exposed to 2 hours maximum at each temperature from 0 to 120C, with 25C reference Shock - 1000 G's, 0.35 ms, 1/2 sine wave, 3 shocks in each plane Vibration - 10-2000 Hz of .06" d.a. or 20 G's, whichever is less Humidity - Resistant to 85 R.H. at 85C Fig. 1 M2001 -27M with 33 pf load ELECTRONICS 10 Commerce Drive, New Rochelle, NY10801 * 914-576-6570 * Fax: 914-576-6204 * http://www.mfelectronics.com * email:mfsales@mfelec.com 64 FULL SIZE D.I.L. VOLTAGE CONTROLLED OSCILLATORS HCMOS, 0 TO 70C Thru-Hole /Gull Wing, 5V 1 MHz to 175 MHz M2001 thru M2007 L2001 thru L2007 M2021 thru M2023 L2021 thru L2023 M2031 thru M2033 L2031 thru L2033 M2008 HALF SIZE D.I.L. FREQUENCY VS. CONTROL VOLTAGE FOR TYPICAL DEVICES 600 500 250 200 H2001 thru H2007 H2021 thru H2023 H2031 thru H2033 Frequency Deviation, ppm 400 Vdd = 5.0V 300 200 100 0 -100 -200 -300 -400 .3 .5 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10.0 Frequency Deviation, ppm 150 100 50 0 -50 -100 -150 0.3 1.3 2.3 4.0 VDD = 5.0V Control Voltage, Vc Control Voltage, Vc Fig. 2 M2001- 40M Fig. 3 M2002 -12.352 250 200 150 100 Frequency Deviation, ppm 150 100 50 0 -50 -100 -150 -200 -250 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 Frequency Deviation, ppm 50 0 -50 -100 -150 -200 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 VDD = 5.5V VDD = 5.0V VDD = 4.5V Control Voltage, Vc Control Voltage, Vc Fig. 4 M2007-16.777216M Fig. 5 M2008 -16.384 200 150 Frequency Deviation, ppm 100 VDD = 5.0V 50 0 -50 -100 -150 -200 -250 -300 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 HOW TO ORDER For Part Number, put package type before model number, and add frequency in MHz, for example: M 2 0 3 3-1 4 . 3 7 2 M G "M" is full size DIL "H" is half size DIL "L" is low height, full size DIL "2033" is model type "14.372 M" frequency in MHz Add "G" for gullwing Control Voltage, Vc Fig. 6 M2023 -19.44 ELECTRONICS 10 Commerce Drive, New Rochelle, NY10801 * 914-576-6570 * Fax: 914-576-6204 * http://www.mfelectronics.com * email:mfsales@mfelec.com 65 |
Price & Availability of L2003 |