Part Number Hot Search : 
C900506 GBPC1508 23A10 HCT374 RN2963FS C2411 1H101 M41T50
Product Description
Full Text Search
 

To Download K2003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK2003-01MR
N-CHANNEL SILICON POWER MOSFET
Features
High speed switching Low on-resistance No secondary breakdown Low driving power High voltage www..com VGS=30V Guarantee Avalanche-proof
FUJI POWER MOSFET
FAP-IIA SERIES
Outline Drawings
TO-220F15
Applications
Switching regulators UPS DC-DC converters General purpose power amplifier
2.54
3. Source
JEDEC EIAJ
SC-67
Maximum ratings and characteristics
Absolute maximum ratings ( Tc=25C unless otherwise specified)
Item Drain-source voltage Continuous drain current Pulsed drain current Continuous reverse drain current Gate-source peak voltage Max. power dissipation Operating and storage temperature range Symbol VDS ID ID(puls] IDR VGS PD Tch Tstg Rating 600 4 16 4 30 40 +150 -55 to +150 Unit V A A A V W C C
Equivalent circuit schematic
Drain(D)
Gate(G)
Source(S)
Electrical characteristics (Tc =25C unless otherwise specified)
Item Drain-source breakdown voltage Gate threshold voltage Zero gate voltage drain current Gate-source leakage current Drain-source on-state resistance Forward transconductance Input capacitance Output capacitance Reverse transfer capacitance Turn-on time ton (ton=td(on)+tr) Turn-off time toff (toff=td(off)+tf) Avalanche capability Diode forward on-voltage Reverse recovery time Reverse recovery charge Symbol V(BR)DSS VGS(th) IDSS IGSS RDS(on) gfs Ciss Coss Crss td(on) tr td(off) tf IAV VSD trr Qrr Test Conditions ID=1mA VGS=0V ID=1mA VDS=VGS VDS=600V VGS=0V VGS=30V VDS=0V ID=2A VGS=10V ID=2A VDS=25V VDS=25V VGS=0V f=1MHz VCC=300V RG=10 ID=4A VGS=10V L=100H Tch=25C IF=2xIDR VGS=0V Tch=25C IF=IDR VGS=0V -di/dt=100A/s Tch=25C
Min.
600 2.5 Tch=25C Tch=125C
Typ.
3.0 10 0.2 10 2.0 4 1000 85 20 20 15 45 15 1.1 400 2
Max.
3.5 500 1.0 100 2.4 1500 130 30 30 25 70 25 1.65
Units
V V A mA nA S pF
2
ns A V ns C
4
Thermal characteristics
Item Thermal resistance Symbol Rth(ch-a) Rth(ch-c) Test Conditions channel to ambient channel to case
Min.
Typ.
Max.
62.5 3.125
Units
C/W C/W
1
FUJI POWER MOSFET
Characteristics
Typical output characteristics
8 10
2SK2003-01MR
On state resistance vs. Tch
8 RDS(on) []
6
ID [A]
6
4
www..com 4 2 2
0 0 4 8 12 16 20 24 28 32 VDS [ V ]
0 -50
0
50 Tch [ C ]
100
150
Typical transfer characteristics
10 8
Typical Drain-Source on state resistance vs. ID
8 6
6 ID [A] 4
RDS(on) [] 4
2 2
0 0 2 4 6 VGS [ V ] 8 10
0 0 2 ID [ A ] 4 6
Typical forward transconductance vs. ID
10 5.0
Gate threshold voltage vs. Tch
8
4.0
6 gfs [S] 4
3.0 VGS(th) [V] 2.0
2
1.0
0
0
2
4 ID [ A ]
6
8
10
0 -50
0
50 Tch [ C ]
100
150
2
FUJI POWER MOSFET
Typical capacitance vs. VDS
101 500
2SK2003-01MR
Typical input charge
25
400 100 C [nF]
20
VDS 300 [V]
15 VGS [V] 10
200 www..com 10-1 100
5
10-2 0 10 20 VDS [ V ] 30 40
0
0
10
20
30
40
50
0
Qg [ nC ]
Forward characteristics of reverse diode
10
1
Allowable power dissipation vs. Tc
60
50
100 IF [A] 10-1
40
PD 30 [W] 20
10
10-2 0
0.5 VSD [ V ]
1.0
1.5
0 0 50 Tc [ C ] 100 150
Safe operating area
102
Transient thermal impedance
101 100 Rth [C/W] 10-1 10-1 ID [A] 100
10-2 10-5
10-4
10-3
10-2 t [ sec. ]
10-1
100
101
10-2 0 10
101
102 VDS [ V ]
103
3


▲Up To Search▲   

 
Price & Availability of K2003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X