Part Number Hot Search : 
S35PFB 2SA17 120T3 BL59A65 2SD859 IP2524B BC550 AWS145
Product Description
Full Text Search
 

To Download IT3018 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IT3018 12.5 Gb/s High-Gain RX Limiter Amplifier
Description
The IT3018 is a limiting amplifier for use as a post amplifier in OC-192 and STM-64 optical receivers. Differential signals as small as +/-6 mVpp can be amplified to 2.2 Vpp differential. The device includes offset correction and output voltage control. Both AC and DC coupling are allowed at both input and output. The high sensitivity of the IT3018 allows the device to be used at the output of a transimpedance amplifier.
www..com
Features
3 dB bandwidth: 10 GHz Differential gain: 50 dB Saturated output: 1.1 Vpp, each output into 50 ohm Input sensitivity 3.0 mVpp at BER<1E-12 Single bias supply: -5.2 V Power consumption: 624 mW Bias current: 120 mA DC offset correction Amplitude Voltage Control Low RMS Jitter Low-cost JEDEC QFP-N (MO-220) package
Absolute Maximum Ratings
S ymbol
Vee1,2 Vd Vm Tch Tstg
Parameters/conditions
Pow er supply voltage Applied voltage at data input (differential) Applied voltage at data input (single ended) Maximum channel temperature Storage temperature
Min.
-8
Max.
0 3 1.5 5 150
Units
V V V mA
o
Ioffset(+),(-) Offset control current -65
C
150
C
Recommended Operating Conditions
Sym bol Tc Vee1 Vee2 Iee1+Iee2 Voffset (+) Voffset (-) Vctrl Vd Vm Vindc R
Param eters/conditions Operating temperature range (Tcase) Pow er supply voltage Pow er supply voltage Total bias supply current Offset control voltage Offset control voltage Amplitude voltage control Applied peak to peak voltage at data input (differential) Applied peak to peak voltage at data input (single ended) Input/output interface DC input voltage (w ith DC-coupled input) Bit rate
Min. 0 -5.45 -5.45 102 -5 -5 -5.2 6 12
Typ. -5.2 -5.2 120
Max. 85 -4.95 -4.95 132 5 5 0 1000 1000
Units o C V V mA V V V mV mV V Gb/s
AC and DC coupled -0.5 0.5 12.5
www.iterrac.com
This is a Production data sheet. See "Product Status Definitions" iTerra Communications on Web site or catalog for product development status. 2400 Geng Road, Ste. 100, Palo Alto, CA 94303
August 17, 2005 Doc. 1189 Rev 9
1
Phone (650) 424-1937, Fax (650) 424-1938
IT3018 12.5 Gb/s High-Gain RX Limiter Amplifier
Electrical Characteristics At ambient temperature
Vee1,2=-5.2 V
www..com
Symbol P G B3dB RLin RLout Vin Vout
Parame te rs/conditions Pow er consumption Differential small signal gain 3 dB bandw idth Input return loss (up to 10 GHz) Output return loss (up to 10 GHz) Input sensitivity Diff. Input (BER<1E-12, 223-1PRBS, 12.5 Gb/s) Output peak to peak voltage (either Q or /Q) Output DC coupled (Vctrl=0 V for max. voltage) Output AC coupled (Vctrl=0 V for max. voltage)
Min. 530 49 9 10 10 +/-3
Typ. 624 50 10 20 15
Max. 686
Units mW dB GHz dB dB mVpp
1010 740 -750
1100 800 +/-11 -650 24 22 12 -550 30 26 17
mVpp mVpp % mV ps ps ps
Vout Voutdc Trse Tfse Jpp
Vout sensitivity vs bias (Vee=-5.2 V +/-5%) DC output voltage (DC coupled to 50 ohm load) Rise time (20% - 80%) Fall time (20% - 80%) Jitter peak to peak
S-Parameter Data
Measured on connectorized evaluation board
S21 (dB)
52 48 44 40 36 32 28 24 20 16 12 8 4 0 0 2 4
IT3018 Single Ended Gain
0 -5 -10 -15
IT3018 Input Return Loss
S11 (dB)
Vee1=Vee2=-5.2 V Iee1+Iee2=120 mA
-20 -25 -30 -35 -40 -45 -50 0 2 4 6 8 10 12 14 16 18
6
8
10
12
14
16
18
Freq. (GHz)
IT3018 O utput Return Loss
0 -5 -10 -15
0 -10 -20 -30
Freq. (GHz)
IT3018 Isolation
S22 (dB)
-20 -25 -30 -35 -40 -45 -50 0 2 4 6 8 10 12 14 16 18
S12 (dB)
-40 -50 -60 -70 -80 -90 -100 0 2 4 6 8 10 12 14 16 18
Freq. (G Hz)
Freq. (GHz)
www.iterrac.com
This is a Production data sheet. See "Product Status Definitions" iTerra Communications on Web site or catalog for product development status. 2400 Geng Road, Ste. 100, Palo Alto, CA 94303
August 17, 2005 Doc. 1189 Rev 9
2
Phone (650) 424-1937, Fax (650) 424-1938
IT3018 12.5 Gb/s High-Gain RX Limiter Amplifier
Eye Diagram Performance
Vee1=Vee2=-5.2 V Iee1+Iee2=120 mA
www..com
Bit rate: 10.7 Gb/s Vin=+/-5 mVpp, Vout=+/-1 Vpp
Bit rate: 12.5 Gb/s Vin=+/-5 mVpp, Vout=+/-1Vpp
Bit rate: 10.7 Gb/s Vin=+/-8 mVpp, Vout=+/-1.1 mVpp
Bit rate: 12.5 Gb/s Vin=+/-8 mVpp, Vout=+/-1.1 mVpp
Bit rate: 10.7 Gb/s Vin=+/-30 mVpp, Vout=+/-1.1 Vpp
Bit rate: 12.5 Gb/s Vin=+/-30 mVpp, Vout=+/-1.1 Vpp
www.iterrac.com
This is a Production data sheet. See "Product Status Definitions" iTerra Communications on Web site or catalog for product development status. 2400 Geng Road, Ste. 100, Palo Alto, CA 94303
August 17, 2005 Doc. 1189 Rev 9
3
Phone (650) 424-1937, Fax (650) 424-1938
IT3018 12.5 Gb/s High-Gain RX Limiter Amplifier
Eye Diagram Performance vs. Input Voltage (cont.)
www..com
Bit rate: 10.7 Gb/s Vin=+/-200 mVpp, Vout=+/-1.1 Vpp
Bit rate: 12.5 Gb/s Vin=+/-200 mVpp, Vout=+/-1.1 Vpp
Bit rate: 10.7 Gb/s Vin=+/-1 Vpp, Vout=+/-1.1 Vpp
Bit rate: 12.5 Gb/s Vin=+/-1 Vpp, Vout=+/-1.1 Vpp
Input Sensitivity
Vee1=Vee2=-5.2 V Iee1+Iee2=120 mA
Input Sensitivity= 3mVpp Differential input up to 12.5 Gb/s BER<1E-12. Output voltage = 930 mVpp single-ended This is a Production data sheet. See "Product Status Definitions" iTerra Communications on Web site or catalog for product development status. 2400 Geng Road, Ste. 100, Palo Alto, CA 94303
www.iterrac.com
August 17, 2005 Doc. 1189 Rev 9
4
Phone (650) 424-1937, Fax (650) 424-1938
IT3018 12.5 Gb/s High-Gain RX Limiter Amplifier
Performance As a Function Of Input Voltage
Output Voltage (+/- mV)
Input/Output Characteristic
1150 1100 1050 1000 950 900 850 800 750 700 0 2 4 6 8 10 12 14 16 18 20 Input (+/- mV)
Input/Output Characteristic
1150 1100 1050 1000 950 900 850 800 750 700 1 10 100 1000 Input (+/- mV)
www..com
Output Voltage (+/- mV)
Peak to Peak Jitter vs Input
Input/Output DC Characteristic 0 -200 -400 -600 -800 -1000 -1200 -1400
-280 -240 -200 -160 -120 -80 -40 0 40 80 120 160 200 240 280
40 35 Jitter (pp-psec) 30 25 20 15 10 5 0 1 10 100 1000 Input Amplitude (mV pp) 10.7 Gb/s 12.5 Gb/s
D C O u tp u t ( m V )
DC Input Offset (*)(mV)
Rise Tim e Vs. Input Voltage @ 12.5 Gb/s 35 30 Rise Time (psec)
Fall Time (psec) 35 30 25 20 15 10 5
Fall Tim e vs Input Voltage @ 12.5 Gb/s
25 20 15 10 5 0 1 10 100 1000
0 1 10 100 1000 Input Amplitude (+/- mV pp)
Input Amplitude (+/-mV pp)
(*) Input applied to the offset control pin (Voffset1), open output.
www.iterrac.com
This is a Production data sheet. See "Product Status Definitions" iTerra Communications on Web site or catalog for product development status. 2400 Geng Road, Ste. 100, Palo Alto, CA 94303
August 17, 2005 Doc. 1189 Rev 9
5
Phone (650) 424-1937, Fax (650) 424-1938
IT3018 12.5 Gb/s High-Gain RX Limiter Amplifier
Output Voltage Control
12 0 0 10 0 0
Eye Am plitude vs Vctrl
Pow er Supply Current 130 120 Current (mA) 110 100 90 80 70 60 -6 -5 -4 -3 -2 -1 0
Eye Amplitude (mV)
800 600 400 200 0 -2 0 0 -6 -4 -2 0
www..com
Control Voltage Vctrl (Volts)
Control Voltage (V)
Bit rate: 12.5 Gb/s, Vtrl=-1.7 V Vin=+/-200 mVpp, Vout=+/-602 mVpp
Bit rate: 12.5 Gb/s, Vtrl=-2.8 V Vin=+/-20 0mVpp, Vout=+/-260 mVpp
www.iterrac.com
This is a Production data sheet. See "Product Status Definitions" iTerra Communications on Web site or catalog for product development status. 2400 Geng Road, Ste. 100, Palo Alto, CA 94303
August 17, 2005 Doc. 1189 Rev 9
6
Phone (650) 424-1937, Fax (650) 424-1938
IT3018 12.5 Gb/s High-Gain RX Limiter Amplifier
Recommended Operational Setup
Apply -5.2 V at Vee1 and Vee2 Apply 0 V at Vctrl www..com for maximum output DC blocking capacitors optional
Vctrl
1 F 560pF 560pF
1 F
Voffset (+)
0.1 F
VL1
Din
VL2
/Q
RF Input
/Din
IT3018
Q
RF Output
Voffset (-)
0.1 F
Vee1 Vcb Vee2 Vee = -5.2 V
560pF 1 F
Vee = -5.2V
1 F 560pF 1 F
www.iterrac.com
This is a Production data sheet. See "Product Status Definitions" iTerra Communications on Web site or catalog for product development status. 2400 Geng Road, Ste. 100, Palo Alto, CA 94303
August 17, 2005 Doc. 1189 Rev 9
7
Phone (650) 424-1937, Fax (650) 424-1938
IT3018 12.5 Gb/s High-Gain RX Limiter Amplifier
Package Drawings and Pinouts
www..com
Pin Outs:
P1: GND P2: Din (RF Input) P3: /Din (RF Input) P4: GND P5: Voffset (-) P6: Vee1 P7: Vcb P8: Vee2 P9: GND P10: Q (RF Out) P11: /Q (/RF Out) P12: GND P13: VL1 P14: Vctrl (voltage control) P15: VL2 P16: Voffset (+)
www.iterrac.com
This is a Production data sheet. See "Product Status Definitions" iTerra Communications on Web site or catalog for product development status. 2400 Geng Road, Ste. 100, Palo Alto, CA 94303
August 17, 2005 Doc. 1189 Rev 9
8
Phone (650) 424-1937, Fax (650) 424-1938


▲Up To Search▲   

 
Price & Availability of IT3018

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X