Part Number Hot Search : 
LTV814M FR350 FDC6305 1560A MJE130 A0510 LA7835 TS2902
Product Description
Full Text Search
 

To Download IT3012 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IT3012 8 GHz, Differential-to-Single-Ended Amplifier
Description
The IT3012 is a packaged differential-to-single-ended amplifier designed for use as an optical modulator predriver with limiting functionality in 10.7 Gb/s and 12.5 Gb/s (OC-192) optical transmitters and receivers. It allows single-ended input signals of 350 mVpp to 900 mVpp or differential signals of 250 mVpp to 1800 mVpp to be limited at a constant single-ended output voltage of 1.9 Vpp. It provides output voltage control and allows external offset correction. IT3012 also provides excellent linear performance when operating at lower output voltages. Both AC and DC input coupling are allowed. DC-coupled SCFL differential input (input "high" voltage = 0 V, input "low" voltage = -900 mV) is allowed.
www..com
Features
Limiting function with 1.9 Vpp single-ended output 3 dB bandwidth: 8 GHz Single-ended Gain: 17.5 dB Standard bias supply levels: -5 V or -5.2 V, +5 V Power consumption: 665 mW Low group delay and jitter Output voltage control AC and DC input coupling (SCFL compatible) AC and DC output coupling Low-cost JEDEC QFP-N (MO-220) package
Absolute Maximum Ratings
Sym bol Vee Vcc Vd Vm IDC
IN
Param eters/conditions Pow er supply voltage Pow er supply voltage Applied voltage at data input (differential) Applied voltage at data input (single ended)
Min. -8 0
Max. 0 8 3 1.5 5 150
Units V V V V mA C C
(+),(-)
Offset control current Maximum channel temperature Storage temperature -65
Tch Tstg
150
Recommended Operating Conditions
Symbol
Tc Vee Vcc Vcb2 Iee Icc V DC Vm Vd Vindc R
IN
Parameters/conditions
Operating temperature range (Tcase) Negative pow er supply voltage Positive pow er supply voltage First internal bias control voltage Negative supply current Positive supply current Offset control voltage Voltage control pin Applied peak-peak voltage at data input (single ended) Applied peak-peak voltage at data input (differential) DC input voltage (w ith DC-coupled input) Data bit rate
Min.
0 -5.45 4.75 86 30 -5 -2.7 350 250 -0.5
Typ.
-5 5 0 101 35
Max.
85 -4.75 5.25 116 40 5 0 900 1800 0 12.5
Units
o
C
V V V mA mA V V mV mV V Gb/s
Vctrl
www.iterrac.com
This is a Production data sheet. See "Product Status Definitions" on Web site or catalog for product development status. August 17, 2005 Doc. 1192 Rev 9 1
iTerra Communications 2400 Geng Road, Ste. 100, Palo Alto, CA 94303 Phone (650) 424-1937, Fax (650) 424-1938
IT3012 8 GHz, Differential-to-Single-Ended Amplifier
Electrical Characteristics
At ambient temperature Vee=-5 V, Vcc=+5 V
Symbol Parameters/Conditions
P Z DCIn G B3dB RLin RLout Pow er consumption Input impedance at DCIn, /DCIn Single ended small signal gain 3 dB bandw idth Input return loss (up to10 GHz) Output return loss (up to 10 GHz) Output peak-peak voltage (single ended) (Vctrl =-2.7V for max. output voltage) Vout sensitiviy vs bias (Vee=-5 V +/-5%, Vcc=5 V +/-5%) DC output voltage (DC coupled to 50 ohm load) Output rise time (single ended) Output fall time (single ended) RMS jitter degradation (*) 200 300 28 20 1
Min.
565 900 16.5 7 15 8 1.75
Typ.
665 1000 17.5 8 20 10 1.9
Max.
765 1100
Units
mW Ohm dB GHz dB dB V
www..com
Vout Vout Voutdc Trse Tfse JRMS
+/-11 400 32 28 1.5
% mV psec psec psec
(*) JRMS=sqrt((JRMS_dut)2-(JMRS_thru)2)
S-Parameter Data
Measured on connectorized evaluation board Vee=-5 V, Vcc=+5 V
Gain (dB) 22 20 18 16 14 12 10 8 6 4 2 0 0
IT3012 Single Ended Linear Gain
0 -5 -10 -15 -20 -25 -30 -35 -40 -45 -50 0 2
IT3012 Input Return Loss
S11 (dB)
2
4
6
8 Freq. (GHz)
10
12
14
16
4
6
8 10 Freq. (GHz)
12
14
16
IT3012 Output Return Loss
0 -2 -4 -6 S22 (dB) -10 -12 -14 -16 -18 -20 0 2 4 6 8 10 Freq. (GHz) 12 14 16
IT3012 Isolation
0 -10 -20 -30 S12 (dB) -40 -50 -60 -70 -80 -90 -100 0 2 4 6 8 10 Freq. (GHz) 12 14 16
-8
www.iterrac.com
This is a Production data sheet. See "Product Status Definitions" on Web site or catalog for product development status. August 17, 2005 Doc. 1192 Rev 9 2
iTerra Communications 2400 Geng Road, Ste. 100, Palo Alto, CA 94303 Phone (650) 424-1937, Fax (650) 424-1938
IT3012 8 GHz, Differential-to-Single-Ended Amplifier
Eye Diagram Performance
Vee=-5 V, Vcc=+5 V
www..com
Linear performance Bit rate: 10.7 Gb/s Vin=+/-75 mVpp, Vout=+/-1.1 Vpp
Linear performance Bit Rate: 12.5 Gb/s Vin=+/-75 mVpp, Vout=+/-1.1 Vpp
. Saturated performance Bit Rate: 10.7 Gb/s Vin=+/-400 mVpp, Vout=+/-1.9 Vpp
Saturated performance Bit Rate: 12.5 Gb/s Vin=+/-400 mVpp, Vout=+/-1.9 Vpp
Voltage Control
Bit rate: 10.7 Gb/s Vtrl=-1.5 V, Vout=1.7 Vpp
Bit rate: 10.7 Gb/s Vtrl=-1.1 V, Vout=1.0 Vpp
www.iterrac.com
This is a Production data sheet. See "Product Status Definitions" on Web site or catalog for product development status. August 17, 2005 Doc. 1192 Rev 9 3
iTerra Communications 2400 Geng Road, Ste. 100, Palo Alto, CA 94303 Phone (650) 424-1937, Fax (650) 424-1938
IT3012 8 GHz, Differential-to-Single-Ended Amplifier
System Diagram DCIn Din /Din
1k 50 1k
Vctrl
50
Vcb2
Q
www..com
/DCIn Vee
Vcc Vctrl
Recommended Operational Setup
DC blocking capacitors optional
1F DCIn Vcb2 Din
Input /Din
/DCIn
IT3012
Q
Vee
Vcc
-5.0 V
1F 560pF 560pF 1F
+5 V
Bias Conditions For Vee = -5 V Bias Condition * Apply +5.0 V at Vcc * Apply -5 V at Vee * Vcb2 = 0 V * Vctrl=-2.7 V or open for maximum output voltage * Vctrl from -2.7 V to -1 V for output voltage control For Vee = -5.2 V Bias Conditions * Apply +5 V at Vcc * Apply -5.2 V at Vee * Vcb2 = 0V * Vctrl = -1.8V for maximum output voltage * Vctrl from -1.8 V to -1 V for output voltage control
www.iterrac.com
This is a Production data sheet. See "Product Status Definitions" on Web site or catalog for product development status. August 17, 2005 Doc. 1192 Rev 9 4
iTerra Communications 2400 Geng Road, Ste. 100, Palo Alto, CA 94303 Phone (650) 424-1937, Fax (650) 424-1938
IT3012 8 GHz, Differential-to-Single-Ended Amplifier
Package Drawing, Pinouts
www..com
Pin Outs: P1: GND P2: Din (RF input) P3: /Din (/RF input) P4: GND P5: /DCin P6: Vee P7: N/C P8: N/C P9: GND P10: N/C P11: Q (RF out) P12: GND P13: Vcb2 P14: Vctrl (voltage control) P15: Vcc P16: DCin
www.iterrac.com
This is a Production data sheet. See "Product Status Definitions" on Web site or catalog for product development status. August 17, 2005 Doc. 1192 Rev 9 5
iTerra Communications 2400 Geng Road, Ste. 100, Palo Alto, CA 94303 Phone (650) 424-1937, Fax (650) 424-1938


▲Up To Search▲   

 
Price & Availability of IT3012

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X