Part Number Hot Search : 
2412E 2N7002KG 2SC4851 E3055 MBR3045 BU2520 GILFT P6SMB250
Product Description
Full Text Search
 

To Download IRF2903Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 96988A
AUTOMOTIVE MOSFET
IRF2903Z IRF2903ZS IRF2903ZL
HEXFET(R) Power MOSFET
D
Features
l l l l l
Advanced Process Technology Ultra Low On-Resistance 175C Operating Temperature Fast Switching Repetitive Avalanche Allowed up to Tjmax
D
VDSS = 30V RDS(on) = 2.4m
G S
Description
Specifically designed for Automotive applications, this HEXFET(R) Power MOSFET utilizes the latest processing techniques to achieve extremely low onresistance per silicon area. Additional features of this design are a 175C junction operating temperature, fast switching speed and improved repetitive avalanche rating . These features combine to make this design an extremely efficient and reliable device for use in Automotive applications and a wide variety of other applications.
ID = 75A
D D
G
D
S G D
S G D
S
TO-220AB IRF2903Z
G
D2Pak IRF2903ZS
D
TO-262 IRF2903ZL
S
Absolute Maximum Ratings
Gate
Drain
Max.
260 180 75 1020 290 2.0 20 290 820 See Fig.12a, 12b, 15, 16 -55 to + 175
Source
Units
A
Parameter
ID @ TC = 25C Continuous Drain Current, VGS @ 10V (Silicon Limited) ID @ TC = 100C Continuous Drain Current, VGS @ 10V (Silicon Limited) ID @ TC = 25C Continuous Drain Current, VGS @ 10V (Package Limited) IDM Pulsed Drain Current
PD @TC = 25C Power Dissipation Linear Derating Factor VGS EAS (Tested ) IAR EAR TJ TSTG Gate-to-Source Voltage Single Pulse Avalanche Energy Tested Value Avalanche CurrentA Repetitive Avalanche Energy Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds Mounting Torque, 6-32 or M3 screw EAS (Thermally limited) Single Pulse Avalanche Energyd
W W/C V mJ A mJ C
h
g i
300 (1.6mm from case ) 10 lbfyin (1.1Nym)
Thermal Resistance
RJC RCS RJA RJA Junction-to-Case
k
Parameter
Typ.
Max.
0.51 --- 62 40
Units
C/W
Case-to-Sink, Flat, Greased Surface Junction-to-Ambient
ik
i jk
--- 0.50 --- ---
Junction-to-Ambient (PCB Mount, steady state)
www.irf.com
1
8/26/05
IRF2903Z/S/L
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
Parameter
V(BR)DSS V(BR)DSS/TJ RDS(on) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf LD LS Ciss Coss Crss Coss Coss Coss eff. Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Internal Drain Inductance Internal Source Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Output Capacitance Output Capacitance Effective Output Capacitance
Min. Typ. Max. Units
30 --- --- 2.0 120 --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- 0.021 1.9 --- --- --- --- --- --- 160 51 58 24 100 48 37 4.5 7.5 6320 1980 1100 5930 2010 3050 --- --- 2.4 4.0 --- 20 250 200 -200 240 --- --- --- --- --- --- --- --- --- --- --- --- --- --- V V/C m V S A nA
Conditions
VGS = 0V, ID = 250A Reference to 25C, ID = 1mA VGS = 10V, ID = 75A VDS = VGS, ID = 150A VDS = 10V, ID = 75A VDS = 30V, VGS = 0V VDS = 30V, VGS = 0V, TJ = 125C VGS = 20V VGS = -20V ID = 75A VDS = 24V VGS = 10V VDD = 15V ID = 75A RG = 3.2 VGS = 10V
e
nC
e e
ns
nH
pF
Between lead, 6mm (0.25in.) from package and center of die contact VGS = 0V VDS = 25V = 1.0MHz VGS = 0V, VDS = 1.0V, = 1.0MHz VGS = 0V, VDS = 24V, = 1.0MHz VGS = 0V, VDS = 0V to 24V
f
Source-Drain Ratings and Characteristics
Parameter
IS ISM VSD trr Qrr ton Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode)A Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Forward Turn-On Time
Min. Typ. Max. Units
--- --- --- --- --- --- --- --- 34 29 75 A 1020 1.3 51 44 V ns nC
Conditions
MOSFET symbol showing the integral reverse p-n junction diode. TJ = 25C, IS = 75A, VGS = 0V TJ = 25C, IF = 75A, VDD = 15V di/dt = 100A/s
e
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
e
2
www.irf.com
IRF2903Z/S/L
1000
TOP VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V 4.5V
1000
TOP VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V 4.5V
100
BOTTOM
ID, Drain-to-Source Current (A)
ID, Drain-to-Source Current (A)
BOTTOM
100
10
4.5V 60s PULSE WIDTH Tj = 175C
10 0.1 1 10 100 1000
4.5V 60s PULSE WIDTH Tj = 25C
1 0.1 1 10 100 1000
VDS , Drain-to-Source Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
1000.0
240
Gfs, Forward Transconductance (S)
TJ = 25C 200 160 120 80 40 0 0 20 40 60 80 100 120 140 160 180 ID, Drain-to-Source Current (A) TJ = 175C
ID, Drain-to-Source Current()
100.0
TJ = 175C
10.0
1.0
TJ = 25C VDS = 25V
60s PULSE WIDTH
0.1 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10.0
VDS = 10V
380s PULSE WIDTH
VGS, Gate-to-Source Voltage (V)
Fig 3. Typical Transfer Characteristics
Fig 4. Typical Forward Transconductance Vs. Drain Current
www.irf.com
3
IRF2903Z/S/L
12000 VGS = 0V, f = 1 MHZ Ciss = Cgs + Cgd, Cds SHORTED Crss = Cgd Coss = Cds + Cgd
20 ID= 75A
VGS, Gate-to-Source Voltage (V)
VDS = 24V VDS= 15V
10000
16
C, Capacitance (pF)
8000
Ciss
6000
12
8
4000
Coss
2000
4
Crss
0 1 10 100
0 0 40 80 120 160 200 240 QG Total Gate Charge (nC)
VDS , Drain-to-Source Voltage (V)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
1000.0
10000
ID, Drain-to-Source Current (A)
ISD , Reverse Drain Current (A)
OPERATION IN THIS AREA LIMITED BY R DS (on) 1msec
100.0
TJ = 175C
1000 100sec
100 10msec
10.0
TJ = 25C
1.0
10
LIMITED BY PACKAGE
1
DC Tc = 25C Tj = 175C Single Pulse 0.1 1.0 10.0 100.0
VGS = 0V
0.1 0.0 0.4 0.8 1.2 1.6 2.0 2.4
0.1
VSD , Source-to-Drain Voltage (V)
VDS , Drain-toSource Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRF2903Z/S/L
300 LIMITED BY PACKAGE 250
ID , Drain Current (A)
RDS(on) , Drain-to-Source On Resistance
2.0
ID = 75A
VGS = 10V
200 150 100 50 0 25 50 75 100 125 150 175 TC , Case Temperature (C)
1.5
(Normalized)
1.0
0.5 -60 -40 -20 0 20 40 60 80 100 120 140 160 180
TJ , Junction Temperature (C)
Fig 9. Maximum Drain Current Vs. Case Temperature
Fig 10. Normalized On-Resistance Vs. Temperature
1
Thermal Response ( Z thJC )
D = 0.50
0.1
0.20 0.10 0.05 0.02 0.01
J J 1 R1 R1 2 R2 R2 R3 R3 3 C 3
Ri (C/W) i (sec) 0.08133 0.000044 0.2408 0.000971 0.18658 0.008723
1
0.01
2
Ci= i/Ri Ci i/Ri
SINGLE PULSE ( THERMAL RESPONSE )
0.001 1E-006 1E-005 0.0001 0.001
Notes: 1. Duty Factor D = t1/t2 2. Peak Tj = P dm x Zthjc + Tc
0.01 0.1
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
www.irf.com
5
IRF2903Z/S/L
1200
EAS, Single Pulse Avalanche Energy (mJ)
15V
1000
VDS
L
DRIVER
ID 26A 42A BOTTOM 75A
TOP
800
RG
VGS 20V
D.U.T
IAS tp
+ V - DD
A
600
0.01
400
Fig 12a. Unclamped Inductive Test Circuit
V(BR)DSS tp
200
0 25 50 75 100 125 150 175
Starting TJ, Junction Temperature (C)
I AS
Fig 12b. Unclamped Inductive Waveforms
QG
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
10 V
QGS
QGD
VGS(th) Gate threshold Voltage (V)
4.5
ID = 1.0A
4.0 3.5 3.0 2.5 2.0 1.5 1.0 -75 -50 -25 0 25 50 75
VG
ID = 1.0mA ID = 250A ID = 150A
Charge
Fig 13a. Basic Gate Charge Waveform
Current Regulator Same Type as D.U.T.
50K 12V .2F .3F
D.U.T. VGS
3mA
+ V - DS
100 125 150 175
TJ , Temperature ( C )
IG ID
Current Sampling Resistors
Fig 13b. Gate Charge Test Circuit
Fig 14. Threshold Voltage Vs. Temperature
6
www.irf.com
IRF2903Z/S/L
1000
Duty Cycle = Single Pulse
Avalanche Current (A)
100
0.01 0.05 0.10
Allowed avalanche Current vs avalanche pulsewidth, tav assuming Tj = 25C due to avalanche losses. Note: In no case should Tj be allowed to exceed Tjmax
10
1 1.0E-06 1.0E-05 1.0E-04 1.0E-03 1.0E-02 1.0E-01
tav (sec)
Fig 15. Typical Avalanche Current Vs.Pulsewidth
300
EAR , Avalanche Energy (mJ)
250
TOP Single Pulse BOTTOM 1% Duty Cycle ID = 75A
200
150
100
50
0 25 50 75 100 125 150
Starting TJ , Junction Temperature (C)
Notes on Repetitive Avalanche Curves , Figures 15, 16: (For further info, see AN-1005 at www.irf.com) 1. Avalanche failures assumption: Purely a thermal phenomenon and failure occurs at a temperature far in excess of Tjmax. This is validated for every part type. 2. Safe operation in Avalanche is allowed as long asTjmax is not exceeded. 3. Equation below based on circuit and waveforms shown in Figures 12a, 12b. 4. PD (ave) = Average power dissipation per single avalanche pulse. 5. BV = Rated breakdown voltage (1.3 factor accounts for voltage increase during avalanche). 6. Iav = Allowable avalanche current. 7. T = Allowable rise in junction temperature, not to exceed Tjmax (assumed as 25C in Figure 15, 16). tav = Average time in avalanche. 175 D = Duty cycle in avalanche = tav *f ZthJC(D, tav) = Transient thermal resistance, see figure 11) PD (ave) = 1/2 ( 1.3*BV*Iav) = DT/ ZthJC Iav = 2DT/ [1.3*BV*Zth] EAS (AR) = PD (ave)*tav
Fig 16. Maximum Avalanche Energy Vs. Temperature
www.irf.com
7
IRF2903Z/S/L
Driver Gate Drive
D.U.T
+
P.W.
Period
D=
P.W. Period VGS=10V
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
*
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
-
-
+
RG
* * * * dv/dt controlled by RG Driver same type as D.U.T. ISD controlled by Duty Factor "D" D.U.T. - Device Under Test
VDD
VDD
+ -
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
ISD
* VGS = 5V for Logic Level Devices Fig 17. Peak Diode Recovery dv/dt Test Circuit for N-Channel HEXFET(R) Power MOSFETs
RD
VDS VGS RG 10V
Pulse Width 1 s Duty Factor 0.1 %
D.U.T.
+
-VDD
Fig 18a. Switching Time Test Circuit
VDS 90%
10% VGS
td(on) tr t d(off) tf
Fig 18b. Switching Time Waveforms
8
www.irf.com
IRF2903Z/S/L
TO-220AB Package Outline
TO-220AB Part Marking Information
EXAMPLE: T HIS IS AN IRF1010 LOT CODE 1789 AS S EMBLED ON WW 19, 2000 IN T HE AS S EMBLY LINE "C" Note: "P" in as sembly line position indicates "Lead - Free" INT ERNAT IONAL RECT IFIER LOGO AS S EMBLY LOT CODE PART NUMBER
DAT E CODE YEAR 0 = 2000 WEEK 19 LINE C
TO-220AB package is not recommended for Surface Mount Application.
www.irf.com
9
IRF2903Z/S/L
D2Pak Package Outline (Dimensions are shown in millimeters (inches))
D2Pak Part Marking Information
T HIS IS AN IRF530S WIT H LOT CODE 8024 AS S EMBLED ON WW 02, 2000 IN T HE AS S EMBLY LINE "L" Note: "P" in assembly line position indicates "Lead-Free" INT ERNAT IONAL RECT IFIER LOGO AS S EMBLY LOT CODE PART NUMBER F530S DAT E CODE YEAR 0 = 2000 WEEK 02 LINE L
OR
INT ERNAT IONAL RECT IFIER LOGO AS S EMBLY LOT CODE
PART NUMBER F530S DAT E CODE P = DES IGNAT ES LEAD-FREE PRODUCT (OPT IONAL) YEAR 0 = 2000 WEEK 02 A = AS S EMBLY S IT E CODE
10
www.irf.com
IRF2903Z/S/L
TO-262 Package Outline (Dimensions are shown in millimeters (inches))
IGBT 1- GATE 2- COLLECTOR 3- EMITTER 4- COLLECTOR
TO-262 Part Marking Information
EXAMPLE: T HIS IS AN IRL3103L LOT CODE 1789 AS SEMBLED ON WW 19, 1997 IN T HE AS SEMBLY LINE "C" Note: "P" in ass embly line pos ition indicates "Lead-Free" INT ERNAT IONAL RECT IFIER LOGO ASS EMBLY LOT CODE PART NUMBER DAT E CODE YEAR 7 = 1997 WEEK 19 LINE C
OR
INT ERNAT IONAL RECT IFIER LOGO AS SEMBLY LOT CODE PART NUMBER DAT E CODE P = DESIGNAT ES LEAD-FREE PRODUCT (OPT IONAL) YEAR 7 = 1997 WEEK 19 A = AS SEMBLY SIT E CODE
www.irf.com
11
IRF2903Z/S/L
D2Pak Tape & Reel Information
TRR
1.60 (.063) 1.50 (.059) 4.10 (.161) 3.90 (.153)
1.60 (.063) 1.50 (.059) 0.368 (.0145) 0.342 (.0135)
FEED DIRECTION 1.85 (.073)
1.65 (.065)
11.60 (.457) 11.40 (.449)
15.42 (.609) 15.22 (.601)
24.30 (.957) 23.90 (.941)
TRL
10.90 (.429) 10.70 (.421) 1.75 (.069) 1.25 (.049) 16.10 (.634) 15.90 (.626) 4.72 (.136) 4.52 (.178)
FEED DIRECTION
13.50 (.532) 12.80 (.504)
27.40 (1.079) 23.90 (.941)
4
330.00 (14.173) MAX.
60.00 (2.362) MIN.
NOTES : 1. COMFORMS TO EIA-418. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION MEASURED @ HUB. 4. INCLUDES FLANGE DISTORTION @ OUTER EDGE.
26.40 (1.039) 24.40 (.961) 3
30.40 (1.197) MAX. 4
Limited by TJmax , see Fig.12a, 12b, 15, 16 for typical repetitive max. junction temperature. (See fig. 11). avalanche performance. Limited by TJmax, starting TJ = 25C, L = 0.10mH This value determined from sample failure population. 100% RG = 25, IAS = 75A, VGS =10V. Part not tested to this value in production. recommended for use above this value. This is only applied to TO-220AB pakcage. Pulse width 1.0ms; duty cycle 2%. This is applied to D2Pak, when mounted on 1" square PCB (FR Coss eff. is a fixed capacitance that gives the 4 or G-10 Material). For recommended footprint and soldering same charging time as Coss while VDS is rising techniques refer to application note #AN-994. from 0 to 80% VDSS . R is measured at TJ approximately 90C Repetitive rating; pulse width limited by Data and specifications subject to change without notice. This product has been designed and qualified for the Automotive [Q101]market. Qualification Standards can be found on IR's Web site.
Notes:
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. 08/05
12
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRF2903Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X