Part Number Hot Search : 
202157B ST72324 AT49BV16 STV2180A TYN210 HV82507 E13003 1N4006G
Product Description
Full Text Search
 

To Download GB840 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ISSUED DATE :2005/05/26 REVISED DATE :
GB840
Description Features
SCHOTTKY BARRIER DIODE V O L T A G E 4 0 V, C U R R E N T 8 A R E C T I F I E R
The GB840 is designed for switching power supplies, converters, free wheeling and reverse battery protection applications. *Low forward voltage drop *High frequency operation
Package Dimensions TO-252
REF. A B C D E F S
Millimeter Min. Max. 6.40 6.80 5.20 5.50 6.80 7.20 2.20 2.80 2.30 REF. 0.70 0.90 0.60 0.90
REF. G H J K L M R
Millimeter Min. Max. 0.50 0.70 2.20 2.40 0.45 0.55 0 0.15 0.90 1.50 5.40 5.80 0.80 1.20
Absolute Maximum Ratings at Ta=25 :
Parameters DC Reverse Voltage Working Peak Reverse Voltage Average Forward Current Surge Forward Current Junction Temperature Storage Temperature
Thermal Resistance, Junction to case
Symbol VR(RMS) VRWM IF IFSM Tj Tstg R JC
Ratings 40 40 8 380 -55 ~ +150 -55 ~ +175 5
Unit V V A A
Condition
50% duty cycle @TC=119 : , rectangular waveform 10ms Sine or 6ms Rect. pulse
: /W
Electrical Characteristics
Parameters Reverse Voltage Forward Voltage* Reverse Current* Junction Capacitance Series Inductance
Note *: Pulse Width <300 s, Duty Cycle <2%.
Symbol VR VF IR CT LS
Ratings Unit Condition min typ max 40 V IR=3mA, Tj=25 : 0.53 V IF=8A, Tj=25 : 2.0 mA VR=40V, Tj=25 : VR=5V,Tj=25 : 900 pF (test signal range 100KHz~1MHz) 10.0 nH Measure lead to lead 5mm form body
GB840
Page: 1/2
ISSUED DATE :2005/05/26 REVISED DATE :
Characteristics Curve
T
Fig. 2 - Typical Values of Reverse Current Vs. Reverse Voltage
T
Fig. 1 - Max. Forward Voltage Drop Characteristics
Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage
Important Notice: All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of GTM. GTM reserves the right to make changes to its products without notice. GTM semiconductor products are not warranted to be suitable for use in life-support Applications, or systems. GTM assumes no liability for any consequence of customer product design, infringement of patents, or application assistance. Head Office And Factory: Taiwan: No. 17-1 Tatung Rd. Fu Kou Hsin-Chu Industrial Park, Hsin-Chu, Taiwan, R. O. C. TEL : 886-3-597-7061 FAX : 886-3-597-9220, 597-0785 China: (201203) No.255, Jang-Jiang Tsai-Lueng RD. , Pu-Dung-Hsin District, Shang-Hai City, China TEL : 86-21-5895-7671 ~ 4 FAX : 86-21-38950165
GB840
Page: 2/2


▲Up To Search▲   

 
Price & Availability of GB840

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X