Part Number Hot Search : 
FZT790A 78MXX LBS06501 STTH112A 2SD19 S3HP606L 05S30 CHV37H68
Product Description
Full Text Search
 

To Download FSAL20006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FSAL200 Wide Bandwidth Quad 2:1 Analog Multiplexer / Demultiplexer Switch
June 2006
FSAL200 Wide Bandwidth Quad 2:1 Analog Multiplexer / Demultiplexer Switch
Features
Typical 6 switch connection between two ports Minimal propagation delay through the switch Low ICC Zero bounce in flow-through mode Control inputs compatible with TTL level Rail-to-rail signal handling Low insertion loss Route communications signals include:
Description
The Fairchild Switch FSAL200 is a rail-to-rail quad 2:1 high-speed CMOS TTL-compatible analog multiplexer/ demultiplexer switch. The low On Resistance of the switch allows inputs to be connected to outputs without adding propagation delay or generating additional ground bounce noise. When OE is LOW, the select pin connects the A Port to the selected B Port output. When OE is HIGH, the switch is OPEN and a high-impedance state exists between the two ports.
* * * * * * *
10/100 Ethernet 100VG-AnyLAN ATM25 SONET OCI 51.8 Mbps USB1.1 T1/E1 Token Ring 4/16 Mbps
Ordering Information
Part Number
FSAL200QSC FSAL200MTC
Package Number Pb-Free
MQA16 MTC16 Yes Yes
Package
16-Lead Quarter Size Outline Package (QSOP), JEDEC MO-137, 0.150" Wide 16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Packing Method
This device is also available in tape and reel. To order, append X to the part number.
(c) 2002 - 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSAL200 Rev. 1.7.0
Analog Symbol
Connection Diagram
Truth Table
S
X LOW HIGH
OE
HIGH LOW LOW
Function
Disconnect A=B1 A=B2
Pin Descriptions
Pin Name
OE S A, B1, B2
Function
Switch Enable Select Input Data Port
(c) 2002 - 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSAL200 Rev. 1.7.0
2
Absolute Maximum Ratings
The "Absolute Maximum Ratings" are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the absolute maximum ratings. The "Recommended Operating Conditions" table defines the conditions for actual device operation.
Symbol
VCC VS VIN IIK IOUT ICC/IGND TSTG PD TA Supply Voltage
Parameter
DC Switch Voltage(1) DC Input Voltage
(1)
Min.
-0.5 -0.5 -0.5
Max.
7.0 0.5 7.0 -50 120 100
Unit
V V V mA mA mA C W C
DC Input Diode Current @ (IIK) VIN < 0V DC Output Current DC VCC or Ground Current Storage Temperature Range Power Dissipation @ 85C Ambient Temperature with Power Applied -40 -65
+150 0.5 85
Recommended Operating Conditions(2)
Symbol
VCC VIN VIN VOUT TA tr, tf OJA
Parameter
Supply Voltage Operating Control Input Voltage Switch Input Voltage Output Voltage Operating Temperature Input RIse and Fall Time Control Input Vcc = 2.3V - 3.6V Control Input Vcc = 4.5V - 5.5V Thermal Resistance
Min.
3.0 0 0 0 -40 0 0
Max.
5.5 VCC VCC VCC +85 10 5 350
Unit
V V V V C ns/V ns/V C/W
1. The input and output negative voltage ratings may be exceeded if the input and output diode current ratings are observed. 2. Control input must be held HIGH or LOW; it must not float.
(c) 2002 - 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSAL200 Rev. 1.7.0
3
DC Electrical Characteristics
VCC Symbol
VIH VIL IOZ RON IIN ICC
TA =-40C to+85C Min.
2.0 2.0 -0.5 -0.5 6 15 0.8 0.8 100 12 22 1 1 1 0 0.4 1 100 80 3 7 VCC 2 3 mA mA V mA nA V
Parameter
HIGH-Level Input Voltage LOW-Level Input Voltage OFF State Leakage Current Switch On Resistance
(3)
Conditions
(V)
4.5 - 5.5 3.0 - 3.6 4.5 - 5.5 3.0 - 3.6
Typ.
Max.
Units
V
0 VIN 5.5V ION = 10 - 30 mA ION = 10 - 30 mA VIN = VCC or GND VIN = VCC or GND VIN = VCC or GND IOUT = 0
0 - 5.5 4.5 - 5.5 3.0 - 3.6 5.5 3.6 5.5 VCC
Control Input Leakage Current Quiescent Supply Current All Channels ON or OFF Analog Signal Range
RON IO Rflat
On Resistance Match Between Channels
(3,4)
IA= -30 mA, VBn = 3.15 IA = -10 mA, VBn 2.1 Bn, Bn, S = 0V to 5V
4.5 - 5.5 3.0 - 3.6 4.5 - 5.5 3.0 - 3.6 4.5 - 5.5 3.0 - 3.6
Output Current On Resistance Flatness(3,5)
A, B1, B2 = 0V to 5V A, B1, B2 = 0V to 5V
3. Measured by the voltage drop between A and B pins at the indicated current through the switch. On Resistance is determined by the lower of the voltages on the two (A or B Ports). 4. RON = RON maximum - RON minimum measured at identical VCC, temperature, and voltage levels. 5. Flatness is defined as the difference between the maximum and minimum value of On Resistance over the specified range of conditions.
(c) 2002 - 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSAL200 Rev. 1.7.0
4
AC Electrical Characteristics
VCC Symbol
tON tOFF Q
TA = -40C to +85C Min. Typ.
10 28 5 4 7 3 -55 -75 -70 -75 137 110 2 3 dB dB dB dB MHz MHz % Figure 4 Figure 4 Figure 5 Figure 5 Figure 8 Figure 8
Parameter
Turn-On Time S to Output Turn-Off Time S to Output Charge Injection
(6)
Conditions
VBn = 3V VBn = 1.5V VBn = 3V VBn = 1.5V CL = 0.1 nF, VGEN = 0V RGEN = 0 RL = 100 f = 30 MHz RL = 50 f = 1 MHz
(V)
4.5 - 5.5 3.0 - 3.6 4.5 - 5.5 3.0 - 3.6 5.0 3.3 4.5 - 5.5 3.0 - 3.6 4.5 - 5.5 3.0 - 3.6 4.5 - 5.5 3.0 - 3.6 4.5 - 5.5 3.0 - 3.6
Max.
20 40 10 20
Units
ns ns ns ns pC
Figure
Figure 1 Figure 2 Figure 1 Figure 2 Figure 3
OIRR
Off Isolation
(7)
Xtalk
Crosstalk
RL = 100 f = 30 MHz RL = 50 f = 1 MHz
BW D
-3dB Bandwidth RON/RL Distortion(6)
RL = 100 RL = 50 RL = 100
6. Guaranteed by design. 7. Off Isolation = 20 log10 [VA / VBn].
Capacitance(8)
Symbol
CIN CIO-B CON
Parameter
Control Pin Input Capacitance B Port Off Capacitance A Port Off Capacitance Channel On Capacitance
Conditions
VCC = 0V VCC = 5.0V and 3.0V VCC = 5.0V and 3.0V VCC = 5.0V and 3.0V
Typ.
2.3 8 13 15
Max.
Units.
pF pF pF pF
Figure
Figure 6 Figure 7 Figure 7
8. TA = +25C, f = 1 MHz. Capacitance is characterized, but not tested in production.
(c) 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Device Number Rev. 1.7.0
5
AC Loading and Waveforms
Figure 1. AC Waveforms
Figure 2. ton, toff Loading
(c) 2002 - 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSAL200 Rev. 1.7.0
6
Figure 3. Charge Injection Test
Figure 4. Off Isolation
Figure 7. Channel On Capacitance
Figure 5. Crosstalk
Figure 8. Bandwidth
Figure 6. Channel Off Capacitance
(c) 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Device Number Rev. 1.7.0
7
Physical Dimensions
Dimensions are in inches (millimeters) unless otherwise noted.
Figure 9. 16-Lead Quarter Size Outline Package (QSOP), JEDEC MO-137, 0/0150" Wide, Package Number MQA16
(c) 2002 - 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSAL200 Rev. 1.7.0
8
Physical Dimensions (Continued)
Dimensions are in inches (millimeters) unless otherwise noted.
Figure 10. 16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide, Package Number MTC16
(c) 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Device Number Rev. 1.7.0
9
(c) 2002 - 2006 Fairchild Semiconductor Corporation FSAL200 Rev. 1.7.0 10
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of FSAL20006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X