Part Number Hot Search : 
704123 87001 CX74005 Q800302 4740A IRFY140 16DPGW5B SMB10AT3
Product Description
Full Text Search
 

To Download FP6134 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RF AMPLIFIER MODEL
Features
Operating Temp. - 55 C to +85 C Environmental Screening Available
Available as:
TM6134, 4 Pin TO-8 (T4) TN6134, 4 Pin Surface Mount (SM3) FP6134, 4 Pin Flatpack (FP4) BX6134, Connectorized Housing (H1)
Typical Intermodulation Performance at 25 C
Second Order Harmonic Intercept Point ............ + Second Order Two Tone Intercept Point ............. + Third Order Two Tone Intercept Point ................. + (Typ.) (Typ.) (Typ.)
Specifications
CHARACTERISTIC Frequency Gain (dB) Power @ 1 dB Comp. (dBm) Reverse Isolation (dB) In Out Noise figure (dB) Power Vdc mA VSWR TYPICAL Ta= 25 C MIN/MAX Ta = -55 C to +85 C
Maximum Ratings
Ambient Operating Temperature .............. -55C to + 100 C Storage Temperature ............................... -62C to + 125 C Case Temperature ................................................. + 125 C DC Voltage ......................................................... + 18 Volts Continuous RF Input Power ................................. + 18 dBm Short Term RF Input Power .............................. 50 Milliwatts ................................................................. (1 Minute Max.) Maximum Peak Power ................................... 0.5 Watt (3 sec Max.)
Note: Care should always be taken to effectively ground the case of each unit.
Typical Performance Data
Gain (dB) Reverse Isolation (dB)
1 dB Comp. (dBm)
Legend
+ 25 C
w
w
w
.D
t a
S a
e h
t e
U 4
.c
m o
Noise Figure (dB)
Input VSWR
Output VSWR
+ 85 C - - - - - - -55 C
w w* FAX 215-464-4001 TEL 215-464-4000 * * * w
2707 Black Lake Place, Philadelphia, PA 19154
.D
at
Sh a
et e
4U
.
om c


▲Up To Search▲   

 
Price & Availability of FP6134

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X