Part Number Hot Search : 
C4849 HY27UA1 RFM50 D1010 AC1527 2SC1553A BZA456A SB003M1
Product Description
Full Text Search
 

To Download C8366 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MODULE
Photosensor amplifier
C8366
Current-to-voltage conversion amplifier for high-speed Si PIN photodiode
Features
Wide band www..com DC to 100 MHz Typ. (at -3 dB; varied by the photodiode used) l Easy photodiode connection Just inserting the photodiode lead pins makes the connection. (Compatible with TO-8, TO-5 and TO-18 packages) l Adjustable response speed Response speed can be adjusted by a variable resistor easily l Compact size
Applications
l
l High-speed photometry l Laser monitors l Optical power meters
I Absolute maximum ratings
Parameter Supply voltage Operating temperature Storage temperature Symbol VS Topr Tstg Value 18 0 to +50 0 to +70 Unit V C C
I Electrical and optical characteristics (Ta=25 C, VS= 15 V)
Parameter Symbol Condition Conversion impedance Rf Frequency bandwidth fc Limited to that of C8366 Maximum output amplitude VFS RL=1 kW Output offset voltage Vos Without photodiode Equivalent noise input Without photodiode, In current f=100 MHz Output resistance Ro Photodiode reverse VR bias voltage output Current consumption Is Without photodiode Min. DC +3 Typ. 1 x 103 1 x 108 1 5 x 10-11 50 -12 Max. 30 Unit V/A Hz V mV A/Hz1/2 W V mA
I Connectable Hamamatsu Si PIN photodiodes
TO-8 type: S3071 TO-5 type: S3399, S3883 * TO-18 type: S5821 series, S5971, S5972 *, S5973 series *
* Frequency bandwidth is limited to that of C8366 when used with C8366.
PRELIMINARY DATA Jan. 2002
1
Photosensor amplifier
I Frequency response example (with S5972 connected)
[Light source: directly modulated laser diode (with DC bias applied)]
C8366
I Output response waveform by input of step function light (with S5972 connected)
OUTPUT VOLTAGE (10 dB/DIV.)
0
0
www..com
1
REF: -30 dBm ATT: 10 dB TG LEVEL: -10.0 dBm RBW: 100 kHz VBW: 100 kHz 10 100 1000
4mm
FREQUENCY (MHz)
50 mV/DIV, 10 ns/DIV.
KACCB0055EA KACCB0056EA
I Dimensional outline (unit: mm)
PHOTODIODE CONNECTION SOCKET 20 1 52 1 BNC-R
INPUT
46 1
RESPONSE ADJ.
PHOTODIODE HOLDER (available for TO-5, TO-8 and TO-18)
MOUNTING SCREW HOLE M4, 14 0.5 DEPTH 7 MAX. 4-PIN ROUND CONNECTOR FOR POWER INPUT
KACCA0104EA
I Accessories
Power plug: HR10-7P-4S [HIROSE, with 500 mm long lead wires (AWG24)] Photodiode holder: One each for TO-5, TO-8 and TO-18
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. (c)2002 Hamamatsu Photonics K.K.
HAMAMATSU PHOTONICS K.K., Solid State Division 1126-1 Ichino-cho, Hamamatsu City, 435-8558 Japan, Telephone: (81) 053-434-3311, Fax: (81) 053-434-5184, http://www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218 Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658 France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10 United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777 North Europe: Hamamatsu Photonics Norden AB: Smidesvagen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01 Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
P. S. 15 V
OUTPUT
2
Cat. No. KACC1067E02 Oct. 2002 DN


▲Up To Search▲   

 
Price & Availability of C8366

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X