Part Number Hot Search : 
74HC37 SA26107 L7812 L7812 74HC37 SD340YS 74HC37 SD340YS
Product Description
Full Text Search
 

To Download ATMEL25128 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
* Serial Peripheral Interface (SPI) Compatible * Supports SPI Modes 0 (0,0) and 3 (1,1) * Low-voltage and Standard-voltage Operation * * * * * * * *
- 2.7 (VCC = 2.7V to 5.5V) - 1.8 (VCC = 1.8V to 5.5V) 3 MHz Clock Rate 64-byte Page Mode and Byte Write Operation Block Write Protection - Protect 1/4, 1/2, or Entire Array Write Protect (WP) Pin and Write Disable Instructions for Both Hardware and Software Data Protection Self-timed Write Cycle (5 ms Typical) High-reliability - Endurance: 100,000 Write Cycles - Data Retention: >200 Years Automotive Grade, Extended Temperature and Lead-Free Devices Available 8-lead PDIP, 8-lead EIAJ SOIC, 8-lead and 16-lead JEDEC SOIC, 14-lead and 20-lead TSSOP, and 8-lead Leadless Array Packages
SPI Serial EEPROMs
128K (16,384 x 8) 256K (32,768 x 8)
Description
The AT25128/256 provides 131,072/262,144 bits of serial electrically-erasable programmable read only memory (EEPROM) organized as 16,384/32,768 words of 8 bits each. The device is optimized for use in many industrial and commercial applications where low-power and low-voltage operation are essential. The devices are available in space saving 8-lead PDIP (AT25128/256), 8-lead EIAJ SOIC (AT25128/256), 8-lead and 16-lead JEDEC SOIC (AT25128), 14-lead TSSOP (AT25128), 20-lead TSSOP (AT25128/256), and 8-lead Leadless Array (AT25256) packages. In addition, the entire family is available in 2.7V (2.7V to 5.5V) and 1.8V (1.8V to 5.5V) versions. Table 1. Pin Configuration
Pin Name CS SCK Function Chip Select Serial Data Clock
CS SO NC NC NC WP GND 1 2 3 4 5 6 7 14 13 12 11 10 9 8 VCC HOLD NC NC NC SCK SI
AT25128(1) AT25256(2)
Notes: 1. This device is not recommended for new designs. Please refer to AT25128A. 2. This device is not recommended for new designs. Please refer to AT25256A.
14-lead TSSOP
NC CS SO SO NC NC WP GND DC NC
20-lead TSSOP*
1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 NC VCC HOLD HOLD NC NC SCK SI DC NC
www..com Data Input SI Serial
SO GND VCC WP HOLD NC DC Serial Data Output Ground Power Supply Write Protect Suspends Serial Input No Connect Don't Connect
8-lead PDIP
CS SO WP GND 1 2 3 4 8 7 6 5 VCC HOLD SCK SI
8-lead Leadless Array
VCC HOLD SCK SI 8 7 6 5 1 2 3 4 CS SO WP GND
16-lead SOIC
CS SO NC NC NC NC WP GND 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 VCC HOLD NC NC NC NC SCK SI
Bottom View 8-lead SOIC
CS SO WP GND 1 2 3 4 8 7 6 5 VCC HOLD SCK SI
*Note: Pins 3, 4 and 17, 18 are internally connected for 14-lead TSSOP socket compatibility.
Rev. 0872O-SEEPR-03/05
1
The AT25128/256 is enabled through the Chip Select pin (CS) and accessed via a 3wire interface consisting of Serial Data Input (SI), Serial Data Output (SO), and Serial Clock (SCK). All programming cycles are completely self-timed, and no separate Erase cycle is required before Write. Block Write protection is enabled by programming the status register with top 1/4, top 1/2 or entire array of write protection. Separate Program Enable and Program Disable instructions are provided for additional data protection. Hardware data protection is provided via the WP pin to protect against inadvertent write attempts to the status register. The HOLD pin may be used to suspend any serial communication without resetting the serial sequence.
Absolute Maximum Ratings*
Operating Temperature..................................-55C to +125C Storage Temperature .....................................-65C to +150C Voltage on Any Pin with Respect to Ground .................................... -1.0V to +7.0V Maximum Operating Voltage .......................................... 6.25V DC Output Current........................................................ 5.0 mA *NOTICE: Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Figure 1. Block Diagram
16384/32768 x 8
www..com
2
AT25128/256
0872O-SEEPR-03/05
AT25128/256
Table 2. Pin Capacitance(1) Applicable over recommended operating range from TA = 25C, f = 1.0 MHz, VCC = +5.0V (unless otherwise noted)
Symbol COUT CIN Note: Test Conditions Output Capacitance (SO) Input Capacitance (CS, SCK, SI, WP, HOLD) 1. This parameter is characterized and is not 100% tested. Max 8 6 Units pF pF Conditions VOUT = 0V VIN = 0V
Table 3. DC Characteristics Applicable over recommended operating range from TAI = -40C to +85C, VCC = +1.8V to +5.5V, TAE = -40C to +125C, VCC = +1.8V to +5.5V(unless otherwise noted)
Symbol VCC1 VCC2 VCC3 ICC1 ICC2 ISB1 ISB2 ISB3 IIL IOL VIL(1) VIH(1) VOL1 Parameter Supply Voltage Supply Voltage Supply Voltage Supply Current Supply Current Standby Current Standby Current Standby Current Input Leakage Output Leakage Input Low-voltage Input High-voltage Output Low-voltage Output High-voltage Output Low-voltage Output High-voltage 4.5 VCC 5.5V 1.8V VCC 3.6V IOL = 3.0 mA IOH = -1.6 mA IOL = 0.15 mA IOH = -100 A VCC - 0.2 VCC - 0.8 0.2 VCC = 5.0V at 1 MHz, SO = Open, Read VCC = 5.0V at 2 MHz, SO = Open, Read, Write VCC = 1.8V, CS = VCC VCC = 2.7V, CS = VCC VCC = 5.0V, CS = VCC VIN = 0V to VCC VIN = 0V to VCC, TAC = 0C to 70C -3.0 -3.0 -1.0 VCC x 0.7 Test Condition Min 1.8 2.7 4.5 2.0 3.0 0.1 0.2 2.0 Typ Max 5.5 5.5 5.5 3.0 5.0 2.0 2.0 5.0 3.0 3.0 VCC x 0.3 VCC + 0.5 0.4 Units V V V mA mA A A A A A V V V V V V
www..com
VOH1
VOL2 VOH2 Note:
1. VIL and VIH max are reference only and are not tested.
3
0872O-SEEPR-03/05
Table 4. AC Characteristics Applicable over recommended operating range from TAI = -40C to + 85C, TAE = -40C to +125C, VCC = As Specified, CL = 1 TTL Gate and 100 pF (unless otherwise noted)
Symbol fSCK Parameter SCK Clock Frequency Voltage 4.5 - 5.5 2.7 - 5.5 1.8 - 5.5 4.5 - 5.5 2.7 - 5.5 1.8 - 5.5 4.5 - 5.5 2.7 - 5.5 1.8 - 5.5 4.5 - 5.5 2.7 - 5.5 1.8 - 5.5 4.5 - 5.5 2.7 - 5.5 1.8 - 5.5 4.5 - 5.5 2.7 - 5.5 1.8 - 5.5 4.5 - 5.5 2.7 - 5.5 1.8 - 5.5 4.5 - 5.5 2.7 - 5.5 1.8 - 5.5 4.5 - 5.5 2.7 - 5.5 1.8 - 5.5 4.5 - 5.5 2.7 - 5.5 1.8 - 5.5 4.5 - 5.5 2.7 - 5.5 1.8 - 5.5 4.5 - 5.5 2.7 - 5.5 1.8 - 5.5 4.5 - 5.5 2.7 - 5.5 1.8 - 5.5 4.5 - 5.5 2.7 - 5.5 1.8 - 5.5 4.5 - 5.5 2.7 - 5.5 1.8 - 5.5 150 200 800 150 200 800 250 250 1000 100 250 1000 150 250 1000 30 50 100 50 50 100 100 100 400 200 300 400 0 0 0 0 0 0 0 0 0 100 200 300 150 200 800 Min 0 0 0 Max 3.0 2.1 0.5 2 2 2 2 2 2 Units MHz
tRI
Input Rise Time
s
tFI
Input Fall Time
s
tWH
SCK High Time
ns
tWL
SCK Low Time
ns
tCS
CS High Time
ns
tCSS
CS Setup Time
ns
tCSH
CS Hold Time
ns
tSU
Data In Setup Time
ns
www..com
tH
Data In Hold Time
ns
tHD
Hold Setup Time
ns
tCD
Hold Hold Time
ns
tV
Output Valid
ns
tHO
Output Hold Time
ns
tLZ
Hold to Output Low Z
ns
4
AT25128/256
0872O-SEEPR-03/05
AT25128/256
Table 4. AC Characteristics (Continued) Applicable over recommended operating range from TAI = -40C to + 85C, TAE = -40C to +125C, VCC = As Specified, CL = 1 TTL Gate and 100 pF (unless otherwise noted)
Symbol tHZ Parameter Hold to Output High Z Voltage 4.5 - 5.5 2.7 - 5.5 1.8 - 5.5 4.5 - 5.5 2.7 - 5.5 1.8 - 5.5 4.5 - 5.5 2.7 - 5.5 1.8 - 5.5 100K Min Max 100 200 300 200 250 1000 5 10 10 Units ns
tDIS
Output Disable Time
ns
tWC Endurance(1) Note:
Write Cycle Time 5.0V, 25C, Page Mode
ms Write Cycles
1. This parameter is characterized and is not 100% tested. Contact Atmel for further information.
Serial Interface Description
MASTER:
The device that generates the serial clock.
SLAVE: Because the serial clock pin (SCK) is always an input, the AT25128/256 always operates as a slave. TRANSMITTER/RECEIVER: The AT25128/256 has separate pins designated for data transmission (SO) and reception (SI). MSB: The Most Significant Bit (MSB) is the first bit transmitted and received.
SERIAL OP-CODE: After the device is selected with CS going low, the first byte will be received. This byte contains the op-code that defines the operations to be performed. INVALID OP-CODE: If an invalid op-code is received, no data will be shifted into the AT25128/256, and the serial output pin (SO) will remain in a high impedance state until the falling edge of CS is detected again. This will reinitialize the serial communication.
www..com
CHIP SELECT: The AT25128/256 is selected when the CS pin is low. When the device is not selected, data will not be accepted via the SI pin, and the serial output pin (SO) will remain in a high impedance state. HOLD: The HOLD pin is used in conjunction with the CS pin to select the AT25128/256. When the device is selected and a serial sequence is underway, HOLD can be used to pause the serial communication with the master device without resetting the serial sequence. To pause, the HOLD pin must be brought low while the SCK pin is low. To resume serial communication, the HOLD pin is brought high while the SCK pin is low (SCK may still toggle during HOLD). Inputs to the SI pin will be ignored while the SO pin is in the high impedance state. WRITE PROTECT: The write protect pin (WP) will allow normal read/write operations when held high. When the WP pin is brought low and WPEN bit is "1", all write operations to the status register are inhibited. WP going low while CS is still low will interrupt a write to the status register. If the internal write cycle has already been initiated, WP going low will have no effect on any write operation to the status register. The WP pin function is blocked when the WPEN bit in the status register is "0". This will allow the user to install the AT25128/256 in a system with the WP pin tied to ground and still be able to write to the status register. All WP pin functions are enabled when the WPEN bit is set to "1".
5
0872O-SEEPR-03/05
Figure 2. SPI Serial Interface
AT25128/256
www..com
Functional Description
The AT25128/256 is designed to interface directly with the synchronous serial peripheral interface (SPI) of the 6800 type series of microcontrollers. The AT25128/256 utilizes an 8-bit instruction register. The list of instructions and their operation codes are contained in Table 5. All instructions, addresses, and data are transferred with the MSB first and start with a high-to-low CS transition. Table 5. Instruction Set for the AT25128/256
Instruction Name WREN WRDI RDSR WRSR READ WRITE Instruction Format 0000 X110 0000 X100 0000 X101 0000 X001 0000 X011 0000 X010 Operation Set Write Enable Latch Reset Write Enable Latch Read Status Register Write Status Register Read Data from Memory Array Write Data to Memory Array
6
AT25128/256
0872O-SEEPR-03/05
AT25128/256
WRITE ENABLE (WREN): The device will power-up in the write disable state when VCC is applied. All programming instructions must therefore be preceded by a Write Enable instruction. WRITE DISABLE (WRDI): To protect the device against inadvertent writes, the Write Disable instruction disables all programming modes. The WRDI instruction is independent of the status of the WP pin. READ STATUS REGISTER (RDSR): The Read Status Register instruction provides access to the status register. The Ready/Busy and Write Enable status of the device can be determined by the RDSR instruction. Similarly, the Block Write Protection bits indicate the extent of protection employed. These bits are set by using the WRSR instruction. Table 6. Status Register Format
Bit 7 WPEN Bit 6 X Bit 5 X Bit 4 X Bit 3 BP1 Bit 2 BP0 Bit 1 WEN Bit 0 RDY
Table 7. Read Status Register Bit Definition
Bit Definition
Bit 0 (RDY) Bit 1 (WEN) Bit 2 (BP0) Bit 3 (BP1)
Bit 0 = "0" (RDY) indicates the device is READY. Bit 0 = "1" indicates the write cycle is in progress. Bit 1 = "0" indicates the device is not WRITE ENABLED. Bit 1 = 1 indicates the device is WRITE ENABLED. See Table 8. See Table 8.
Bits 4 - 6 are "0"s when device is not in an internal write cycle. Bit 7 (WPEN) See Table 9.
Bits 0 - 7 are "1"s during an internal write cycle.
www..com
WRITE STATUS REGISTER (WRSR): The WRSR instruction allows the user to select one of four levels of protection. The AT25128/256 is divided into four array segments. Top quarter (1/4), top half (1/2), or all of the memory segments can be protected. Any of the data within any selected segment will therefore be READ only. The block write protection levels and corresponding status register control bits are shown in Table 8. The three bits, BP0, BP1, and WPEN are nonvolatile cells that have the same properties and functions as the regular memory cells (e.g. WREN, tWC, RDSR). Table 8. Block Write Protect Bits
Status Register Bits Level 0 1(1/4) 2(1/2) 3(All) BP1 0 0 1 1 BP0 0 1 0 1 Array Addresses Protected AT25128 None 3000 - 3FFF 2000 - 3FFF 0000 - 3FFF AT25256 None 6000 - 7FFF 4000 - 7FFF 0000 - 7FFF
7
0872O-SEEPR-03/05
The WRSR instruction also allows the user to enable or disable the write protect (WP) pin through the use of the Write Protect Enable (WPEN) bit. Hardware write protection is enabled when the WP pin is low and the WPEN bit is "1". Hardware write protection is disabled when either the WP pin is high or the WPEN bit is "0." When the device is hardware write protected, writes to the Status Register, including the Block Protect bits and the WPEN bit, and the block-protected sections in the memory array are disabled. Writes are only allowed to sections of the memory which are not block-protected. NOTE: When the WPEN bit is hardware write protected, it cannot be changed back to "0", as long as the WP pin is held low. Table 9. WPEN Operation
WPEN 0 0 1 1 X X WP X X Low Low High High WEN 0 1 0 1 0 1 Protected Blocks Protected Protected Protected Protected Protected Protected Unprotected Blocks Protected Writable Protected Writable Protected Writable Status Register Protected Writable Protected Protected Protected Writable
READ SEQUENCE (READ): Reading the AT25128/256 via the SO pin requires the following sequence. After the CS line is pulled low to select a device, the READ op-code is transmitted via the SI line followed by the byte address to be read (see Table 10 on page 9). Upon completion, any data on the SI line will be ignored. The data (D7 - D0) at the specified address is then shifted out onto the SO line. If only one byte is to be read, the CS line should be driven high after the data comes out. The read sequence can be continued since the byte address is automatically incremented and data will continue to be shifted out. When the highest address is reached, the address counter will roll over to the lowest address allowing the entire memory to be read in one continuous read cycle.
www..com
WRITE SEQUENCE (WRITE): In order to program the AT25128/256, two separate instructions must be executed. First, the device must be write enabled via the WREN instruction. Then a Write instruction may be executed. Also, the address of the memory location(s) to be programmed must be outside the protected address field location selected by the block write protection level. During an internal write cycle, all commands will be ignored except the RDSR instruction. A Write instruction requires the following sequence. After the CS line is pulled low to select the device, the Write op-code is transmitted via the SI line followed by the byte address and the data (D7 - D0) to be programmed (see Table 10 on page 9). Programming will start after the CS pin is brought high. The low-to-high transition of the CS pin must occur during the SCK low time immediately after clocking in the D0 (LSB) data bit. The Ready/Busy status of the device can be determined by initiating a Read Status Register (RDSR) instruction. If Bit 0 = "1", the write cycle is still in progress. If Bit 0 = "0", the write cycle has ended. Only the RDSR instruction is enabled during the write programming cycle.
8
AT25128/256
0872O-SEEPR-03/05
AT25128/256
The AT25128/256 is capable of a 64-byte page write operation. After each byte of data is received, the six-low order address bits are internally incremented by one; the highorder bits of the address will remain constant. If more than 64 bytes of data are transmitted, the address counter will roll over and the previously written data will be overwritten. The AT25128/256 is automatically returned to the write disable state at the completion of a write cycle. NOTE: If the device is not Write enabled (WREN), the device will ignore the Write instruction and will return to the standby state, when CS is brought high. A new CS falling edge is required to reinitiate the serial communication. Table 10. Address Key
Address AN Don't Care Bits AT25128 A13 - A0 A15 - A14 AT25256 A14 - A0 A15
Timing Diagrams (for SPI Mode 0 (0, 0))
Figure 3. Synchronous Data Timing
VIH CS VIL t CSS VIH SCK VIL t SU VIH SI VIL tV t HO t DIS HI-Z VALID IN tH t WH t WL t CSH t CS
www..com
SO
VOH VOL
HI-Z
9
0872O-SEEPR-03/05
Figure 4. WREN Timing
Figure 5. WRDI Timing
Figure 6. RDSR Timing
www..com
CS
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
SCK
SI
INSTRUCTION
SO
HIGH IMPEDANCE
DATA OUT
7 6 5 4 3 2 1 0
MSB
10
AT25128/256
0872O-SEEPR-03/05
AT25128/256
Figure 7. WRSR Timing
Figure 8. READ Timing
www..com
Figure 9. WRITE Timing
11
0872O-SEEPR-03/05
Figure 10. HOLD Timing
CS
tCD tCD
SCK
tHD
HOLD
tHZ
tHD
SO
tLZ
www..com
12
AT25128/256
0872O-SEEPR-03/05
AT25128/256
AT25128(1) Ordering Information
Ordering Code(2) AT25128-10PI-2.7 AT25128N-10SI-2.7 AT25128W-10SI-2.7 AT25128N1-10SI-2.7 AT25128T1-10TI-2.7 AT25128-10PI-1.8 AT25128N-10SI-1.8 AT25128W-10SI-1.8 AT25128N1-10SI-1.8 AT25128T1-10TI-1.8 AT25128N-10SJ-2.7 AT25128N-10SJ-1.8 AT25128N-10SE-2.7 Notes: Package 8P3 8S1 8S2 16S1 14A2 8P3 8S1 8S2 16S1 14A2 8S1 8S1 8S1 Operation Range
Industrial Temperature (-40C to 85C)
Industrial Temperature (-40C to 85C)
Lead-Free/Industrial Temperature (-40C to 85C) High Grade/Extended Temperature (-40C to 125C)
1. This device is not recommended for new designs. Please refer to AT25128A. 2. For 2.7V devices used in the 4.5V to 5.5V range, please refer to performance values in the AC and DC Characteristics tables.
www..com
Package Type
8P3 8S1 8S2 16S1 14A2 8-lead, 0.300" Wide, Plastic Dual In-line Package (PDIP) 8-lead, 0.150" Wide, Plastic Gull Wing Small Outline Package (JEDEC SOIC) 8-lead, 0.200" Wide, Plastic Gull Wing Small Outline Package (EIAJ SOIC) 16-lead, 0.150" Wide, Plastic Gull Wing Small Outline Package (JEDEC SOIC) 14-lead, 0.170" Wide, Thin Shrink Small Outline Package (TSSOP)
Options -2.7 -1.8
Low-voltage (2.7V to 5.5V) Low-voltage (1.8V to 5.5V)
13
0872O-SEEPR-03/05
AT25256(1) Ordering Information
Ordering Code(2) AT25256-10PI-2.7 AT25256W-10SI-2.7 AT25256-10CI-2.7 AT25256T2-10TI-2.7 AT25256-10PI-1.8 AT25256W-10SI-1.8 AT25256-10CI-1.8 AT25256T2-10TI-1.8 AT25256W-10SJ-2.7 AT25256W-10SJ-1.8 AT25256W-10SE-2.7 Notes: Package 8P3 8S2 8CN3 20A2 8P3 8S2 8CN3 20A2 8S2 8S2 8S2 Operation Range Industrial Temperature (-40C to 85C)
Industrial Temperature (-40C to 85C) Lead-Free/Industrial Temperature (-40C to 85C) High Grade/Extended Temperature (-40C to 125C)
1. This device is not recommended for new designs. Please refer to AT25256A. 2. For 2.7V devices used in the 4.5V to 5.5V range, please refer to performance values in the AC and DC Characteristics tables.
www..com
Package Type
8P3 8S2 8CN3 20A2 8-lead, 0.300" Wide, Plastic Dual In-line Package (PDIP) 8-lead, 0.200" Wide, Plastic Gull Wing Small Outline Package (EIAJ SOIC) 8-lead, 0.230" Wide, Leadless Array Package (LAP) 20-lead, 0.170" Wide, Thin Shrink Small Outline Package (TSSOP)
Options -2.7 -1.8
Low-voltage (2.7V to 5.5V) Low-voltage (1.8V to 5.5V)
14
AT25128/256
0872O-SEEPR-03/05
AT25128/256
Packaging Information
8P3 - PDIP
E E1
1
N
Top View
c eA
End View
D e D1 A2 A
SYMBOL
COMMON DIMENSIONS (Unit of Measure = inches) MIN - NOM - MAX NOTE
A A2 b b2 b3 c D
www..com
0.210 0.195 0.022 0.070 0.045 0.014 0.400
-
2
0.115 0.014 0.045 0.030 0.008 0.355 0.005 0.300 0.240
0.130 0.018 0.060 0.039 0.010 0.365
-
5 6 6
3 3 4 3
b2 b
L
D1 E E1 e eA L
b3
4 PLCS
0.310 0.250 0.100 BSC 0.300 BSC
0.325 0.280
Side View
4 0.150 2
0.115
0.130
Notes:
1. This drawing is for general information only; refer to JEDEC Drawing MS-001, Variation BA, for additional information. 2. Dimensions A and L are measured with the package seated in JEDEC seating plane Gauge GS-3. 3. D, D1 and E1 dimensions do not include mold Flash or protrusions. Mold Flash or protrusions shall not exceed 0.010 inch. 4. E and eA measured with the leads constrained to be perpendicular to datum. 5. Pointed or rounded lead tips are preferred to ease insertion. 6. b2 and b3 maximum dimensions do not include Dambar protrusions. Dambar protrusions shall not exceed 0.010 (0.25 mm).
01/09/02 2325 Orchard Parkway San Jose, CA 95131 TITLE 8P3, 8-lead, 0.300" Wide Body, Plastic Dual In-line Package (PDIP) DRAWING NO. 8P3 REV. B
R
15
0872O-SEEPR-03/05
8S1 - JEDEC SOIC
C
1
E
E1
N
L
Top View End View
e B A
SYMBOL COMMON DIMENSIONS (Unit of Measure = mm) MIN 1.35 0.10 0.31 0.17 4.80 3.81 5.79 NOM - - - - - - - 1.27 BSC 0.40 0 - - 1.27 8 MAX 1.75 0.25 0.51 0.25 5.00 3.99 6.20 NOTE
A1
A A1 B
www..com
C
D
D E1 E
Side View
e L
Note: These drawings are for general information only. Refer to JEDEC Drawing MS-012, Variation AA for proper dimensions, tolerances, datums, etc.
10/7/03 1150 E. Cheyenne Mtn. Blvd. Colorado Springs, CO 80906 TITLE 8S1, 8-lead (0.150" Wide Body), Plastic Gull Wing Small Outline (JEDEC SOIC) DRAWING NO. 8S1 REV. B
R
16
AT25128/256
0872O-SEEPR-03/05
AT25128/256
8S2 - EIAJ SOIC
C
1
E
E1
N
L
Top View
End View
e A
SYMBOL
b
COMMON DIMENSIONS (Unit of Measure = mm) MIN NOM MAX NOTE
A1
A A1 b C
1.70 0.05 0.35 0.15 5.13 5.18 7.70 0.51 0 1.27 BSC
2.16 0.25 0.48 0.35 5.35 5.40 8.26 0.85 8 4 2, 3 5 5
www..com
D
D E1 E L
Side View
e
Notes: 1. 2. 3. 4. 5.
This drawing is for general information only; refer to EIAJ Drawing EDR-7320 for additional information. Mismatch of the upper and lower dies and resin burrs are not included. It is recommended that upper and lower cavities be equal. If they are different, the larger dimension shall be regarded. Determines the true geometric position. Values b and C apply to pb/Sn solder plated terminal. The standard thickness of the solder layer shall be 0.010 +0.010/-0.005 mm.
10/7/03 2325 Orchard Parkway San Jose, CA 95131 TITLE 8S2, 8-lead, 0.209" Body, Plastic Small Outline Package (EIAJ) DRAWING NO.
R
8S2
REV. C
17
0872O-SEEPR-03/05
8CN3 - LAP
Marked Pin1 Indentifier
E
D
A A1
Top View
0.10 mm TYP
8
Side View
L1
1
Pin1 Corner
e
7 2
COMMON DIMENSIONS (Unit of Measure = mm) SYMBOL MIN 0.94 0.30 0.36 5.89 4.83 NOM 1.04 0.34 0.41 5.99 4.93 1.27 BSC 0.56 REF 0.62 0.92 0.67 0.97 0.72 1.02 Note 1 Note 1 MAX 1.14 0.38 0.46 6.09 5.03 Note 1 NOTE
6
3
A A1
b
www..com
5 4
b D E
e1
L
e e1 L L1
Bottom View
Note:
1. Metal Pad Dimensions. 2. All exposed metal area shall have the following finished platings. Ni: 0.0005 to 0.015 mm Au: 0.0005 to 0.001 mm
11/8/04 DRAWING NO. 8CN3 REV. B
R
1150 E.Cheyenne Mtn Blvd. Colorado Springs, CO 80906
TITLE 8CN3, 8-lead, (6 x 5 x 1.04 mm Body), Lead Pitch 1.27 mm, Leadless Array Package (LAP)
18
AT25128/256
0872O-SEEPR-03/05
AT25128/256
16S1 - JEDEC SOIC
3 2 1
H
N
Top View
e B A
D
COMMON DIMENSIONS (Unit of Measure = mm) SYMBOL A MIN 1.35 0.33 0.19 9.80 3.80 NOM - - - - - 1.27 BSC 5.80 0.40 - - 6.20 1.27 4 MAX 1.75 0.51 0.25 10.00 4.00 2 3 5 NOTE
Side View
A2
C
www..com
B C D E e
L E
H L
End View
Notes: 1. This drawing is for general information only; refer to JEDEC Drawing MS-012 for proper dimensions, tolerances, datums, etc. 2. Dimension D does not include mold Flash, protrusions or gate burrs. Mold Flash, protrusions and gate burrs shall not exceed 0.15 mm (0.006 in) per side. 3. Dimension E does not include inter-lead Flash or protrusions. Inter-lead Flash and protrusions shall not exceed 0.25 mm (0.010 in) per side. 4. L is the length of terminal for soldering to a substrate. 5. The lead width B, as measured 0.36 mm (0.014 in) or greater above the seating plane, shall not exceed a maximum value of 0.61 mm (0.024 in). 10/15/01
R
2325 Orchard Parkway San Jose, CA 95131
TITLE 16S1, 16-lead, 0.150" Body, Plastic Gull Wing Small Outline (SOIC )
DRAWING NO. 16S1
REV. A
19
0872O-SEEPR-03/05
14A2 - TSSOP
b L
L1
E1
E
End View
e
COMMON DIMENSIONS (Unit of Measure = mm) SYMBOL D MIN 4.90 NOM 5.00 6.40 BSC 4.30 - 0.80 0.19 4.40 - 1.00 - 0.65 BSC 0.45 0.60 1.00 REF 0.75 4.50 1.20 1.05 0.30 4 3, 5 MAX 5.10 NOTE 2, 5
Top View
A
D
E
A2
E1 A A2
www..com
b e
Side View
L L1
Notes:
1. This drawing is for general information only. Please refer to JEDEC Drawing MO-153, Variation AB-1, for additional information. 2. Dimension D does not include mold Flash, protrusions or gate burrs. Mold Flash, protrusions and gate burrs shall not exceed 0.15 mm (0.006 in) per side. 3. Dimension E1 does not include inter-lead Flash or protrusions. Inter-lead Flash and protrusions shall not exceed 0.25 mm (0.010 in) per side. 4. Dimension b does not include Dambar protrusion. Allowable Dambar protrusion shall be 0.08 mm total in excess of the b dimension at maximum material condition. Dambar cannot be located on the lower radius of the foot. Minimum space between protrusion and adjacent lead is 0.07 mm. 5. Dimension D and E1 to be determined at Datum Plane H.
12/28/01
R
2325 Orchard Parkway San Jose, CA 95131
TITLE 14A2,14-lead (4.4 x 5 mm Body), 0.65 Pitch, Thin Shrink Small Outline Package (TSSOP)
DRAWING NO. REV. 14A2 A
20
AT25128/256
0872O-SEEPR-03/05
AT25128/256
20A2 - TSSOP
b L
L1
E E1
e
End View
COMMON DIMENSIONS (Unit of Measure = mm) SYMBOL D MIN 6.40 NOM 6.50 6.40 BSC 4.30 - 0.80 0.19 4.40 - 1.00 - 0.65 BSC 0.45 0.60 1.00 REF 0.75 4.50 1.20 1.05 0.30 4 3, 5 MAX 6.60 NOTE 2, 5
Top View
D
A
A2
E E1 A A2 b
www..com
e
Side View
Notes:
L L1
1. This drawing is for general information only. Please refer to JEDEC Drawing MO-153, Variation AC, for additional information. 2. Dimension D does not include mold Flash, protrusions or gate burrs. Mold Flash, protrusions and gate burrs shall not exceed 0.15 mm (0.006 in) per side. 3. Dimension E1 does not include inter-lead Flash or protrusions. Inter-lead Flash and protrusions shall not exceed 0.25 mm (0.010 in) per side. 4. Dimension b does not include Dambar protrusion. Allowable Dambar protrusion shall be 0.08 mm total in excess of the b dimension at maximum material condition. Dambar cannot be located on the lower radius of the foot. Minimum space between protrusion and adjacent lead is 0.07 mm. 5. Dimension D and E1 to be determined at Datum Plane H.
6/3/02 2325 Orchard Parkway San Jose, CA 95131 TITLE 20A2, 20-lead (4.4 x 6.5 mm Body), 0.65 pitch, Thin Shrink Small Outline Package (TSSOP) DRAWING NO. 20A2 REV. C
R
21
0872O-SEEPR-03/05
Atmel Corporation
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 487-2600
Atmel Operations
Memory
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 436-4314
RF/Automotive
Theresienstrasse 2 Postfach 3535 74025 Heilbronn, Germany Tel: (49) 71-31-67-0 Fax: (49) 71-31-67-2340 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906, USA Tel: 1(719) 576-3300 Fax: 1(719) 540-1759
Regional Headquarters
Europe
Atmel Sarl Route des Arsenaux 41 Case Postale 80 CH-1705 Fribourg Switzerland Tel: (41) 26-426-5555 Fax: (41) 26-426-5500
Microcontrollers
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 436-4314 La Chantrerie BP 70602 44306 Nantes Cedex 3, France Tel: (33) 2-40-18-18-18 Fax: (33) 2-40-18-19-60
Biometrics/Imaging/Hi-Rel MPU/ High Speed Converters/RF Datacom
Avenue de Rochepleine BP 123 38521 Saint-Egreve Cedex, France Tel: (33) 4-76-58-30-00 Fax: (33) 4-76-58-34-80
Asia
Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimshatsui East Kowloon Hong Kong Tel: (852) 2721-9778 Fax: (852) 2722-1369
ASIC/ASSP/Smart Cards
Zone Industrielle 13106 Rousset Cedex, France Tel: (33) 4-42-53-60-00 Fax: (33) 4-42-53-60-01 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906, USA Tel: 1(719) 576-3300 Fax: 1(719) 540-1759 Scottish Enterprise Technology Park Maxwell Building East Kilbride G75 0QR, Scotland Tel: (44) 1355-803-000 Fax: (44) 1355-242-743
Japan
9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan Tel: (81) 3-3523-3551 Fax: (81) 3-3523-7581 www..com
Literature Requests
www.atmel.com/literature
Disclaimer: The information in this document is provided in connection with Atmel products. No license, express or implied, by estoppel or otherwise, to any intellectual property right is granted by this document or in connection with the sale of Atmel products. EXCEPT AS SET FORTH IN ATMEL'S TERMS AND CONDITIONS OF SALE LOCATED ON ATMEL'S WEB SITE, ATMEL ASSUMES NO LIABILITY WHATSOEVER AND DISCLAIMS ANY EXPRESS, IMPLIED OR STATUTORY WARRANTY RELATING TO ITS PRODUCTS INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTY OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, OR NON-INFRINGEMENT. IN NO EVENT SHALL ATMEL BE LIABLE FOR ANY DIRECT, INDIRECT, CONSEQUENTIAL, PUNITIVE, SPECIAL OR INCIDENTAL DAMAGES (INCLUDING, WITHOUT LIMITATION, DAMAGES FOR LOSS OF PROFITS, BUSINESS INTERRUPTION, OR LOSS OF INFORMATION) ARISING OUT OF THE USE OR INABILITY TO USE THIS DOCUMENT, EVEN IF ATMEL HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGES. Atmel makes no representations or warranties with respect to the accuracy or completeness of the contents of this document and reserves the right to make changes to specifications and product descriptions at any time without notice. Atmel does not make any commitment to update the information contained herein. Atmel's products are not intended, authorized, or warranted for use as components in applications intended to support or sustain life.
(c) Atmel Corporation 2005. All rights reserved. Atmel(R), logo and combinations thereof, and others are registered trademarks, and Everywhere You Are SM and others are the trademarks of Atmel Corporation or its subsidiaries. Other terms and product names may be trademarks of others. Printed on recycled paper.
0872O-SEEPR-03/05


▲Up To Search▲   

 
Price & Availability of ATMEL25128

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X