Part Number Hot Search : 
SOD323 PT7C5022 LTC1664I ERJ6G IP122 E058A40 470MC F300R
Product Description
Full Text Search
 

To Download 883409 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
moc.U4teehSataD.www
Status:
0398801009 Active
5.08mm (.200") Pitch BeauTM EurostyleTM High Profile, Three Level Terminal Block, Modular, 9 Circuits
Description:
Documents: 3D Model Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL E48521
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Component Type Product Literature Order No Product Name Type Terminal Blocks 39880 Wire-to-Board One Piece USA-263 EurostyleTMMulti-Level Euro Block
Physical
Circuits (Loaded) Entry Angle Flammability Lock to Mating Part Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Polarized to Mating Part Shrouded Stackable Temperature Range - Operating Wire Size AWG Wire Size mm 9 Horizontal 94V-0 None 3 Vertical 0.157 In 4.00 mm None 0.093 In 2.40 mm No 0.200 In 5.08 mm 0.200 In 5.08 mm N/A Fully Yes 110C 12, 14, 16, 18, 20, 22, 24, 26, 28, 30 0.05 - 2.50
Search Parts in this Series 39880Series
Electrical
Current - Maximum per Contact Voltage - Maximum 24A 300V
Solder Process Data
Lead-free Process Capability Wave Capable (TH only)
Material Info
Old Part Number 883409
Reference - Drawing Numbers
Sales Drawing SD-39880-007
This document was generated on 04/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
moc.U4teehSataD.www
www..com


▲Up To Search▲   

 
Price & Availability of 883409

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X