Part Number Hot Search : 
LM134 300000 MC78L05 NJM2140 ICL765 IP431ACJ 1A353 C3216X7
Product Description
Full Text Search
 

To Download 70-782EL11-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
Section
3
A cc e s s or i e s
www.magnecraft.com
847-441-2540
SECTION 3
Advantages of the 70-SM Module System
Magnecraft plug in modules are available in many variations allowing www..commost applications on coverage for the market. The Metal Oxide Varistor (MOV) circuit protects by shunting potentially damaging electrical spikes away from the relay coil. The Resistor Capacitor (R/C) circuit snubs back Electro Motive Force (EMF) of relay coil. The Diode circuit protects external drive circuitry from inductive voltages generated when removing coil voltage. Finally, the Light Emitting Diode (LED) circuit is to quickly inform the user when power is present at the coil. All of the plug in modules connect their respective circuits in parallel with the relay coil. No additional wiring is required, and the modules fit within maximum dimensions of relay and socket.
Diode Circuit Protects External Drive Circuitry from Inductive Voltages Generated when Removing Coil Voltage. Polarity Sensitive.
SECTION 3
LED Circuit LED Status Lamp Verifies that Power is Being Supplied to the Coil. Ideal for Both AC and DC Applications, Polarity Sensitive for DC Application.
The Complete System Solution!
Modules Plugging a module into a socket, connects the circuit in parallel with the relay coil. No additional wiring is required. No additional tools are required. The modules fit within the maximum dimensions of both the relay and socket.
3/2
Magnecraft Solution Guide 105A
www..com
RC Circuit Snubs Back EMF of Relay Coil. Optimized Size No Wider than the Socket.
Metal Oxide Varistor Circuit Protects by Shunting Potentially Damaging Electrical Spikes Away from the Relay Coil. Ideal for AC and DC Applications.
www.magnecraft.com
Magnecraft Solution Guide 105A
847-441-2540
3/3
SECTION 3
70-SM (A) Socket Modules
The Complete System Solution!
www..com
UL Recognized File No. E234203
SECTION 3
Characteristics Package Style Function Input Voltage Mating Sockets
70-ASMD-250
A Protection Diode 6 - 250 VDC
70-ASMLG-24
A LED, Green 24 VAC/VDC
70-ASMLG-120/240
A LED, Green 120/240 VAC/VDC
70-783D11-1 (Sec. 2, p.10-11) 70-784D14-1 (Sec. 2, p.12-13) 70-750DL8-1 (Sec. 2, p.30-31) 70-750DL11-1 (Sec. 2, p.30-31) 70-750EL8-1 (Sec. 2, p.26-27) 70-750EL11-1 (Sec. 2, p.26-27) 70-750E8-1 (Sec. 2, p.28-29) 70-750E11-1 (Sec. 2, p.28-29) 70-788EL11-1 (Sec. 2, p.24-25)
1.37 (34.7) LED
0.384 (9.82)
PACKAGE - A
1.37 (34.7) LED
(R)
0.49 (12.4) LED
LISTED 9MA6 IND. CONT. EQ.
0.34 (8.63)
.490 (12.4)
1.6 MAX (40.64)
.384 (9.82)
1.05 MAX (26.67)
A2 DATE CODE A1 AND COUNTRY OF ORIGIN
A2
A1
PART NUMBER CIRCUIT DIAGRAM
1.60 MAX.
PART NO. MARKED ON TWO LINES 1st LINE TO BE "70-BSM"
1.05 MAX.
A2
A1 CIRCUIT DIAGRAM A2 A1
PACKAGES A & B WIRING DIAGRAMS
WIRING DIAGRAMS
PACKAGES A & B WIRING DIAGRAMS CIRCUIT 1 CIRCUIT 2 CIRCUIT 3 CIRCUIT 4
M.O.V. A2
CIRCUIT 1 CIRCUIT 5
DIODE A1 A2
CIRCUIT 2
+ A1
A2
L.E.D.
M.O.V. A1 A2 CIRCUIT 3
A2
+ A1DIODE A2
R/C
L.E.D.
A1
+ A1 A2 A1
+ A1 CIRCUIT 4 A2 CIRCUIT 6
CIRCUIT 6
CIRCUIT 7 CIRCUIT 5
CIRCUIT 7
3/4
Magnecraft Solution Guide 105A
www.magnecraft.com
847-441-2540
www..com
BOLD-FACED PART NUMBERS ARE NORMALLY STOCKED
70-ASMM-24
A MOV Suppressor 24 VAC/VDC
70-ASMM-120
A MOV Suppressor 120 VAC/VDC
70-ASMM-240
A MOV Suppressor 240 VAC/VDC
A R/C Suppressor 6 - 24 VAC/VDC
70-ASMR-24
A R/C Suppressor 110 - 240 VAC/VDC
70-ASMR-240
70-783D11-1 (Sec. 2, p.10-11) 70-784D14-1 (Sec. 2, p.12-13) 70-750DL8-1 (Sec. 2, p.30-31) 70-750DL11-1 (Sec. 2, p.30-31) 70-750EL8-1 (Sec. 2, p.26-27) 70-750EL11-1 (Sec. 2, p.26-27) 70-750E8-1 (Sec. 2, p.28-29) 70-750E11-1 (Sec. 2, p.28-29) 70-788EL11-1 (Sec. 2, p.24-25)
Part Number Builder 70A Series Package Style Module Family A
SM Socket Module
M Function M=M.O.V. (Metal Oxide Varistor) R= Resistor/Capacitor D= Diode LG= LED, Green
-24 Input Voltage 24 120 240 250
Metal Oxide Varistor Circuit Protects by Shunting Potentially Damaging Electrical Spikes Away from the Relay Coil. Ideal for AC and DC Applications.
LED Circuit LED Status Lamp Verifies that Power is Being Supplied to the Coil. Ideal for Both AC and DC Applications, Polarity Sensitive for DC Application.
RC Circuit Snubs Back EMF of Relay Coil.
Optimized Size No Wider than the Socket.
Diode Circuit Protects External Drive Circuitry from Inductive Voltages Generated when Removing Coil Voltage. Ideal for DC Applications. Polarity Sensitive.
Magnecraft Solution Guide 1 05A
Modules Plugging a module into a socket, connects the circuit in parallel with the relay and coil. No additional wiring is required. No additional tools are required. The modules fit within the maximum dimensions of both the relay and socket.
3/5
SECTION 3
70-SM (B) Socket Modules
The Complete System Solution! www..com
UL Recognized File No. E234203
SECTION 3
Characteristics Package Style Function Input Voltage Mating Sockets
70-BSMD-250
B Protection Diode 6 - 250 VDC
70-BSMLG-24
B LED Indicator 24 VAC/VDC
70-781D5-1A (Sec. 2, p.6-7) 70-782D8-1 (Sec. 2, p.8-9) 70-782D14-1 (Sec. 2, p.22-23) 70-782E14-1 (Sec. 2, p.20-21) 70-782EL8-1 (Sec. 2, p.14-15) 70-782EL11-1 (Sec. 2, p.16-17) 70-782EL14-1 (Sec. 2, p.18-19)
1.37 (34.7) LED
.384 (9.82)
0.384 (9.82)
PACKAGE - B
0.49 (12.4) 0.34 (8.63)
.490 (12.4)
LISTED 9MA6 IND. CONT. EQ.
1.6 MAX (40.64)
DATE CODE AND COUNTRY A1 OF ORIGIN PART NO. MARKED ON TWO LINES 1st LINE TO BE "70-BSM" 1.05 MAX.
LISTED 9MA6 IND. CONT. EQ.
.34 (8.63)
LED
DATE CODE AND COUNTRY OF ORIGIN
1.60 MAX.
1.05 MAX (26.67)
A2 A1
A2
A1 CIRCUIT DIAGRAM A2 A1
PACKAGES A & B WIRING DIAGRAMS
PACKAGES A & B WIRING DIAGRAMS CIRCUIT 1 CIRCUIT 2 CIRCUIT 3
WIRING DIAGRAMS
CIRCUIT 4
M.O.V. A1 A2
DIODE
A2
+ A1
M.O.V.
A2
L.E.D.
A1
+ A2 A1
DIODE
A2
+ A1 A1 A2
L.E.D.
+ A1
R/C A2
CIRCUIT 4
A1
CIRCUIT 5
CIRCUIT 1 CIRCUIT 6 CIRCUIT 5
CIRCUIT 2 CIRCUIT 7 CIRCUIT 6
CIRCUIT 3 CIRCUIT 7
3/6
A2
+ A1
A2
+ A1
A2
+ A1
Magnecraft Solution Guide 105A
www.magnecraft.com
847-441-2540
www..com
BOLD-FACED PART NUMBERS ARE NORMALLY STOCKED
70-BSMLG-120/240
B LED Indicator 120/240 VAC/VDC
70-BSMM-24
B MOV Suppressor 24 VAC/VDC
70-BSMM-120
B MOV Suppressor 120 VAC/VDC
70-BSMM-240
B MOV Suppressor 240 VAC/VDC
70-781D5-1A (Sec. 2, p.6-7) 70-782D8-1 (Sec. 2, p.8-9) 70-782D14-1 (Sec. 2, p.22-23) 70-782E14-1 (Sec. 2, p.20-21) 70-782EL8-1 (Sec. 2, p.14-15) 70-782EL11-1 (Sec. 2, p.16-17) 70-782EL14-1 (Sec. 2, p.18-19)
Part Number Builder Series Module Family
70-
B Package Style B
SM Socket Module
M Function M=M.O.V. (Metal Oxide Varistor) R= Resistor/Capacitor D= Diode LG= LED, Green
-24 Input Voltage 24 120 240 250
Metal Oxide Varistor Circuit Protects by Shunting Potentially Damaging Electrical Spikes Away from the Relay Coil. Ideal for AC and DC Applications.
LED Circuit LED Status Lamp Verifies that Power is Being Supplied to the Coil. Ideal for Both AC and DC Applications, Polarity Sensitive for DC Application.
RC Circuit Snubs Back EMF of Relay Coil.
Optimized Size No Wider than the Socket.
Diode Circuit Protects External Drive Circuitry from Inductive Voltages Generated when Removing Coil Voltage. Ideal for DC Applications. Polarity Sensitive.
Modules Plugging a module into a socket, connects the circuit in parallel with the relay and coil. No additional wiring is required. No additional tools are required. The modules fit within the maximum dimensions of both the relay and socket.
Magnecraft Solution Guide 1 05A
3/7
SECTION 3
Advantages of Using Clips
* Metal hold-down clips are ideal for use where high heat or humid conditions are a factor, thus holding their shape and tension. The clips are made of stainless steel and are designed to withstand harsh environments.
www..com
* Plastic ejector/hold-down clips are ideal in applications where sockets are located in dense or tight areas. These clips allow for quick, safe and firm securing of relays in the sockets with the added benefit that the relay can be ejected with one finger. Plastic clips also aid in keeping operator's fingers away from live circuits. The optional snap-in identification tag allows for custom marking of sockets when used in multi-socket applications. * Plastic I.D. clips are ideal for easy identification of circuits in multi-relay applications. They are designed for labeling and are not ideal for securing the relay in the socket.
SECTION 3
Metal Hold-Down Clip Plastic Ejector Clip
Optional Snap-In I.D. Tags can be used on Plastic Clip for easy application identification. Corrosion Free Stainless Steel
Metal Clips can tolerate high heat. Designed to withstand harsh environments. Holds two heights of relays.
Sturdy Plastic
Plastic I.D. Clip
Plastic Write-On Label allows for easy identification of circuits.
Ejection Bar is designed to secure and eject relays from tight, multi-socket applications.
Sturdy Plastic
3/8
www.magnecraft.com
847-441-2540
Magnecraft Solution Guide 105A
www..com
The Complete System Solution!
SECTION 3
I.D. Clips allow for easy identification of circuits in multi-relay applications. Hold-down clips colored green for better viewing.
No Tools Needed!
Stainless Steel Hold-Down Clips made for nearly every application. Ideal for use in harsh environments. Newly designed Plastic Hold-Down Clip secures relays firmly and ejects relays easily.
Magnecraft Solution Guide 105A
3/9
Metal and Plastic Clips
* Stainless Steel Clips are Designed to be Corrosion Resistant in Harsh Enviroments and are Ideal for Use Under Shock and Vibration Conditions.
www..com
* Plastic Ejector/Hold-Down Clips are Ideal for Use in High-Density, Multi-Socket Applications.
SECTION 3
* Plastic Identification Tag is Perfect for Use in Multi-Socket Applications for Custom Identification of Circuits.
16-781SC
16-781IDC
16-782SC
16-782PC-1
COMING SOON!
16-782IDC 16-783SC 16-783IDC 16-784SC
16-784IDC
16-1332
16-1324
16-1342
NEW!
16-1351 16-1344 16-TDR782SC
NEW!
16-TDRPROSC
3/10
Magnecraft Solution Guide 105A
Socket Part Number
70-124-1 70-124-2 70-178-1 70-178-2 70-378-1 70-378-1 70-378-1 70-379-1 70-379-1 www..com 70-401-1 70-401-1 70-402-1 70-402-1 70-459-1 70-461-1 70-461-1 70-463-1 70-463-1 70-464-1 70-464-1 70-464-1 70-465-1 70-465-1 70-465-1 70-750DL8-1 70-750DL8-1 70-750DL8-1 70-750DL8-1 70-750DL11-1 70-750DL11-1 70-750DL11-1 70-750DL11-1 70-750E8-1 70-750E8-1 70-750E8-1 70-750E11-1 70-750E11-1 70-750E11-1 70-750EL8-1 70-750EL11-1 70-781D5-1A 70-781D5-1A 70-781F-1 70-781T-1 70-782D8-1 70-782D8-1 70-782D14-1 70-782D14-1 70-782D14-1 70-782D14-1 70-782E14-1 70-782E14-1 70-782E14-1 70-782E14-1 70-782EL8-1 70-782EL8-1 70-782EL8-1 70-782EL11-1 70-782EL11-1 70-782EL14-1 70-782EL14-1 70-782EL14-1 70-782EL14-1 70-783D11-1 70-783D11-1 70-784D14-1 70-784D14-1 70-788EL11-1
Clip Part Number
Supercedes
Relays
788, 711, 388J (All) 788, 711, 388J (All) 788, 711, 388J (All) 788, 711, 388J (All) 782 (All & Hermetic) 782C and Hermetic Only TDR782 782 (All & Hermetic) TDR782 782 With .187 Term. 782C With .187 Term. Only 782 With .187 Term. 782C With .187 Term. Only 782 With .187 Term. 782 (All & Hermetic) TDR782 788 (All), 785 TDR (SOX/SRX) B 750 (All), 750H TDRSOXP, 712 TDRPRO 750 (All), 750H, 755 TDR (SRXP), 712 TDRPRO 750 (All) TDRSOXP 750H TDRPRO 750 (All) TDRSRXP 750H TDRPRO 750 (All), 750H 750 (All), TDRSRXP, 712 TDRPRO 750 (All), 750H, 755 TDRSRXP, 712 TDRPRO 750 (All), 750H 750 (All), 750H, 755 781 (All) 781 (All) 781 (All) 781 (All) 782 With .187 Term. 782 (All) 782, 4 Pole (Plain & Full Featured) 782, 4 Pole (Full Featured) 782 Hermetic Only TDR782 782, 4 Pole (Plain & Full Featured) 782, 4 Pole (Full Featured) 782 Hermetic Only TDR782 782 2 Pole (All) 782, 2 Pole (Full Featured) TDR782 782, 3 Pole (All) 782. 3 Pole (Full Featured) 782, 4 Pole (Plain & Full Featured) 782, 4 Pole (Full Featured) 782 Hermetic Only TDR782 783 (All) 783 (All) 784 (All) 784 (All) 788 (All), 711
Remarks
Front Back (North Front Back (North Front Back (North Front Back (North Side Mount Front Back (North Side Mount Side Mount Side Mount Side Mount Front Back (North Side Mount Front Back (North Side Mount Side Mount Side Mount Side Mount Side Mount Side Mount Side Mount Side Mount Side Mount Side Mount Side Mount Front Back (North Side Mount Side Mount Side Mount Front Back (North Side Mount Side Mount Side Mount Side Mount Side Mount Side Mount Side Mount Side Mount Side Mount Side Mount Side Mount Side Mount Side Mount Side Mount Side Mount Side Mount Side Mount Side Mount Side Mount Side Mount Side Mount Side Mount Side Mount Side Mount Side Mount Side Mount Side Mount Side Mount Side Mount Side Mount Side Mount Side Mount Side Mount Side Mount Side Mount Side Mount Side Mount Side Mount Side Mount South) South) South) South) Mount Mount Mount Mount
16-1351 16-722-2 16-1351 16-722-2 16-1351 16-722-2 16-1351 16-722-2 16-1342 16-1324 16-TDR782SC 16-1342 16-TDR782SC 16-1342 16-1324 16-1342 16-1324 16-1342 16-1329 16-1342 16-1328 16-TDR782SC 16-1351 16-1329 16-1344 16-1351 16-1352 16-1344 16-TDRPROSC 16-1351 13-1352 16-1344 16-TDRPROSC 16-1332 16-1344 16-1351 16-1352 16-TDRPROSC 16-1332 16-1344 16-1351 16-1352 16-TDRPROSC 16-1351 16-1352 16-1344 16-TDRPROSC 16-1351 16-1352 16-1344 16-TDRPROSC 16-1351 16-1352 16-1351 16-1352 16-781SC 16-1326 16-781IDC 16-1327 (Plastic) 16-781SC 16-1326 16-781SC 16-1326 16-1342 16-782IDC 16-1349 (Plastic) 16-782SC 16-782PC 16-1342 16-TDR782SC 16-782SC 16-782PC-1 16-1342 16-TDR782SC 16-782SC 16-782PC-1 16-TDR782SC 16-782SC 16-782PC-1 16-782SC 16-782PC-1 16-1342 16-TDR782SC 16-783SC COMING SOON! 16-783IDC 16-1350 (Plastic) 16-784SC 16-784IDC 16-1351 (Plastic) 16-1351
South) Mount
South) Mount South) Mount
South) Mount
South) Mount
Magnecraft Solution Guide 105A
3/11
SECTION 3
I.D. Tag/Write-On Plastic Labels
NEW
www..com
SECTION 3
Characteristics Description Function Packaging Minimum Used with these Sockets
Write-On Plastic Label *for 16-782PC-1 Clip Identification of Relays in Multi-Relay Apps. Tear-off card/108 pieces 70-782D14-1 (Sec. 2, p.22-23) 70-782EL8-1 (Sec. 2, p.14-15) 70-782EL11-1 (Sec. 2, p.16-17) 70-782EL14-1 (Sec. 2, p.18-19) 70-782E14-1 (Sec. 2, p.20-21)
16-700ST-1*
Write-On Plastic Label for Sockets Identification of Circuits in Multi-Relay Apps. 10 pieces 70-782EL8-1 (Sec. 2, p.14-15) 70-782EL11-1 (Sec. 2, p.16-17) 70-782EL14-1 (Sec. 2, p.18-19) 70-782E14-1 (Sec. 2, p.20-21)
16-782FT-1
Write-On Plastic Label for Sockets Identification of Circuits in Multi-Relay Apps. 10 pieces 70-750E8-1 (Sec. 2, p.28-29) 70-750E11-1 (Sec. 2, p.28-29) 70-750EL8-1 (Sec. 2, p.26-27) 70-750EL11-1 (Sec. 2, p.26-27) 70-788EL11-1 (Sec. 2, p.24-25)
16-750/788FT-1
16-700ST-1 16-782PC-1 Clip
0.19 (4.8) 0.46 (11.8)
Tags Flip Up for Easy Wiring.
0.12 (3.7)
782EL Socket
1.06 (27) 0.45 (11.5) 0.9 (23)
Note: 16-782ST plastic label sold as a 108 piece tear-off card.
16-782FT-1
0.55 (14.2)
Tags Flip Up for Easy Wiring. 750EL Socket
1.2 (32) 0.47 (12) 1.07 (27.4)
Note: 16-782FT and the 16-750/788FT plastic labels sold as a 10 piece package. 16-750/788FT-1
0.55 (14.2)
3/12
Magnecraft Solution Guide 105A
Coil Bus Jumpers
Allows Inputs to be Jumped to Adjacent Sockets Without Additional Wiring.
www..com
www.magnecraft.com
847-441-2540
* Infinite number of connections. * Eliminates need to insert stripped jumper wires into terminals. * Installs quickly. * NO tools needed.
Characteristics Description Function Packaging Minimum Used with these Sockets
Internal Coil Bus Jumper System Wireless Socket Connection 20 pieces 70-782EL8-1 (Sec. 2, p.14-15) 70-782EL11-1 (Sec. 2, p.16-17) 70-782EL14-1 (Sec. 2, p.18-19)
16-782CBJ-1
Internal Coil Bus Jumper System Wireless Socket Connection 20 pieces 70-750DL8-1 (Sec. 2, p.30-31) 70-750DL11-1 (Sec. 2, p.30-31) 70-750EL8-1 (Sec. 2, p.26-27) 70-750EL11-1 (Sec. 2, p.26-27) 70-788EL11-1 (Sec. 2, p.24-25)
16-750/788CBJ-1
16-782CBJ-1
0.10 (2.6) 0.29 (7.4) 0.24 (.61) 0.84 (21.5)
0.98 (25)
0.09 (2.3)
Coil Bus Jumpers colored green for better viewing. 16-750/788CBJ-1
0.12 (3.2) 1.37 (35)
0.3 (8.3) 0.02 (.64) 1.25 (32)
0.09 (2.3)
Magnecraft Solution Guide 1 05A
3/13
SECTION 3
Relay Adapters
DIN Rail Adapters
www..com
SECTION 3
Characteristics Package Style Function Mating Relays
C Mount Relay Directly to DIN Rail 781XAX (Sec. 1, p.10-11)
16-781C
C Mount Relay Directly to DIN Rail All 782s (Sec. 1, p.12-18)
16-782C
C Mount Relay Directly to DIN Rail 783XCX (Sec. 1, p.19-20)
16-783C
781C
C Mount Relay Directly to DIN Rail 784XDX (Sec. 1, p.20-22)
16-784C
782C .87 (22.2)
Relay DIN Adapters There is No Need to Purchase a Socket. * * * * * * * * DIN mounting. Plastic construction. Light weight. Low cost. Low profile. Write-On label. Narrow mounting. Easy termination.
781C 782C
.76 (19.2) 1.84 (46.7) MAX
1.39 (35.2) 1.97 (50) MAX 2.06 (52.2) MAX
(7.6)
DIN Rail Adapters allow the 700 Series relays to be direct .24 .30 mounted on a DIN rail.
1.5 (38)
(6.1)
.15 (3.9)
16-781C
.76 (19.2) 1.84 (46.7) MAX
16-782C
.87 (22.2)
16-783C
.87 (22.2)
783C
.67 (17)
784C
16-784C
.93 (23.7)
.77 (19.6)
1.5 (38)
.30 (7.6)
.24 (6.1)
.15 (3.9)
.29 (7.4)
.29 (7.4)
.67 (17)
.93 (23.7)
1.32 (33.5)
1.72 (43.6)
3/14
Magnecraft Solution Guide 105A
www.magnecraft.com
Top/Bottom Flange Adapters
847-441-2540
www..com
Characteristics Package Style Function Mating Relays
C1 Mount Relay Directly to Panel 781XAX (Sec. 1, p.10-11)
16-781C1
C1 Mount Relay Directly to Panel All 782s (Sec. 1, p.12-18)
16-782C1
C1 Mount Relay Directly to Panel 783XCX (Sec. 1, p.19-20)
16-783C1
C1 Mount Relay Directly to Panel 784XDX (Sec. 1, p.20-22)
16-784C1
Relay Flange Adapters There is No Need to Purchase a Socket. * * * * * * * Flange mounting. Plastic construction. Light weight. Low cost. Low profile. Narrow mounting. Easy termination.
782C1 .72 18.3 .72 42.8 42.8 (42.8 MAX) (42.8 MAX)
43.2 (43.243.2 MAX)
Top/Bottom Flange Adapters allow the 700 Series relays to be direct mounted on a panel.
(43.2 MAX)
16-781C1
(15.6) 6.0 (15.6) 6.0
781C1
781C1
16-782C1
782C1
783C1 .72 18.3 .72
16-783C1
783C1
.61 15.6 .61
784C1
16-784C1
784C1
18.3
1.5 (38) 1.5 38
18.3
1.5 38
15.6
1.5 38
1.5 (38)
.18 (4.6)
1.5 38
.14 3.6 .14 3.6
1.5 38
.14 3.6 .15 3.8
1.5 38
.18 (4.6)
1.4 (3.6)
.14 3.6
.94 24
.14 3.6
.14 3.6
.14 3.6
.67 (17)
1.4 (3.6)
.14 3.6
.15 3.8
1.34 34
.15 3.8
1.34 44
.15 3.8 1.34 44
.67 (17)
.94 24
1.34 34
Magnecraft Solution Guide 1 05A
3/15
SECTION 3
Relay Adapters continued
www..com
Flange Adapter
DIN Rail Adapter
SECTION 3
Characteristics Function Mating Relays
Mount Relay Directly to Panel 711 (Sec. 7, p.4-5) 712 (Sec. 7, p.6-11) TDRSRX/SOX (Sec. 5, p.22-27)
16-711C1
Mount Relay Directly to DIN Rail 711 (Sec. 7, p.4-5) 712 (Sec. 7, p.6-11) TDRSRX/SOX (Sec. 5, p.22-27)
16-711C4
16-711 Adapters allow the 711, 712, TDRSRX/SOX Series relays to be directly mounted to a panel or on a DIN rail. There is no need to purchase a socket.
* * * *
DIN or Panel Mounting. Plastic Construction. Light Weight. Low Cost.
* Low Profile. * Narrow Mounting. * Easy Termination.
ERTICAL MOUNT VERTICAL MOUNT 711 Relay Only) Relay Only) (711
16-711C1 16-711-C1 16-711-C1 FLANGE ADAPTOR FLANGE ADAPTOR FLANGE ADAPTER
VERTICAL MOUNT VERTICAL MOUNT (711 Relay Only) Relay Only) (711
16-711C4 16-711-C4 16-711-C4 DIN RAIL ADAPTOR DIN RAIL ADAPTOR DIN RAIL ADAPTER
HORIZONTAL MOUNT HORIZONTAL MOUNT (All Mating Relays)Mating Relays) (All
HORIZONTAL MOUNT HORIZONTAL MOUNT (All Mating Relays)Mating Relays) (All 2.7 (68.6) MAX 2.7 (68.6) MAX 1.6 (40.6) MAX 1.6 (40.6) MAX 2.90 (73.7) MAX 2.90 (73.7) MAX
1.6 (40.6) MAX
1.6 (40.6) M
2.6 (66.0)
2.6 (66.0)
1.65 (41.9) 0.918 (23.4)
1.65 (41.9)
35mm DIN RAIL INTERFACE
35mm DIN RAIL INTERFACE
0.918 (23.4)
1.1 (27.9)
1.1 (27.9)
1.65 (41.9)
1.65 (41.9)
1.67 (42.4)
1.67 (42.4)
2.15 (54.6)
2.15 (54.6)
0.082 (2.0)
0.082 (2.0)
0.14 (3.5)
0.14 (3.5)
0.32 (8.1)
0.32 (8.1)
1.18 (30.0)
1.18 (30.0)
1.53 (38.9)
1.53 (38.9)
1.65 (41.9)
1.65 (41.9)
3/16
Magnecraft Solution Guide 105A
DIN Rail Adapter/W9A Power Relay
www.magnecraft.com
847-441-2540
www..com
Characteristics Function Mating Relay
Creates a Solid Base which Allows the W9A to be Mounted Directly to the DIN Rail W9A (Sec. 6, p.22-25)
16-9ADIN-1
1.24 (31.5)
W9A POWER RELAY
1.1 (27.94)
16-9ADIN-1 DIN RAIL ADAPTER
0.47 (11.94) 1.41 (35.73) 2.57 (65.28)
1.075 (27.3)
1.09 (27.63)
0.465 (11.8)
Magnecraft Solution Guide 1 05A
3/17
SECTION 3
Panel Mount Adapter
www..com
SECTION 3
Characteristics Function Mating Socket Mating Relays
A Solid Panel Mounting Base which Adapts to the 70-788EL11-1 Socket and 800 Series Timing, Sensing and Solid State Relays 70-788EL11-1 (Sec. 2, p.24-25) 820 Series (Sec. 5, p.4-7) 831 (Sec. 5, p.8-9) 841 (Sec. 5, p.10-13) 861 (Sec. 4, p.6-11)
16-788C1
0.06 TYP (1.4)
0.17 TYP (4.31)
0.256 (6.5)
0.12 (3.04) 1.39 MAX (35.3) 0.165 (4.19)
0.165 TYP (4.19)
0.585 (14.95) 1.4 MAX (35.5) 1.7 (43.18)
3/18
Magnecraft Solution Guide 105A
DIN Rail and Locking End Clip
www.magnecraft.com
847-441-2540
www..com
Characteristics Description Function Weight
Plastic End Clip with Locking Screw Holds Sockets Firmly in Place on DIN Rail 4.5 grams
16-DCLIP-1
Extruded Aluminum DIN Rail, 39.37" (1000mm) Provides for Quick Installation and Removal of Sockets 125 grams
16-700DIN
39.3 (1000)
0.3 (7.5 +0.0/-0.4)
1.377 +0.011/-0.007 (35 0.3) 0.19 (5) 1.0 (25.5)
C L SEE NOTE 1
0.39 (10)
0.99 (25)
0.39 (10)
0.039 (1 0.04)
NOTES: 1. THE LIPS AT BASE OF DIN RAIL MAY OR MAY NOT BE PRESENT ON DIN RAIL EXTRUSIONS.
SCREW/CLEAR ZINC CHROMATE
(R)
16-DCLIP-1 1.65 (42.0) 1.39 (35.5)
RoHS
0.37 (9.4)
1.55 (39.5)
0.86 (22.0)
1.37 (34.7)
1.17 (29.7)
* The 16-700DIN is produced from high strength extruded aluminum and is designed to be a direct replacement for standard 35mm wide DIN rails.
Magnecraft Solution Guide 1 05A
3/19
SECTION 3
Heat Sink/Class 6 Solid State Relay
Thermal management is a fundamental consideration in the design and use of Solid State Relays (SSRs) because of the contact dissipation (typically 1 W per amp). It is vital that sufficient heat sinking is provided, or the life and switching reliability of the SSR will be compromised. The unique design of the Magnecraft aluminum heat sink maximizes heat dissipation. Available for Magnecraft's panel mount SSRs and ensures reliable operation when properly selected for the specific application. For ease of installation, all mounting holes are pre-drilled and tapped.
www..com
SECTION 3
Characteristics Description Function Weight Used With these Solid State Relays Up to 50 Amps
TOP VIEW 0.13 (3.18)
Aluminum Heat Sink for Class 6 Relay Maximizes Heat Dissipation 19.7 ounces (558.5 grams) 6 Series (Sec. 4, p.18-27)
SIDE VIEW
1.0
0.92
SSR-HS-1
THERMAL RESISTANCE vs POWER DISSIPATION
THERMAL RESISTANCE (C/W)
0.8 0.69 0.6 0.4 0.2 0.55 0.52 0.51
0.19 (4.95) 1.75 (44.45)
5.51 (139.95)
MARKING AREA
0
20
40
THERMAL RESISTANCE vs POWER DISSIPATION
1.0 THERMAL RESISTANCE (C/W) THERMAL RESISTANCE (C/W)
4.73 (120.14) 3.86 (97.92) 1.99 (50.63)
1.0
0.8 0.6 0.6 0.4 0.4 0.2 0.2
CURRENT RATING (A) (A) CURRENT RATING
THERMAL RESISTANCE vs POWER DISSIPATION 0.92 TYP. 0.07 0.92 0.8 (1.69) 0.69
0.69 0.55 0.55 0.52 0.52 0.51
THERMAL DERATING CURVE for 50A CLASS 6 with (70 CFM) FAN THERMAL DERATING CURVE for 50A CLASS 6 60 with (70 CFM) FAN
60 50 50 40 40 30 30 20 20 10 10 0 0 25 50 75 AMBIENT TEMPERATURE (C) 25 50 75 AMBIENT TEMPERATURE (C) 100 100 37 37 28 28
60 80 100 DISSIPATION (W)
120
140
0.24 (6.04)
20 20 40 40 60 80 100 DISSIPATION (W) 60 80 100 DISSIPATION (W)
2.65 (67.31)
0.51
0 0
120 120
140 140
TYP. 0.34 (8.69) FRONT VIEW
CURRENT RATING (A) (A) CURRENT RATING
THERMAL DERATING CURVE for 50A CLASS 6 without FAN THERMAL DERATING CURVE for 50A CLASS 6 60 without FAN
60 50 50 40 40 30 30 20 20 10 10 0 20 20 47 47 38 38 24 24 19 19 14 14 40 60 80 AMBIENT TEMPERATURE (C) 40 60 80 AMBIENT TEMPERATURE (C) 100 100
User Guide: The Magnecraft SSR should be firmly mounted on a clean, smooth heat sink surface using thermally conductive or suitable thermal transfer pads. * Model matches heat dissipation requirements for Magnecraft 6 Series SSRs; up to 50 amps. * Magnecraft design achieves outstanding thermal efficiency. * Pre-drilled and tapped to suit Magnecraft SSR 6 Series "hockey puck style" range.
3/20
0
Magnecraft Solution Guide 105A
Thermal Pad/Class 6 Solid State Relay
www.magnecraft.com
847-441-2540
www..com
One of the major considerations when using a SSR is properly managing the heat that is generated when switching currents higher than about 5 amps. In this scenario one must mount the base plate of the SSR onto a good heat conductor, typically aluminum; along with utilizing a good thermal transfer medium such as thermal grease or heat transfer pad. Magnecraft's thermal pad eliminates the need for messy thermal grease and simplifies installation with a simple peel-and-stick solution.
Characteristics Description Function Packaging minimum Used With these Solid State Relays Up to 50 Amps
Thermal Pad for Class 6 Relay Eliminates the need for Thermal Grease 10 pieces 6 Series (Sec. 4, p.18-27)
SSR-TP-1
INSTALLATION: 2.22 (56.3) 1. RELEASE LINER ON ONE SIDE OF THE THERMAL PAD, PLACE UNDERNEATH CLASS 6 SOLID STATE RELAY. 2. RELEASE LINER ON OTHER SIDE OF THERMAL PAD AND PLACE RELAY AND PAD ONTO HEAT SINK OR PANEL. 1.72 (43.63)
0.88 (22.45)
0.29 (7.35)
Magnecraft Solution Guide 1 05A
3/21
SECTION 3
Metal Enclosure/199 Power Relay
www..com
SECTION 3
BOLD-FACED PART NUMBERS ARE NORMALLY STOCKED Characteristics Description Function Weight Relays Used With 199 (Sec. 6, p.2-11) Universal Mount Metal Enclosure Covers and Protects Relays Approx. 1 lb.
50-1289-1
.215 DIA. (5.46) 2 HOLES 4.50 (114.3) TOP VIEW
1/2" conduit knockouts on each end.
3.01 (76.58) .096 TYP. (24.4) 5.220 (132.58) 4.125 (104.77)
.060 (1.52)
1.50 (38.1)
3.38 (85.85)
1.875 (47.63)
2.00 (50.8)
1.62 (41.2)
.88 KNOCK-OUT HOLES 2 KNOCK-OUT HOLES EACH END SIDE VIEW
1.12 (28.4)
3 MOUNTING HOLES .218 2.500 (63.50) BOTTOM VIEW 14 HOLES TAPPED #8-32
3/22
Magnecraft Solution Guide 105A
Section
Magnecraft
3
Finder
99.80.9.024.99 99.80.9.060.99 99.80.9.220.99 99.80.0.024.98 99.80.0.060.98 99.80.0.230.98 99.80.0.024.59 99.80.0.060.59 99.80.0.230.59 99.80.3.000.00 99.80.0.024.09 99.80.0.060.09 99.80.0.230.09 2833741 2833754 2833767 2833864 2833877 2833880 1-1393161-1 1-1393161-3 1-1393161-4
Phoenix Contact
2833657 2833660 2833673 2833712 2833725 2833738
Tyco/Shrack
0-1393161-3 2-1419152-4 2-1419152-5
70-BSMDLG-6/24 70-BSMDLG-24/60 www..com 70-BSMDLG-110/240 70-BSMMLG-6/24 70-BSMMLG-24/60 70-BSMMLG-110/240 70-BSMLG-6/24 70-BSMLG-24/60 70-BSMLG-110/240 70-BSMD-250 70-BSMR-6/24 70-BSMR-24/60 70-BSMR-110/240 70-BSMM-6/24 70-BSMM-24/60 70-BSMM-110/240
Magnecraft
70-ASMDLG-6/24 70-ASMDLG-24/60 70-ASMDLG-110/240 70-ASMMLG-6/24 70-ASMMLG-24/60 70-ASMMLG-110/240 70-ASMLG-6/24 70-ASMLG-24/60 70-ASMLG-110/240 70-ASMD-250 70-ASMR-6/24 70-ASMR-24/60 70-ASMR-110/240 70-ASMM-6/24 70-ASMM-24/60 70-ASMM-110/240
Finder
Phoenix Contact
Tyco/Schrack
6-1419149-6 6-1419149-7 7-1393163-6 7-1393163-7 7-1393163-8
Magnecraft Solution Guide 1 05A
3/23
SECTION 3
NOTES:
www.magnecraft.com
847-441-2540
www..com
SECTION 3
3/24
Magnecraft Solution Guide 105A


▲Up To Search▲   

 
Price & Availability of 70-782EL11-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X