Part Number Hot Search : 
GS25U48 ORE9901 59008 0P100 2SD96 OPI2154 BU4530AL 3862PYG
Product Description
Full Text Search
 

To Download 3S4YR-SBR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
(R)
Manual Insert Magnetic Card Reader
Compact, Highly Reliable Insert Reader Reads 62% of Magnetic Track
s s s s s s
3S4YR-SBR
Effective strip length of 46.6 mm max. Microswitches incorporated for card detection Slim package Wide operating temperature range Housing compatible with SCR type for easy conversion to IC card TTL-compatible interface (clock & data)
Ordering Information
Magnetic Tracks Supported (R, R/W) 1 R -- -- R -- 2 -- R -- R R 3 -- -- R -- R Center -- -- -- -- -- JIS II -- -- -- -- -- IC contact No No No No No Interface TTL TTL TTL TTL TTL Cable No No No No No Cover No No No No No Color Black Black Black Black Black Part Number 3S4YR-SBR3-20 3S4YR-SBR4-20 3S4YR-SBR5-20 3S4YR-SBR6-20 3S4YR-SBR7-20
s TYPICAL APPLICATIONS
* Access Control * Time and Attendance * ID Card Checkers * Electronic Locks * Remote Terminals for Computers * Telephones * Vending * Gaming Machines
Specifications
Part number Recommended card type Recording method Card feeding speed Service life/magnetic head Single track Double track Operating power supply Magnetic card 3S4YR-SBR ISO 7810, 7811/1-5, 7812, 7813 FM decoding (F2F) 10 to 100 cm/sec (4 to 39 in/sec) 300,000 passes min. 300,000 passes min. 5 VDC 10% 25 mA max. 50 mA max.
www..com track Current consumption Single
Double track
Specifications continued on next page
www..com
3S4YR-SBR
3S4YR-SBR
Specifications, continued
Mounting location Ambient temperature Ambient humidity Vibration Shock Dimensions Weight Operation Storage Operation Storage Anywhere not directly subject to water drops or sunlight. -10 to 55C (14 to 131F) -20 to 70C (-4 to 158F) 10% to 95% RH without condensation 10% to 95% RH 10 to 55 Hz, 2 mm double amplitude, for 30 minutes in each of X, Y, and Z directions. 300 m/sec2 (30 G) in each of X, Y, and Z directions 87L x 60W x 21.5H mm (3.43L x 2.36W x 0.85H in) Approx. 50 g (1.8 oz)
Engineering Data
s OUTPUT CIRCUIT DIAGRAM
VCC
Output signal levels VOL = 0.4 V at 16 mA VCC = 5.5 at 2 mA
Output (RDP, RCP, CLS)
0V
s I/O INFORMATION 3S4YR-SBR 3,4,5-20 Connector
10-pin JAE single-pin header part number IL-10P-S3FP2-1. Connector JAE part number IL-10S-S3L-N. Pin # 1 2 3 4 5 6 7 8 9 10 Signal NC RDP RCP CLS SW1-COM SW1-NO SW2-COM SW2-NO 5 VDC 0V Input/Output -- Output Output Output Output Input Output Input -- -- Description Not connected Read data Read clock Card load Card detection for rear Card detection for rear Card detection for front Card detection for front Vcc Ground
3S4YR-SBR 6,7-20 Connector
12-pin JAE angle pin header part number IL-12P-S3FP2-1. Connector JAE part number IL-12S-S3L-N. Pin # 1 2 3 4 5 6 7 8 9 10 11 12 Signal RDP1 RCP1 CLS1 RDP2 RCP2 CLS2 SW1-COM SW1-NO SW2-COM SW2-NO 5 VDC 0V Input/Output Output Output Output Output Output Output Output Input Output Input -- -- Description Read data, track 1 or 3 Read clock, track 1 or 3 Card load, track 1 or 3 Read data, track 2 Read clock, track 2 Card load, track 2 Card detection for rear Card detection for rear Card detection for front Card detection for front Vcc Ground
www..com
2
www..com
3S4YR-SBR
3S4YR-SBR
Dimensions
Unit: mm (inch)
s 3S4YR-SBR
9 (0.35)
52 0.2 (2.05 0.01) PCB
5 (0.20) Three 2.1 (0.08) dia. depth 6 (0.24)
48 0.2 (1.89 0.01) Pin no. 1 24 0.2 (0.94 0.01) Plate 15 (0.59) 30 (1.18) 6 (0.24) Snap Action Switch Magnetic head 21.5 (0.85) 5 (0.20) 4 (0.16) 8 (0.31) 7 (0.28) Three M3 threaded hole 5
3 mm max. (0.12)
23 0.5 (0.91 0.02)
9 (0.35)
6 (0.24) 60 0.3 (2.36 0.01) 24 0.2 (0.94 0.01)
58 0.2 (2.28 0.01) 40 0.2 (1.57 0.01) 87 1.5 (3.43 0.06)
48 0.2 (1.89 0.01)
Connector
21 (.083)
Note: Unless otherwise indicated, tolerance is 0.3.
www..com
3
www..com
3S4YR-SBR
3S4YR-SBR
NOTE: DIMENSIONS SHOWN ARE IN MILLIMETERS. To convert millimeters to inches divide by 25.4.
R
One East Commerce Drive Schaumburg, IL 60173
OMRON ELECTRONICS, INC.
OMRON CANADA, INC.
www..com
1-800-55-OMRON
Cat. No. GC CR3 7/00 Specifications subject to change without notice.
416-286-6465
4
885 Milner Avenue Scarborough, Ontario M1B 5V8
Printed in U.S.A.


▲Up To Search▲   

 
Price & Availability of 3S4YR-SBR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X