Part Number Hot Search : 
TX0246A PE4252 TX0246A WM8594 SMCJ16A 3DZ53 T3004 EA100
Product Description
Full Text Search
 

To Download 3S0680RFB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www.fairchildsemi.com
KA3S0680RB/KA3S0680RFB
Fairchild Power Switch(FPS)
Features
* Wide operatimg frequency range up to (150kHz) * Pulse by pulse over current limiting * Over load protection * Over voltage protecton (Min. 23V) www..com * Internal thermal shutdown function * Under voltage lockout * Internal high voltage sense FET * External sync terminal * Auto Restart Mode
Description
The Fairchild Power Switch(FPS) product family is specially designed for an off line SMPS with minimal external components. The Fairchild Power Switch(FPS) consist of high voltage power SenseFET and current mode PWM controller IC. controller IC features a trimmed oscillator, under voltage lock out, leading edge blanking, optimized gate turn-on/turn-off driver, thermal shut down protection, over voltage protection, temperature compensated precision current sources for loop compensation and fault protection circuit. compared to discrete MOSFET and controller or RCC switching converter solution, a Fairchild Power Switch(FPS) can reduce total component count, design size, weight and at the same time increase & efficiency, productivity, and system reliability. It has a basic platform well suited for cost effective C-TV power supply.
TO-3P-5L TO-3PF-5L
1
1
1.DRAIN 2.GND 3.VCC 4.FB 5.Sync
Internal Block Diagram
#3 VCC 32V 5V Vref - 5V + 6.4V #4 FB 2A 1mA 2.5R 1R 9V + 7.5V - + 25V - Thermal S/D OVER VOLTAGE S/D - + OSC S R L.E.B 0.1V S R Q #2 GND Q Good logic Internal bias #1 DRAIN SFET
#5 Sync
Power on reset
Rev.1.0.2
(c)2001 Fairchild Semiconductor Corporation
KA3S0680RB/KA3S0680RFB
Absolute Maximum Ratings
Characteristic Maximum Drain voltage
(1)
Symbol VD,MAX VDGR VGS IDM
(3)
Value 800 800 30 24.0 455 6.0 4.0 30 -0.3 to VSD 150 1.21 -25 to +85 -55 to +150
Unit V V V ADC mJ ADC ADC V V W W/C C C
Drain Gate voltage (RGS=1M) Gate source (GND) voltage Drain current pulsed
(2)
Single pulsed avalanche energy
EAS ID ID VCC,MAX VFB PD (watt H/S)
Continuous drain current (TC=25C)
www..com
Continuous drain current (TC=100C) Maximum supply voltage
Input voltage range Total power dissipation Operating ambient temperature Storage temperature
Derating TA TSTG
Note: 1. Tj=25C to 150C 2. Repetitive rating: Pulse width limited by maximum junction temperature 3. L=24mH, starting Tj=25 C
2
KA3S0680RB/KA3S0680RFB
Electrical Characteristics (SFET part)
(Ta = 25C unless otherwise specified) Characteristic Drain source breakdown voltage Zero gate voltage drain current Static drain source on resistance (note) Forward transconductance (note) Input capacitance www..com Output capacitance Reverse transfer capacitance Turn on delay time Rise time Turn off delay time Fall time Total gate charge (gate-source+gate-drain) Gate source charge Gate drain (Miller) charge
Note: Pulse test: Pulse width 300S, duty cycle 2% 1 S = --R
Symbol BVDSS IDSS RDS(ON) gfs Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd
Test condition VGS = 0V, ID = 50A VDS = Max., Rating, VGS = 0V VDS = 0.8Max., Rating, VGS = 0V, TC = 125C VGS = 10V, ID = 4.0A VDS = 15V, ID = 4.0A VGS = 0V, VDS = 25V, f = 1MHz VDD= 0.5BVDSS, ID= 6.0A (MOSFET switching time are essentially independent of operating temperature) VGS =10V, ID = 6.0A, VDS = 0.5BVDSS (MOSFET switching time are essentially independent of operating temperature)
Min. 800 1.5 -
Typ. 1.6 2.5 1600 140 42 60 150 300 130 70 16 27
Max. 50 200 2.0 -
Unit V A mA W S pF
nS
nC
3
KA3S0680RB/KA3S0680RFB
Electrical Charcteristics (SFET part) (Continued)
(Ta = 25C unless otherwise specified) Characteristic Symbol UVLO SECTION Start threshold voltage VSTART Stop operating voltage VSTOP OSCILLATOR SECTION Initial accuracy FOSC (2) Frequency change with temperature F/T Maximum duty cycle DMAX FEEDBACK SECTION www..com Feedback source current IFB Shutdown Feedback voltage VSD Shutdown delay current Idelay SYNC. & SOFT START SECTION Soft start voltage VSS Soft start current ISS VSYTH Sync threshold voltage(3) REFERENCE SECTION Vref Output voltage (1) Vref/T Temperature Stability (1)(2) CURRENT LIMIT (SELF-PROTECTION) SECTION Peak Current Limit IOVER PROTECTION SECTION TSD Thermal shutdown temperature (Tj) (1) Over voltage protection voltage VOVP TOTAL DEVICE SECTION Start Up current ISTART Operating supply current IOP (control part only) VCC zener voltage VZ Test condition After turn on Ta = 25C -25C Ta +85C Ta = 25C, Vfb = GND Ta = 25C, 5V Vfb VSD VFB = 2V Sync & S/S = GND Vfb = 5V Ta = 25C -25C Ta +85C Max. inductor current VCC = 14V Ta = 25C ICC = 20mA Min. 14 9 18 92 0.7 6.9 1.4 4.7 0.8 6.0 4.80 3.52 140 23 0.1 6 30 Typ. 15 10 20 5 95 0.9 7.5 1.8 5.0 1.0 6.4 5.00 0.3 4.00 160 25 0.3 12 32.5 Max. 16 11 22 10 98 1.1 8.1 2.2 5.3 1.2 6.8 Unit V V kHz % % mA V A V mA V
5.20 V 0.6 mV/C 4.48 28 0.55 18 35 A C V mA mA V
Note: 1. These parameters, although guaranteed, are not 100% tested in production 2. These parameters, although guaranteed, are tested in EDS(water test) process 3.The amplitude of the sync. pulse is recommended to be between 2V and 3V for stable sync. function.
4
KA3S0680RB/KA3S0680RFB
Typical Performance Characteristics (control part)
(These characteristic graphs are normalized at Ta = 25C)
Fig.1 Operating Frequency
1.2 1.15 1.1 1.05 Fosc 1 0.95 0.9 0.85 0.8 -25 0 25 50 75 100 125 150 1.2 1.15 1.1 1.05 Ifb 1 0.95 0.9 0.85 0.8 -25
Fig.2 Feedback Source Current
www..com
0
25
50
75
100
125 150
Temperature [C]
Temperature [C]
Figure 1. Operating Frequency
Figure 2. Feedback Source Current
Fig.3 Operating Current
1.2 1.15 1.1 1.05 Iop 1 0.95 0.9 0.85 0.8 -25
1.1 1.05
Fig.4 Max Inductor Current
Ipeak 1 Iover
0.95 0.9 0.85 0 25 50 75 100 125 150 0.8 -25 0 25 50 75 100 125 150
Temperature [C]
Temperature [C]
Figure 3. Operating Supply Current
Figure 4. Peak Current Limit
1.5 1.3
Fig.5 Start up Current
1.15 1.1 1.05
Fig.6 Start Threshold Voltage
Istart
1.1 0.9 0.7 0.5 -25
Vstart 1
0.95 0.9 0 25 50 75 100 125 150 0.85 -25 0 25 50 75 100 125 150
Temperature [C]
Temperature [C]
Figure 5. Start up Current
Figure 6. Start Threshold Voltage
5
KA3S0680RB/KA3S0680RFB
Typical Performance Characteristics (continued)
(These characteristic graphs are normalized at Ta = 25C)
Fig.7 Stop Threshold Voltage
1.15 1.1 1.05 1.15 1.1 1.05
Fig.8 Maximum Duty Cycle
Vth(H) Vstop 1
0.95 0.9 0.85 -25 0 25 50 75 100 125 150
Dmax 1
0.95 0.9 0.85 -25 0 25 50 75 100 125 150
www..com
Temperature [C]
Temperature [C]
Figure 7. Stop Threshold Voltage
Figure 8. Maximum Duty Cycle
Fig.9 Vcc Zener Voltage
1.2 1.15 1.1 1.05 Vz 1 0.95 0.9 0.85 0.8 -25 1.15 1.1 1.05
Fig.10 Shutdown Feedback Voltage
Vsd 1
0.95 0.9 0 25 50 75 100 125 150 0.85 -25 0 25 50 75 100 125 150
Temperature [C]
Temperature [C]
Figure 9. VCC Zener Voltage
Figure 10. Shutdown Feedback Voltage
Fig.11 Shutdown Delay Current
1.2 1.15 1.1 1.05 Idelay 1 0.95 0.9 0.85 0.8 -25 1.15 1.1 1.05
Fig.12 Over Voltage Protection
Vovp 1
0.95 0.9 0 25 50 75 100 125 150 0.85 -25 0 25 50 75 100 125 150
Temperature [C]
Temperature [C]
Figure 11. Shutdown Delay Current
Figure 12. Over Voltage Protection
6
KA3S0680RB/KA3S0680RFB
Typical Performance Characteristics (continued)
(These characteristic graphs are normalized at Ta = 25C)
Fig.13 Soft Start Voltage
1.15 1.1 1.05 2.5 2 1.5
( Rdson)1
Fig.14 Drain Source Turn-on Resistance
Vss
1 0.9
0.95 0.85 -25
0.5 0 25 50 75 100 125 150 0 -25 0 25 50 75 100 125 150
www..com
Figure13. Soft Start Voltage
Figure 14. Static Drain-Source on Resistance
7
KA3S0680RB/KA3S0680RFB
Package Dimensions
TO-3P-5L
www..com
8
KA3S0680RB/KA3S0680RFB
Package Dimensions (Continued)
TO-3P-5L (Forming)
www..com
9
KA3S0680RB/KA3S0680RFB
Package Dimensions (Continued)
TO-3PF-5L
www..com
10
KA3S0680RB/KA3S0680RFB
Package Dimensions (Continued)
TO-3PF-5L(Forming)
www..com
11
KA3S0680RB/KA3S0680RFB
Ordering Information
Product Number KA3S0680RB-TU KA3S0680RB-YDTU KA3S0680RFB-TU
TU : Non Forming Type YDTU : Forming Type
Package TO-3P-5L TO-3P-5L(Forming) TO-3PF-5L
Operating Temperature -25C to +85C -25C to +85C
KA3S0680RFB-YDTU TO-3PF-5L(Forming)
www..com
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user.
www.fairchildsemi.com 10/17/01 0.0m 001 Stock#DSxxxxxxxx 2001 Fairchild Semiconductor Corporation
2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.


▲Up To Search▲   

 
Price & Availability of 3S0680RFB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X