Part Number Hot Search : 
TPCC8106 NMR118C 100HS 11100 16IS752 000856 AHCGN SK14DG30
Product Description
Full Text Search
 

To Download 2SK4179GS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : ENA1498
2SK4179GS
SANYO Semiconductors
DATA SHEET
2SK4179GS
Features
* * * *
N-Channel Silicon MOSFET
General-Purpose Switching Device Applications
Low ON-resistance. Motor drive. Avalanche resistance guarantee. 10V drive.
Specifications
Absolute Maximum Ratings at Ta=25C
Parameter Drain-to-Source Voltage Gate-to-Source Voltage Drain Current (DC) Drain Current (Pulse) Allowable Power Dissipation Channel Temperature Storage Temperature Avalanche Energy (Single Pulse) *1 Avalanche Current *2 Symbol VDSS VGSS ID IDP PD Tch Tstg EAS IAV PW10s, duty cycle1% Tc=25C Conditions Ratings 75 20 80 320 1.75 70 150 --55 to +150 100 48 Unit V V A A W W C C mJ A
Note : *1 VDD=30V, L=50H, IAV=48A *2 L50H, Single pulse
Electrical Characteristics at Ta=25C
Parameter Drain-to-Source Breakdown Voltage Zero-Gate Voltage Drain Current Gate-to-Source Leakage Current Symbol V(BR)DSS IDSS IGSS Conditions ID=1mA, VGS=0V VDS=75V, VGS=0V VGS=16V, VDS=0V Ratings min 75 1 10 typ max Unit V A A
Marking : K4179
Continued on next page.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to "standard application", intended for the use as general electronics equipment (home appliances, AV equipment, communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee thereof. If you should intend to use our products for applications outside the standard applications of our customer who is considering such use and/or outside the scope of our intended standard applications, please consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our customer shall be solely responsible for the use. www..com Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment.
www.semiconductor-sanyo.com/network
61009QA MS IM TC-00001991 No. A1498-1/5
2SK4179GS
Continued from preceding page.
Parameter Cutoff Voltage Forward Transfer Admittance Static Drain-to-Source On-State Resistance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-ON Delay Time Rise Time Turn-OFF Delay Time Fall Time Total Gate Charge Gate-to-Source Charge Gate-to-Drain "Miller" Charge Diode Forward Voltage Symbol VGS(off) | yfs | RDS(on) Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd VSD Conditions VDS=10V, ID=1mA VDS=10V, ID=40A ID=40A, VGS=10V VDS=20V, f=1MHz VDS=20V, f=1MHz VDS=20V, f=1MHz See specified Test Circuit. See specified Test Circuit. See specified Test Circuit. See specified Test Circuit. VDS=30V, VGS=10V, ID=80A VDS=30V, VGS=10V, ID=80A VDS=30V, VGS=10V, ID=80A IS=80A, VGS=0V Ratings min 2 35 10.5 5400 480 350 62 335 220 160 100 30 28 1.07 1.5 13.7 typ max 4 Unit V S m pF pF pF ns ns ns ns nC nC nC V
Package Dimensions
unit : mm (typ) 7530-001
10.2 2.7
3.6
4.5 1.3
6.3 14.0 15.1
14.0
(1.6)
1.2 0.8 0.4
1 2.55
2
3 2.55
1 : Gate 2 : Drain 3 : Source SANYO : TO-220(LS)
2.55
2.55
Switching Time Test Circuit
10V 0V VIN VDD=30V
2.7
Avalanche Resistance Test Circuit
L VIN ID=40A RL=0.75 D VOUT 10V 0V 50 50 2SK4179GS VDD
PW=10s D.C.1% G
www..com
P.G 50 S
2SK4179GS
No. A1498-2/5
2SK4179GS
160 140 120 100 80 60 40 20 0
ID -- VDS
Tc=25C
10 V
160
ID -- VGS
5C Tc= --2
0 1 2 3 4 5
7V
140 120 100 80 60 40 20 0
Drain Current, ID -- A
6V
0
0.5
1.0
1.5
2.0
2.5
3.0 IT13864
25 --25C C
VGS=5V
Drain Current, ID -- A
Tc =7 5
C
6
75 C
7
25 C
8 IT13865 125 150 IT13867 1.4 1.6 IT13869
8V
VDS=10V
Drain-to-Source Voltage, VDS -- V
30 28
RDS(on) -- VGS
Gate-to-Source Voltage, VGS -- V
25
RDS(on) -- Tc
Static Drain-to-Source On-State Resistance, RDS(on) -- m
26 24 22 20 18 16 14 12 10 8 6 4 2 0
Static Drain-to-Source On-State Resistance, RDS(on) -- m
ID=40A Single pulse
20
VGS=10V ID=40A Single pulse
15
Tc=75C
25C
--25C
10
5
4
5
6
7
8
9
10 IT13866
0 --50
--25
0
25
50
75
100
Gate-to-Source Voltage, VGS -- V
100
| yfs | -- ID
Case Temperature, Tc -- C
3 2 100 7 5 3 2 10 7 5 3 2 1.0 7 5 3 2 0.1 7 5 3 2 0.01 7 5 3 2 0.001
IS -- VSD
Forward Transfer Admittance, | yfs | -- S
7 5 3 2 10 7 5 3 2 1.0
VDS=10V
VGS=0V Single pulse
C 25
= Tc
C 5 --2 C 75
Source Current, IS -- A
7 5 0.1
2
3
5 7 1.0
2
3
5 7 10
2
3
Drain Current, ID -- A
7 5
5 7 100 IT13868
0
0.2
Tc=7 5C 25C --25C
0.4 0.6 0.8
1.0
1.2
SW Time -- ID
10000 7 5
Ciss, Coss, Crss -- VDS
Ciss
Diode Forward Voltage, VSD -- V
VDD=30V VGS=10V Ciss, Coss, Crss -- pF
td(off)
f=1MHz
Switching Time, SW Time -- ns
3 2
3 2
www..com
100 7 5
tf
tr
1000 7 5 3
2 100
Coss
td(on)
Crss
3 0.1
2
3
5 7 1.0
2
3
5 7 10
2
3
Drain Current, ID -- A
5 7 100 IT13870
0
5
10
15
20
25
30 IT13871
Drain-to-Source Voltage, VDS -- V
No. A1498-3/5
2SK4179GS
10 9
VGS -- Qg
VDS=30V ID=80A Drain Current, ID -- A
Gate-to-Source Voltage, VGS -- V
8 7 6 5 4 3 2 1 0 0 20 40 60 80 100 120 IT13872
1000 7 5 3 2 100 7 5 3 2 10 7 5 3 2 1.0 7 5 3 2
ASO
IDP=320A ID=80A
10 s 10 ms 0m s
PW10s
1m
10
0 s
10 s
Operation in this area is limited by RDS(on).
DC
op
er
ati
on
0.1 0.1
Tc=25C Single pulse
2 3 5 7 1.0 2 3 5 7 10 2 3
Total Gate Charge, Qg -- nC
2.0
PD -- Ta
Drain-to-Source Voltage, VDS -- V
80
PD -- Tc
5 7 100 IT13873
Allowable Power Dissipation, PD -- W
Allowable Power Dissipation, PD -- W
0 20 40 60 80 100 120 140 160
1.75 1.5
70 60 50 40 30 20 10 0
1.0
0.5
0
0
20
40
60
80
100
120
140
160
Ambient Temperature, Tc -- C
120
EAS -- Ta
IT13874
Case Temperature, Tc -- C
IT13875
Avalanche Energy derating factor -- %
100
80
60
40
20
0
0
25
50
75
100
125
150
175 IT12429
Ambient Temperature, Ta -- C
www..com
No. A1498-4/5
2SK4179GS
Note on usage : Since the 2SK4179GS is a MOSFET product, please avoid using this device in the vicinity of highly charged objects.
SANYO Semiconductor Co.,Ltd. assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein. SANYO Semiconductor Co.,Ltd. strives to supply high-quality high-reliability products, however, any and all semiconductor products fail or malfunction with some probability. It is possible that these probabilistic failures or malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise to smoke or fire, or accidents that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO Semiconductor Co.,Ltd. products described or contained herein are controlled under any of applicable local export control laws and regulations, such products may require the export license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written consent of SANYO Semiconductor Co.,Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO Semiconductor Co.,Ltd. product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed www..com for volume production. Upon using the technical information or products described herein, neither warranty nor license shall be granted with regard to intellectual property rights or any other rights of SANYO Semiconductor Co.,Ltd. or any third party. SANYO Semiconductor Co.,Ltd. shall not be liable for any claim or suits with regard to a third party's intellectual property rights which has resulted from the use of the technical information and products mentioned above.
This catalog provides information as of June, 2009. Specifications and information herein are subject to change without notice.
PS No. A1498-5/5


▲Up To Search▲   

 
Price & Availability of 2SK4179GS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X