Part Number Hot Search : 
HEM554E 95PFR140 ME505025 ISL28 17106C B1060 CY7C0 MM1027
Product Description
Full Text Search
 

To Download 1L0380RB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www.fairchildsemi.com
KA1L0380B/KA1L0380RB/KA1M0380RB/ KA1H0380RB
Fairchild Power Switch(SPS)
Features
* Precision fixed operating frequency * KA1L0380B/KA1L0380RB (50KHz) * KA1M0380RB (67KHz) * KA1H0380RB (100KHz) www..com * Pulse by pulse over current limiting * Over load protection * Over voltage protection (Min. 23V) * Internal thermal shutdown function * Under voltage lockout * Internal high voltage sense FET * Auto restart (KA1L0380RB/KA1M0380RB/KA1H0380RB)
Description
The SPS product family is specially designed for an off-line SMPS with minimal external components. The SPS consist of high voltage power SenseFET and current mode PWM controller IC. PWM controller features integrated fixed oscillator, under voltage lock out, leading edge blanking, optimized gate turn-on/turn-off driver, thermal shut down protection, over voltage protection, temperature compensated precision current sources for loop compensation and fault protection circuit. Compared to discrete MOSFET and controller or RCC switching converter solution, a SPS can reduce total component count, design size, weight and at the same time increase & efficiency, productivity, and system reliability. It has a basic platform well suited for cost effective design in either a flyback converter or a forward converter.
TO-220F-4L
1
1. GND 2. DRAIN 3. VCC 4. FB
Internal Block Diagram
#3 VCC 32V 5V Vref Good logic OSC 9V 5A #4 FB 2.5R 1R + 7.5V - + 25V - Thermal S/D OVER VOLTAGE S/D 1mA - + 0.1V S R Q #1 GND S R L.E.B Q Internal bias #2 DRAIN SFET
Power on reset
Rev. .5.0
(c)2000 Fairchild Semiconductor International
KA1L0380B/KA1L0380RB/KA1M0380RB/KA1H0380RB
Absolute Maximum Ratings
Parameter Drain-source (GND) voltage Gate-source (GND) voltage Drain current pulsed Avalanche current(4)
(2) (3) (1)
Symbol VDSS VDGR VGS IDM EAS IAS ID ID VCC VFB PD Derating TOPR TSTG
Value 800 800 30 12 95 6 3.0 2.1 30 -0.3 to VSD 35 0.28 -25 to +85 -55 to +150
Unit V V V ADC mJ A ADC ADC V V W W/C C C
Drain-Gate voltage (RGS=1M)
Single pulsed avalanche energy
Continuous drain current (TC=25C) Continuous drain current (TC=100C)
www..com Supply voltage
Analog input voltage range Total power dissipation Operating temperature Storage temperature
Notes: 1. Tj=25C to 150C 2. Repetitive rating: Pulse width limited by maximum junction temperature 3. L=51mH, VDD=50V, RG=25, starting Tj=25C 4. L=13H, starting Tj=25C
2
KA1L0380B/KA1L0380RB/KA1M0380RB/KA1H0380RB
Electrical Characteristics (SFET part)
(Ta=25C unless otherwise specified) Parameter Drain-source breakdown voltage Symbol BVDSS Condition VGS=0V, ID=50A VDS=Max., Rating, VGS=0V VDS=0.8Max., Rating, VGS=0V, TC=125C VGS=10V, ID=1.5A VDS=15V, ID=1.5A VGS=0V, VDS=25V, f=1MHz VDD=0.5BVDSS, ID=3.0A (MOSFET switching time are essentially independent of operating temperature) VGS=10V, ID=3.0A, VDS=0.5BVDSS (MOSFET switching time are essentially independent of operating temperature) Min. 800 1.5 Typ. 4.0 2.5 779 75.6 24.9 40 95 150 60 7.2 12.1 Max. 50 200 5.0 34 nC nS pF Unit V A A S
Zero gate voltage drain current Static drain-source on resistance (Note) Forward transconductance (Note) Input www..com capacitance Output capacitance Reverse transfer capacitance Turn on delay time Rise time Turn off delay time Fall time Total gate charge (gate-source+gate-drain) Gate-source charge Gate-drain (Miller) charge
Note: Pulse test: Pulse width 300S, duty cycle 2% 1 S = --R
IDSS
RDS(ON) gfs Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd
3
KA1L0380B/KA1L0380RB/KA1M0380RB/KA1H0380RB
Electrical Characteristics (CONTROL part)
(Ta=25C unless otherwise specified) Parameter REFERENCE SECTION Output voltage (1) Temperature Stability
(1)(2)
Symbol Vref Vref/T
Condition Ta=25C -25CTa+85C KA1L0380B
Min. 4.80 45 45 61 90 74 74 74 64 0.7 4.0 1.89 14 9 0.1 6 30
Typ. 5.00 0.3 50 50 67 100 5 77 77 77 67 0.9 5.0 2.15 15 10 0.3 12 32.5 7.5 160 25
Max. 5.20 0.6 55 55 73 110 10 80 80 80 70 1.1 6.0 2.41 16 11 0.45 18 35 8.1 28
Unit V mV/C
OSCILLATOR SECTION KA1L0380RB KA1M0380RB KA1H0380RB F/T -25CTa+85C KA1L0380B Maximum duty cycle Dmax KA1L0380RB KA1M0380RB KA1H0380RB FEEDBACK SECTION Feedback source current Shutdown delay current Over current protection UVLO SECTION Start threshold voltage Minimum operating voltage TOTAL STANDBY CURRENT SECTION Start current Operating supply current (control part only) VCC zener voltage SHUTDOWN SECTION Shutdown Feedback voltage Thermal shutdown temperature (Tj) Over voltage protection voltage
(1)
Initial accuracy
www..com
FOSC
kHz
Frequency change with temperature (2) PWM SECTION
%
%
IFB Idelay IL(max) Vth(H) Vth(L) IST IOPR VZ VSD TSD VOVP
Ta=25C, 0VVfb3V Ta=25C, 5VVfbVSD Max. inductor current After turn on VCC=14V Ta=25C ICC=20mA -
mA A A V V mA mA V V C V
OVER CURRENT PROTECTION SECTION
6.9 140 23
Notes: 1. These parameters, although guaranteed, are not 100% tested in production 2. These parameters, although guaranteed, are tested in EDS (wafer test) process
4
KA1L0380B/KA1L0380RB/KA1M0380RB/KA1H0380RB
Typical Performance Characteristics
(These characteristic graphs are normalized at Ta=25C)
Fig.1 Operating Frequency
1.2 1.15 1.1 1.05 Fosc 1 0.95 0.9 0.85 0.8 -25 0 25 50 75 100 125 150 1.2 1.15 1.1 1.05 Ifb 1 0.95 0.9 0.85 0.8 -25
Fig.2 Feedback Source Current
www..com
0
25
50
75
100
125 150
Temperature [C]
Temperature [C]
Figure 1. Operating Frequency
Figure 2. Feedback Source Current
Fig.3 Operating Current
1.2 1.15 1.1 1.05 IIop 1 OPR 0.95 0.9 0.85 0.8 -25
1.1 1.05
IL(MAX) 1 Ipeak
Fig.4 Max Inductor Current
0.95 0.9 0.85 0 25 50 75 100 125 150 0.8 -25 0 25 50 75 100 125 150
Temperature [C]
Temperature [C]
Figure 3. Operating Current
Figure 4. Max. Inductor Current
1.5 1.3
Fig.5 Start up Current
1.15 1.1 1.05
Fig.6 Start Threshold Voltage
IST Istart
1.1 0.9 0.7 0.5 -25
Vth(H) 1 Vstart
0.95 0.9 0 25 50 75 100 125 150 0.85 -25 0 25 50 75 100 125 150
Temperature [C]
Temperature [C]
Figure 5. Start up Current
Figure 6. Start Threshold Voltage
5
KA1L0380B/KA1L0380RB/KA1M0380RB/KA1H0380RB
Typical Performance Characteristics (Continued)
(These characteristic graphs are normalized at Ta=25C)
Fig.7 Stop Threshold Voltage
1.15 1.1 1.05 1.15 1.1 1.05
Fig.8 Maximum Duty Cycle
Vth(L) Vstop 1
0.95 0.9 0.85 -25 0 25 50 75 100 125 150
Dmax 1
0.95 0.9 0.85 -25 0 25 50 75 100 125 150
www..com
Temperature [C]
Temperature [C]
Figure 7. Stop Threshold Voltage
Figure 8. Maximum Duty Cycle
Fig.9 Vcc Zener Voltage
1.2 1.15 1.1 1.05 Vz 1 0.95 0.9 0.85 0.8 -25 1.15 1.1 1.05
Fig.10 Shutdown Feedback Voltage
Vsd 1
0.95 0.9 0 25 50 75 100 125 150 0.85 -25 0 25 50 75 100 125 150
Temperature [C]
Temperature [C]
Figure 9. VCC Zener Voltage
Figure 10. Shutdown Feedback Voltage
Fig.11 Shutdown Delay Current
1.2 1.15 1.1 1.05 Idelay 1 0.95 0.9 0.85 0.8 -25 1.15 1.1 1.05
Fig.12 Over Voltage Protection
Vovp 1
0.95 0.9 0 25 50 75 100 125 150 0.85 -25 0 25 50 75 100 125 150
Temperature [C]
Temperature [C]
Figure 11. Shutdown Delay Current
Figure 12. Over Voltage Protection
6
KA1L0380B/KA1L0380RB/KA1M0380RB/KA1H0380RB
Typical Performance Characteristics (Continued)
(These characteristic grahps are normalized at Ta=25C)
Fig.14 Drain Source Turn-on Resistance
2.5 2 1.5
Rdson 1
0.5
www..com
0 -25
0
25
50
75
100 125 150
Temperature [C]
Figure 13. Drain Source Turn-on Resistance
7
KA1L0380B/KA1L0380RB/KA1M0380RB/KA1H0380RB
Package Dimensions
TO-220F-4L
www..com
8
KA1L0380B/KA1L0380RB/KA1M0380RB/KA1H0380RB
Package Dimensions (Continued)
TO-220F-4L (Forming)
www..com
9
KA1L0380B/KA1L0380RB/KA1M0380RB/KA1H0380RB
Ordering Information
Product Number KA1L0380B-TU KA1L0380B-YDTU KA1L0380RB-TU KA1L0380RB-YDTU KA1M0380RB-TU KA1M0380RB-YDTU KA1H0380RB-TU KA1H0380RB-YDTU
www..com
Package TO-220F-4L TO-220F-4L(Forming) TO-220F-4L TO-220F-4L(Forming) TO-220F-4L TO-220F-4L(Forming) TO-220F-4L TO-220F-4L(Forming)
Rating 800V, 3A 800V, 3A 800V, 3A 800V, 3A
Fosc 50kHz 50kHz 67kHz 100kHz
TU : Non Forming Type YDTU : Forming Type
10
KA1L0380B/KA1L0380RB/KA1M0380RB/KA1H0380RB
www..com
11
KA1L0380B/KA1L0380RB/KA1M0380RB/KA1H0380RB
www..com
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR INTERNATIONAL. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user.
www.fairchildsemi.com 9/7/00 0.0m 001 Stock#DSxxxxxxxx 2000 Fairchild Semiconductor International
2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.


▲Up To Search▲   

 
Price & Availability of 1L0380RB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X