Part Number Hot Search : 
C3843 MMBD4 NCE0208I SY88973 X2065 W25Q32 RJK032 RJK032
Product Description
Full Text Search
 

To Download 15FMCJ62A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
TVS 1.5FMCJ SERIES
SURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR
1500 WATT PEAK POWER 5.0 WATTS STEADY STATE
FEATURES
* * * * * * Plastic package has underwriters laboratory Glass passivated chip construction 1500 watt surage capability at 1ms Excellent clamping capability Low zener impedance Fast response time
DO-214AB
0.125 (3.17) 0.115 (2.92) 0.280 (7.11) 0.260 (6.60)
0.245 (6.22) 0.220 (5.59)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
0.103 (2.62) 0.079 (2.06) 0.060 (1.52) 0.030 (0.76) 0.320 (8.13) 0.305 (7.75)
0.012 (0.305) 0.006 (0.152)
0.008 (0.203) 0.004 (0.102)
Dimensions in inches and (millimeters)
DEVICES FOR BIPOLAR APPLICATIONS
For Bidirectional use C or CA suffix for types 1.5FMCJ6.8 thru 1.5FMCJ200 Electrical characteristics apply in both direction
MAXIMUM RATINGS (At TA = 25 oC unless otherwise noted) RATINGS Peak Power Dissipation with a 10/1000uS ( Note 1,2, Fig.1 ) Peak Pulse Current with a 10/1000uS Waveform ( Note 1, Fig.3 ) Steady State Power Dissipation at TL = 75oC ( Note 2 ) Peak Forward Surge Current, 8.3ms single half sine wavesuperimmposed on rated load( JEDEC METHOD )( Note 2,3 ) Maximum Instantaneous Forward Voltage at 50A for unidirectional only ( Note 3,4 ) Operating and Storage Temperature Range
o
SYMBOL PPPM IPPM PM(AV) IFSM VF TJ, TSTG
VALUE Minimum 1500 SEE TABLE 1 5.0 200 SEE NOTES 4 -55 to + 150
UNITS Watts Amps Watts Amps Volts
0
C 2003-12
NOTES : 1. Non-repetitive current pulse, per Fig.3 and derated above TA = 25 C per Fig.2. 2. Mounted on 0.31 X 0.31" (8.0 X 8.0mm) copper pads to each terminal. 3. Measured on 8.3mS single half sine-wave or equivaient square wave, duty cycle = 4 pulses per minute maximum. 4. VF = 3.5V on 1.5FMCJ6.8 thru 1.5FMCJ90 diveces and VF = 5.0V on 1.5FMCJ100 thru 1.5FMCJ400 devices.
RATING AND CHARACTERISTIC CURVES ( 1.5FMCJ6.8 THRU 1.5FMCJ200CA )
PPPM, PEAK PULSE POWER, KW
PEAK PULSE POWER (PPP) OR CURRENT (IPP) DERATING IN PERCENTAGE,%
100
FIG. 1 - PEAK PULSE POWER RATING CURVE
Non-Repetitive Pulse Waveform Shown in Fig.3 TA = 25
100
FIG. 2 - PULSE DERATING CURVE
75
10
50
1.0
0.31X0.31"(8.0X8.0mm) copper pad areas
25
0.1 0.1uS
0 0 25 75 100 125 150 175 200 50 TA, AMBIENT TEMPERATURE,( )
1.0uS 10uS 100uS 1.0mS TP, PULSE WIDTH, sec FIG. 3 - PULSE WAVEFORM
10mS
150
IFSM, PEAK FORWARD SURGE CURRENT,
FIG. 4 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT UNIDIRECTIONAL ONLY 200
8.3ms Single Half Sine-Wave JEDEC Method
IPPM, PEAK PULSE CURRENT,%
tr = 10usec.
Peak Value IPPM
Pulse Width (td) is Defined as the Point Where the Peak Current Decays to 50% of IPPM
160
100
IPPM HALF VALUE 2 10/1000usec. Waveform as Defined by R.E.A.
AMPERES
120
80
50
40
0 0
td
0 1 10 NUMBER OF CYCLES AT 60 Hz 100
1.0
2.0 t, TIME,mS
3.0
4.0
5.00
ID, INSTANTANEOUS REVERSE LEAKAGE CURRENT, ( uA )
FIG. 5 -STEADY STATE POWER DERATING CURVE
FIG. 6 - TYPICAL REVERSE LEAKAGE CHARACTERISTICS
100
PM(AV), STEADY STATE POWER DISSIPATION, WATTS
60 Hz RESISTIVE OR INDUCTIVE LOAD
3.75
10
2.50
1
TA = 25
1.25
0.1
0 0 25 50 75 100 125 150 175 TL, LEAD TEMPERATURE ( ) 200
0.01 0 2 4 6 8 10 12 14 16 18 20 V( BR ) BREAKDOWN VOLTAGE, VOLTS
RECTRON
TRANSIENT VOLTAGE SUPPRESSORS
1500W SERIES TVS DIODES / DO-214AB ( CASE 4 ) 1500W
Breakdown Voltage VBR @IT (Volts) MIN.
1.5FMCJ6.8 1.5FMCJ6.8A 1.5FMCJ7.5 1.5FMCJ7.5A 1.5FMCJ8.2 1.5FMCJ8.2A 1.5FMCJ9.1 1.5FMCJ9.1A 1.5FMCJ10 1.5FMCJ10A 1.5FMCJ11 1.5FMCJ11A 1.5FMCJ12 1.5FMCJ12A 1.5FMCJ13 1.5FMCJ13A 1.5FMCJ15 1.5FMCJ15A 1.5FMCJ16 1.5FMCJ16A 1.5FMCJ18 1.5FMCJ18A 1.5FMCJ20 1.5FMCJ20A 1.5FMCJ22 1.5FMCJ22A 1.5FMCJ24 1.5FMCJ24A 1.5FMCJ27 1.5FMCJ27A 1.5FMCJ30 1.5FMCJ30A 1.5FMCJ33 1.5FMCJ33A 1.5FMCJ36 1.5FMCJ36A 1.5FMCJ39 1.5FMCJ39A 1.5FMCJ43 1.5FMCJ43A 1.5FMCJ47 1.5FMCJ47A 1.5FMCJ51 1.5FMCJ51A 1.5FMCJ56 1.5FMCJ56A 6.12 6.45 6.75 7.13 7.38 7.79 8.19 8.65 9.00 9.50 9.90 10.5 10.8 11.4 11.7 12.4 13.5 14.3 14.4 15.2 16.2 17.1 18.0 19.0 19.8 20.9 21.6 22.8 24.3 25.7 27.0 28.5 29.7 31.4 32.4 34.2 35.1 37.1 38.7 40.9 42.3 44.7 45.9 48.5 50.4 53.2
TYPE
MAX.
7.48 7.14 8.25 7.88 9.02 8.61 10.0 9.55 11.0 10.5 12.1 11.6 13.2 12.6 14.3 13.7 16.5 15.8 17.6 16.8 19.8 18.9 22.0 21.0 24.2 23.1 26.4 25.2 29.7 28.4 33.0 31.5 36.3 34.7 39.6 37.8 42.9 41.0 47.3 45.2 51.7 49.4 56.1 53.6 61.6 58.8
(mA)
10 10 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Reverse Stand off Voltage VWM (Volts)
5.50 5.80 6.05 6.40 6.63 7.02 7.37 7.78 8.10 8.55 8.92 9.40 9.72 10.2 10.5 11.1 12.1 12.8 12.9 13.6 14.5 15.3 16.2 17.1 17.8 18.8 19.4 20.5 21.8 23.1 24.3 25.6 26.8 28.2 29.1 30.8 31.6 33.3 34.8 36.8 38.1 40.2 41.3 43.6 45.4 47.8
Maximum Reverse Leakage at VWM ID(uA)
1000 1000 500 500 200 200 50 50 10 10 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
Maximum Peak Pulse Current IPPM (Amps)
139 143 128 133 120 124 109 112 100 103 92.6 96.2 86.7 89.8 78.9 82.4 68.2 70.8 63.8 66.7 56.6 59.5 51.5 54.2 47 49 43.2 45.2 38.4 40 34.5 36.2 31.4 32.8 28.8 30.1 26.6 27.8 24.2 25.3 22.1 23.1 20.4 21.4 18.6 19.5
Maximum Clamping Voltage at IPPM VC (Volts)
10.8 10.5 11.7 11.3 12.5 12.1 13.8 13.4 15.0 14.5 16.2 15.6 17.3 16.7 19.0 18.2 22.0 21.2 23.5 22.5 26.5 25.2 29.1 27.7 31.9 30.6 34.7 33.2 39.1 37.5 43.5 41.4 47.7 45.7 52.0 49.9 56.4 53.9 61.9 59.3 67.8 64.8 73.5 70.1 80.5 77.0
RECTRON
TRANSIENT VOLTAGE SUPPRESSORS
1500W SERIES TVS DIODES / DO-214AB ( CASE 4 ) 1500W
TYPE
Breakdown Voltage VBR @IT (Volts) MIN. MAX.
68.2 65.1
(mA)
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Reverse Stand off Voltage VWM (Volts)
50.2 53.0 55.1 58.1 60.7 64.1 66.4 70.1 73.7 77.8 81.0 85.5 89.2 94.0 97.2 102 105 111 121 128 130 136 138 145 146 154 162 171
Maximum Reverse Leakage at VWM ID(uA)
5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
Maximum Peak Pulse Current IPPM (Amps)
16.9 17.6 15.3 16.3 13.9 14.6 12.7 13.3 11.5 12.0 10.4 10.9 9.9 10.3 9.1 9.5 8.4 8.7 7.3 7.6 6.8 7.1 6.4 6.7 6.1 6.4 5.4 5.7
Maximum Clamping Voltage at IPPM VC (Volts)
89.0 85.0 98.0 92.0 109 104 118 113 131 125 144 137 158 152 173 165 187 179 215 207 230 219 244 234 258 246 287 274
1.5FMCJ62 1.5FMCJ62A 1.5FMCJ68 1.5FMCJ68A 1.5FMCJ75 1.5FMCJ75A 1.5FMCJ82 1.5FMCJ82A 1.5FMCJ91 1.5FMCJ91A 1.5FMCJ100 1.5FMCJ100A 1.5FMCJ110 1.5FMCJ110A 1.5FMCJ120 1.5FMCJ120A 1.5FMCJ130 1.5FMCJ130A 1.5FMCJ150 1.5FMCJ150A 1.5FMCJ160 1.5FMCJ160A 1.5FMCJ170 1.5FMCJ170A 1.5FMCJ180 1.5FMCJ180A 1.5FMCJ200 1.5FMCJ200A
55.8 58.9 61.2 64.6 67.5 71.3 73.8 77.9 81.9 86.5 90.0 95.0 99.0 105 108 114 117 124 135 143 144 152 153 162 162 171 180 190
74.8
71.4 82.5 78.8 90.2 86.1 100 95.5 110 105 121 116 132 126 143 137 165 158 176 168 187 179 198 189 220 210
Notes :
1. VBR measured after IT applied for 300ms. IT = square pulse or equivalent. 2. For bidirectional use C or CA suffixs for all types (ex. 1.5FMCJ6.8C,1.5FMCJ200CA) electrical characteristics apply in both directions. 3. For bidirectional types having VWM of 10 volts and less, the ID Iimit is doubled. 4. All devices UL listed file# E211196.
RECTRON
Mounting Pad Layout
0.185 MAX. (4.69 MAX.)
0.121 MIN. (3.07 MIN.)
0.060 MIN. (1.52 MIN.) 0.320 REF
Dimensions in inches and (millimeters)
RECTRON


▲Up To Search▲   

 
Price & Availability of 15FMCJ62A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X