Part Number Hot Search : 
CPC1117 2SB1005 2SB1005 TODX295 74L00 2SB1005 8HC71 U16NB
Product Description
Full Text Search
 

To Download 13005A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NPN
SILICON
TRANSISTOR OO|uIaA 3DD13005A
aOY1/2OA ucx I E3/4 A1
NiEUO
13005A
IaI 1/4 Oy1/2A A
O/OOAI3/4
1/4IO
Ta=25ae(c)
------- Tc=25ae(c) cNEa 1/4cNu1/4 cN- - - - ----------55~150ae 150ae 70W 700V 400V 9V 4A 8A 2A
TO-220
T stg www..com O u ae Tj1/2aIA PC1/4c|AEAE VCBO VCEO 1/4 VEBO * IC1/4cA/ IC1/4cA/ IBu1/4cA/1/4 c1/4 c1/4* Ea1/4
IAE-----
u1/4
1Du 2D1/4c 3D*Ea1/4
1/4
B C E
DC(c) Aoa(c)
IEy*uA
cIEy
BVCEO
Ta=25ae(c)
*u A E A/
*
xiO 400
aIO
xioO
V 1
I
a
EO
Io
1/4
sus(c)
1/4c*EaION *Ea1/4u1/2OOcA/ OA/cOoOae
*
IC=10mA, IB=0 VEB=9V, IC=0 VCE=5V, IC=1A VCE=5V, IC=2A
IEBO hFE
mA
10 8
40 40 0.5 0.6 1 V v V V V pF MHz 0.8 |I |I |I s s s
VCE
sat(c)
1/4c*EaIN
*
IC=1A, IB=0.2A IC=2A, IB=0.5A IC=4A, IB=1A IC=1A, IB=0.2A IC=2A, IB=0.5A VCB=10V, f=0.1MHz VCE=10V, IC=0.5A
VBE(sat) u1/4*EaIcN
*
1.2 1.6
Cob u1/4EaocEY IOO/AEAE 1/4IEa OOA/xOOuaeE1/4a IA1/2E1/4a fT ton ts tf
65 4
4 0.9
VCC=125V, IC=2A, IB1=-IB2=0.4A
*O
H1
10--16(c)
H2
14--21(c)
H3
19--26(c)
H4
24--31(c)
H5
29--40(c)


▲Up To Search▲   

 
Price & Availability of 13005A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X