Part Number Hot Search : 
44000 7C134 SSP60 31M10 MAX452 LTC1059M FRF250R OP181GP
Product Description
Full Text Search
 

To Download 04022RXXXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Class 2, X7R
16 V TO 500 V
www..com
Product Specification - Aug 17, 2005 V.9
Phycomp
Product specification
Surface-mount ceramic multilayer capacitors
FEATURES * Six standard sizes * High capacitance per unit volume * Supplied in tape on reel or in bulk case * NiSn terminations. APPLICATIONS * Consumer electronics for example - Tuners - Television receivers - Video recorders - All types of cameras * Telecommunications * Automotive * Data processing. DESCRIPTION
www..com
Class 2, X7R 16 V to 500 V
QUICK REFERENCE DATA DESCRIPTION Rated voltage UR (DC) Capacitance range (E12 series): 16 V 25 V 50 V 100 V 200 V 250 V 500 V Tolerance on capacitance Test voltage (DC) for 1 minute: Sectional specifications Detailed specification Climatic category (IEC 60 068) 4.7 nF to 1 F 3.3 nF to 1 F 100 pF to 1 F 220 pF to 560 nF 220 pF to 150 nF 220 pF to 33 nF 470 pF to 15 nF 10%; 5% 2.5 x Ur IEC 60384-10 second edition 1989-04; also based on CECC 32 100 based on CECC 32 101-801 55/125/56 VALUE 16 V, 25 V, 50 V, 100 V, 200 V, 250 V and 500 V (IEC)
The capacitor consists of a rectangular block of ceramic dielectric in which a number of interleaved nickel electrodes are contained. This structure gives rise to a high capacitance per unit volume. The inner electrodes are connected to the two copper terminations, coated with a barrier layer of plated nickel and finally covered with a layer of plated tin (NiSn). A cross section of the structure is shown in Fig.1.
terminations
electrodes
MLB457
ceramic material
Fig.1
Construction of a ceramic multilayer capacitor.
2005 Aug 17 Rev. 9
2
www.yageo.com
Phycomp
Product specification
Surface-mount ceramic multilayer capacitors
MECHANICAL DATA
Class 2, X7R 16 V to 500 V
T
W
L2
L4 L1
L3
MBB211
For dimensions see Table 1.
Fig.2. Component outline.
Physical dimensions Table 1
www..com
Capacitor dimensions L1 W T MIN. 0.45 0.73 0.50 0.50 0.50 0.90 0.018 0.029 0.020 0.020 0.020 0.035 MAX. 0.55 0.87 1.35 1.25 2.10 1.75 0.022 0.035 0.053 0.049 0.083 0.069 L2 and L3 . MIN. 0.20 0.25 0.25 0.25 0.25 0.25 0.008 0.010 0.010 0.010 0.010 0.010 MAX. 0.30 0.65 0.75 0.75 0.75 0.75 0.012 0.026 0.030 0.030 0.030 0.030 L4 MIN.
CASE SIZE
Dimensions in millimetres 0402 0603 0805 1206 1210 1812 0402 0603 0805 1206 1210 1812 1.0 0.05 1.6 0.10 2.0 0.10 3.2 0.15 3.2 0.20 4.5 0.20 0.040 0.002 0.063 0.004 0.079 0.004 0.126 0.006 0.126 0.008 0.177 0.008 0.5 0.05 0.8 0.07 1.25 0.10 1.6 0.15 2.5 0.20 3.2 0.20 0.020 0.002 0.032 0.003 0.049 0.004 0.063 0.006 0.098 0.008 0.126 0.008 0.40 0.40 0.55 1.40 1.40 2.20 0.016 0.016 0.022 0.056 0.056 0.088
Dimensions in inches
2005 Aug 17 Rev. 9
3
www.yageo.com
Phycomp
Product specification
Surface-mount ceramic multilayer capacitors
SELECTION CHART FOR 16 V C (nF) 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56
www..com
Class 2, X7R 16 V to 500 V
LAST TWO DIGITS OF 12NC 32 33 34 35 36 37 38 39 41 42 43 44 45 46 47 48 49 51 52 53 54 55 56 57 58 59 61 62 63
16 V 0402 0603 0805 1206
0.5 0.05
0.8 0.07 0.6 0.1
68 82 100 120 150 180 220 270 330 390 470 560 680 820 1 000 Note 1. 2.
0.85 0.1
0.85 0.1 1.25 0.1
1.15 0.1
Values in shaded cells indicate thickness class in mm. Thickness classification and packing quantities refer to table 2.
2005 Aug 17 Rev. 9
4
www.yageo.com
Phycomp
Product specification
Surface-mount ceramic multilayer capacitors
SELECTION CHART FOR 25 V C (nF) 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39
www..com
Class 2, X7R 16 V to 500 V
LAST TWO DIGITS OF 12NC 29 31 32 33 34 35 36 37 38 39 41 42 43 44 45 46 47 48 49 51 52 53 54 55 56 57 58 59 61 62 63
25 V 0402 0603 0805 1206 1210
0.5 0.05
0.6 0.1
0.8 0.07
47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1 000 Note 1. 2.
0.85 0.1
0.85 0.1
1.15 0.1
1.15 0.1 1.6 0.2
Values in shaded cells indicate thickness class in mm. Thickness classification and packing quantities refer to table 2.
2005 Aug 17 Rev. 9
5
www.yageo.com
Phycomp
Product specification
Surface-mount ceramic multilayer capacitors
Thickness classification and packing quantities for 16 V to 500 V Table 2 Quantities for all sizes and thickness 8 mm TAPE WIDTH QUANTITY PER REEL 180 mm; 7" Paper 0402 0603 0805 0.5 0.05 0.8 0.07 0.6 0.1 0.85 0.1 1.25 0.1 1206 0.85 0.1 1.15 0.1 0.85 0.1 1210 1.15 0.1 1.6 0.2 1812
www..com
Class 2, X7R 16 V to 500 V
THICKNESS SIZE CLASSIFICATION CODE (mm)
12 mm TAPE WIDTH QUANTITY PER REEL 180 mm; 7" Blister - - - - 10,000 - 10,000 10,000 10,000 - - - - - - - - - - - 1,500 1,000 Blister -
330 mm; 13" Paper 50,000 15,000 20,000 15,000 - 15,000 - - - - - -
QUANTITY PER BULK CASE 50,000 15,000 10,000 8,000 5,000 - - - - - - -
Blister - - - - 3,000 - 3,000 4,000 3,000 2,000 - -
10,000 4,000 4,000 4,000 - 4,000 - - - - - -
1.15 0.1 1.6 0.2
2005 Aug 17 Rev. 9
6
www.yageo.com
Phycomp
Product specification
Surface-mount ceramic multilayer capacitors
ORDERING INFORMATION FOR 16 V AND 25 V
Class 2, X7R 16 V to 500 V
Components may be ordered by using either a Phycomp's unique 12NC or simple 15-digit clear text code. Ordering code 12NC (preferred)
22XX
Carrier type 22 blister 38 paper 54 bulk Rated voltage - Termination 78 16 V; NiSn 91 25 V; NiSn Size 7 0402 6 0603 0 0805 1 1206 2 1210
XXX
X5XXX
Capacitance value(1)
Tolerance 5 5% 6 10% 7 20% Packaging(2) 1 reel: 180 mm; 7" 5 reel: 330 mm; 13" 4 bulk case
SCM025
www..com
(1) (2)
Refer to chapters "Selection chart for 16 V" and "Selection chart for 25 V". Quantity on reel depends on thickness classification, see section "Thickness classification and packing quantities".
Clear text code EXAMPLE: 08052R104K8BB0D Size Code
0402 0603 0805 1206 1210
Temp. Char.
Capacitance
Tol.
Vol.
7 = 16 V 8 = 25 V
Termination
B = NiSn
Packing
Marking
Series
2R = X7R 104 = 100000 pF; J = 5% K = 10% the third digit signifies the M = 20% multiplying factor: 2 = x 100 3 = x 1000 4 = x 10 000 5 = x 100 000
2 = 180 mm; 7" paper 0 = no marking D = BME 3 = 330 mm; 13" paper B = 180 mm; 7" blister F = 330 mm; 13" blister P = bulk case
2005 Aug 17 Rev. 9
7
www.yageo.com
Phycomp
Product specification
Surface-mount ceramic multilayer capacitors
SELECTION CHART FOR 50 V C (pF) 100 120 150 180 220 270 330 390 470 560 680 820 1,000 1,200
www..com
Class 2, X7R 16 V to 500 V
LAST TWO DIGITS OF 12NC 09 11 12 13 14 15 16 17 18 19 21 22 23 24 25 26 27 28 29 31 32 33 34 35 36 37 38 39 41
50 V 0402 0603 0805 1206 1210 1812
0.5 0.05
0.8 0.07 0.6 0.1 0.85 0.1
1,500 1,800 2,200 2,700 3,300 3,900 4,700 5,600 6,800 8,200 10,000 12,000 15,000 18,000 22,000 Note 1. 2.
0.85 0.1
Values in shaded cells indicate thickness class in mm. Thickness classification and packing quantities refer to table 2.
2005 Aug 17 Rev. 9
8
www.yageo.com
Phycomp
Product specification
Surface-mount ceramic multilayer capacitors
SELECTION CHART FOR 50 V CONTINUED C (pF) 27,000 33,000 39,000 47,000 56,000 68,000 82,000 100,000 120,000 150,000 180,000 220,000 270,000 330,000
www..com
Class 2, X7R 16 V to 500 V
LAST TWO DIGITS OF 12NC 42 43 44 45 46 47 48 49 51 52 53 54 55 56 57 58 59 61 62 63
50 V 0402 0603 0805 1206 1210 1812
0.85 0.1 0.85 0.1
0.85 0.1
0.8 0.07
1.15 0.1
1.15 0.1 1.15 0.1
390,000 470,000 560,000 680,000 820,000 1,000,000 Note 1. 2.
1.6 0.2
1.6 0.2
Values in shaded cells indicate thickness class in mm. Thickness classification and packing quantities refer to table 2.
2005 Aug 17 Rev. 9
9
www.yageo.com
Phycomp
Product specification
Surface-mount ceramic multilayer capacitors
ORDERING INFORMATION FOR 50 V
Class 2, X7R 16 V to 500 V
Components may be ordered by using either a Phycomp's unique 12NC or simple 15-digit clear text code. Ordering code 12NC (preferred)
22XX
Carrier type 22 blister 38 paper 54 bulk Rated voltage - Termination 58 50 V; NiSn Size 7 0402 6 0603 0 0805 1 1206 2 1210 4 1812
XXX
X5XXX
Capacitance value(1)
Tolerance 5 5% 6 10% 7 20%
SCM026
Packaging(2) 1 reel: 180 mm; 7" 5 reel: 330 mm; 13" 4 bulk case
www..com
(1) (2)
Refer to chapter "Selection chart for 50 V". Quantity on reel depends on thickness classification, see section "Thickness classification and packing quantities".
Clear text code EXAMPLE: 08052R104K9BB0D Size Code
0402 0603 0805 1206 1210 1812
Temp. Char.
Capacitance
Tol.
Vol.
9 = 50 V
Termination
B = NiSn
Packing
Marking
Series
2R = X7R 104 = 100000 pF; J = 5% the third digit K = 10% signifies the M = 20% multiplying factor: 1 = x 10 2 = x 100 3 = x 1000 4 = x 10 000 5 = x 100 000
2 = 180 mm; 7" paper 0 = no marking D = BME 3 = 330 mm; 13" paper B = 180 mm; 7" blister F = 330 mm; 13" blister P = bulk case
2005 Aug 17 Rev. 9
10
www.yageo.com
Phycomp
Product specification
Surface-mount ceramic multilayer capacitors
SELECTION CHART FOR 100 V C (pF) 220 270 330 390 470 560 680 820 1,000 1,200 1,500 1,800 2,200 2,700
www..com
Class 2, X7R 16 V to 500 V
LAST TWO DIGITS OF 12NC 14 15 16 17 18 19 21 22 23 24 25 26 27 28 29 31 32 33 34 35 36
100 V 0805 1206 1210 1812
0.6 0.1
0.85 0.1
3,300 3,900 4,700 5,600 6,800 8,200 10,000 Note 1. 2.
Values in shaded cells indicate thickness class in mm. Thickness classification and packing quantities refer to table 2.
2005 Aug 17 Rev. 9
11
www.yageo.com
Phycomp
Product specification
Surface-mount ceramic multilayer capacitors
SELECTION CHART FOR 100 V CONTINUED C (pF) 12,000 15,000 18,000 22,000 27,000 33,000 39,000 47,000 56,000 68,000 82,000 100,000 120,000 150,000
www..com
Class 2, X7R 16 V to 500 V
LAST TWO DIGITS OF 12NC 37 38 39 41 42 43 44 45 46 47 48 49 51 52 53 54 55 56 57 58 59
100 V 0805 1206 1210 1812
0.85 0.1 0.85 0.1
0.85 0.1 1.15 0.1
1.15 0.1 1.15 0.1
180,000 220,000 270,000 330,000 390,000 470,000 560,000 Note 1. 2.
1.6 0.2
Values in shaded cells indicate thickness class in mm. Thickness classification and packing quantities refer to table 2.
2005 Aug 17 Rev. 9
12
www.yageo.com
Phycomp
Product specification
Surface-mount ceramic multilayer capacitors
SELECTION CHART FOR 200 V AND 250 V C (pF) 220 270 330 390 470 560 680 820 1,000 1,200 1,500 1,800 2,200 2,700
www..com
Class 2, X7R 16 V to 500 V
LAST TWO DIGITS OF 12NC 14 15 16 17 18 19 21 22 23 24 25 26 27 28 29 31 32 33 34 35
200 V 0805 1206 1210 1812 0805
250 V 1206
0.85 0.1
0.85 0.1
0.85 0.1
0.85 0.1
3,300 3,900 4,700 5,600 6,800 8,200 Note 1. 2.
1.25 0.1
1.25 0.1
Values in shaded cells indicate thickness class in mm. Thickness classification and packing quantities refer to table 2.
2005 Aug 17 Rev. 9
13
www.yageo.com
Phycomp
Product specification
Surface-mount ceramic multilayer capacitors
SELECTION CHART FOR 200 V AND 250 V CONTINUED C (pF) 10,000 12,000 15,000 18,000 22,000 27,000 33,000 39,000 47,000 56,000 68,000 82,000 100,000 120,000
www..com
Class 2, X7R 16 V to 500 V
LAST TWO DIGITS OF 12NC 36 37 38 39 41 42 43 44 45 46 47 48 49 51 52
200 V 0805 1.25 0.1 0.85 0.1 0.85 0.1 1206 1210 1812 0805
250 V 1206
1.25 0.1 0.85 0.1
1.15 0.1
1.15 0.1
1.15 0.1
1.15 0.1
150,000 Note 1. 2.
Values in shaded cells indicate thickness class in mm. Thickness classification and packing quantities refer to table 2.
2005 Aug 17 Rev. 9
14
www.yageo.com
Phycomp
Product specification
Surface-mount ceramic multilayer capacitors
SELECTION CHART FOR 500 V C (pF) 470 560 680 820 1,000 1,200 1,500 1,800 2,200 2,700 3,300 3,900 4,700 5,600
www..com
Class 2, X7R 16 V to 500 V
LAST TWO DIGITS OF 12NC 18 19 21 22 23 24 25 26 27 28 29 31 32 33 34 35 36 37 38
500 V 1206 1210 1812
1.15 0.1
1.15 0.1 0.85 0.1
6,800 8,200 10,000 12,000 15,000 Note 1. 2.
1.15 0.1
Values in shaded cells indicate thickness class in mm. Thickness classification and packing quantities refer to table 2.
2005 Aug 17 Rev. 9
15
www.yageo.com
Phycomp
Product specification
Surface-mount ceramic multilayer capacitors
ORDERING INFORMATION FOR 100 V, 200 V, 250 V AND 500 V
Class 2, X7R 16 V to 500 V
Components may be ordered by using either a Phycomp's unique 12NC or simple 15-digit clear text code. Ordering code 12NC (preferred)
22XX
Carrier type 22 blister 38 paper 54 bulk
XXX
X5XXX
Capacitance value(1)
Rated voltage - Termination 60 100 V; NiSn 93 200 V; NiSn 83 250 V; NiSn 97 500 V; NiSn Size 0 0805 1 1206 2 1210 4 1812
www..com
Tolerance 5 5% 6 10% 7 20%
SCM027
Packaging(2) 1 reel: 180 mm; 7" 5 reel: 330 mm; 13" 4 bulk case
(1) (2)
Refer to chapters "Selection chart for 100 V" and "Selection chart for 200 V and 500 V". Quantity on reel depends on thickness classification, see section "Thickness classification and packing quantities".
Clear text code EXAMPLE: 18122R104KBBB0D Size Code
0805 1206 1210 1812
Temp. Char.
Capacitance
Tol.
Vol.
Termination
Packing
Marking
Series
2R = X7R 104 = 100000 pF; J = 5% 0 = 100 V B = NiSn the third digit K = 10% B = 200 V signifies the C = 250 V M = 20% multiplying factor: D = 500 V 1 = x 10 2 = x 100 3 = x 1000 4 = x 10 000
2 = 180 mm; 7" paper 0 = no marking D = BME 3 = 330 mm; 13" paper B = 180 mm; 7" blister F = 330 mm; 13" blister P = bulk case
2005 Aug 17 Rev. 9
16
www.yageo.com
Phycomp
Product specification
Surface-mount ceramic multilayer capacitors
ELECTRICAL CHARACTERISTICS Class 2 capacitors; X7R dielectric; NiSn terminations
Class 2, X7R 16 V to 500 V
Unless otherwise stated all electrical values apply at an ambient temperature of 25 1 C, an atmospheric pressure of 86 to 105 kPa, and a relative humidity of 63 to 67%. DESCRIPTION Capacitance range; note 1 Capacitance tolerance Dissipation factor (D.F.); note 1 Insulation resistance after 1 minute at Ur (DC) Maximum capacitance change as a function of temperature (Temperature characteristic/coefficient; for typical values see Fig.3) Operation temperature range Note 1 Measured at 1 V, 1 kHz, using a four-gauge method. 100 pF to 1F 20%, 10%, 5% 2.5%; 16 V range 3.5% Rins 10 G or Rins x C 500 seconds whichever is less 15% -55 C to +125 C VALUE
www..com
C C (%)
15
HBK096
600 tan (x 10-4)
(1) (2)
HBK095
10
5
400
(3) (4) (5)
0
-5
200
(6)
-10 -15
-40
0
40
80
T (oC)
120
0
-40
0
40
80 120 T (C)
Curve 1 = 16 V product. Curve 2 = 25 V product. Curve 3 = 50 V product. Curve 4 = 100 V product. Curve 5 = 200 V product. Curve 6 = 500 V product.
Fig.3
Typical capacitance change as a function of temperature.
Fig.4
Typical tan as a function of temperature.
2005 Aug 17 Rev. 9
17
www.yageo.com
Phycomp
Product specification
Surface-mount ceramic multilayer capacitors
s
HBK094
Class 2, X7R 16 V to 500 V
0 C C (%) -10 16 V product -20 25 V product
0 C C (%) -20
HBK097
50 V product -40
100 V product
-30
-60
-40
-80
-50 0 10 20 30
0
20
40
60
100 80 VDC (V)
VDC (V)
Fig.5
www..com
Typical capacitance change with respect to the capacitance at 1 V as a function of DC voltage at 20 C.
Fig.6
Typical capacitance change with respect to the capacitance at 1 V as a function of DC voltage at 20 C.
0 C C (%) -20 500 V product -40 200 V product -60
HBK098
-80
-100
0
100
200
300
400 500 VDC (V)
Fig.7
Typical capacitance change with respect to the capacitance at 1 V as a function of DC voltage at 20 C.
2005 Aug 17 Rev. 9
18
www.yageo.com
Phycomp
Product specification
Surface-mount ceramic multilayer capacitors
REVISION HISTORY Revision Rev.9 Rev.8 Rev.7 Rev.6 Rev.5 Date 2005 Aug 17 2004 Jul 30 2004 Jan 09 2002 Aug 28 2002 Jul 15 Change Notification Description
Class 2, X7R 16 V to 500 V
- 0603 50V capacitance range extended to 100 nF - 0402 16V capacitance range extended to 47 nF - Revise for thickness and product range - Capacitance range changed from 2.2 nF - Capacitance range changed from E6 into E12 - Capacitance range expanded to 4.7 F - Figures 3 through 7 corrected - Updated company logo
2003 Jun 26
www..com
2005 Aug 17 Rev. 9
19
www.yageo.com


▲Up To Search▲   

 
Price & Availability of 04022RXXXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X