Part Number Hot Search : 
1N522 APTGT1 25616 OPB618 331M1 070906FS M6004 TC74A
Product Description
Full Text Search
 

To Download 04022EXXXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
Surface Mount Ceramic Capacitor
FEATURES * Ultra Stable TCC of 030ppm * Excellent Hi-F Performance * Low Dissipation Factor * Ideal for Timed RC Circuits and Critical Tuning Applications QUICK REFERENCE DATA DESCRIPTION Rated Voltage UR (DC): NP0 Dielectric Capacitance Range (E12 series): NP0 (CG)
NPO (CG) Dielectric
PARAMETER
10V,16V, 25V, 50 V & 100V
1pF to 0.01uF
Tolerance of Capacitance at Tamb=20C: NP0 (CG): C < 5pF(standard is 0.25pF 5pF C <10pF (standard is 0.50pF) APPLICATIONS * Computer Industries * Communication Electronics * Consumer Electronics * Automotive Electronics Detailed Specification: C 10pF (standard is 5%) Test Voltage (DC) for 1 Minute: Sectional Specifications: 0.25pF, 0.1pF & 0.05pF 0.50pF, 0.25pF 5%, 2% & 1% 2.5 xUR IEC 60384-10,
Second edition 1989-04; Also based on CECC 32 100
Based on CECC 32 101-801
CROSS-SECTION CONSTRUCTION The ceramic capacitor consists of a rectangular block of ceramic dielectric in which a number of interleaved NME and BME metal electrodes are contained. This structure gives rise to a high capacitance per unit volume.
The inner electrodes are connected to the two terminations, silver dipped with a barrier layer of plated nickel and finally covered with a layer of plated tin (NiSn). A cross section of the structure is shown in Figure 1.
www..com
Surface Mount Ceramic Capacitor
SIZE & DIMENSION
NPO (CG) Dielectric
EIA Code
0201 0402 0603 0805 1206 1210 1812 1825
L1
0.60+-0.03 1.02+-0.10 1.60+-0.10 2.00+-0.10 3.20+-0.15 3.20+-0.20 4.55+-0.30 4.55+-0.30
W
0.30+-0.03 0.50+-0.10 0.80+-0.10 1.20+-0.10 1.60+-0.15 2.55+-0.20 3.20+-0.20 6.40+-0.38
L2/L3
0.15+-0.05 0.25+-0.15 0.30+-0.20 0.50+-0.25 0.50+-0.25 0.50+-0.25 0.61+-0.35 0.61+-0.35
T
0.30 max 0.61 max 0.90 max 1.35 max 1.55 max 1.65 max 1.65 max 2.03 max
ORDERING INFORMATION FOR NPO (CG)
Components can be ordered by using Skywell part number illustrated as follows:
Example: 0402CG101J500BA or 0402CG4R7C500BAQ
0603
Size Code
0201 0402 0603 0805 1206 1210 1812 2512
CG
Dielectric
CG=NPO 2R=X7R 3R=X5R 2E=Y5V 2F=Z5U
101
Capacitance
3-Digit Code First two digits are significant, third digit is the Multiple of 10s. (here is 100pF)
J
Tolerance
A=0.05pF B=0.10pF C=0.25pF D=0.50pF F=1% G=2% J=5% K=10%
500
Voltage
3-Digit 100=10v 160=16v 250=25v 500=50v 101=100
B
Termination
B=Ni/Sn A=Silver (lead free has been in effect since 1999)
A
Package
A: paper tape L: plastic tape B: bulk M: cassette
Reserved
Q: Hi-Q type C: low profile T: 13'' reel
www..com
Surface Mount Ceramic Capacitor
ELECTRICAL CHARACTERISTICS
Class I Capacitors; NP0 Dielectric: DESCRIPTION Capacitance Range (E12 Series): Tolerance on Capacitance at Tamb =20C: C < 5.0pF 5.0pF C < 10pF C 10pF Tan (D/F): C <10pF C 10pF Insulation Resistance After 1 Minute at UR (DC): Temperature Coefficient: 0.05pF, 0.1pF & 0.25pF 0.50pF, 0.25pF 5%, 2% & 1% 0.5pF to 0.01uF
NPO (CG) Dielectric
PARAMETER
10(3/C+0.7) x10-4 or 30x10-4, whichever is smallest 10x10-4 IRins >100 G (0 30) x10 -6 /K (ppm)
PERFORMANCE CHARATERISTICS
www..com
Surface Mount Ceramic Capacitor
SELECTION CHART NPO, 16V, 25V, 50V & 100V
EIA Size Voltage (dc)
EIA Code 1R0 1R2 1R5 1R8 2R2 2R7 3R3 3R9 4R7 5R6 6R8 8R2 100 120 150 180 220 270 330 390 470 560 680 820 101 121 151 181 221 271 331 391 471 561 681 821 102 122 152 182 222 332 472 822 103 Cap Value 1.0pF 1.2pF 1.5pF 1.8pF 2.2pF 2.7pF 3.3pF 3.9pF 4.7pF 5.6pF 6.8pF 8.2pF 10pF 12pF 15pF 18pF 22pF 27pF 33pF 39pF 47pF 56pF 68pF 82pF 100pF 120pF 150pF 180pF 220pF 270pF 330pF 390pF 470pF 560pF 680pF 820pF 1000pF 1200pF 1500pF 1800pF 2200pF 3300pF 4700pF 8200pF 0.01uF 25
NPO (CG) Dielectric
0603 0805
50 100 25 50 100 50
0201
50 16
0402
25 50 16 25
1206
100
For size, value & voltage not listed here, please contact email: sales@skywellnet.com


▲Up To Search▲   

 
Price & Availability of 04022EXXXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X