Part Number Hot Search : 
PCA9515 25006 1SS400 34063AD TQ8710 5N50D 110AG TQ8710
Product Description
Full Text Search
 

To Download 0395151007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/23/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0395151007 Active
3.81mm (.150") Pitch EurostyleTM Vertical PCB Header, with Threaded Retention Inserts, 7 Circuits
Documents: 3D Model Drawing (PDF)
Product Specification PS-39500-001 (PDF) RoHS Certificate of Compliance (PDF) Series Terminal Blocks 39515 Wire-to-Board PCB Header USA-355 ESE, EurostyleTMPluggable Euro Block image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Component Type Product Literature Order No Product Name Type
Physical
Circuits (Loaded) Entry Angle Lock to Mating Part Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Shrouded Stackable Temperature Range - Operating Wire Size AWG 7 N/A Yes 1 Vertical 0.138 In 3.50 mm 0.098 In 2.50 mm No 0.150 In 3.81 mm Yes Fully No -40C to +105C N/A
Search Parts in this Series 39515Series Mates With Most 3.81mm (.150") Pitch Industry Standard Plugs, 39517 Vertical Plug with Retention Screws, 39514 Horizontal Plug with Retention Screws
Electrical
Current - Maximum per Contact Voltage - Maximum 8A 300V
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-39500-001 SD-39501-002, SD-39515-001
This document was generated on 04/23/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Material Numbers Black 100% Tin Circuit size Printing Options None 395151002 395151003 395151004 395151005 395151006 395151007 395151008 395151009 395151010 395151011 395151012 395151013 395151014 395151015 395151016 395151017 395151018 395151019 395151020 10AV 395151302 395151303 395151304 395151305 395151306 395151307 395151308 395151309 395151310 395151311 395151312 395151313 395151314 395151315 395151316 395151317 395151318 395151319 395151320 11AV 395151402 395151403 395151404 395151405 395151406 395151407 395151408 395151409 395151410 395151411 395151412 395151413 395151414 395151415 395151416 395151417 395151418 395151419 395151420 None 395151502 395151503 395151504 395151505 395151506 395151507 395151508 395151509 395151510 395151511 395151512 395151513 395151514 395151515 395151516 395151517 395151518 395151519 395151520 30 u" Gold Printing Options 10AV 395151802 395151803 395151804 395151805 395151806 395151807 395151808 395151809 395151810 395151811 395151812 395151813 395151814 395151815 395151816 395151817 395151818 395151819 395151820 11AV 395151902 395151903 395151904 395151905 395151906 395151907 395151908 395151909 395151910 395151911 395151912 395151913 395151914 395151915 395151916 395151917 395151918 395151919 395151920 None 395156002 395156003 395156004 395156005 395156006 395156007 395156008 395156009 395156010 395156011 395156012 395156013 395156014 395156015 395156016 395156017 395156018 395156019 395156020 100% Tin Printing Options 10AV 395156302 395156303 395156304 395156305 395156306 395156307 395156308 395156309 395156310 395156311 395156312 395156313 395156314 395156315 395156316 395156317 395156318 395156319 395156320 11AV 395156402 395156403 395156404 395156405 395156406 395156407 395156408 395156409 395156410 395156411 395156412 395156413 395156414 395156415 395156416 395156417 395156418 395156419 395156420 None 395156502 395156503 395156504 395156505 395156506 395156507 395156508 395156509 395156510 395156511 395156512 395156513 395156514 395156515 395156516 395156517 395156518 395156519 395156520 Green 30 u" Gold Printing Options 10AV 395156802 395156803 395156804 395156805 395156806 395156807 395156808 395156809 395156810 395156811 395156812 395156813 395156814 395156815 395156816 395156817 395156818 395156819 395156820 11AV 395156902 395156903 395156904 395156905 395156906 395156907 395156908 395156909 395156910 395156911 395156912 395156913 395156914 395156915 395156916 395156917 395156918 395156919 395156920 Dim. A mm inch Dim B mm 3.81 7.62 inch Dim C mm inch Dimensional Information
Description 3.81mm, Euro Header, Vertical, Mounting ends 3.81mm, Euro Header, Vertical, Mounting ends 3.81mm, Euro Header, Vertical, Mounting ends 3.81mm, Euro Header, Vertical, Mounting ends 3.81mm, Euro Header, Vertical, Mounting ends 3.81mm, Euro Header, Vertical, Mounting ends 3.81mm, Euro Header, Vertical, Mounting ends 3.81mm, Euro Header, Vertical, Mounting ends 3.81mm, Euro Header, Vertical, Mounting ends 3.81mm, Euro Header, Vertical, Mounting ends 3.81mm, Euro Header, Vertical, Mounting ends 3.81mm, Euro Header, Vertical, Mounting ends 3.81mm, Euro Header, Vertical, Mounting ends 3.81mm, Euro Header, Vertical, Mounting ends 3.81mm, Euro Header, Vertical, Mounting ends 3.81mm, Euro Header, Vertical, Mounting ends 3.81mm, Euro Header, Vertical, Mounting ends 3.81mm, Euro Header, Vertical, Mounting ends 3.81mm, Euro Header, Vertical, Mounting ends
2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
18.01 0.709 21.82 0.859
0.150 12.81 0.504 0.300 16.62 0.654
25.63 1.009 11.43 0.450 20.43 0.804 29.44 1.159 15.24 0.600 24.24 0.954 33.25 1.309 19.05 0.750 28.05 1.104 37.06 1.459 22.86 0.900 31.86 1.254 40.87 1.609 26.67 1.050 35.67 1.404 44.68 1.759 30.48 1.200 39.48 1.554 48.49 1.909 34.29 1.350 43.29 1.704 52.30 2.059 38.10 1.500 47.10 1.854 56.11 2.209 41.91 1.650 50.91 2.004 59.92 2.359 45.72 1.800 54.72 2.154 63.73 2.509 49.53 1.950 58.53 2.304 67.54 2.659 53.34 2.100 62.34 2.454 71.35 2.809 57.15 2.250 66.15 2.604 75.16 2.959 60.96 2.400 69.96 2.754 78.97 3.109 64.77 2.550 73.77 2.904 82.78 3.259 68.58 2.700 77.58 3.054 86.59 3.409 72.39 2.850 81.39 3.204


▲Up To Search▲   

 
Price & Availability of 0395151007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X