Part Number Hot Search : 
SRL560 06030 ERD03 RU6075R S1000 625ET AM6612N ST72F62
Product Description
Full Text Search
 

To Download WSD491 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WEITRON
Surface Mount Schottky Barrier Diode
P b Lead(Pb)-Free
Features: * Low current rectification and high speed switching. * Small surface mount type. * Up to 500mA current capability. * Low forward voltage drop . * Silicon epitaxial planar chip, metal silicon junction. * Lead-free parts meet environmental standards of MIL-STD-19500 /228 Mechanical Data: * Epoxy:UL94-V0 rated flame retardant * Case : Molded plastic, SOT-23 * Terminals : Solder plated, solderable per MIL-STD-750, Method 2026 * Mounting Position : Any * Weight : Approximated 0.008 gram
WSD490/WSD491
SCHOTTKY BARRIER RECTIFIERS 1.0AMPERES 25-45VOLTS
3 1 2
SOT-23
SOT-23 Outline Dimensions
A
Unit:mm
TOP VIEW
B
C
E
G H
D
K L
J
M
Dim A B C D E G H J K L M
Min 0.37 1.20 2.10 0.89 0.46 1.78 2.80 0.01 0.89 0.35 0.09
Max 0.50 1.40 2.64 1.09 1.00 2.04 3.04 0.13 1.11 0.69 0.18
WEITRON
http://www.weitron.com.tw
1/3
Rev.A 11-Jan-2011
WSD490/WSD491
Maximum Ratings and Electrical Characteristics
Rating 25 C Ambient Temperature Unless Otherwise Specified. Single Phase Half Wave, 60Hz , Resistive or Inductive Load. For Capacitive Load, Derate Current by 20%.
Type Number Maximum Recurrent Peak Reverse Voltage Continuous reverse voltage Mean rectifying current Forward surge current, 8.3 ms Single Half Sine-Wave Superimposed on Rated Load (JEDEC Method) Maximum Instantaneous Forward Voltage at 1.0A Maximum DC Reverse Current Ta=25 C At Rated DC Blocking Voltage Ta=100 C Operating Temperature Range Storage Temperature Range
Symbol VRM VR Io IFSM VF IR Tj TSTG
WSD490 45 45 1.0 3.0 0.50 0.2 4.0
WSD491 25 25
Unit V V A A
0.45
V mA mA C C
-50 to + 125 -50 to + 125
Device Marking
Item WSD491 WSD490 Marking 10T 10F Eqivalent Circuit diagram
3
CATHODE
1
ANODE
3
CATHODE
1
ANODE
WEITRON
http://www.weitron.com.tw
2/3
Rev.A 11-Jan-2011
WSD490/WSD491
AVERAGE FORWARD CURRENT(A)
1.2 1.0 0.8 0.6 0.4 0.2 0 0 20 40 60 80 100 120 140 160 180 200 AMBIENT TEMPERATURE ( C)
Single Phase Half Wave 60Hz Resistive Or Inductive Load
50
INSTANTANEOUS FORWARE CURRENT(A)
10
3.0
W 49 1D
W 49 0D
1.0
TJ=25 C Pulse Width 300us 1% Duty Cycle
0.1
FIG.2 Typical Forward Current Derating Curve
.01 .1 .2 .3 .4 .5 .6 .7 .8
FORWARE VOLTAGE.(V) JUNCTION CAPACITANCE (pF)
175 150 125 100 75 50 25 0
FIG.1 Typcial Forward Characteristics
100
REVERSE LEAKAGE CURRENT (mA)
10
.01
.05
.1
.5
1
5
10
50
100
1.0
Tj=75 C
REVERSE VOLTAGE (V)
FIG .4 Typical Junction Capacitance
Tj=25 C
.1
.01 0 20 40 60 80 100 120 140
PERCENTAGE RATED PEAK REVERSE VOLTAGE
FIG.3 Typical Reverse Characteristics
WEITRON
http://www.weitron.com.tw
3/3
Rev.A 11-Jan-2011


▲Up To Search▲   

 
Price & Availability of WSD491

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X