Part Number Hot Search : 
B44H11G TP220 MEGA32 88MHZ A200441 2982SLWT 7C138 E006395
Product Description
Full Text Search
 

To Download TLM4036DC-0700 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Switch Mode Power Supplies Encapsulated Constant Current
TLM4036DC-0700
Description:
The TLM4036DC-0700 is a compact and lightweight Constant Current Switch Mode Power Supply. Waterproof design - IP66, NEMA 4 suitable for dry and damp locations. Convection cooled plastic housing. Some typical applications include LED's, Lighting, etc.
Specifications (@25C) Electrical Specifications:
Input Voltage: Power Factor: Output*: Efficiency: Maximum power: Output Current Regulation: Protection: 10-40Vdc >0.9 at full load, 115Vac .700Adc5%, Vout range: 2 to (Vin-2Vdc ) 90% Typical at full load 26W 5% Short circuit protection: Auto-recovery *Subject to Max power limitations
15mm
32mm
Environmental Specifications:
Operating Temperature: Storage Temperature: Operating Humidity: Cooling: Vibration: MTBF: -40 to 60C (De-rating: 1%/C from 60-70C) -40 to 80C 5 to 95% RH (non-Condensing) Convection cooling 5 to 50Hz >100,000 Hours at full load and 25C ambient conditions
TR ][ AD
31mm
TLD1036DC-XXXX P/N:xxxxx DATE:xxxxx XXX OUT +XXX IN -+
100mm
General Specifications:
Connections: Dimensions (WxLxH): Weight: Warranty: 4in leads - Input: 18 AWG; Output: 18 AWG 32.0x31.0x15.0mm 25g 3 years @ 40C, 100% Load
Performance Graphs:
EFFIENCY VS. Vout
1.000 EFFICIENCY (%) 0.800 0.600 0.400 0.200 0.000 0.00 5.00 10.00 15.00 20.00 25.00 30.00
Efficiency VS. Vin 1.000 0.900 0.800 0.700 0.600 0.500 10.00 15.00 20.00 25.00 30.00
EFFICIENCY (%)
INPUT VOLTAGE (DC)
OUTPUT VOLTAGE (DC)
RoHS Compliance: This power supply meets the requirements 2002/95/EC, know as the RoHS initiative. * Upon printing, this document is considered "uncontrolled". Please contact Triad Magnetics' website for the most current version.
Web: www.TriadMagnetics.com Phone 951-277-0757 Fax 951-277-2757
22520B Temescal Canyon Road Corona, California 92883
Publish Date: August 10, 2006


▲Up To Search▲   

 
Price & Availability of TLM4036DC-0700

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X