Part Number Hot Search : 
2SD2678 WSD751D TPB130RL TGH47A TB0614A 2SD2678 SB380 700ETT
Product Description
Full Text Search
 

To Download SSM3K7002BFU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SSM3K7002BFU
TOSHIBA Field-Effect Transistor Silicon N Channel MOS Type (U-MOS)
SSM3K7002BFU
High-Speed Switching Applications Analog Switch Applications
Unit: mm * * Small package Low ON-resistance : RDS(ON) = 3.3 (max) (@VGS = 4.5 V) : RDS(ON) = 2.6 (max) (@VGS = 5 V) : RDS(ON) = 2.1 (max) (@VGS = 10 V)
Absolute Maximum Ratings (Ta = 25C)
Characteristics Drain-source voltage Gate-source voltage Drain current DC Pulse Symbol VDSS VGSS ID IDP PD (Note 1) Tch Tstg Rating 60 20 200 800 150 150 -55 to 150 Unit V V mA mW C C
Drain power dissipation (Ta = 25C) Channel temperature Storage temperature range
Note: Using continuously under heavy loads (e.g. the application of high JEDEC temperature/current/voltage and the significant change in JEITA SC-70 temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. TOSHIBA 2-2E1E operating temperature/current/voltage, etc.) are within the Weight: 6.0 mg (typ.) absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Note 1: mounted on FR4 board (25.4 mm x 25.4 mm x 1.6 mm, Cu Pad: 0.6mm2 x 3)
0.6 mm 1.0 mm
Marking
3
Equivalent Circuit (top view)
3
NM
1 2 1 2
1
2009-11-26
SSM3K7002BFU
Electrical Characteristics (Ta = 25C)
Characteristics Gate leakage current Drain-source breakdown voltage Drain cutoff current Gate threshold voltage Forward transfer admittance Drain-source ON-resistance Input capacitance Reverse transfer capacitance Output capacitance Switching time Turn-on delay time Turn-off delay time Symbol IGSS V (BR) DSS V (BR) DSX IDSS Vth Yfs RDS (ON) Ciss Crss Coss td(on) td(off) VDSF VDD = 30 V , ID = 200 mA , VGS = 0 to 10 V ID = -200 mA, VGS = 0 V (Note 2) VDS = 25 V, VGS = 0 V, f = 1 MHz Test Condition VGS = 20 V, VDS = 0 V ID = 10 mA, VGS = 0 V ID = 10 mA, VGS = -10 V VDS = 60 V, VGS = 0 V VDS = 10 V, ID = 0.25 mA VDS = 10 V, ID = 200 mA ID = 500 mA, VGS = 10 V ID = 100 mA, VGS = 5 V ID = 100 mA, VGS = 4.5 V (Note 2) (Note 2) (Note 2) (Note 2) Min 60 45 1.5 225 Typ 1.62 1.90 2.10 17.0 1.9 3.6 3.3 14.5 -0.84 Max 10 1 3.1 2.1 2.6 3.3 6.6 40 -1.2 ns V pF Unit A V A V mS
Drain-source forward voltage
Note2: Pulse test
Switching Time Test Circuit
(a) Test circuit
10 V 0 10 s VDD = 30 V Duty 1% VIN: tr, tf < 2 ns (Zout = 50 ) Common Source Ta = 25 C OUT IN 50 RL VDD VDS (ON) td(on) td(off) 90 % tr tf 0V 10 %
(b) VIN
10 V
90 %
(c) VOUT
VDD
10 %
Precaution
Let Vth be the voltage applied between gate and source that causes the drain current (ID) to be low (0.25 mA for the SSM3K7002BFU). Then, for normal switching operation, VGS(on) must be higher than Vth, and VGS(off) must be lower than Vth. This relationship can be expressed as: VGS(off) < Vth < VGS(on). Take this into consideration when using the device
Handling Precaution
When handling individual devices that are not yet mounted on a circuit board, make sure that the environment is protected against electrostatic discharge. Operators should wear antistatic clothing, and containers and other objects that come into direct contact with devices should be made of antistatic materials.
2
2009-11-26
SSM3K7002BFU
ID - VDS
1000 Common Source Ta = 25 C 10 V 7.0 V 5.0 V 1000 Common Source VDS = 10 V
ID - VGS
(mA)
ID
600
4.5 V
ID
(mA)
800
100
10 Ta = 100 C 1
Drain current
400
4.0 V
Drain current
25 C -25 C
200
3.5 V VGS = 3.3 V
0.1
0
0
0.4
0.8
1.2
1.6
2.0
0.01 0
1.0
2.0
3.0
4.0
5.0
Drain-source voltage
VDS
(V)
Gate-source voltage
VGS
(V)
RDS (ON) - ID
5 Common Source Ta = 25C 5
RDS (ON) - VGS
ID = 100 mA Common Source Ta = 25C
Drain-source ON-resistance RDS (ON) ()
4
Drain-source ON-resistance RDS (ON) ()
4
3
3
2
4.5 V 5.0 V VGS = 10 V
2
Ta = 100 C 25 C
1
1
-25 C
0 10
0 30 100 300 1000
0
10
20
Drain current
ID
(mA)
Gate-source voltage
VGS
(V)
RDS (ON) - Ta
5 Common Source 3.0
Vth - Ta Vth (V)
Common Source VDS = 10 V ID = 0.25 mA
Drain-source ON-resistance RDS (ON) ()
4
3
100 mA / 4.5 V
2 ID = 500 mA / VGS = 10 V 1 100 mA / 5.0V 0 -50
Gate threshold voltage
2.0
1.0
0
50
100
150
0 -50
0
50
100
150
Ambient temperature
Ta
(C)
Ambient temperature
Ta
(C)
3
2009-11-26
SSM3K7002BFU
(S)
1
|Yfs| - ID (mA)
Common Source VDS = 10 V Ta = 25C
IDR - VDS
1000 Common Source VGS = 0 V Ta = 25C D G 600 S IDR
Yfs
0.3
800
Forward transfer admittance
0.1
0.03
Drain reverse current
IDR
400 200 10 100 1000 0 0
0.01
0.003
0.001
1
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
Drain current
ID
(mA)
Drain-source voltage
VDS
(V)
100
C - VDS
1000 tf
t - ID
Common Source VDD = 30 V VGS = 0 to 10 V Ta = 25 C
(pF)
50 30 td(off) 100
Ciss
Capacitance
5 3 Coss Common Source Ta = 25C f = 1 MHz VGS = 0 V 1 10 Crss
Switching time
10
t
10 td(on) tr 100 1 1 10 100 1000 1 0.1
Drain-source voltage
VDS
(V)
(ns)
C
Drain current
ID
(mA)
PD - Ta
250
Drain power dissipation PD (mW)
Mounted on FR4 board. 2 (25.4 mm x 25.4 mm x 1.6 mm, Cu Pad: 0.6 mm x 3) 200
150
100
50
0
0
40
80
120
160
Ambient temperature Ta (C)
4
2009-11-26
SSM3K7002BFU
RESTRICTIONS ON PRODUCT USE
* Toshiba Corporation, and its subsidiaries and affiliates (collectively "TOSHIBA"), reserve the right to make changes to the information in this document, and related hardware, software and systems (collectively "Product") without notice. * This document and any information herein may not be reproduced without prior written permission from TOSHIBA. Even with TOSHIBA's written permission, reproduction is permissible only if reproduction is without alteration/omission. * Though TOSHIBA works continually to improve Product's quality and reliability, Product can malfunction or fail. Customers are responsible for complying with safety standards and for providing adequate designs and safeguards for their hardware, software and systems which minimize risk and avoid situations in which a malfunction or failure of Product could cause loss of human life, bodily injury or damage to property, including data loss or corruption. Before customers use the Product, create designs including the Product, or incorporate the Product into their own applications, customers must also refer to and comply with (a) the latest versions of all relevant TOSHIBA information, including without limitation, this document, the specifications, the data sheets and application notes for Product and the precautions and conditions set forth in the "TOSHIBA Semiconductor Reliability Handbook" and (b) the instructions for the application with which the Product will be used with or for. Customers are solely responsible for all aspects of their own product design or applications, including but not limited to (a) determining the appropriateness of the use of this Product in such design or applications; (b) evaluating and determining the applicability of any information contained in this document, or in charts, diagrams, programs, algorithms, sample application circuits, or any other referenced documents; and (c) validating all operating parameters for such designs and applications. TOSHIBA ASSUMES NO LIABILITY FOR CUSTOMERS' PRODUCT DESIGN OR APPLICATIONS. * Product is intended for use in general electronics applications (e.g., computers, personal equipment, office equipment, measuring equipment, industrial robots and home electronics appliances) or for specific applications as expressly stated in this document. Product is neither intended nor warranted for use in equipment or systems that require extraordinarily high levels of quality and/or reliability and/or a malfunction or failure of which may cause loss of human life, bodily injury, serious property damage or serious public impact ("Unintended Use"). Unintended Use includes, without limitation, equipment used in nuclear facilities, equipment used in the aerospace industry, medical equipment, equipment used for automobiles, trains, ships and other transportation, traffic signaling equipment, equipment used to control combustions or explosions, safety devices, elevators and escalators, devices related to electric power, and equipment used in finance-related fields. Do not use Product for Unintended Use unless specifically permitted in this document. * Do not disassemble, analyze, reverse-engineer, alter, modify, translate or copy Product, whether in whole or in part. * Product shall not be used for or incorporated into any products or systems whose manufacture, use, or sale is prohibited under any applicable laws or regulations. * The information contained herein is presented only as guidance for Product use. No responsibility is assumed by TOSHIBA for any infringement of patents or any other intellectual property rights of third parties that may result from the use of Product. No license to any intellectual property right is granted by this document, whether express or implied, by estoppel or otherwise. * ABSENT A WRITTEN SIGNED AGREEMENT, EXCEPT AS PROVIDED IN THE RELEVANT TERMS AND CONDITIONS OF SALE FOR PRODUCT, AND TO THE MAXIMUM EXTENT ALLOWABLE BY LAW, TOSHIBA (1) ASSUMES NO LIABILITY WHATSOEVER, INCLUDING WITHOUT LIMITATION, INDIRECT, CONSEQUENTIAL, SPECIAL, OR INCIDENTAL DAMAGES OR LOSS, INCLUDING WITHOUT LIMITATION, LOSS OF PROFITS, LOSS OF OPPORTUNITIES, BUSINESS INTERRUPTION AND LOSS OF DATA, AND (2) DISCLAIMS ANY AND ALL EXPRESS OR IMPLIED WARRANTIES AND CONDITIONS RELATED TO SALE, USE OF PRODUCT, OR INFORMATION, INCLUDING WARRANTIES OR CONDITIONS OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, ACCURACY OF INFORMATION, OR NONINFRINGEMENT. * Do not use or otherwise make available Product or related software or technology for any military purposes, including without limitation, for the design, development, use, stockpiling or manufacturing of nuclear, chemical, or biological weapons or missile technology products (mass destruction weapons). Product and related software and technology may be controlled under the Japanese Foreign Exchange and Foreign Trade Law and the U.S. Export Administration Regulations. Export and re-export of Product or related software or technology are strictly prohibited except in compliance with all applicable export laws and regulations. * Please contact your TOSHIBA sales representative for details as to environmental matters such as the RoHS compatibility of Product. Please use Product in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances, including without limitation, the EU RoHS Directive. TOSHIBA assumes no liability for damages or losses occurring as a result of noncompliance with applicable laws and regulations.
5
2009-11-26


▲Up To Search▲   

 
Price & Availability of SSM3K7002BFU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X