Part Number Hot Search : 
KS0666 227M00 91000 227M00 1020C MTL005 MC10E451 C1510
Product Description
Full Text Search
 

To Download SP3222EUCYTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
SP3222EU/3232EU 3.3V, 1000 Kbps RS-232 Transceivers
FEATURES Meets true EIA/TIA-232-F Standards from a +3.0V to +5.5V power supply Interoperable with EIA/TIA - 232 and adheres to EIA/TIA - 562 down to a +2.7V power source 1A Low-Power Shutdown with Receivers Active (SP3222EU) Enhanced ESD Specifications: 15kV Human Body Model 15kV IEC1000-4-2 Air Discharge 8kV IEC1000-4-2 Contact Discharge 1000 kbps Minimum Transmission Rate Ideal for Handheld, Battery Operated Applications
EN
1
18 SHDN 17 VCC 16 GND 15 SP3222EU 14 T1OUT R1IN
C1+ 2 V+ C1C2+ C2VT2OUT R2IN 3 4 5 6 7 8 9
13 R1OUT 12 T1IN 11 T2IN 10 R2OUT
DIP/SO
Now Available in Lead Free Packaging
DESCRIPTION The SP3222EU and the SP3232EU are 2 driver, 2 receiver RS-232 transceiver solutions intended for portable or hand-held applications such as notebook or palmtop computers. Their data transmission rate of 1000 kbps meets the demands of high speed RS-232 applications. Both ICs have a high-efficiency, charge-pump power supply that requires only 0.1F capacitors in 3.3V operation. This charge pump allows the SP3222EU and the 3232EU to deliver true RS-232 performance from a single power supply ranging from +3.0V to +5.5V. The ESD tolerance of the SP3222EU/3232EU devices are over 15kV for both Human Body Model and IEC1000-4-2 Air discharge test methods. The SP3222EU device has a low-power shutdown mode where the devices' driver outputs and charge pumps are disabled. During shutdown, the supply current falls to less than 1uA. SELECTION TABLE
MODEL SP3222EU SP3232EU Power Supplies +3.0V to +5.5V +3.0V to +5.5V RS-232 Drivers 2 2 RS-232 Receivers 2 2 External Components 4 4 Shutdown Yes No TTL 3-State Ye s No No . o f Pins 18, 20 16
Date: 02/31/06
SP3222EU, SP3232EU 3.3V, 1000Kbps RS-232 Transceivers
(c) Copyright 2006 Sipex Corporation
1
ABSOLUTE MAXIMUM RATINGS These are stress ratings only and functional operation of the device at these ratings or any other above those indicated in the operation sections of the specifications below is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect reliability and cause permanent damage to the device. VCC ...................................................... -0.3V to +6.0V V+ (NOTE 1) ...................................... -0.3V to +7.0V V- (NOTE 1) ....................................... +0.3V to -7.0V V+ + |V-| (NOTE 1) ........................................... +13V ICC (DC VCC or GND current) ......................... 100mA Input Voltages TxIN, EN SHDN ...................... -0.3V to + VCC +0.3V RxIN .................................................................. 25V
Output Voltages TxOUT.......................................................13.2V RxOUT............. ..................-0.3V to (VCC + 0.3V) Short-Circuit Duration TxOUT.................................................Continuous Storage Temperature.................-65C to +150C Power Dissipation Per Package
20-pin SSOP (derate 9.25mW/oC above +70oC) ........ 750mW 18-pin PDIP (derate 15.2mW/oC above +70oC) ....... 1220mW 18-pin SOIC (derate 15.7mW/oC above +70oC) ....... 1260mW 20-pin TSSOP (derate 11.1mW/oC above +70oC) ...... 890mW 16-pin SSOP (derate 9.69mW/oC above +70oC) ........ 775mW 16-pin PDIP (derate 14.3mW/oC above +70oC) ....... 1150mW 16-pin Wide SOIC (derate 11.2mW/oC above +70oC) .... 900mW 16-pin TSSOP (derate 10.5mW/oC above +70oC) ...... 850mW 16-pin nSOIC (derate 13.57mW/C above +70C) ...... 1086mW
NOTE 1: V+ and V- can have maximum magnitudes of 7V, but their absolute difference cannot exceed 13V.
ELECTRICAL CHARACTERISTICS
Unless otherwise noted, the following specifications apply for VCC = +3.0V to +5.5V with TAMB = TMIN to TMAX, C1 to C4=0.1F PARAMETER DC CHARACTERISTICS Supply Current Shutdown Supply Current LOGIC INPUTS AND RECEIVER OUTPUTS Input Logic Threshold LOW Input Logic Threshold HIGH Input Leakage Current Output Leakage Current Output Voltage LOW Output Voltage HIGH DRIVER OUTPUTS Output Voltage Swing Output Resistance Output Short-Circuit Current Output Leakage Current 5.0 300 35 60 25 5.4 V mA A 3k load to ground at all driver outputs,TAMB = +25C VCC = V+ = V- = 0V, TOUT = +2V VOUT = 0V VOUT = +12V,VCC= 0V to 5.5V,drivers disabled VCC-0.6 VCC-0.1 GND 2.0 2.4 0.01 0.05 0.8 VCC 1.0 10 0.4 A A V V V V TxIN, EN, SHDN, Note 2 VCC = 3.3V, Note2 VCC = 5.0V, Note 2 TxIN, EN, SHDN, TAMB = +25C, VIN= 0V to VCC receivers disabled, VOUT = 0V to VCC IOUT = 1.6mA IOUT = -1.0mA 0.3 1.0 1.0 10 mA A no load, TAMB = +25C, VCC = 3.3V, TxIN = GND or VCC SHDN = GND,TAMB = +25C, VCC= +3.3V, TxIN = GND or VCC MIN. TYP. MAX. UNITS CONDITIONS
Date: 02/31/06
SP3222EU, SP3232EU 3.3V, 1000Kbps RS-232 Transceivers
(c) Copyright 2006 Sipex Corporation
2
ELECTRICAL CHARACTERISTICS
Unless otherwise noted, the following specifications apply for VCC = +3.0V to +5.5V with TAMB = TMIN to TMAX , C1 to C4=0.1F. Typical Values apply at VCC = +3.3V or +5.5V and TAMB = 25oC. PARAMETER RECEIVER INPUTS Input Voltage Range Input Threshold LOW Input Threshold HIGH Input Hysteresis Input Resistance TIMING CHARACTERISTICS Maximum Data Rate Receiver Propagation Delay Receiver Output Enable Time Receiver Output Disable Time Driver Skew Receiver Skew Transition-Region Slew Rate 1000 0.15 0.15 200 200 100 50 90 kbps s ns ns ns ns V/s | tPHL - tPLH |, TAMB = 25C | tPHL - tPLH | VCC = 3.3V, RL = 3K, TAMB = 25C, measurements taken from -3.0V to +3.0V or +3.0V to -3.0V RL=3k, CL=250pF, one driver switching tPHL, RxIN to RxOUT, CL=150pF tPLH, RxIN to RxOUT, CL=150pF 3 -25 0.6 0.8 1.2 1.5 1.5 1.8 0.3 5 7 2.4 2.4 +25 V V V V V V k VCC=3.3V VCC=5.0V VCC=3.3V VCC=5.0V MIN. TYP. MAX. UNITS CONDITIONS
NOTE 2: Driver input hysteresis is typically 250mV.
Date: 02/31/06
SP3222EU, SP3232EU 3.3V, 1000Kbps RS-232 Transceivers
(c) Copyright 2006 Sipex Corporation
3
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise noted, the following performance characteristics apply for VCC = +3.3V, 1000kbps data rates, all drivers loaded with 3k, 0.1F charge pump capacitors, and TAMB = +25C.
6
120
T1 at 1Mbps T2 at 62.5Kbps
Transmitter Output Voltage (V)
2 0 -2 -4 -6 0
Slew Rate (V / s)
4
100
T1 at 1Mbps T2 at 62.5Kbps All TX loaded 3K // CLoad
8 60 0 40 20 0 0 250 500 1000 1500 2000
250 500 1000 Load Capacitance (pF)
1500
Load Capacitance (pF)
Figure 1. Transmitter Output Voltage vs Load Capacitance for the SP3222EU and the SP3232EU
Figure 2. Slew Rate vs Load Capacitance for the SP3222EU and the SP3232EU
35
20
Supply Current (mA)
30 20 15 10 5 0 0 250 500 1000 Load Capacitance (pF) 1500
T1 at 1Mbps T2 at 62.5Kbps
Supply Current (mA)
15 10 5 0
T1 at Mbps T2 at 62.5Kbps
2.7
3
3.5 4 Supply Voltage (V)
4.5
5
Figure 3. Supply Current vs Load Capacitance when Transmitting Data for the SP3222EU and the SP3232EU
Figure 4. Supply Current vs Supply Voltage for the SP3222EU and the SP3232EU
6
200 150 100 50 0
2.7 3 3.5 4 Supply Voltage (V) 4.5 5
T1 at 500Kbps T2 at 31.2Kbps All TX loaded 3K // CLoad
Transmitter Output Voltage (V)
4 2 0 -2 -4 -6
T1 at 1Mbps T2 at 62.5Kbps
Skew (nS)
0
250
500 1000 1500 Load Capacitance (pF)
2000
Figure 5. Transmitter Output Voltage vs Supply Voltage for the SP3222EU and the SP3232EU
Figure 6. Transmitter Skew vs Load Capacitance for the SP3222EU and the SP3232EU
Date: 02/31/06
SP3222EU, SP3232EU 3.3V, 1000Kbps RS-232 Transceivers
(c) Copyright 2006 Sipex Corporation
4
PIN NUMBER NAME FUNCTION SP3222EU DIP/SO EN C 1+ V+ C 1C 2+ C 2VT1OUT T2OUT R1IN R2IN R1OUT R2OUT T1IN T2IN GND VCC SHDN N.C. Receiver Enable. Apply logic LOW for normal operation. Apply logic HIGH to disable the receiver outputs (high-Z state). Positive terminal of the voltage doubler charge-pump capacitor. +5.5V generated by the charge pump. Negative terminal of the voltage doubler charge-pump capacitor. Positive terminal of the inverting charge-pump capacitor. Negative terminal of the inverting charge-pump capacitor. -5.5V generated by the charge pump. RS-232 driver output. RS-232 driver output. RS-232 receiver input. RS-232 receiver input. TTL/CMOS reciever output. TTL/CMOS reciever output. TTL/CMOS driver input. TTL/CMOS driver input. Ground. +3.0V to +5.5V supply voltage Shutdown Control Input. Drive HIGH for normal device operation. Drive LOW to shutdown the drivers (high-Z output) and the onboard power supply. No Connect. 1 2 3 4 5 6 7 15 8 14 9 13 10 12 11 16 17 18 SSOP TSSOP 1 2 3 4 5 6 7 17 8 16 9 15 10 13 12 18 19 20 11, 1 4 SP3232EU
1 2 3 4 5 6 14 7 13 8 12 9 11 10 15 16 -
Table 1. Device Pin Description
Date: 04/25/06
SP3222EU, SP3232EU 3.3V, 1000Kbps RS-232 Transceivers
(c) Copyright 2006 Sipex Corporation
5
EN
1
20 SHDN 19 VCC 18 GND 17 SP3222EU 16 T1OUT R1IN
EN
1
18 SHDN 17 VCC 16 GND 15 SP3222EU 14 T1OUT R1IN
C1+ 2 V+ C1C2+ C2VT2OUT R2IN 3 4 5 6 7 8 9
C1+ 2 V+ C1C2+ C2VT2OUT R2IN 3 4 5 6 7 8 9
15 R1OUT 14 N.C.
13 R1OUT 12 T1IN 11 T2IN 10 R2OUT
13 T1IN 12 T2IN 11 N.C.
R2OUT 10
DIP/SO
SSOP/TSSOP
Figure 7. Pinout Configurations for the SP3222EU
C1+ 1 V+ 2 C1C2+ C2VT2OUT R2IN 3 4 5 6 7 8
16 VCC 15 GND 14 T1OUT SP3232EU 13 R1IN 12 R1OUT 11 T1IN 10 9 T2IN R2OUT
Figure 8. Pinout Configuration for the SP3232EU
Date: 04/25/06
SP3222EU, SP3232EU 3.3V, 1000Kbps RS-232 Transceivers
(c) Copyright 2006 Sipex Corporation
6
VCC + 19 VCC V+ 3 *C3 + 0.1F
VCC + 17 VCC V+ 3 *C3 + 0.1F
C5
0.1F 2 C1+ 0.1F 4 C15 C2+
C5
0.1F 2 C1+ 0.1F 4 C15 C2+
C1
+
C1
+
C2
+
0.1F
6 C213 T1IN 12 T2IN
SP3222EU SSOP TSSOP
V-
7 C4 + 0.1F
C2 + 0.1F
SP3222EU DIP/SO
V-
7 C4 + 0.1F
6 C212 T1IN 11 T2IN T1OUT T2OUT 15 8
T1OUT T2OUT
17 8 RS-232 OUTPUTS
LOGIC INPUTS
LOGIC INPUTS
RS-232 OUTPUTS
15 R1OUT LOGIC OUTPUTS 5k 10 R2OUT 5k 1 EN GND 18
R1IN
16 RS-232 INPUTS
LOGIC OUTPUTS
13 R1OUT 5k 10 R2OUT 5k 1 EN GND 16
R1IN
14 RS-232 INPUTS
R2IN
9
R2IN
9
SHDN
20
SHDN
18
*can be returned to either VCC or GND
*can be returned to either VCC or GND
Figure 9. SP3222EU Typical Operating Circuits
VCC + 16 VCC V+
C5
0.1F 1 C1+ 0.1F 3 C14 C2+
2 *C3 + 0.1F
C1
+
SP3232EU
C2
+
V-
6 C4 + 0.1F
0.1F
5 C211 T1IN 10 T2IN T1OUT T2OUT 14 7
LOGIC INPUTS
RS-232 OUTPUTS
12 R1OUT LOGIC OUTPUTS 5k 9 R2OUT 5k
R1IN
13 RS-232 INPUTS
R2IN
8
GND 15 *can be returned to either VCC or GND
Figure 10. SP3232EU Typical Operating Circuit
Date: 04/25/06
SP3222EU, SP3232EU 3.3V, 1000Kbps RS-232 Transceivers
(c) Copyright 2006 Sipex Corporation
7
DESCRIPTION The SP3222EU and SP3232EU are 2 driver/ 2receiver devices ideal for portable or handheld applications. The SP3222EU features a 1A shutdown mode that reduces power consumption and extends battery life in portable systems. Its receivers remain active in shutdown mode, allowing external devices such as modems to be monitored using only 1 A supply current. The SP3222EU/3232EU transceivers meet the EIA/TIA-232 and V.28/V.24 communication protocols They feature Sipex's proprietary onboard charge pump circuitry that generates 2 x VCC for RS-232 voltage levels from a single +3.0V to +5.5V power supply. The SP3222EU/3232EU drivers operate at a minimum data rate of 1000kbps. Figure 11 shows a loopback test circuit used to the RS-232 drivers. Figure 12 shows the test results of the loopback circuit with all drivers active at 250kbps with RS-232 loads in parallel with 1000pF capacitors. Figure 13 shows the test results where one driver was active at 1000kbps and all drivers loaded with an RS-232 receiver in parallel with a 250pF capacitor. The SP3222EU driver's output stages are tristated in shutdown mode. When the power is off, the SP3222EU device permits the outputs to be driven up to 12V. Because the driver's inputs do not have pull-up resistors, unused inputs should be connected to VCC or GND. In the shutdown mode, the supply current is less than 1A, where SHDN = LOW. When the SP3222EU device is shut down, the device's driver outputs are disabled (tri-stated) and the charge pumps are turned off with V+ pulled down to VCC and V- pulled to GND. The time required to exit shutdown is typically 100s. Connect SHDN to VCC if the shutdown mode is not used. Receivers The receivers convert EIA/TIA-232 levels to TTL or CMOS logic output levels. The SP3222EU receivers have an inverting tri-state output. Receiver outputs (RxOUT) are tristated when the enable control EN = HIGH. In the shutdown mode, the receivers can be active or inactive. EN has no effect on TxOUT. The truth table logic of the SP3222EU driver and receiver outputs can be found in Table 2.
THEORY OF OPERATION The SP3222EU/3232EU series are made up of three basic circuit blocks: 1. Drivers, 2. Receivers, and 3. the Sipex proprietary charge pump. Drivers The drivers are inverting level transmitters that convert TTL or CMOS logic levels to 5.0V EIA/TIA-232 levels inverted relative to the input logic levels. Typically, the RS-232 output voltage swing is 5.5V with no load and at least 5V minimum fully loaded. The driver outputs are protected against infinite short-circuits to ground without degradation in reliability. Driver outputs will meet EIA/TIA562 levels of 3.7V with supply voltages as low as 2.7V. The drivers have a minimum data rate of 1000kbps fully loaded with 3K in parallel with 250pF, ensuring compatibility with PC-to-PC communication software.
Date: 04/25/06
SP3222EU, SP3232EU 3.3V, 1000Kbps RS-232 Transceivers
(c) Copyright 2006 Sipex Corporation
8
VCC +
C5
0.1F C1+ 0.1F C1C2+ 0.1F C2-
VCC V+ C3 + 0.1F
C1
+
C2
+
SP3222EU SP3232EU
VC4 + 0.1F
LOGIC INPUTS LOGIC OUTPUTS
TxIN
TxOUT
RxOUT 5k EN GND
RxIN
*SHDN
VCC
250pF or 1000pF * SP3222EB only
Figure 11. SP3222EU/3232EU Driver Loopback Test Circuit
Figure 12. Driver Loopback Test All Drivers at 250kbps
Figure 13. Driver Loopback Test One Driver 1Mbps
Date: 04/25/06
SP3222EU, SP3232EU 3.3V, 1000Kbps RS-232 Transceivers
(c) Copyright 2006 Sipex Corporation
9
Since receiver input is usually from a transmission line where long cable lengths and system interference can degrade the signal and inject noise, the inputs have a typical hysteresis margin of 300mV. Should an input be left unconnected, a 5k pulldown resistor to ground will commit the output of the receiver to a HIGH state. Charge Pump The charge pump is a Sipex-patented design (5,306,954) and uses a unique approach compared to older less-efficient designs. The charge pump still requires four external capacitors, but uses a four-phase voltage shifting technique to attain symmetrical 5.5V power supplies. The internal power supply consists of a regulated dual charge pump that provides output voltages 5.5V regardless of the input voltage (VCC) over the +3.0V to +5.5V range. In most circumstances, decoupling the power supply can be achieved adequately using a 0.1F bypass capacitor at C5 (refer to Figures 9 and 10). In applications that are sensitive to power-supply noise, decouple VCC to ground with a capacitor of the same value as chargepump capacitor C1. Physically connect bypass capacitors as close to the IC as possible. The charge pumps operate in a discontinuous mode using an internal oscillator. If the
output voltages are less than a magnitude of 5.5V, the charge pumps are enabled. If the output voltage exceed a magnitude of 5.5V, the charge pumps are disabled. This oscillator controls the four phases of the voltage shifting. A description of each phase follows. Phase 1 -- VSS charge storage -- During this phase of the clock cycle, the positive side of capacitors C1 and C2 are initially charged to VCC. Cl+ is then switched to GND and the charge in C1- is transferred to C2-. Since C2+ is connected to VCC, the voltage potential across capacitor C2 is now 2 times VCC. Phase 2 -- VSS transfer -- Phase two of the clock connects the negative terminal of C2 to the VSS storage capacitor and the positive terminal of C2 to GND. This transfers a negative generated voltage to C3. This generated voltage is regulated to a minimum voltage of -5.5V. Simultaneous with the transfer of the voltage to C3, the positive side of capacitor C1 is switched to VCC and the negative side is connected to GND. Phase 3 -- VDD charge storage -- The third phase of the clock is identical to the first phase -- the charge transferred in C1 produces -VCC in the negative terminal of C1, which is applied to the negative side of capacitor C2. Since C2+ is at VCC, the voltage potential across C2 is 2 times VCC. Phase 4 -- VDD transfer -- The fourth phase of the clock connects the negative terminal of C2 to GND, and transfers this positive generated voltage across C2 to C4, the VDD storage capacitor. This voltage is regulated to +5.5V. At this voltage, the internal oscillator is disabled. Simultaneous with the transfer of the voltage to C4, the positive side of capacitor C1 is switched to VCC and the negative side
SHDN 0 0 1 1
EN 0 1 0 1
TxOUT Tri-state Tri-state Active Active
RxOUT Active Tri-state Active Tri-state
Table 2. SP3222EU Truth Table Logic for Shutdown and Enable Control
Date: 02/31/06
SP3222EU, SP3232EU 3.3V, 1000Kbps RS-232 Transceivers
(c) Copyright 2006 Sipex Corporation
10
is connected to GND, allowing the charge pump cycle to begin again. The charge pump cycle will continue as long as the operational conditions for the internal oscillator are present. Since both V+ and V- are separately generated from VCC; in a no-load condition V+ and V- will be symmetrical. Older charge pump approaches that generate V- from V+ will show a decrease in the magnitude of V- compared to V+ due to the inherent inefficiencies in the design. The clock rate for the charge pump typically operates at 250kHz. The external capacitors can be as low as 0.1F with a 16V breakdown voltage rating. ESD Tolerance The SP3222EU/3232EU series incorporates ruggedized ESD cells on all driver output and receiver input pins. The ESD structure is improved over our previous family for more rugged applications and environments sensitive to electrostatic discharges and associated transients. The improved ESD tolerance is at least 15kV without damage nor latch-up. There are different methods of ESD testing applied: a) MIL-STD-883, Method 3015.7 b) IEC1000-4-2 Air-Discharge c) IEC1000-4-2 Direct Contact The Human Body Model has been the generally accepted ESD testing method for semiconductors. This method is also specified in MIL-STD-883, Method 3015.7 for ESD testing. The premise of this ESD test is to simulate the human body's potential to store electrostatic energy and discharge it to an integrated circuit. The simulation is performed by using a test model as shown in Figure 20. This method will test the IC's capability to withstand an ESD transient during normal handling such as in
Date: 02/31/06
manufacturing areas where the ICs tend to be handled frequently. The IEC-1000-4-2, formerly IEC801-2, is generally used for testing ESD on equipment and systems. For system manufacturers, they must guarantee a certain amount of ESD protection since the system itself is exposed to the outside environment and human presence. The premise with IEC1000-4-2 is that the system is required to withstand an amount of static electricity when ESD is applied to points and surfaces of the equipment that are accessible to personnel during normal usage. The transceiver IC receives most of the ESD current when the ESD source is applied to the connector pins. The test circuit for IEC1000-4-2 is shown on Figure 21. There are two methods within IEC1000-4-2, the Air Discharge method and the Contact Discharge method. With the Air Discharge Method, an ESD voltage is applied to the equipment under test (EUT) through air. This simulates an electrically charged person ready to connect a cable onto the rear of the system only to find an unpleasant zap just before the person touches the back panel. The high energy potential on the person discharges through an arcing path to the rear panel of the system before he or she even touches the system. This energy, whether discharged directly or through air, is predominantly a function of the discharge current rather than the discharge voltage. Variables with an air discharge such as approach speed of the object carrying the ESD potential to the system and humidity will tend to change the discharge current. For example, the rise time of the discharge current varies with the approach speed. The Contact Discharge Method applies the ESD current directly to the DUT.
SP3222EU, SP3232EU 3.3V, 1000Kbps RS-232 Transceivers
(c) Copyright 2006 Sipex Corporation
11
VCC = +5V
+5V C1
+ -
C4
+ - +
C2
+ - -
VDD Storage Capacitor VSS Storage Capacitor
-5V
-5V
C3
Figure 15. Charge Pump -- Phase 1
VCC = +5V
C4
+ - +
C1
+ -
C2
+ - -
VDD Storage Capacitor VSS Storage Capacitor
-10V
C3
Figure 16. Charge Pump -- Phase 2
[ +6V a) C2+ T ]
GND 1 GND 2 b) C2-
T
-6V
T Ch1 2.00V Ch2 2.00V M 1.00s Ch1 5.48V
Figure 17. Charge Pump Waveforms
VCC = +5V
+5V C1
+ -
C4
+ - +
C2
+ - -
VDD Storage Capacitor VSS Storage Capacitor
-5V
-5V
C3
Figure 18. Charge Pump -- Phase 3
VCC = +5V
+10V C1
+ -
C4
+ - +
C2
+ - -
VDD Storage Capacitor VSS Storage Capacitor
C3
Figure 19. Charge Pump -- Phase 4
Date: 02/31/06 SP3222EU, SP3232EU 3.3V, 1000Kbps RS-232 Transceivers (c) Copyright 2006 Sipex Corporation
12
RC C SW1
DC Power Source
RS RS SW2 CS CS
Device Under Test
Figure 20. ESD Test Circuit for Human Body Model
This method was devised to reduce the unpredictability of the ESD arc. The discharge current rise time is constant since the energy is directly transferred without the airgap arc. In situations such as hand held systems, the ESD charge can be directly discharged to the equipment from a person already holding the equipment. The current is transferred on to the keypad or the serial port of the equipment directly and then travels through the PCB and finally to the IC. The circuit models in Figures 20 and 21
represent the typical ESD testing circuits used for all three methods. The CS is initially charged with the DC power supply when the first switch (SW1) is on. Now that the capacitor is charged, the second switch (SW2) is on while SW1 switches off. The voltage stored in the capacitor is then applied through RS, the current limiting resistor, onto the device under test (DUT). In ESD tests, the SW2 switch is pulsed so that the device under test receives a duration of voltage.
Contact-Discharge Module
RC C SW1 SW1
DC Power Source
RS RS
RV SW2
CS S
Device Under Test
330 RS and RV add up to 330 for IEC1000-4-2.
Figure 21. ESD Test Circuit for IEC1000-4-2
Date: 02/31/06 SP3222EU, SP3232EU 3.3V, 1000Kbps RS-232 Transceivers (c) Copyright 2006 Sipex Corporation
13
For the Human Body Model, the current limiting resistor (RS) and the source capacitor (CS) are 1.5k an 100pF, respectively. For IEC-1000-4-2, the current limiting resistor (RS) and the source capacitor (CS) are 330 an 150pF, respectively. The higher CS value and lower RS value in the IEC1000-4-2 model are more stringent than the Human Body Model. The larger storage capacitor injects a higher voltage to the test point when SW2 is switched on. The lower current limiting resistor increases the current charge onto the test point.
30A
15A
0A t=0ns t t=30ns
Figure 22. ESD Test Waveform for IEC1000-4-2
Device Pin Tested
Driver Outputs Receiver Inputs
Human Body Model
15kV 15kV
I
Air Discharge
15kV 15kV
IEC1000-4-2 Direct Contact
8kV 8kV
Level
4 4
Table 3. Transceiver ESD Tolerance Levels
Date: 02/31/06
SP3222EU, SP3232EU 3.3V, 1000Kbps RS-232 Transceivers
(c) Copyright 2006 Sipex Corporation
14
PACKAGE: PLASTIC SHRINK SMALL OUTLINE (SSOP)
E H
D A O e B A1 L
DIMENSIONS (Inches) Minimum/Maximum (mm) A A1 B D E e H L O
16-PIN 0.068/0.078 (1.73/1.99) 0.002/0.008 (0.05/0.21) 0.010/0.015 (0.25/0.38) 0.239/0.249 (6.07/6.33) 0.205/0.212 (5.20/5.38) 0.0256 BSC (0.65 BSC) 0.301/0.311 (7.65/7.90) 0.022/0.037 (0.55/0.95) 0/8 (0/8)
20-PIN 0.068/0.078 (1.73/1.99) 0.002/0.008 (0.05/0.21) 0.010/0.015 (0.25/0.38) 0.278/0.289 (7.07/7.33) 0.205/0.212 (5.20/5.38) 0.0256 BSC (0.65 BSC) 0.301/0.311 (7.65/7.90) 0.022/0.037 (0.55/0.95) 0/8 (0/8)
Date: 02/31/06
SP3222EU, SP3232EU 3.3V, 1000Kbps RS-232 Transceivers
(c) Copyright 2006 Sipex Corporation
15
PACKAGE: PLASTIC DUAL-IN-LINE (NARROW)
E1 E
D1 = 0.005" min. (0.127 min.) D
A1 = 0.015" min. (0.381min.) A = 0.210" max. (5.334 max). A2 C O eA = 0.300 BSC (7.620 BSC) L
e = 0.100 BSC (2.540 BSC)
B1 B
ALTERNATE END PINS (BOTH ENDS)
DIMENSIONS (Inches) Minimum/Maximum (mm) A2 B B1 C D E E1 L O
16-PIN 0.115/0.195 (2.921/4.953) 0.014/0.022 (0.356/0.559) 0.045/0.070 (1.143/1.778) 0.008/0.014 (0.203/0.356)
18-PIN 0.115/0.195 (2.921/4.953) 0.014/0.022 (0.356/0.559) 0.045/0.070 (1.143/1.778) 0.008/0.014 (0.203/0.356)
0.780/0.800 0.880/0.920 (19.812/20.320) (22.352/23.368) 0.300/0.325 (7.620/8.255) 0.240/0.280 (6.096/7.112) 0.115/0.150 (2.921/3.810) 0/ 15 (0/15) 0.300/0.325 (7.620/8.255) 0.240/0.280 (6.096/7.112) 0.115/0.150 (2.921/3.810) 0/ 15 (0/15)
Date: 02/31/06
SP3222EU, SP3232EU 3.3V, 1000Kbps RS-232 Transceivers
(c) Copyright 2006 Sipex Corporation
16
PACKAGE: PLASTIC SMALL OUTLINE (SOIC) (WIDE)
E H
D A O e B A1 L
DIMENSIONS (Inches) Minimum/Maximum (mm) A A1 B D E e H L O
16-PIN 0.090/0.104 (2.29/2.649) 0.004/0.012 (0.102/0.300) 0.013/0.020 (0.330/0.508) 0.398/0.413 (10.10/10.49) 0.291/0.299 (7.402/7.600) 0.050 BSC (1.270 BSC) 0.394/0.419 (10.00/10.64) 0.016/0.050 (0.406/1.270) 0/8 (0/8)
18-PIN 0.090/0.104 (2.29/2.649)) 0.004/0.012 (0.102/0.300) 0.013/0.020 (0.330/0.508) 0.447/0.463 (11.35/11.74) 0.291/0.299 (7.402/7.600) 0.050 BSC (1.270 BSC) 0.394/0.419 (10.00/10.64) 0.016/0.050 (0.406/1.270) 0/8 (0/8)
Date: 02/31/06
SP3222EU, SP3232EU 3.3V, 1000Kbps RS-232 Transceivers
(c) Copyright 2006 Sipex Corporation
17
PACKAGE: PLASTIC SMALL OUTLINE (SOIC) (NARROW)
E
H
h x 45 D A O e B A1 L
DIMENSIONS (Inches) Minimum/Maximum (mm) A A1 B D E e H h L O
16-PIN 0.053/0.069 (1.346/1.748) 0.004/0.010 (0.102/0.249) 0.013/0.020 (0.330/0.508) 0.386/0.394 (9.802/10.000) 0.150/0.157 (3.802/3.988) 0.050 BSC (1.270 BSC) 0.228/0.244 (5.801/6.198) 0.010/0.020 (0.254/0.498) 0.016/0.050 (0.406/1.270) 0/8 (0/8)
Date: 02/31/06
SP3222EU, SP3232EU 3.3V, 1000Kbps RS-232 Transceivers
(c) Copyright 2006 Sipex Corporation
18
PACKAGE: PLASTIC THIN SMALL OUTLINE (TSSOP)
DIMENSIONS in inches (mm) Minimum/Maximum Symbol D e 14 Lead 16 Lead 20 Lead 24 Lead 28 Lead 38 Lead 0.193/0.201 0.193/0.201 0.252/0.260 0.303/0.311 0.378/0.386 0.378/0.386 (4.90/5.10) (4.90/5.10) (6.40/6.60) (7.70/7.90) (9.60/9.80) (9.60/9.80) 0.026 BSC (0.65 BSC) 0.026 BSC (0.65 BSC) 0.026 BSC (0.65 BSC) 0.026 BSC (0.65 BSC) 0.026 BSC 0.020 BSC (0.65 BSC) (0.50 BSC)
e
0.126 BSC (3.2 BSC) 0.252 BSC (6.4 BSC) 1.0 OIA 0.169 (4.30) 0.177 (4.50)
0.039 (1.0)
0'-8' 12'REF e/2 0.039 (1.0) 0.043 (1.10) Max D 0.033 (0.85) 0.037 (0.95)
0.007 (0.19) 0.012 (0.30)
0.002 (0.05) 0.006 (0.15) (2) 0.008 (0.20)
0.004 (0.09) Min
0.004 (0.09) Min Gage Plane
0.010 (0.25)
(3) 1.0 REF
0.020 (0.50) 0.026 (0.75)
(1)
Date: 02/31/06
SP3222EU, SP3232EU 3.3V, 1000Kbps RS-232 Transceivers
(c) Copyright 2006 Sipex Corporation
19
Model Temperature Range Package Type Model Temperature Range Package Type SP3222EUCA .......................................... 0C +70C .......................................... 20-Pin SSOP SP3222EUCA .......................................... 0C to to +70C .......................................... 20-Pin SSOP SP3222EUCA/TR .................................... 0C +70C .......................................... 20-Pin SSOP SP3222EUCA/TR .................................... 0C to to +70C .......................................... 20-Pin SSOP SP3222EUCP .......................................... 0C +70C ............................................ 18-Pin PDIP SP3222EUCP .......................................... 0C to to +70C ............................................ 18-Pin PDIP SP3222EUCT .......................................... 0C +70C ........................................ 18-Pin WSOIC SP3222EUCT .......................................... 0C to to +70C ........................................ 18-Pin WSOIC SP3222EUCT/TR ..................................... 0C +70C ........................................ 18-Pin WSOIC SP3222EUCT/TR ..................................... 0C to to +70C ........................................ 18-Pin WSOIC SP3222EUCY .......................................... 0C +70C ........................................ 20-Pin TSSOP SP3222EUCY .......................................... 0C to to +70C ........................................ 20-Pin TSSOP SP3222EUCY/TR .................................... 0C +70C ........................................ 20-Pin TSSOP SP3222EUCY/TR .................................... 0C to to +70C ........................................ 20-Pin TSSOP SP3232EUCA .......................................... 0C +70C .......................................... 16-Pin SSOP SP3232EUCA .......................................... 0C to to +70C .......................................... 16-Pin SSOP SP3232EUCA/TR .................................... 0C +70C .......................................... 16-Pin SSOP SP3232EUCA/TR .................................... 0C to to +70C .......................................... 16-Pin SSOP ORDERING +70C ............................................ 16-Pin PDIP SP3232EUCP .......................................... 0CINFORMATION SP3232EUCP .......................................... 0C to to +70C ............................................ 16-Pin PDIP SP3232EUCT .......................................... 0C +70C ........................................ 16-Pin WSOIC SP3232EUCT .......................................... 0C to to +70C ........................................ 16-Pin WSOIC Model Temperature Range Package Type SP3232EUCT/TR ..................................... 0C +70C ........................................ 16-Pin WSOIC SP3232EUCT/TR ..................................... 0C to to+70C .......................................... 16-Pin WSOIC SP3222EUCA .......................................... 0C to +70C ........................................ 20-Pin SSOP SP3232EUCY .......................................... 0C +70C ........................................ 16-Pin TSSOP SP3232EUCY .......................................... 0C to to+70C .......................................... 16-Pin TSSOP SP3222EUCA/TR .................................... 0C to +70C ........................................ 20-Pin SSOP SP3232EUCY/TR .................................... 0C +70C ........................................ 16-Pin TSSOP SP3232EUCY/TR .................................... 0C to to+70C ............................................ 18-Pin PDIP SP3222EUCP .......................................... 0C to +70C ........................................ 16-Pin TSSOP SP3232EUCN........................................... 0C +70C ......................................... 18-Pin WSOIC SP3232EUCN........................................... 0C toto +70C ........................................16-Pin nSOIC SP3222EUCT .......................................... 0C to +70C ......................................... 16-Pin nSOIC SP3232EUCN/TR..................................... 0C +70C .......................................... 18-Pin WSOIC SP3232EUCN/TR..................................... 0C toto +70C ........................................16-Pin nSOIC SP3222EUCT/TR ..................................... 0C to +70C .......................................... 16-Pin nSOIC SP3222EUEA .......................................... -40C to +85C .......................................... 20-Pin SSOP SP3222EUCY .......................................... 0C to +70Cpart number. ........................................ 20-Pin TSSOP Available in lead free packaging. order add "-L" Available in lead free packaging. ToTo order add "-L" suffix to .......................................... 20-Pin SSOP SP3222EUEA/TR .................................... -40C suffix to part number. SP3222EUCY/TR .................................... 0Cto +85C ........................................ 20-Pin TSSOP to +70C Example: SP3232EUCN/TR = standard; SP3232EUCN-L/TR = lead free Example: SP3232EUCN/TR = standard; SP3232EUCN-L/TR ........................................ 20-Pin TSSOP SP3222EUEY .......................................... -40C to +85C = lead free SP3222EUEY/TRReel /TR = Tape and .................................... -40C to +70C .......................................... 16-Pin SSOP SP3232EUCA .......................................... 0Cto +85C ........................................ 20-Pin TSSOP /TR = Tape and Reel SP3232EUCA/TR forfor SSOP, TSSOP, or 0C to and 2,500 for NSOIC. Pack quantity is 1,500 SSOP, TSSOP, or WSOIC and 2,500 for NSOIC. Pack quantity is 1,500.................................... WSOIC +70C .......................................... 16-Pin SSOP SP3232EUEA .......................................... -40C to +85C .......................................... 16-Pin SSOP SP3232EUCP .......................................... 0C to +70C ............................................ 16-Pin PDIP SP3232EUEA/TR .................................... -40C to +85C .......................................... 16-Pin SSOP SP3232EUCT .......................................... 0C to +70C ........................................ 16-Pin WSOIC SP3232EUEY .......................................... -40C to +85C ........................................ 16-Pin TSSOP SP3232EUCT/TR ..................................... 0C to +70C ........................................ 16-Pin WSOIC SP3232EUEY/TR .................................... -40C to +85C ........................................ 16-Pin TSSOP SP3232EUCY .......................................... 0C to +70C ........................................ 16-Pin TSSOP SP3232EUCY/TR .................................... 0C to +70C ........................................ 16-Pin TSSOP SP3232EUCN........................................... 0C to +70C ......................................... 16-Pin nSOIC SP3232EUCN/TR..................................... 0C to +70C .......................................... 16-Pin nSOIC
Available in lead free packaging. To order add "-L" suffix to part number. Example: SP3232EUCN/TR = standard; SP3232EUCN-L/TR = lead free /TR = Tape and Reel Pack quantity is 1,500 for SSOP, TSSOP, or WSOIC and 2,500 for NSOIC.
ORDERING INFORMATION ORDERING INFORMATION
ANALOG EXCELLENCE ANALOG EXCELLENCE
Sipex Corporation Sipex Corporation Headquarters and Headquarters and Sales Office Sales Office 233 South Hillview Drive 233 South Hillview Drive Milpitas, 95035 Milpitas, CA CA 95035 TEL: (408) 934-7500 TEL: (408) 934-7500 FAX: (408) 935-7600 FAX: (408) 935-7600
Corporation Corporation
Sipex Corporation reserves right to to make changes to products described herein. Sipex does not assume any liability arising out of of Sipex Corporation reserves the the rightmake changes to anyany products described herein. Sipex does not assume any liability arising outthe the application or of of product or or circuit described herein; neither does it convey license under its its patent rights the rights of of others. application or useuseanyany product circuit described herein; neither does it convey anyany license under patent rights nornor the rightsothers.
Corporation
Date: 02/24/05 Sipex Corporation
ANALOG EXCELLENCE Date: 02/31/06
SP3222EU, SP3232EU 3.3V, 1000Kbps RS-232 Transceivers SP3222EU, SP3232EU 3.3V, 1000Kbps RS-232 Transceivers
(c) Copyright 2005 Sipex Corporation (c) Copyright 2005 Sipex Corporation
20 20


▲Up To Search▲   

 
Price & Availability of SP3222EUCYTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X