Part Number Hot Search : 
STMP3520 LLA219 25TTS NE559 D6417 ISL43231 C1446 BC547
Product Description
Full Text Search
 

To Download OVSTRGBLC6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Full-Color Top-View Chip LED (3.5 x 3.0 x 1.55 lens type)
OVSTRGBLC6
x x x x Red/green/blue/white in single surface mount package 8 mm tape on 7" reel compatible with automatic placement equipment Each chip individually addressable to provide color ondemand ESD protected [ 1 kV, 1 time (200 pF 0 W)] Product Photo Here
The OVSTRGBLC6 is a full-color chip LED with multiple viewing angles and the ability to produce all colors of the visible spectrum, plus white. This small package, combined with high-light output, is ideal for miniature applications. Applications x Automotive (backlighting in dashboard and switches) x Telecommunications (indicator and backlighting in telephone and fax) x Flat backlight (LCDs, membrane switches and symbols) x Personal/portable appliances (mobile phones, pagers, audio/video players and GPS) Part Number OVSTRGBLC6 Material AlInGaP / InGaN Emitted Color Red/Green/Blue Intensity Typ. mcd Lens Color Water Clear
180/550/152
Pin Connection
RoHS
Moisture GENERAL TOLERANCE: 0.1
DO NOT LOOK DIRECTLY AT LED WITH UNSHIELDED EYES OR DAMAGE TO RETINA MAY OCCUR.
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible. OPTEK Technology Inc. -- 1645 Wallace Drive, Carrollton, Texas 75006 Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com Issue A .3 06/06 Page 1 of 7
Full-Color Top-View Chip LED
OVSTRGBLC6 Absolute Maximum Ratings
SYMBOL PARAMETER VALUE RED GREEN BLUE UNIT
PD IF PD IF IFP
Power Dissipation (1 chip on) DC Forward Current ( 1 chip on) Power Dissipation (2 or 3 chips on) DC Forward Current (2 or 3 chips on) Pulsed Forward Current
1 2
68 25 22 10 100
98 25 33 10 100 -0.425
98 25 33 10 100
mW mA mW mA mA mA / C
IP
TOPR TSTG
DC Forward Current Reduction (1 chip on)
DC Forward Current Reduction2 (2 or 3 chips on) Operating Temperature Storage Temperature
-0.1 -30 ~ +80 -40 ~ +100 C C
Note: 1. Duty 2. TOPR = 40 ~ 80 C. Use under this condition.
Electrical Characteristics
RED SYMBOL PARAMETER MIN TYP MAX UNITS CONDITIONS
IV VF IR
D
Electrical Characteristics
GREEN SYMBOL PARAMETER MIN TYP MAX UNITS CONDITIONS
IV VF1 VF2
D
Issue A .3 06/06 Page 2 of 7
0) & " | ('%%$ # ! (c)
Luminous Intensity (axial direction) Forward Voltage Reverse Current Dominant Wavelength Spectral Line Half Width
62 ------621 ----
180 1.9 ------15
461 2.4 100 631 ----
mcd V mA nm nm
IF = 20 mA IF = 20 mA VR = 5 V IF = 20 mA IF = 20 mA
Luminous Intensity (axial direction) Forward Voltage Forward Voltage Dominant Wavelength Spectral Line Half Width
234 ---2.0 520 ----
550 3.3 ------35
1334 3.9 ---540 ----
mcd V V nm nm
IF = 20 mA IF = 20 mA IF = 5 A IF = 20 mA IF = 20 mA
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible. OPTEK Technology Inc. -- 1645 Wallace Drive, Carrollton, Texas 75006 Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Full-Color Top-View Chip LED
OVSTRGBLC6 Electrical Characteristics
BLUE SYMBOL PARAMETER MIN TYP MAX UNITS CONDITIONS
IV VF1 VF2
D
Luminous Intensity (axial direction) Forward Voltage Forward Voltage Dominant Wavelength Width
70 ---2.0 460 ----
152 3.4 ------25
364 3.9 ---480 ----
mcd V V nm nm
IF = 20 mA IF = 20 mA IF = 5 A IF = 20 mA IF = 20 mA
Note: Spectral Line Half 1. Duty = 1/20, Pulse Width 1 msec.
IF = 20 mA
RANK
Ranking
LUMINOUS INTENSITY (mcd) RED GREEN BLUE
J K L M N P Q R 62 ~ 180
234 ~ 550 550 ~ 1334 234 ~ 550 180 ~ 461 550 ~ 1334
70 ~ 152 152 ~ 364 70 ~ 152 152 ~ 364 70 ~ 152 152 ~ 364 70 ~ 152 152 ~ 364
Note: 1. Please contact Optek for designation of Luminous Intensity Ranks. 2. Please state Part Number OVSTRGBLC6 when making an inquiry.
Radiation Patterns
X Y
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible. OPTEK Technology Inc. -- 1645 Wallace Drive, Carrollton, Texas 75006 Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com Issue A .3 06/06 Page 3 of 7
Full-Color Top-View Chip LED
OVSTRGBLC6 Typical Electro-Optical Characteristics Curves
1000
TA = 25 C
TA = 25 C
500 300
mA
%
100 50 30
10
V
mA
Forward Current vs Forward Voltage
Relative Luminous Intensity vs Forward Current
TA = 25 C
Relative Luminous Intensity Relative Luminous Intensity nm
C
Relative Luminous Intensity vs Wavelength
Relative Luminous Intensity vs Ambient Temperature
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible. Issue A .3 06/06 Page 4 of 7 OPTEK Technology Inc. -- 1645 Wallace Drive, Carrollton, Texas 75006 Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Full-Color Top-View Chip LED
OVSTRGBLC6 Typical Electro-Optical Characteristics Curves
626.8
TA = 25 C
545
TA = 25 C
626.4
540
626.0
535
nm
625.6
nm
530
626.2
525
624.8 1 3 5 10 30 50 100
520
1
3
5
10
30
50
100
mA
mA
Red: Forward Current vs Dominant Wavelength
Green: Forward Current vs Dominant Wavelength
478
TA = 25 C
476
474
nm
472
470
468 1 3 5 10 30 50 100
mA
Blue: Forward Current vs Dominant Wavelength
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible. OPTEK Technology Inc. -- 1645 Wallace Drive, Carrollton, Texas 75006 Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com Issue A .3 06/06 Page 5 of 7
Full-Color Top-View Chip LED
OVSTRGBLC6 Reel Dimensions: 7-inch reel
Carrier Tape Dimensions: Unloaded
Vacant SMD Parts Vacant Cover Tape
(END)
Vacant (min. 15 pcs) Vacant (min. 10 pcs) Min. 200
(START)
Carrier Tape Dimensions: Loaded quantity 1000 pieces per reel
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible. Issue A .3 06/06 Page 6 of 7 OPTEK Technology Inc. -- 1645 Wallace Drive, Carrollton, Texas 75006 Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Full-Color Top-View Chip LED
OVSTRGBLC6 Moisture Resistant Reel Packaging
Label
Aluminum Moisture-proof Bag
Desiccant
Bar Code Label
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible. OPTEK Technology Inc. -- 1645 Wallace Drive, Carrollton, Texas 75006 Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com Issue A .3 06/06 Page 7 of 7


▲Up To Search▲   

 
Price & Availability of OVSTRGBLC6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X