Part Number Hot Search : 
101KD SDR950 TC1031 MC9S08 B2HKF PC923 GI1102 G13JHC
Product Description
Full Text Search
 

To Download OSR6LU5B64A-5V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5mm Round Normal Bright Red Resistor LED OSR6LU5B64A-5V
Features
High Luminous LEDs 5mm Round Standard Directivity Superior Weather-resistance UV Resistant Epoxy Integral Current Limiting Resistor TTL Compatible (Requires No External Current Limiter With 5 Volt Supply) Cost Effective (Saves Space and Resistor Cost) Color Diffused Type
Outline Dimension
Applications
Status Indicators Other Lighting
Absolute Maximum Rating
Item
DC Forward Voltage Reverse Voltage Power Dissipation Operating Temperature Storage Temperature Lead Soldering Temperature
Directivity
Value
7.5 5 150 -30 ~ +85 -40~ +100 260 /5sec V V mW VF VR PD Topr Tstg Tsol
Symbol
Electrical -Optical Characteristics
Item
DC Forward Current DC Reverse Current Domi. Wavelength* Luminous Intensity* 50% Power Angle
Symbol
IF IR D Iv 21/2
Condition VF =5V VR=5V VF =5V VF =5V VF =5V
Min.
630 100 -
Typ.
12 640 150 60
Max.
20 10 650 mA A nm mcd deg
*1 Tolerance of dominant wavelength is +1nm *2 Tolerance of luminous intensity is +15%
LED & Application Technologies
http://www.optosupply.com
VER A.0
5mm Round Normal Bright Red Resistor LED OSR6LU5B64A-5V
AlGaInP and Si Resistor LED
TYPICAL ELECTRICAL/OPTICAL CHARACTERISTIC CURVES
LED & Application Technologies
http://www.optosupply.com
VER A.0


▲Up To Search▲   

 
Price & Availability of OSR6LU5B64A-5V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X