Part Number Hot Search : 
TA8532F 307014 LTC31 P0111 F45ITR 106D1 TL594CD 52104496
Product Description
Full Text Search
 

To Download MASW-001100-1190 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MASW-001100-1190 MASW-002100-1191 MASW-003100-1192 HMICTM Silicon PIN Diode Switches
Features
Broad Bandwidth Specified from 50MHz to 20GHz Usable from 50MHz to 26.5GHz Lower Insertion Loss / Higher Isolation than pHempt Rugged Fully Monolithic, Glass Encapsulated Construction Up to +33dBm C.W. Power Handling RoHS Compliant V6
MASW-001100-1190
Description
The MASW-001100-1190, MASW-002100-1191 and MASW-003100-1192 are broadband monolithic switches using series and shunt connected silicon PIN diodes. They are designed for use as 2W, high performance switches in applications up to 26.5GHz. They provide performance levels superior to those realized by hybrid MIC designs incorporating beamlead and PIN chip diodes that require chip and wire assembly. These switches are fabricated using M/A-COM's patented HMICTM (Heterolithic Microwave Integrated Circuit) process, US Patent 5,268,310. This process allows the incorporation of silicon pedestals that form series and shunt diodes or vias by imbedding them in low loss, low dispersion glass. By using small spacing between elements, this combination of silicon and glass gives HMIC devices low loss and high isolation performance through low millimeter frequencies. Large bond pads facilitate the use of low inductance ribbon leads, while gold backside metallization allows for manual or automatic chip bonding via 80/20, AuSn solder or conductive Ag epoxy. Parameter Operating Temperature Storage Temperature Junction Temperature Applied Reverse Voltage RF C.W. Incident Power Bias Current +25C Absolute Maximum -65oC to +125oC -65oC to +150oC +175oC | - 50V | +33dBm C.W. 20mA
MASW-002100-1191
MASW-003100-1192
1
Max operating Conditions for a Combination of RF Power, D.C. Bias and Temperature: +33dBm CW @ 15mA (per diode) @+85C
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MASW-001100-1190 MASW-002100-1191 MASW-003100-1192 HMICTM Silicon PIN Diode Switches
MASW-001100-1190 (SPST) Electrical Specifications @ TA = +25oC, 20mA Bias
Parameter
Insertion Loss
V6
Frequency
6GHz 13GHz 20GHz 6GHz 13GHz 20GHz 6GHz 13GHz 20GHz 1GHz
Minimum
46 39 34 22 15 14 -
Nominal
0.4 0.5 0.7 55 47 42 31 33 27 20 0.2
Maximum
0.7 0.9 1.2 50 -
Units
dB dB dB dB dB dB dB dB dB ns V dB
Isolation
Input Return Loss Switching Speed1 Voltage Rating2 Signal Compression (500mW)
MASW-002100-1191 (SPDT) Electrical Specifications @ TA = +25oC, 20mA Bias
Parameter
Insertion Loss
1.) Typical Switching Speed measured from 10 % to 90 % of detected RF signal driven by TTL compatible drivers. 2.) Maximum reverse leakage current in either the shunt or series PIN diodes shall be 10mA maximum at -50 volts.
Frequency
6GHz 13GHz 20GHz 6GHz 13GHz 20GHz 6GHz 13GHz 20GHz 1GHz
Minimum
48 40 34 20 18 15 -
Nominal
0.4 0.5 0.7 63 50 42 27 25 25 20 0.2
Maximum
0.7 1.0 1.2 50 -
Units
dB dB dB dB dB dB dB dB dB ns V dB
Isolation
Input Return Loss Switching Speed1 Voltage Rating2 Signal Compression (500mW)
MASW-003100-1192 (SP3T) Electrical Specifications @ TA = +25oC, 20mA Bias
Parameter
Insertion Loss
1.) Typical Switching Speed measured from 10 % to 90 % of detected RF signal driven by TTL compatible drivers. 2.) Maximum reverse leakage current in either the shunt or series PIN diodes shall be 10mA maximum at -50 volts.
Frequency
6GHz 13GHz 20GHz 6GHz 13GHz 20GHz 6GHz 13GHz 20GHz 1GHz
Minimum
49 42 33 20 14 11 -
Nominal
0.5 0.7 0.9 57 48 42 24 22 21 20 0.2
Maximum
0.8 1.1 1.5 50 -
Isolation
Input Return Loss Switching Speed1 Voltage Rating2 Signal Compression (500mW)
2
Units dB dB dB dB dB dB dB dB dB ns V dB
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MASW-001100-1190 MASW-002100-1191 MASW-003100-1192 HMICTM Silicon PIN Diode Switches Typical Performance Curves at TA = +25C, 20mA Bias Current
MASW-001100-1190 RETURN LOSS vs. FREQUENCY
-10 -15
-0.2
V6
MASW-001100-1190 INSERTION LOSS vs. FREQUENCY
INSERTION LOSS (dB
30
-0.3 -0.4 -0.5 -0.6 -0.7 -0.8 -0.9 -1
RETURN LOSS (dB)
Output Return Loss
-20 -25 -30 -35 0 5 10 15 20 25
Input Return Loss
0
5
10
15
20
25
30
FREQUENCY (GHz)
FREQUENCY (GHz)
MASW-002100-1191 RETURN LOSS vs. FREQUENCY
-10
MASW-002100-1191 INSERTION LOSS vs. FREQUENCY
-0.2
-15
INSERTION LOSS (dB
-0.3 -0.4 -0.5 -0.6 -0.7 -0.8 -0.9 -1
RETURN LOSS (dB)
Output Return Loss
-20
-25 -30
Input Return Loss
-35 0 5 10 15 20 25 30
0
5
10
15
20
25
30
FREQUENCY (GHz)
FREQUENCY (GHz)
MASW-003100-1192 RETURN LOSS vs. FREQUENCY
-10
MASW-003100-1192 INSERTION LOSS vs. FREQUENCY
-0.3
INSERTION LOSS (dB
-0.4 -0.5 -0.6 -0.7 -0.8 -0.9 -1 -1.1 -1.2
RETURN LOSS (dB)
-15
Output Return Loss
-20
-25
Input Return Loss
-30 0 5 10 15 20 25 30
0
5
10
15
20
25
30
FREQUENCY (GHz)
FREQUENCY (GHz)
S-Parameters: S-Parameter data for these devices are available upon request.
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MASW-001100-1190 MASW-002100-1191 MASW-003100-1192 HMICTM Silicon PIN Diode Switches Typical Performance Curves @ TA = +25C, 20mA Bias Current
MASW-001100-1190 ISOLATION vs. FREQUENCY
-35 -40
V6
INPUT RETURN LOSS vs. BIAS CURRENT @ 10 GHz
-22
INPUT RETURN LOSS (dB
-24 -26 -28 -30 -32 -34 0 5 10 15 20 25 30 35 40 45 50 55
MA S W-0 0 110 0 MA S W-0 0 3 10 0
ISOLATION (dB)
-45 -50 -55 -60 -65 -70 -75 -80 0 5 10 15 20 25 30
MA S W-0 0 2 10 0
CURRENT (mA )
OUTPUT RETURN LOSS vs. BIAS CURRENT@ 10 GHz
OUTPUT RETURN LOSS (dB
-21.5 -22 -22.5 -23 -23.5 -24 -24.5 -25 -25.5 0 5 10 15 20 25 30 35 40 45 50 55
MA S W-0 0 3 10 0 MA S W-0 0 2 10 0 MAS W-0 0 110 0
FREQUENCY (GHz)
MASW-002100-1191 ISOLATION vs. FREQUENCY
-35 -40
ISOLATION (dB)
-45 -50 -55 -60 -65 -70
CURRENT (mA )
INSERTION LOSS vs. BIAS CURRENT @ 10 GHz
-0.35
INSERTION LOSS (dB
-75 -80 0 5 10 15 20 25 30
-0.4 -0.45 -0.5 -0.55 -0.6 -0.65 -0.7 0 5 10 15 20 25 30 35 40
MAS W-0 0 2 10 0 MAS W-0 0 110 0
FREQUENCY (GHz)
MAS W-0 0 3 10 0
MASW-003100-1192 ISOLATION vs. FREQUENCY
-35 -40
45
50
55
CURRENT (mA)
ISOLATION (dB)
-45 -50 -55 -60
-46 -47
ISOLATION vs. BIAS CURRENT @ 10 GHz
) ISOLATION (dB
-65 -70 -75 -80 0 5 10 15 20 25 30
-48 -49 -50 -51 -52 -53 -54 0 5 10 15 20 25 30 35 40 45 50 55
MAS W-0 0 2 10 0 MAS W-0 0 3 10 0 MAS W-0 0 110 0
FREQUENCY (GHz)
CURRENT (mA)
4
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MASW-001100-1190 MASW-002100-1191 MASW-003100-1192 HMICTM Silicon PIN Diode Switches
Operation of the MASW Series Switches
Operation of the MASW series of PIN switches is achieved by simultaneous application of negative DC current to the low loss switching arm J1, J2, or J3, and positive DC current to the remaining switching arms as shown in the bias connection circuits. DC return is achieved via J1. The control currents should be supplied by constant current sources. The voltages at these points will not exceed +1.5 volts (1.2V typical) at currents up to +20mA. In the low loss state, the series diode must be forward biased and the shunt diode reverse biased. In the isolated arm, the shunt diode is forward biased and the series diode is reverse biased. V6 MASW-001100-1190 and Bias Connections1
J1 RF INPUT
20pF
20nH J2 BIAS 20pF 100 20nH
20pF
20pF
Switch Chip
J2 RF OUTPUT
Driver Connections
MASW-001100-1190
Control Level (DC Current) at
J2 -20mA +20mA
Condition of RF Output
J1-J2 Low Loss Isolation
MASW-002100-1191 and Bias Connections1
J1 RF INPUT 20pF J3 BIAS 20nH J2 BIAS
MASW-002100-1191
Control Level (DC Current) at
J2 -20mA +20mA J3 +20mA -20mA
100 20nH 20pF 20pF 20nH 20pF
Condition of RF Output
J1-J2 Low Loss Isolation
Condition of RF Output
J1-J3 Isolation Low Loss
20pF J3 RF OUTPUT
Switch Chip
20pF
J2 RF OUTPUT
MASW-003100-1192
Control Level (DC Current) at
J2 -20mA +20mA +20mA J3 +20mA -20mA +20mA J4 +20mA +20mA -20mA
MASW-003100-1192 and Bias Connections1
J1 RF INPUT 20pF J4 BIAS 20nH J2 BIAS
Cond. of Cond. of Cond. of RF RF Output RF Output Output
J1-J2 Low Loss Isolation Isolation J1-J3 Isolation Low Loss Isolation J1-J4 Isolation Isolation Low Loss
20pF 20nH 20pF
100 20nH 20pF
20pF J4 RF OUTPUT
20pF
J2 RF OUTPUT
Handling Considerations
Cleanliness: These chips should be handled in a clean environment. Electro-Static Sensitivity: The MASW series PIN switches are ESD, Class 1A sensitive (HBM). The proper ESD handling procedures should be used.
5
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
20pF 20nH J3 BIAS 20pF J3 RF OUTPUT
Notes: 1. RLC values are for an operation frequency of 2-18GHz and bias current of 20mA per diode.
MASW-001100-1190 MASW-002100-1191 MASW-003100-1192 HMICTM Silicon PIN Diode Switches
V6
Wire Bonding Thermosonic wedge bonding using 0.003" x 0.00025" ribbon or 0.001" diameter gold wire is recommended. A stage temperature of 150C and a force of 18 to 22 grams should be used. Ultrasonic energy, if necessary, should be adjusted to the minimum power required to achieve a good bond. RF wire and ribbon lengths should be kept as short as possible to minimize parasitic inductance. Mounting
These chips have Ti-Pt-Au back metal and can be mounted using 80Au/20Sn eutectic solder or electrically conductive Ag epoxy. Mounting surface must be flat and clean of oils and contaminants. Eutectic Die Attachment: An 80/20 gold-tin eutectic solder preform is recommended with a work surface temperature of 255oC and a tool tip temperature of 265oC. When hot gas is applied, the tool tip temperature should be 290oC. The chip should not be exposed to temperatures greater than 320oC for more than 20 seconds. No more than three seconds should be required for attachment. Solders containing tin should not be used. Epoxy Die Attachment: A controlled thickness of no more than 2 mils is recommended for the best electrical and thermal conductivity. A thin epoxy fillet should be visible around the perimeter of the chip after placement to ensure complete coverage. Cure epoxy per manufacturer's recommended schedule. Typically +150C for 1 hour.
Chip Outline Drawing1,2
DIM INCHES MIN. A B C D E F G H 0.014 0.025 MAX. 0.018 0.029 MIN. 0.35 0.64 MM MAX. 0.45 0.74
0.008 REF 0.004 0.006
0.20 REF 0.10 0.15
0.004 REF 0.003 REF 0.003 REF 0.020 REF
0.10 REF 0.08 REF 0.08 REF 0.52 REF
Notes:
1. Topside and backside surface metallization is gold, 2.5m thick typical. 2. Yellow areas indicate wire bonding pads.
6
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MASW-001100-1190 MASW-002100-1191 MASW-003100-1192 HMICTM Silicon PIN Diode Switches
V6
Chip Outline Drawing1,2
MASW-002100-1191
DIM MIN. A B C D E F G H 0.029 0.004
INCHES MAX. 0.033 0.006 MIN. 0.73 0.10
MM MAX. 0.83 0.15 0.10 REF 0.13 REF 0.23 REF 0.58 REF 0.17 REF 0.10 REF
0.004 REF 0.005 REF 0.009 REF 0.023 REF 0.007 REF 0.004 REF
Notes:
1. 2.
7
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
Topside and backside surface metallization is gold , 2.5m thick typical. Yellow areas indicate wire bonding pads
MASW-001100-1190 MASW-002100-1191 MASW-003100-1192 HMICTM Silicon PIN Diode Switches
V6
Chip Outline Drawing 1, 2
MASW-003100-1192
DIM MIN. A B C D E F G H J
INCHES MAX. MIN. 0.046 0.050 0.036 0.040 0.019 REF 0.014 REF 0.004 REF 0.005 REF 0.004 0.006 0.005 REF 0.004 REF
MM MAX. 1.16 1.26 0.92 1.02 0.48 REF 0.36 REF 0.10 REF 0.13 REF 0.10 0.15 0.12 REF 0.10 REF
Notes:
1. Topside and backside surface metallization is gold , 2.5m thick typical. 2. Yellow areas indicate wire bonding pads
8
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MASW-001100-1190 MASW-002100-1191 MASW-003100-1192 HMICTM Silicon PIN Diode Switches
V6
Ordering Information
Part Number
MASW-001100-11900W MASW-001100-11900G MASW-002100-11910W MASW-002100-11910G MASW-003100-11920W MASW-003100-11920G
Package
Waffle Pack
Gel Pack
Waffle Pack Gel Pack Waffle Pack Gel Pack
9
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MASW-001100-1190

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X