Part Number Hot Search : 
70506 X84C3 1N5392 SI3586 UM232E CR2032 A2210 KSC3953
Product Description
Full Text Search
 

To Download KBU805G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBU801G - KBU807G
Single Phase 8.0 AMPS. Glass Passivated Bridge Rectifiers KBU
Features
UL Recognized File # E-96005 Glass passivated junction Ideal for printed circuit board Reliable low cost construction Plastic material has Underwriters Laboratory Flammability Classification 94V-0 Surge overload rating to 200 amperes peak High temperature soldering guaranteed: 260oC / 10 seconds / .375", (9.5mm) lead lengths. Weight: 0. 3 ounce, 8.0 grams Mounting torque: 5 in. lb. Max.
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current @TA = 65 oC Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 4.0A @ 8.0A Maximum DC Reverse Current @ TA=25 oC at Rated DC Blocking Voltage @ TA=125 oC
Typical Thermal Resistance Per Leg (Note 1) (Note 2)
Symbol KBU KBU KBU KBU KBU KBU KBU
VRRM VRMS VDC I(AV) IFSM
801G 802G 803G 50 100 200 35 70 140 50 100 200
804G 400 280 400 8.0 200
805G 600 420 600
806G 800 560 800
807G 1000 700 1000
Units
V V V A A
VF IR RJA RJC
TJ
Operating Temperature Range
Storage Temperature Range TSTG 1: Units Mounted In Free Air No Heat Sink On PCB 0.5" x 0.5 " (12mm x 12mm) Copper Pads, Notes: 0.375" (9.5mm) Lead Length. 2: Units Case Mounted On 4" x 6" x 0.25" AL. Plate Heat Sink.
1.0 1.1 5.0 500 18.0 3.0 -55 to +150 -55 to + 150
V uA uA
o
C/W
o o
C C
- 694 -
Version: A06


▲Up To Search▲   

 
Price & Availability of KBU805G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X