Part Number Hot Search : 
CXP82300 RKL26 74LV573N AKBL409 STM1813 CP1500 00104 40175
Product Description
Full Text Search
 

To Download HN58C256FP-20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HN58C256 Series
32768-word x 8-bit Electrically Erasable and Programmable CMOS ROM
ADE-203-092G (Z) Rev. 7.0 Nov. 29, 1994
Description
The Hitachi HN58C256 is a electrically erasable and programmable ROM organized as 32768-word x 8bit. It realizes high speed, low power consumption, and a high level of reliability, employing advanced MNOS memory technology and CMOS process and circuitry technology. It also has a 64-byte page programming function to make its erase and write operations faster.
Features
* * * * * * * * * * * * Single 5 V supply On-chip latches: address, data, CE, OE, WE Automatic byte write: 10 ms max Automatic page write (64 bytes): 10 ms max Fast access time: 200 ns max Low power dissipation: 20 mW/MHz typ (active) 1.1 mW max (standby) Data polling Data protection circuit on power on/off Conforms to JEDEC byte-wide standard Reliable CMOS with MNOS cell technology 105 erase/write cycles (in page mode) 10 year data retention
Ordering Information
Type No. HN58C256P-20 HN58C256FP-20 Access Time 200 ns 200 ns Package 600 mil 28-pin plastic DIP (DP-28) 28-pin plastic SOP (Note) (FP-28D)
HN58C256 Series
Pin Arrangement
HN58C256P/FP Series A14 A12 A7 A6 A5 A4 A3 A2 A1 A0 I/O0 I/O1 I/O2 VSS 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 (Top View) VCC WE A13 A8 A9 A11 OE A10 CE I/O7 I/O6 I/O5 I/O4 I/O3
Pin Description
Pin Name A0 - A14 I/O0 - I/O7 OE CE WE VCC VSS Function Address Input/output Output enable Chip enable Write enable Power (+5 V) Ground
2
HN58C256 Series
Block Diagram
I/O0 VCC VSS OE CE WE Control Logic and Timing I/O7
High Voltage Generator I/O Buffer and Input Latch
A0 A5 Address Buffer and Latch A6 A14
Y Decoder
Y Gating
X Decoder
Memory Array
Data Latch
Mode Selection
Pin Mode Read Standby Write Deselect Write inhibit Data polling Note: X = Don't care CE (20) VIL VIH VIL VIL X X VIL OE (22) VIL X VIH VIH X VIL VIL WE (27) VIH X VIL VIH VIH X VIH I/O (11 - 13, 15 - 19) Dout High-Z Din High-Z -- -- Data out (I/O7)
3
HN58C256 Series
Absolute Maximum Ratings
Parameter Supply voltage Input voltage
*1 *3 *1
Symbol VCC Vin Topr Tstg
Value -0.6 to +7.0 -0.5 to +7.0 0 to +70 -55 to +125
*2
Unit V V C C
Operating temperature range Storage temperature range
Notes: 1. With respect to V SS 2. Vin min = -3.0 V for pulse width 50 ns 3. Including electrical characteristics and data retention.
Recommended DC Operating Conditions
Parameter Supply voltage Input voltage Symbol VCC VIL VIH Operating temperature Topr Min 4.5 -0.3 2.2 0 Typ 5.0 -- -- -- Max 5.5 0.8 VCC + 1 70 Unit V V V C
DC Characteristics (Ta = 0 to +70C, VCC = 5 V 10%)
Parameter Input leakage current Output leakage current VCC current (standby) Symbol I LI I LO I CC1 I CC2 VCC current (active) I CC3 Min -- -- -- -- -- -- Input low voltage Input high voltage Output low voltage Output high voltage Note: VIL VIH VOL VOH -0.3 *1 2.2 -- 2.4 Typ -- -- -- -- -- -- -- -- -- -- Max 2 2 200 1 12 30 0.8 Unit A A A mA mA mA V Test Conditions VCC = 5.5 V, Vin = 5.5 V VCC = 5.5 V, Vout = 5.5/0.4 V CE = VCC CE = VIH Iout = 0 mA, Duty = 100%, Cycle = 1 s at VCC = 5.5 V Iout = 0 mA, Duty = 100%, Cycle = 200 ns at VCC = 5.5 V
VCC + 1 V 0.4 -- V V I OL = 2.1 mA I OH = -400 A
1. VIL min = -1.0 V for pulse width 50 ns
4
HN58C256 Series
Capacitance (Ta = 25C, f = 1 MHz)
Parameter Input capacitance
*1 *1
Symbol Cin Cout
Min -- --
Typ -- --
Max 6 12
Unit pF pF
Test Conditions Vin = 0 V Vout = 0 V
Output capacitance Note:
1. This parameter is periodically sampled and not 100 % tested.
AC Characteristics (Ta = 0 to +70C, VCC = 5 V 10 %)
Test Conditions * * * * Input pulse levels : 0.4 V to 2.4 V Input rise and fall time : 20 ns Output load : 1TTL Gate +100 pF Reference levels for measuring timing Inputs : Outputs: 0.8 V and 2.0 V
Read Cycle
Parameter Address to output delay CE to output delay OE to output delay Address to output hold OE, CE high to output float Note:
*1
Symbol t ACC t CE t OE t OH t DF
Min -- -- 10 0 0
Max 200 200 90 -- 70
Unit ns ns ns ns ns
Test Conditions CE = OE = VIL, WE = VIH OE = VIL, WE = VIH CE = VIL, WE = VIH CE = OE = VIL, WE = VIH CE = VIL, WE = VIH
1. t DF is defined at which the outputs achieve the open circuit condition and are no longer driven.
5
HN58C256 Series
Read Timing Waveform
Address t ACC CE tCE OE tOE WE High tDF tOH
Data Out
Data Out Valid
6
HN58C256 Series
Write Cycle
Parameter Address setup time Address hold time CE to write setup time (WE controlled) CE hold time (WE controlled) WE to write setup time (CE controlled) WE hold time (CE controlled) OE to write setup time OE hold time Data setup time Data hold time WE pulse width (WE controlled) CE pulse width (CE controlled) Data latch time Byte lode cycle Byte lode window Write cycle time Write start time Symbol t AS t AH t CS t CH t WS t WH t OES t OEH t DS t DH t WP t CW t DL t BLC t BL t WC t DW Min*1 0 150 0 0 0 0 0 0 100 0 150 150 200 0.35 100 -- 150 Typ -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- Max -- -- -- -- -- -- -- -- -- -- -- -- -- 30 -- 10 --
*2
Unit ns ns ns ns ns ns ns ns ns ns ns ns ns s s ms ns
Test Conditions
Notes: 1. Use this device in longer cycle than this value. 2. t WC must be longer than this value unless polling technique is used. This device automatically completes the internal write operation within this value.
7
HN58C256 Series
Byte Write Timing Waveform (WE Controlled)
t WC Address t CS CE t AS tWP WE t OES OE t DS Din t DH t OEH t BL t AH t CH
Byte Write Timing Waveform (CE Controlled)
Address t WS CE t AS WE t OES OE t DS Din t DH t OEH t AH t CW t WH t BL t WC
Page Write Timing Waveform (1) (WE Controlled)
8
HN58C256 Series
Address A6 to A14
Address A0 to A5 t AS WE t CS CE t OES
t AH t WP t DL t CH
t BLC
t BL
t WC
t DH
t OEH
OE
t DS
Din
9
HN58C256 Series
Page Write Timing Waveform (2) (CE Controlled)
Address A6 to A14
Address A0 to A5 t AS CE t WS WE t OES OE
t AH t CW t DL t WH
t BLC
t BL
t WC
t DH
t OEH
t DS
Din
10
HN58C256 Series
Data Polling Timing Waveform
Address An An
CE
WE t BL OE t OE I/O7 Din X Dout X t WC Dout X t DW t OES
Functional Description
Automatic Page Write Page-mode write feature allows 1 to 64 bytes of data to be written into the EEPROM in a single write cycle. Following the initial byte cycle, an additional 1 to 63 bytes can be written in the same manner. Each additional byte load cycle must be started within 30 s of the preceding rising edge of WE. When CE or WE is high for 100 s after data input, the EEPROM enters write mode automatically and the input data are written into the EEPROM.
Data Polling
Data polling allows the status of the EEPROM to be determined. If EEPROM is set to read mode during a
write cycle, an inversion of the last byte of data to be loaded outputs from I/O7 to indicate that the EEPROM is performing a write operation.
WE, CE Pin Operation
During a write cycle, addresses are latched by the falling edge of rising edge of WE or CE. Write/Erase Endurance and Data Retention Time The endurance is 105 cycles in case of the page programming and 104 cycles in case of byte programming (1% cumulative failure rate). The data retention time is more than 10 years when a device is page-
WE or CE, and data is latched by the
11
HN58C256 Series
programmed less than 104 cycles. Data Protection 1. Data Protection against Noise on Control Pins (CE, OE, WE) during Operation During readout or standby, noise on the control pins may act as a trigger and turn the EEPROM to program mode by mistake. To prevent this phenomenon, this device has a noise cancelation function that cuts noise if its width is 20 ns or less in program mode. Be careful not to allow noise of a width of more than 20 ns on the control pins.
WE CE
5V 0V
5V OE 0V
20 ns max
12
HN58C256 Series
2. Data Protection at VCC On/Off When VCC is turned on or off, noise on the control pins generated by external circuits (CPU, etc) may act as a trigger and turn the EEPROM to program mode by mistake. To prevent this unintentional programming, the EEPROM must be kept in an unprogrammable state while the CPU is in an unstable state.
VCC
CPU RESET
* Unprogrammable
* Unprogrammable
* The EEPROM should be kept in unprogrammable state during VCC on/off by using CPU RESET signal.
In addition, when VCC is turned on or off, the input level of control pins must be held as shown in the table below.
CE OE WE X: VCC: VSS :
VCC X X
X VSS X
X X VCC
Don't care. Pull-up to V CC level. Pull-down to VSS level.
13
HN58C256 Series
Package Dimensions
HN58C256P Series (DP-28)
Unit: mm
28
35.60 36.50 Max
15 13.40 14.60 Max
1 1.90 Max
1.20
14 2.54 Min 5.70 Max 15.24
0.51 Min
0.25 - 0.05 0 - 15
+ 0.11
2.54 0.25
0.48 0.10
HN58C256FP Series (FP-28D)
Unit: mm
18.30 18.75 Max 28 15 8.40 2.50 Max 1 1.12 Max 14
+ 0.08 0.17 - 0.07
11.80 0.30 1.70 0 - 10
1.27
0.40 - 0.05
+ 0.10
0.20 0.10
1.00 0.20
0.20 M 0.15
14


▲Up To Search▲   

 
Price & Availability of HN58C256FP-20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X