Part Number Hot Search : 
MAX11045 SMA5103 R2101229 C3216 40056 23C4000 CRO2535A DT74ALV
Product Description
Full Text Search
 

To Download HAX2000-S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Current Transducers HAX 500 to 2500-S
For the electronic measurement of currents: DC, AC, pulsed, mixed, with a galvanic isolation between the primary circuit (high power) and the secondary circuit (electronic circuit).
IPN
= 500 .. 2500 A 4V
VOUT =
Electrical data
Primary nominal r.m.s. current IPN (A) 500 850 1000 1200 1500 2000 2500 Primary current measuring range IP (A) 1500 2550 3000 3600 4500 5500 5500 Type
HAX HAX HAX HAX HAX HAX HAX
500-S 850-S 1000-S 1200-S 1500-S 2000-S 2500-S
Features
* Hall effect measuring principle * Galvanic isolation between primary * Isolation voltage 5000 V~ * Low power consumption * Extended measuring range (3 x IPN) * Package in PBT meets UL 94-V0
and secondary circuit
VC IC IOC Vd Vb RIS VOUT ROUT RL
Supply voltage ( 5 %) Current consumption Overload capacity R.m.s. voltage for AC isolation test, 60 Hz, 1 mn R.m.s. rated voltage, safe separation Isolation resistance @ 500 VDC Output voltage @ IPN, RL = 10 k, TA = 25C Output internal resistance approx. Load resistance
15 15 30,000 5 5001) > 1000 4V 40 100 >1
V mA At kV V M mV k
Advantages
* Easy mounting * Small size and space savings * Only one design for wide current * High immunity against external
interference ratings range
Accuracy - Dynamic performance data
X
L
VOE VOH VOT TC G tr di/dt f
Accuracy @ IPN, TA = 25C (without offset) Linearity 2) (0 .. IPN) Electrical offset voltage, TA = 25C Hysteresis offset voltage @ IP = 0; after an excursion of 1 x IPN Thermal drift of VOE Thermal drift of the gain (% of reading) Response time @ 90% of IP di/dt accurately followed Frequency bandwidth 3)(- 3 dB)
<1 % < 1 % of IPN < 20 mV < 30 mV <1 mV/K < 0.1 %/K <5 s > 50 A/s DC .. 25 kHz
Applications
* AC motor speed control * Battery supplied applications * Uninterruptible Power Supplies * Power supplies for welding, cable TV
and telecommunication applications. (UPS)
General data
TA TS m Ambient operating temperature Ambient storage temperature Mass Min. internal creepage distance/clearance Isolation material group Standards 4)
1) 2) 3)
- 25 .. + 85 C - 25 .. + 85 C approx. 450 g 8.5 mm IIIa EN 50178
Notes :
4)
Pollution class 2, overvoltage category III Linearity data exclude the electrical offset. Please refer to derating curves in the technical file to avoid excessive core heating at high frequency Please consult characterisation report for more technical details and application advice.
031219/7
LEM Components
www.lem.com
HAX 500 to 2500-S Dimensions (in mm)
18.5 11
56 18.5
11
10
18
25
Positive Current Flow 108 64
Max 5
12
4
21
45
17
4 1
1
1 126 144
MOLEX Connector 5045-04A
4
Fixation by base-plate or on bus bar with M5 screws
LEM reserves the right to change limits and dimensions.
Pins arrangement: 1 2 3 4 (+) (-) Output 0V
62
46


▲Up To Search▲   

 
Price & Availability of HAX2000-S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X