![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
ISSUED DATE :2003/05/15 REVISED DATE :2004/11/25C GTL431 Description Adjustable Shunt Regulator The GTL431 series are three-terminal adjustable regulators with guaranteed thermal stability over applicable temperature ranges. The output voltage may be set to any value between VREF (approximately 2.495v) and 36v with two external resistors. It provides very wide applications, including shunt regulator, series regulator, switching regulator, voltage reference and others. Package Dimensions D E S1 TO-92 A S E A T IN G P LA N E b1 L REF. A S1 b b1 C e1 e b C Millimeter Min. Max. 4.45 4.7 1.02 0.36 0.51 0.36 0.76 0.36 0.51 REF. D E L e1 e Millimeter Min. Max. 4.44 4.7 3.30 3.81 12.70 1.150 1.390 2.42 2.66 Absolute Maximum Ratings at Ta = 25 : Parameter Junction Temperature Storage Temperature Cathode Voltage Cathode Current Range(Continuous) Reference Input Current Range Total Power Dissipation Symbol Tj Tstg VKA IKA IREF PD Ratings +150 -65 ~ +150 37 -100~+150 -0.05~+10 625 V mA mA mW Unit Characteristics Parameter Cathode Voltage Cathode Current Reference Input Voltage at Ta = 25 : Symbol VKA IKA GTL431C GTL431B GTL431A VREF Min VREF 1 2.445 2.470 2.483 VREF/ T VREF/ VKA IREF IREF/ T IKA(min) IKA(off) kA Z Typ. 2.495 2.495 2.495 4.5 -1.0 -0.5 1.5 0.4 0.45 0.05 0.15 Max. 36 100 2.545 2.520 2.507 17 -2.7 -2.0 4 1.2 1.0 1.0 0.5 mV VKA=VREF,IK=10mA Tmin Ta Tmax VKA=10V~VREF VKA=36V~10V V VKA= VREF,IK=10mA Unit V mA Test Conditions Deviation of reference Input Voltage Over temperature(note) Ratio of Change in Reference Input Voltage to the Change in Cathode Voltage Reference Input Current Deviation of reference Input Current Over Full Temperature Range Minimum Cathode Current for Regulation Off-State Cathode Current Dynamic Impedance Note: Tmin= 0 ,Tmax=+70 mV/V IK=10mA uA uA mA uA IK=10mA,R1=10K ,R2= IK=10mA,R1=10K ,R2= TA=Full Temperature VKA=VREF VKA=36V,VREF=0 VKA=VREF,IK=1 to 100mA,F 1.0KHz 1/3 ISSUED DATE :2003/05/15 REVISED DATE :2004/11/25C Functional Block Diagram & Symbol Test Circuits Characteristics Curve 2/3 ISSUED DATE :2003/05/15 REVISED DATE :2004/11/25C Important Notice: All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of GTM. GTM reserves the right to make changes to its products without notice. GTM semiconductor products are not warranted to be suitable for use in life-support Applications, or systems. GTM assumes no liability for any consequence of customer product design, infringement of patents, or application assistance. Head Office And Factory: Taiwan: No. 17-1 Tatung Rd. Fu Kou Hsin-Chu Industrial Park, Hsin-Chu, Taiwan, R. O. C. TEL : 886-3-597-7061 FAX : 886-3-597-9220, 597-0785 China: (201203) No.255, Jang-Jiang Tsai-Lueng RD. , Pu-Dung-Hsin District, Shang-Hai City, China TEL : 86-21-5895-7671 ~ 4 FAX : 86-21-38950165 3/3 |
Price & Availability of GTL431
![]() |