Part Number Hot Search : 
SKIIP3 KT101Z 855860 084V3T1 UY69B A7331 P6KE75 RFBC4
Product Description
Full Text Search
 

To Download GC4802-14 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GC4801 - GC4802
TM (R)
CONTROL DEVICES Planar Beamlead - PIN Diodes RoHS Compliant
DESCRIPTION
Hybrid microwave integrated circuit applications utilizing stripline or microstrip substrates generally require that the active components be of appropriate size and integrity so that the physical constraints imposed by handling and bonding and electrical performance demands can be met. The GC4800 series planar PIN diodes are offered to meet the above MIC demands as well as conform to established industry norms on minimum expected performance and geometric format and convention. The device structure consists of two plated co-planar leads (commonly referred to as "beams") extending from the "P" and "N" type contacts selectively located on the semiconductor substrate. Our application notes offer an explanation of the device's operational characteristics and how they may be useful in specific circuit designs. Thermal oxide junction passivation is incorporated into the structural design for electrical permanence (low conductive leakage, stable capacitance and reverse breakdown voltage).
www.MICROSEMI.com
KEY FEATURES
Low Series Resistance Low Capacitance Fast Switching Electrically Stable Performance Sound Device Construction Performance through 18 GHz RoHS Compliant
This series of devices meets RoHS requirements per EU Directive 2002/95/EC.
APPLICATIONS
The GC4800 series beam lead PIN diodes, with their characteristically low series resistance, low junction capacitance and low parasitic reactance, are ideally suited for low power series or shunt switching, limiting, phase shifting, attenuating and demodulating applications in stripline or microstrip format through Ku band. The GC4801, with its low series resistance and junction capacitance, would be a better choice for applications requiring high isolation in a series mode switch. Please refer to MicroNote 713 for for device and circuit design information as well as helpful tips on handling and bonding.
APPLICATIONS/BENEFITS
High Speed Switching Broadband Performance
ABSOLUTE MAXIMUM RATINGS @ 25 C(Unless Otherwise Specified)
Rating Maximum Leakage Current @80% of minimum Rated VB Operating Temperature Storage Temperature Symbol IR TOP TSTG Value 0.5 -55 to +150 -65 to +150 Unit uA
Suitable for Applications through 26 Ghz
4800 - 4810 GC4800A - GC4810
C C
These devices are ESD sensitive and must be handled using ESD precautions. For the most current data, consult our website: www.MICROSEMI.com
Specifications are subject to change, consult factory for the latest information.
1
The GC4800 Series of products are
supplied with a RoHS complaint Gold finish.
Copyright 2007 Rev: 2009-02-23
Microsemi
Microwave Products
Page 1
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
GC4801 - GC4802
TM (R)
CONTROL DEVICES Planar Beamlead - PIN Diodes RoHS Compliant
ELECTRICAL PARAMETERS @ 25C (Unless Otherwise Specified) Vb (V) CT1(pF) CT1 (pF) Rs 1 () Model Number IR=10A @10V @50V @20mA
(Min) (Typ / Max) (Typ / Max)
(Typ / Max)
@50mA (Typ / Max)
Rs1 ()
TL(nS)
(Typ)
TS(nS)
(Typ)
IF=50mA (Typ)
VF (V) 1.0 1.0 1.0 1.0
www.MICROSEMI.com
GC4800A - 14 GC4801 - 14 GC4802 - 14 GC4810 - 16
80 100 100 150
0.016 / 0.020
-0.018 / 0.020 0.060 / 0.070 0.025 / 0.035
4.5 / 6.5 3.5 / 4.0 2.2 / 3.0 3.0 / 4.0
150 150 150 300
30 30 30 50
Notes: 1 - RS and CT are determined using Loss and Isolation measurements at F = 2.2 GHz.
PACKAGE STYLE 14
PACKAGE STYLE 16
GC4801-GC4810 GC4801-GC4810
Copyright 2007 Rev: 2009-02-23
Microsemi
Microwave Products
Page 2
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748


▲Up To Search▲   

 
Price & Availability of GC4802-14

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X