Part Number Hot Search : 
2SK27 A6259N BCY58A 477M00 AAT4612 NCP300 330M255 B3322BS1
Product Description
Full Text Search
 

To Download ER34615 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 R
LITHIUM BATTERY
Primary lithium batteries ER34615
3.6V Primary lithium-thionyl chloride (Li-SOCl2) Energy type D-size bobbin cell
For low drain / long time applications requesting superior voltage response in -55 ~+85 environments.
Cell size references
Electrical characteristics (typical values relative to cells stored for one year or less at +30 max.) Nominal capacity (at 3 mA +20 2.0V cut off. The capacity resto red by the cell varies according to current drain, temperature and cut off). Open circuit voltage (at +20 ) Nominal voltage (at 3mA +20 )
(D)
19Ah
3.66V 3.6V
Pulse capability: Typically up to 400 mA (400 mA/0.1 second puls s, e drained every 2 mn at +20 from undischarged cells with 10 A base current, yield voltage readings above 3.0V. The readings may vary accord ing to the pulse characteristics, the temperature, and the cell s previous history. Fitting the cell with a capaci or may be recommended in severe conditions. t Consult pbq
Max. Continuous current Max. Pulse current 200mA 400mA
Storage
(recommended) (for more severe conditions, consult pbq)
+30 -55
max
Operating temperature range (Operation above ambient T may lead to reduced capacity and lower voltage readings at the beginning of pulses. Consult pbq) Physical characteristics Diameter (max) Height (max) Typical weight Available termination suffix
/ +85
34mm(1.41 in) 61.5mm(2.44 in) 106g(3.47 oz) radial tabs, radial pins, axial leads flying leads ,
R
www.pbq-batteries.com
R
LITHIUM BATTERY
ER34615
Characteristic curves
26 1 0.05
12
0.2
0.1
Discharge performance
25
(+)
V Voltage
3.5 3.0 2.5 2.0 1.5 1.0 0.1
4.0 3.5 3.0 2.5 2.0 0 1 2 3 4 5 6 7 8 9 10
Second
61.5Max
13.5 56 33 330 1.1k 200mA 100mA 60mA 10mA 3mA 4Ah 10Ah 16Ah 19Ah 9Ah
18k 0.2mA 18Ah
1
10
0.4
Hours
10
2
10
3
10
4
10
5
18 34.2
0.2 0.2
Unit:mm
Capacity VS Current
20
Key features High and stable operating voltage Superior drain capability Low self-discharge rate (less than 1% after 1year of storage at +20 ) Hermetic glass-to-metal sealing Notch technology for safety vent is recommended Non-flammable electrolyte Main applications Radiocommunication and other military applications Alarms and security systems Beacons and emergency location transmitters GPS Metering systems Sonobuoys LED lighting applications Others
18
20
Capacity Ah
16 14 12 10 8 6 4 2 0 0.1 1
0 -30
72 55
Current
10
mA
100
1000
Voltage VS Temperature
3.8 3.6
0.2mA
Voltage
Storage The storage area should be clean, cool (not exceeding +30 ), dry and ventilated. Warning Do not use if the battery casing was mangled. Don t use different models of battery in series. Do not try to recharge.
V
3.4
1mA
3.2 3.0 2.8 -60
10mA
35mA
-40 -20
0
20
40
60
80
Temperature
www.pbq-batteries.com


▲Up To Search▲   

 
Price & Availability of ER34615

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X