Part Number Hot Search : 
DA15PFP2 AS384X UPD80C49 90020 SW1251W VV5430 R1601 HER805T
Product Description
Full Text Search
 

To Download CZRF9V1B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Zener Diode
SMD Diodes Specialist
CZRF2V4B Thru CZRF39VB
Voltage 2.4 to 39 Volts Power 200 mWatts
Features
200mW Power Dissipation. High Voltages from 2.4 ~ 39 V. Designed for mounting on small surface. Extremely thin/leadless package. Constant voltage control. Pb free product.
0.035(0.90) 0.027(0.70)
0.051(1.30) 0.043(1.10)
1005(2512)
0.102(2.60) 0.095(2.40)
Mechanical data
Case: 1005(2512)Standard package Molded plastic. Terminals: Gold plated, solderable per MIL-STD-750,method 2026. Polarity: Indicated by cathode band. Weight: 0.006 gram(approx.).
0.020(0.50) Typ.
0.012 (0.30) Typ.
0.040(1.00) Typ.
Dimensions in inches and (millimeter)
Maximum Rating AND Electrical Characteristics
Parameter
Maximum Forward Voltage Drop at IF = 10 mA Maximum Power Dissipation at 25 C Forward current , surge peak 8.3 ms single half sine-wave superimposed on rate load( JEDEC method ) Peak ESD voltage capability (IEC 61000-4-2) Operating Junction and Storage Temperature Range
O
Symbol
VF PD
Value
0.9 200
Unit
V mW
IFSM
2.0
A
VPV TJ
8 -55 to +125
kV
O
C
REV:B
QW-A2003
Page 1
SMD Zener Diode
SMD Diodes Specialist
Electrical Characteristics(Ta = 25 C)
Zener Voltage Part Nu mbe r Mar ki ng Co de VZ(V) Mi n
CZR F2 V4B CZR F2 V7B CZR F3 V0B CZR F3 V3B CZR F3 V6B CZR F3 V9B CZR F4 V3B CZR F4 V7B CZR F5 V1B CZR F5 V6B CZR F6 V2B CZR F6 V8B CZR F7 V5B CZR F8 V2B CZR F9 V1B CZR F1 0V B CZR F11V B CZR F1 2V B CZR F1 3V B CZR F1 5V B CZR F1 6V B CZR F1 8V B CZR F2 0V B CZR F2 2V B CZR F2 4V B CZR F2 7V B CZR F3 0V B CZR F3 3V B CZR F3 6V B CZR F3 9V B U2 U3 U4 U5 U6 U7 U8 U9 UA UB UC UE UF UG UH UJ UK UM UN UP UQ UR US UT UU UV UW UX UY UZ 2. 34 2. 63 2. 93 3. 22 3. 51 3. 80 4. 19 4. 58 4. 97 5. 46 6. 05 6. 63 7. 31 8. 00 8. 87 9. 75 10. 73 11. 70 12. 68 14. 63 15. 60 17. 55 19. 50 21. 45 23. 40 26. 33 29. 25 32. 18 35. 10 38. 03
O
Op erating resistance ZZT(Oh m)
Ri sing operating Re sistance ZZK( Oh m) Ma x
1800 1900 2000 2200 2300 2400 2500 2200 2050 1800 1300 750 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800
Re verse current IR( uA) Ma x
100 75 50 25 15 10 5 3 2 2 1 1 0. 5 0. 5 0. 1 0. 1 0. 1 0. 1 0. 1 0. 1 0. 1 0. 1 0. 1 0. 1 0. 1 0. 1 0. 1 0. 1 0. 1 0. 1
Ma x
2. 46 2. 77 3. 08 3. 38 3. 69 4. 00 4. 41 4. 82 5. 23 5. 74 6. 36 6. 97 7. 69 8. 41 9. 33 10. 25 11. 27 12. 30 13. 32 15. 37 16. 40 18. 45 20. 50 22. 55 24. 60 27. 67 30. 75 33. 82 36. 90 39. 97
IZ(mA)
5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
Ma x
100 100 95 95 90 90 88 70 50 25 10 8 7 7 10 15 18 22 25 32 36 42 48 55 62 70 78 88 95 130
IZ(mA)
5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
IZ(mA)
0. 25 0. 25 0. 25 0. 25 0. 25 0. 25 0. 25 0. 25 0. 25 0. 25 0. 25 0. 25 0. 25 0. 25 0. 25 0. 25 0. 25 0. 25 0. 25 0. 25 0. 25 0. 25 0. 25 0. 25 0. 25 0. 25 0. 25 0. 25 0. 25 0. 25
VR(V)
1 1 1 1 1 1 1 1. 5 2 3 4 5. 2 6 6. 5 7 8 8. 4 9. 1 9. 9 11 12 14 15 17 18 21 23 25 27 30
REV:B
QW-A2003
Page 2
SMD Zener Diode
SMD Diodes Specialist
RATING AND CHARACTERISTIC CURVES (CZRF2V4B Thru CZRF39VB)
100m
8.2 9.1 10
5.1 5.6 6.2 6.8 7.5
12
13
11
15
16
18
20
22
27
24
30
33
10m
3.9
1m
ZENER CURRENT:IZ(A)
100
10
1
100n
10n 0 5 10 15 20 25 30 35 40
4.3
4.7
3.6
ZENER VOLTAGE:VZ(V) Fig.1 Zener voltage characteristics
O TEMP COEFFICIENT CHARACTERISTICS(%/ C)
300
0.10 IZ=5mA 0.08 0.06 0.04 0.02 0.00 2 -0.02 ZENER VOLTAGE:VZ(V) -0.04 -0.06 -0.06 -0.08 10 20 30 IZ=500A
POWER DISSIPATION:Pd(mW)
200
100
0 0 25 50 75 100 125 150
AMBIENT TEMPERATURE:Ta( OC) Fig.2 De rating curve Fig.3 Zener voltage-temp . Co efficient characteristics
36
REV:B
QW-A2003
Page 3
SMD Zener Diode
SMD Diodes Specialist
Reel Taping Specification
P0 P1 d Index hole E T
F B
Polarity
W C
P
A
12 0
o
D2
D1 D
W1
Trailer ....... .......
10 pitches (min)
Device ....... ....... ....... .......
Leader ....... .......
10 pitches (min)
End
Start
Direction of Feed
SYMBOL
A
1.55 0.10
0.061 0.004
B
2.65 0.10
0.104 0.004
C
1.05 0.10
0.041 0.004
d
1.55 0.05
0.061 0.002
D
178 1
7.008 0.04
D1
60.0 MIN.
2.362 MIN.
D2
13.0 0.20
0.512 0.008
F/1005
(mm) (inch)
SYMBOL
E
1.75 0.10
0.069 0.004
F
3.50 0.05
0.138 0.002
P
4.00 0.10
0.157 0.004
P0
4.00 0.10
0.157 0.004
P1
2.00 0.05
0.079 0.004
T
0.23 0.05
0.009 0.002
W
8.00 0.20
0.315 0.008
W1
13.5 MAX.
0.531 MAX.
F/1005
(mm) (inch)
REV:B
QW-A2003
Page 4
SMD Zener Diode
SMD Diodes Specialist
Suggested PAD Layout
F/1005 SIZE (mm) A B C D E 2.10 1.20 1.20 3.30 0.90 (inch) 0.083 0.047 0.047
C D A E
0.130
B
0.035
Standard Package
Qty per Reel Case Type (Pcs) F/1005 4000 Reel Size (inch) 7
REV:B
QW-A2003
Page 5


▲Up To Search▲   

 
Price & Availability of CZRF9V1B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X