Part Number Hot Search : 
A3064 X9C503DM ST12LP AC03D 20KP72A 636S6I 12800 HT674007
Product Description
Full Text Search
 

To Download 3DD4203D-O-I-N-C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 R
NPN HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
3DD4203D
MAIN CHARACTERISTICS
IC VCEO PC(TO-92) PC(TO-251) PC(TO-126(S)) PC(TO-220) 2.0A 400V 1W 10W 20W 40W Package TO-92

APPLICATIONS
Electronic ballasts High frequency switching power supply High frequency power transform Commonly power amplifier circuit
TO-251
TO-126
RoHS
FEATURES
High breakdown voltage High current capability High switching speed High reliability RoHS product
TO-220
TO-126S
ORDER MESSAGE
Order codes 3DD4203D-O-T- B-A 3DD4203D-O-T- N-C 3DD4203D-O- I- N-C 3DD4203D-O- I- N-B 3DD4203D-O-M-N-C 3DD4203D-O-M-N-B 3DD4203D-O-MS-N-C 3DD4203D-O-MS-N-B 3DD4203D-O-Z-N-C 3DD4203D-O-Z-N-B Marking D4203D D4203D D4203D D4203D D4203D D4203D D4203D D4203D D4203D D4203D Halogen Free NO NO NO NO NO NO NO NO NO NO Package TO-92 TO-92 TO-251 TO-251 TO-126 TO-126 TO-126S TO-126S TO-220 TO-220 Packaging Brede Bag Bag Tube Bag Tube Bag Tube Bag Tube
201002G
1/7
R
3DD4203D
ABSOLUTE RATINGS (Tc=25)

Symbol
Value
Unit
Parameter
-- -- -- V(BR)CEO V(BR)CBO V(BR)EBO ICBO ICEO IEBO hFE VCE(sat) VBE(sat) tf ts fT IC=10mA,IB=0 IC=1mA,IB=0 IE=1mA,IC=0 VCB=680V, IE=0 VCE=400V,IB=0 VEB=7V, IC=0
Collector- Emitter VoltageVBE=0 VCES Collector- Emitter VoltageIB=0 Emitter-Base Voltage Collector CurrentDC Collector Currentpulse Total Dissipation (TO-92) Total Dissipation (TO-251) Total Dissipation (TO-126(S)) Total Dissipation (TO-220) Junction Temperature Storage Temperature
Value(min)
700 400 9 2.0 4.0 1 10 20 40 150 -55~+150 100 50 10 40 30 0.8 1.2 0.7 4
V V V A A W W W W
Unit
VCEO VEBO IC ICP PC PC PC PC Tj Tstg 490 800 13 16 20 0.18 0.9
ElECTRICAL CHARACTERISTIC
Parameter
Tests conditions
Value(typ) Value(max)
400 700 9 6 10 4
Symbol
V V V A A A V V S S MHz
Unit
VCE=5V, IC=5mA VCE=10V, IC=200mA IC=0.5A, IB=0.1A IC=0.5A, IB=0.1A VCC=24V IC=2A,IB1=-IB2=0.4A VCC=24V IC=2A,IB1=-IB2=0.4A VCE=10V, Ic=0.1A
THERMAL CHARACTERISTIC

Parameter Value(min) Value(max)
TO-92 Thermal Resistance Junction Case TO-92 TO-251 Thermal Resistance Junction Case TO-251 TO-126(S) Thermal Resistance Junction Case TO-126(S) TO-220 Thermal Resistance Junction Case TO-220
Rth(j-a) Rth(j-c) Rth(j-c) Rth(j-c)
-
125 12.5 6.25 3.125
/W /W /W /W
201002G
2/7
R
3DD4203D
hFE - IC
ELECTRICAL CHARACTERISTICS (curves)
VCE(sat)- IC VCE(sat)
hFE
ICA VBEsat- IC VBE(sat)V ICA
ICA SOA
TC=25 DC
CURVES MUST BE DERATED LINEARLY WITH INCREASE IN TEMPERATURE
ICA
VCEV
PC-T (TO-92) PC (percent) PC (percent)
PC-T (TO-251/TO-126/TO-220)
TA
TC
201002G
3/7
R
3DD4203D
Unit mm
PACKAGE MECHANICAL DATA TO-92
A B b c D E e F L Q Z Z1
3.30-3.90 0.35-0.55 0.35-0.55 0.31-0.51 4.30-4.90 4.30-4.90 1.17-1.37 1.00-1.60 12.50-15.50 1.00-1.60 2O 5O
201002G
4/7
R
3DD4203D
Unit mm
PACKAGE MECHANICAL DATA TO-251
A b b1 C D1 D2 E E1 e F L Q1 a1 a2 a3
2.20-2.40 0.55-0.65 0.70-0.90 0.45-0.55 1.40-1.60 5.40-5.60 6.40-6.60 5.20-5.40 2.25-2.35 0.45-0.55 7.60-7.80 1.15-1.25 4 O -6 O 4 O -6 O 4 O -6 O
PACKAGE MECHANICAL DATA TO-126
symbol A B C D E Q Q1 L L2 b e
Unit mm
MIN 2.50 1.22 0.30 10.50 7.10 3.80 1.07 15.30 2.10 0.60 2.19
MAX 2.90 1.28 0.70 11.10 8.10 4.20 1.47 15.70 2.30 0.90 2.39
201002G
5/7
R
3DD4203D
Unit mm
PACKAGE MECHANICAL DATA TO-126S
A B c D E Q Q1 L L2 b e
2.50-2.90 1.22-1.28 0.30-0.70 10.50-11.10 7.10-8.10 3.80-4.20 1.07-1.47 7.80-8.20 2.10-2.30 0.60-0.90 2.19-2.39
PACKAGE MECHANICAL DATA TO-220
A B1 b c D D2 E e F L L2 P Q Q1
Unit mm
mm 4.4-4.8 1.1-1.4 0.7-0.95 0.3-0.55 14.45-16.0 8.2-9.2 9.6-10.4 2.54typ 1.2-1.35 13.05-14.05 3.7-3.9 3.5-4.0 2.4-3.0 2.2-2.9
201002G
6/7
R
3DD4203D
NOTE
1. Jilin Sino-microelectronics co., Ltd sales its product either through direct sales or sales agent, thus, for customers, when ordering, please check with our company. 2. We strongly recommend customers check carefully on the trademark when buying our product, if there is any question, please don't be hesitate to contact us. 3. Please do not exceed the absolute maximum ratings of the device when circuit designing. 4. Jilin Sino-microelectronics co., Ltd reserves the right to make changes in this specification sheet and is subject to change without prior notice.
1. 2.
3. 4.
99 132013 86-432-64678411 86-432-64665812 www.hwdz.com.cn 99 132013 86-432-64675588 64675688 64678411-3098/3099 : 86-432-64671533 Date 2009-7-30 2009-9-3 2009-10-29 2010-3-2 Last Rev. 200905C 200906D 200909E 200910F
CONTACT
JILIN SINO-MICROELECTRONICS CO., LTD. ADD: No.99 Shenzhen Street, Jilin City, Jilin Province, China. Post Code: 132013 Tel 86-432-64678411 Fax86-432-64665812 Web Sitewww.hwdz.com.cn MARKET DEPARTMENT ADD: No.99 Shenzhen Street, Jilin City, Jilin Province, China. Post Code: 132013 Tel: 86-432-64675588 64675688 64678411-3098/3099 Fax: 86-432-64671533 New Rev. 200906D 200909E 200910F 201002G Description of Changes TO-126S TO-92
AppendixRevision History
201002G
7/7


▲Up To Search▲   

 
Price & Availability of 3DD4203D-O-I-N-C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X