Part Number Hot Search : 
1C102 2SK101 22P10 UM1015 40113 LD2985 ZM4743A SP6134HV
Product Description
Full Text Search
 

To Download 2SD1664 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SD1664
NPN Epitaxial Planar Transistors
P b Lead(Pb)-Free
1. BASE 2. COLLECTOR 3. EMITTER
1 2 3
Features:
* Low VCE(sat), VCE(sat)=0.15V(typical).(IC/IB=500mA/50mA)
SOT-89
ABSOLUTE MAXIMUM RATINGS (TA=25C) Rating Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Collector Power Dissipation Junction Temperature Storage Temperature Range Symbol VCBO VCEO VEBO IC PD Tj Tstg Limits 40 32 5.0 1.0 0.5 -55 to +150 -55 to +150 Unit V V V A W C C
ELECTRICAL CHARACTERISTICS(TA=25C unless otherwise noted) Parameter Collector-Base Breakdown Voltage IC=50A, I E=0 Symbol BVCBO BVCEO BVEBO ICBO IEBO Min 40 32 5 Typ Max 0.5 0.5 Unit V V V A A
Collector-Emitter Breakdown Voltage IC=1mA, I B=0 Emitter-Base Breakdown Voltage IE=50A, I C =0
VCB=20V, I E=0 VEB =4V, I C=0
WEITRON
http://www.weitron.com.tw
1/5
11-Dec-08
2SD1664
ELECTRICAL CHARACTERISTICS (TA=25C Unless otherwise noted) Characteristic ON CHARACTERISTICS DC Current Gain VCE=3V, I C =100mA Collector-Emitter Saturation Voltage IC=0.5A, I B=50mA hFE VCE(sat) 82 390 0.4 V Symbol Min Typ Max Unit
DYNAMIC CHARACTERISTICS Transition Frequency VCE=5V, I C =50mA f=100MHz Output Capacitance VCB=10V, I E=0, f=1MHz CLASSIFICATION OF hFE Rank Range Marking P 82-180 DAP Q 120-270 DAQ R 180-390 DAR fT Cob 150 15 MHz pF
WEITRON
http://www.weitron.com.tw
2/5
11-Dec-08
2SD1664
Typical Characteristics
WEITRON
http://www.weitron.com.tw
3/5
11-Dec-08
2SD1664
WEITRON
http://www.weitron.com.tw
4/5
11-Dec-08
2SD1664
SOT-89 Outline Dimensions
unit:mm
E G
Dim
A
SOT-89
Min
J
C
H
K L
B
D
A B C D E G H J K L
1.400 1.600 0.320 0.520 0.360 0.560 0.350 0.440 4.400 4.600 1.400 1.800 2.300 2.600 3.940 4.250 1.500 TYP 2.900 3.100
Max
WEITRON
http://www.weitron.com.tw
5/5
11-Dec-08


▲Up To Search▲   

 
Price & Availability of 2SD1664

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X