Part Number Hot Search : 
0JFLL MC409 MC56F80 SC3027B TZMC7V5 0V8X1 SGU15N40 UBA2072T
Product Description
Full Text Search
 

To Download 2SC3720 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Specification
Silicon NPN Power Transistor
2SC3720
DESCRIPTION *High Collector-Emitter Breakdown Voltage: V(BR)CEO= 800V (Min) *High Switching Speed *Wide Area of Safe Operation
APPLICATIONS *Designed for high speed switching and horizontal deflection output applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER MAX UNIT
VCBO
Collector-Base Voltage
1200
V
VCEO
Collector-Emitter Voltage
800
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current-Continuous
10
A
ICM
Collector Current-Peak
15
A
IB
B
Base Current-Continuous Collector Power Dissipation @TC=25 Junction Temperature
5
A
PC
200
W
Tj
175
Tstg
Storage Temperature Range
-65~175
Websitewww.jmnic.com
Product Specification
Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
2SC3720
TYP.
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 10mA; IB= 0
800
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 4A; IB= 0.8A
B
1.5
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 4A; IB= 0.8A
B
2.0
V
hFE
DC Current Gain
IC= 4A; VCE= 5V
6
20
ICBO
Collector Cutoff Current
VCB= 1000V; IE= 0
0.1
mA
IEBO
Emitter Cutoff Current
VEB= 6V; IC= 0
0.1
mA
Switching Times
ton
Turn-On Time IC= 4A; IB1= 0.8A; IB2= -1.6A; VCC= 250V
1.0
s
tstg
Storage Time
3.5
s
tf
Fall Time
0.3
s
Websitewww.jmnic.com


▲Up To Search▲   

 
Price & Availability of 2SC3720

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X