Part Number Hot Search : 
1SS337 BZT52C11 STK14C88 2N6316 BYX46 RN2908 ED06B5 AU6372
Product Description
Full Text Search
 

To Download 2SC1384-X-AB3-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UNISONIC TECHNOLOGIES CO., LTD 2SC1384
NPN SILICON TRANSISTOR
DESCRIPTION
The UTC 2SC1384 is power amplifier and driver.
NPN SILICON TRANSISTOR
FEATURES
* Low VCE(SAT) * 2~3W output in complementary pair with 2SA684
Lead-free: 2SC1384L Halogen-free: 2SC1384G
ORDERING INFORMATION
Normal 2SC1384-X-AB3-R 2SC1384-x-T9N-B 2SC1384-x-T9N-K 2SC1384-x-T9N-R Ordering Number Lead Free Plating 2SC1384L-x-AB3-R 2SC1384L-x-T9N-B 2SC1384L-x-T9N-K 2SC1384L-x-T9N-R Halogen-Free 2SC1384G-x-AB3-R 2SC1384G-x-T9N-B 2SC1384G-x-T9N-K 2SC1384G-x-T9N-R Package SOT-89 TO-92NL TO-92NL TO-92NL Pin Assignment Packing 1 2 3 B C E Tape Reel E C B Tape Box E C B Bulk E C B Tape Reel
www.unisonic.com.tw Copyright (c) 2008 Unisonic Technologies Co., Ltd
1 of 5 QW-R211-005.C
2SC1384
NPN SILICON TRANSISTOR
ABSOLUTE MAXIMUM RATINGS (Ta=25, unless otherwise specified )
PARAMETER SYMBOL RATINGS UNIT Collector-Base Voltage VCBO 60 V Collector-Emitter Voltage VCEO 50 V Emitter-Base Voltage VEBO 5 V Peak Collector Current ICP 1.5 A Collector Current (DC) IC 1 A Collector Dissipation (Ta=25) PC 1000 mW Junction Temperature TJ 125 Operating Temperature TOPR -20 ~ +85 Storage Temperature TSTG -40 ~ +150 Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25, unless otherwise specified)
PARAMETER SYMBOL TEST CONDITIONS Collector-Base Breakdown Voltage BVCBO IC=10A, IE=0 Collector-Emitter Breakdown Voltage BVCEO IC=2mA, IB=0 Emitter-Base Breakdown Voltage BVEBO IE=10A, IC=0 Collector Cut-Off Current ICBO VCB=20V, IE=0 hFE1 VCE=10V, IC=500mA DC Current Gain hFE2 VCE=5V, IB=1A Collector-Emitter Saturation Voltage VCE(SAT) IC=0.5A, IB=50mA Base-Emitter Saturation Voltage VBE(SAT) IC=0.5A, IB=50mA Current Gain Bandwidth Product fT VCE=10V, IB=50mA Output Capacitance Cob VCB=10V, IE=0, f=1MHz MIN 60 50 5 85 50 TYP MAX UNIT V V V A
160 100 0.2 0.85 200 11
0.1 340 0.4 1.2 20
V V MHz pF
CLASSIFICATION OF hFE
RANK RANGE Q 85-170 R 120-240 S 170-340
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
2 of 5 QW-R211-005.C
2SC1384
TYPICAL CHARACTERISTICS
Collector Current, IC (A) Collector Power Dissipation, PC (W)
UNISONIC TECHNOLOGIES CO., LTD
Collector To Emitter Saturation Voltage, VCE(SAT) (V) Collector Current, IC (A)
www.unisonic.com.tw
NPN SILICON TRANSISTOR
3 of 5
QW-R211-005.C
2SC1384
TYPICAL CHARACTERISTICS(Cont.)
Transition Frequency vs. Emitter Current
NPN SILICON TRANSISTOR
200
50 45 40 35 30 25 20 15 10
Collector Output Capacitance vs. Collector to Base Voltage IE=0 F=1MHz Ta=25
180 VCB=10V Ta=25 160 140 120 100 80 60 40 20 0 -1
-3 -10 -30 Emitter Current, IE (mA)
-100
5 0 3 10 30 100 1 Collector To Base Voltage, VCB (V)
120 100 80 60 40 20
Collector to Emitter Voltage vs. Base to Emitter Resistance IC=10mA Ta=25
104
Collector to Emitter Current vs. Ambient Temperature VCE=10V
103
102
10
0 1 3 10 30 0.1 0.3 100 Base To Emitter Resistance, RBE (K)
1
0
20 40 60 80 100 120 140 160 Ambient Temperature, Ta ()
Collector Current, IC (A)
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
4 of 5 QW-R211-005.C
2SC1384
NPN SILICON TRANSISTOR
UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
5 of 5 QW-R211-005.C


▲Up To Search▲   

 
Price & Availability of 2SC1384-X-AB3-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X