Part Number Hot Search : 
S133BCI RC30S08 SMC27 CT374P 00022 74LVC3 ZMD56W N5353B
Product Description
Full Text Search
 

To Download 2SA1050 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JMnic
Product Specification
Silicon PNP Power Transistors
2SA1050
DESCRIPTION With TO-3 package High transition frequency Excellent safe operating area APPLICATIONS For audio and general purpose power amplifier applications
PINNING(see Fig.2) PIN 1 2 3 Base Emitter Collector Fig.1 simplified outline (TO-3) and symbol DESCRIPTION
Absolute maximum ratings(Ta=ae )
SYMBOL VCBO VCEO VEBO IC PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector power dissipation Junction temperature Storage temperature TC=25ae CONDITIONS Open emitter Open base Open collector VALUE -140 -140 -5 -12 100 175 -55~200 ae ae UNIT V V V A W
JMnic
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER CONDITIONS MIN
2SA1050
SYMBOL
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=-25mA ;IB=0
-140
V
V(BR)CBO
Collector-base breakdown voltage
IC=-1mA ;IE=0
-140
V
V(BR)EBO
Emitter-base breakdown voltage
IE=-1mA ;IC=0
-5
V
VCEsat
Collector-emitter saturation voltage
IC=-8A; IB=-0.8A
-2.5
V
VBE
Base-emitter on voltage
IC=-6A ; VCE=-5V
-1.5
V
ICBO
Collector cut-off current
VCB=-140V; IE=0
-10
|I
A
IEBO
Emitter cut-off current
VEB=-5V; IC=0
-10
|I
A
hFE-1
DC current gain
IC=-1A ; VCE=-5V
55
160
hFE-2
DC current gain
IC=-6A ; VCE=-5V
35
fT
Transition frequency
IC=-1A ; VCE=-10V
70
MHz
2
JMnic
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA1050
Fig.2 outline dimensions (unindicated tolerance:A
0.1mm)
3


▲Up To Search▲   

 
Price & Availability of 2SA1050

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X