Part Number Hot Search : 
313375P RXXP09D MPC5553 C847B AQZ264 00390 STP432S UF07B
Product Description
Full Text Search
 

To Download 2SA1050 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA1050
DESCRIPTION *With TO-3 package *High transition frequency *Excellent safe operating area APPLICATIONS *For audio and general purpose power amplifier applications
PINNING(see Fig.2) PIN 1 2 3 Base Emitter Collector Fig.1 simplified outline (TO-3) and symbol DESCRIPTION
Absolute maximum ratings(Ta= )
SYMBOL VCBO VCEO VEBO IC PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE -140 -140 -5 -12 100 175 -55~200 UNIT V V V A W
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER CONDITIONS MIN
2SA1050
SYMBOL
TYP.
MAX
UNIT
V(BR)CEO V(BR)CBO V(BR)EBO VCEsat VBE ICBO IEBO hFE-1 hFE-2 fT
Collector-emitter breakdown voltage
IC=-25mA ;IB=0 IC=-1mA ;IE=0 IE=-1mA ;IC=0 IC=-8A; IB=-0.8A IC=-6A ; VCE=-5V VCB=-140V; IE=0 VEB=-5V; IC=0 IC=-1A ; VCE=-5V IC=-6A ; VCE=-5V IC=-1A ; VCE=-10V
-140
V
Collector-base breakdown voltage
-140
V
Emitter-base breakdown voltage
-5
V
Collector-emitter saturation voltage
-2.5
V
Base-emitter on voltage
-1.5
V
Collector cut-off current
-10
A
Emitter cut-off current
-10
A
DC current gain
55
160
DC current gain
35
Transition frequency
70
MHz
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA1050
Fig.2 outline dimensions (unindicated tolerance:0.1mm)
3


▲Up To Search▲   

 
Price & Availability of 2SA1050

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X