Part Number Hot Search : 
SMD1210 2A710 M38256 SMD1210 HC157 C3195 356HF5A2 MS1503
Product Description
Full Text Search
 

To Download 2N4901 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Specification
www.jmnic.com
Silicon PNP Power Transistors
2N4901 2N4902 2N4903
DESCRIPTION With TO-3 package Complement to type 2N5067,2N5068,2N5069 Low collector-emitter saturation voltage APPLICATIONS For general-purpose switching and power amplifier applications.
PINNING PIN 1 2 3 Base Emitter Collector Fig.1 simplified outline (TO-3) and symbol DESCRIPTION
Absolute maximum ratings(Ta=ae )
SYMBOL PARAMETER 2N4901 VCBO Collector-base voltage 2N4902 2N4903 2N4901 VCEO Collector-emitter voltage 2N4902 2N4903 VEBO IC ICM IB PC Tj Tstg Emitter-base voltage Collector current Collector current-peak Base current Collector power dissipation Junction temperature Storage temperature TC=25ae Open collector Open base Open emitter CONDITIONS VALUE 40 60 80 40 60 80 5 5 10 1 87.5 150 -65~200 ae ae V A A A W V V UNIT
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal resistance junction to case VALUE 2.0 UNIT ae /W
Product Specification
www.jmnic.com
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER 2N4901 VCEO Collector-emitter sustaining voltage 2N4902 2N4903 VCEsat-1 VCEsat-2 VBE ICEO ICBO ICEX IEBO hFE-1 hFE-2 fT Collector-emitter saturation voltage Collector-emitter saturation voltage Base-emitter on voltage Collector cut-off current Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency IC=1A; IB=0.1A IC=5A ;IB=1A IC=1A ; VCE=2V IC=0.2A ;IB=0 SYMBOL
2N4901 2N4902 2N4903
CONDITIONS
MIN 40 60 80
TYP.
MAX
UNIT
V
0.4 1.5 1.2 1.0 0.1 1.0 2.0 1.0 20 7 4 80
V V V mA mA mA mA
VCE=Rated VCEO; IB=0 VCB=Rated VCBO; IE=0 VCE= Rated VCEO; VBE(off)=1.5V TC=150ae VEB=5V; IC=0 IC=1A ; VCE=2V IC=5A ; VCE=2V IC=1A ; VCE=10V
MHz
JMnic
Product Specification
www.jmnic.com
Silicon PNP Power Transistors
PACKAGE OUTLINE
2N4901 2N4902 2N4903
Fig.2 outline dimensions (unindicated tolerance:A
0.1mm)
JMnic


▲Up To Search▲   

 
Price & Availability of 2N4901

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X