Part Number Hot Search : 
IRF644S DE1747 V16L25JI WM2631ID GW20N60 12018 2SA123 TA0979A
Product Description
Full Text Search
 

To Download 18-2000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Hercules Encoder Accessories
Connectors & Cable Assemblies
18 X -- X XXX
Connector Type blank=MS3106A S=MS3106E Number of pins 2=6 pin 5=10 pin 3=3 pin 7=7 pin Cable Length (ft) 000=Female plug only 010=10' xxx=Custom length 020=20'
Series 1000, 2000, 3000, 4000, 6000, 7000 NEMA 12/13 (MS3102 6-pin male receptacle) Part Number 18-2000 18-2010 18-20xx
Description NEMA 12/13: 6-pin MS3106A connector (hardware only) NEMA 12/13: 6-pin MS3106A connector with 10-foot cable (Other cable lengths available)
Series 1000, 2000, 3000, 4000, 6000, 7000, H25/H35 NEMA 4 (MS3102E 6-pin male receptacle) 18S-2000 NEMA 4: 6-pin MS3106E connector (hardware only) 18S-2010 NEMA 4: 6-pin MS3106E connector with 10-foot cable 18S-20xx (Other cable lengths available) Series H25/H35, NEMA 4 type sealing (MS3102E 7-pin & 10-pin male receptacle) 18S-5000 18S-7000 NEMA 4: 10-pin7-pin MS3106E connector (hardware only) 18S-5010 18S-7010 NEMA 4: 10-pin7-pin MS3106E connector with 10-foot cable 18S-50xx (Other cable lengths available) 18S-70xx (Other cable lengths available) Series 7000 NEMA 12/13 & NEMA 4 type sealing (MS3102[E] 3-pin male receptacle) 18-3000 18-3010 18S-3000 18S-3010 18x-30xx NEMA 12/13: 3-pin MS3106A connector (hardware only) NEMA 12/13: 3-pin MS3106A connector with 10-foot cable NEMA 4: 3-pin MS3106E connector (hardware only) NEMA 4: 3-pin MS3106E connector with 10-foot cable (Other cable lengths available)
24
Mounting Brackets
Hercules
80
--
000 X
Adjustment Axis 5=1 axis (D-Style) 7=1 axis 8=2 axis Series 1000, 2000, 3000, 4000, 6000, 7000 80-0005 80-0007 80-0008 1 Axis Mounting (D-Style) 1 Axis Mounting (Includes encoder angle adjust) 2 Axis Mounting (Includes encoder angle adjust)
Hercules Encoder Accessories
Measuring Wheels
Series 1000, 2000, 3000, 4000, 6000, 7000, H Series Part Number 79-9003 79-9004 80-9003 80-9004 81-8003 81-8004 81-9003 81-9004 81-9010 81-9015 81-9012 81-9014 Circum. 300mm 300mm 10" 10" 12" 12" 12" 12" 12" 12" 12" 12" Width .7" .7" .7" .7" .7" .7" .7" .7" 1.0" 1.0" .7" .7" Durometer/Mat'l 90 dur. urethane 90 dur. urethane 90 dur. urethane 90 dur. urethane 80 dur. urethane 80 dur. urethane 90 dur. urethane 90 dur. urethane 85 dur. urethane 85 dur. urethane 85 dur. hypalon 85 dur. hypalon Shaft Bore .375" .500" .375" .500" .375" .500" .375" .500" .375" .500" .375" .500"
Consult factory for availability of types not listed.
Flexible Shaft Couplings
For all Encoder & Potentiometer Series
XXX -- XX -- XX Outside Diameter 075=.75" (L=.88") 100=1.0" (L=1.25") Shaft end bores (ID) 8=.250" 10=.312" 12=.375" 16=.500" xx=other (consult factory)
Standard Stock Sizes
Part Number 075-8-8 075-12-12 100-12-8, 100-12-10 100-12-12,100-12-16 100-16-16 Special Order Sizes 075-x-y 100-x-y
Not all options are available in all styles.
Description 0.75-Inch Outside Diameter Coupling (Various end bore combinations) 1.00-inch outside diameter coupling (Various end bore combinations)
25
x/y possibilities: 4mm, 6mm, 8, 10, 12 x/y possibilities: 8, 10, 12, 16, 20
5-PY Servo Motor Mount
For all Encoder & Potentiometer Series Part Number 5-PY Description Tach Generator Mounting Adapter
Hercules


▲Up To Search▲   

 
Price & Availability of 18-2000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X