Part Number Hot Search : 
2N1671A CD4531 TFS300 HUN2136 CD3020B TDCR10 7404M SA9101
Product Description
Full Text Search
 

To Download 15KE350 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1.5KE SERIES
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 440 Volts 1500 Watt Peak Power 5.0 Watt Steady State
FEATURES l l l l l l l l Plastic package has Underwriters Laboratory Flammability Classification 94V-O Glass passivated chip junction in Molded Plastic package 1500W surge capability at 1ms Excellent clamping capability Low zener impedance Fast response time: typically less DO-201AE
than 1.0 ps from 0 volts to BV min Typical IR less than 1 A above 10V High temperature soldering guaranteed:
260 /10 seconds/.375",(9.5mm) lead length/5lbs., (2.3kg) tension
MECHANICAL DATA Case: JEDEC DO-201AE molded plastic Terminals: Axial leads, solderable per MIL-STD-202, Method 208 Polarity: Color band denoted cathode except Bipolar Mounting Position: Any Weight: 0.045 ounce, 1.2 grams
DEVICES FOR BIPOLAR APPLICATIONS For Bidirectional use C or CA Suffix for types 1.5KE6.8 thru types 1.5KE440. Electrical characteristics apply in both directions.
MAXIMUM RATINGS AND CHARACTERISTICS Ratings at 25 ambient temperature unless otherwise specified. RATING Peak Power Dissipation at TA=25 , TP=1ms(Note 1) Steady State Power Dissipation at TL=75 Lead Lengths .375",(9.5mm) (Note 2) Peak Forward Surge Current, 8.3ms Single Half Sine-Wave Superimposed on Rated Load(JECED Method) (Note 3) Operating and Storage Temperature Range SYMBOL PPK PD IFSM TJ,TSTG VALUE Minimum 1500 5.0 200 -65 to+175 UNITS Watts Watts Amps
NOTES:
Non-repetitive current pulse, per Fig. 3 and derated above TA=25 per Fig. 2. Mounted on Copper Leaf area of 0.79in (20mm ). 8.3ms single half sine-wave, duty cycle= 4 pulses per minutes maximum.
2 2
RATING AND CHARACTERISTIC CURVES 1.5KE SERIES
Fig. 1-PEAK PULSE POWER RATING CURVE
Fig. 2-PULSE DERATING CURVE
Fig. 3-PULSE WAVEFORM
Fig. 4-TYPICAL JUNCTION CAPACITANCE
Fig. 5-STEADY STATE POWER DERATING CURVE
Fig. 6-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT UNIDIRECTIONAL
UNI-DIRECTIONAL 1500 Watt Axial Lead TVS
UNIDIRECTIONAL PART NUMBER 1.5KE6.8 1.5KE6.8A 1.5KE7.5 1.5KE7.5A 1.5KE8.2 1.5KE8.2A 1.5KE9.1 1.5KE9.1A 1.5KE10 1.5KE10A 1.5KE11 1.5KE11A 1.5KE12 1.5KE12A 1.5KE13 1.5KE13A 1.5KE15 1.5KE15A 1.5KE16 1.5KE16A 1.5KE18 1.5KE18A 1.5KE20 1.5KE20A 1.5KE22 1.5KE22A 1.5KE24 1.5KE24A 1.5KE27 1.5KE27A 1.5KE30 1.5KE30A 1.5KE33 1.5KE33A 1.5KE36 1.5KE36A 1.5KE39 1.5KE39A 1.5KE43 1.5KE43A 1.5KE47 1.5KE47A 1.5KE51 1.5KE51A JEDEC PART NUMBER 1N6267 1N6267A 1N6268 1N6268A 1N6269 1N6269A 1N6270 1N6270A 1N6271 1N6271A 1N6272 1N6272A 1N6273 1N6273A 1N6274 1N6274A 1N6275 1N6275A 1N6276 1N6276A 1N6277 1N6277A 1N6278 1N6278A 1N6279 1N6279A 1N6280 1N6280A 1N6281 1N6281A 1N6282 1N6282A 1N6283 1N6283A 1N6284 1N6284A 1N6285 1N6285A 1N6286 1N6286A 1N6287 1N6287A 1N6288 1N6288A REVERSE STAND-OFF VOLTAGE VRWM (V) 5.50 5.80 6.05 6.40 6.63 7.02 7.37 7.78 8.10 8.55 8.92 9.40 9.72 10.20 10.50 11.10 12.10 12.80 12.90 13.60 14.50 15.30 16.20 17.10 17.80 18.80 19.40 20.50 21.80 23.10 24.30 25.60 26.80 28.20 29.10 30.80 31.60 33.30 34.80 36.80 38.10 40.20 41.30 43.60 BREAKDOWN VOLTAGE VBR (V) MIN. @IT 6.12 6.45 6.75 7.13 7.38 7.79 8.19 8.65 9.00 9.50 9.90 10.50 10.80 11.40 11.70 12.40 13.50 14.30 14.40 15.20 16.20 17.10 18.00 19.00 19.80 20.90 21.60 22.80 24.30 25.70 27.00 28.50 29.70 31.40 32.40 34.20 35.10 37.10 38.70 40.90 42.30 44.70 45.90 48.50 BREAKDOWN VOLTAGE VBR (V) MAX. @IT 7.48 7.14 8.25 7.88 9.02 8.61 10.00 9.50 11.00 10.50 12.10 11.60 13.20 12.60 14.30 13.70 16.50 15.80 17.60 16.80 19.80 18.90 22.00 21.00 24.20 23.10 26.40 25.20 29.70 28.40 33.00 31.50 36.30 34.70 39.60 37.80 42.90 41.00 47.30 45.20 51.70 49.40 56.10 53.60 TEST CURRENT IT (mA) 10 10 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 MAXIMUM CLAMPING VOLTAGE @IPP VC (V) 10.8 10.5 11.7 11.3 12.5 12.1 13.8 13.4 15.0 14.5 16.2 15.6 17.3 16.7 19.0 18.2 22.0 21.2 23.5 22.5 26.5 25.2 29.1 27.7 31.9 30.6 34.7 33.2 39.1 37.5 43.5 41.4 47.7 45.7 52.0 49.9 56.4 53.9 61.9 59.3 67.8 64.8 73.5 70.1 PEAK PULSE CURRENT IPP (A) 139.0 143.0 128.0 132.0 120.0 124.0 109.0 112.0 100.0 103.0 93.0 96.0 87.0 90.0 79.0 82.0 68.0 71.0 64.0 67.0 56.5 59.5 51.5 54.0 47.0 49.0 43.0 45.0 38.5 40.0 34.5 36.0 31.5 33.0 29.0 30.0 26.5 28.0 24.0 25.3 22.2 23.2 20.4 21.4 REVERSE LEAKAGE @VRWM IR (uA) 1000.0 1000.0 500.0 500.0 200.0 200.0 50.0 50.0 10.0 10.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
1.5KE56 1.5KE56A 1.5KE62 1.5KE62A 1.5KE68 1.5KE68A 1.5KE75 1.5KE75A 1.5KE82 1.5KE82A 1.5KE91 1.5KE91A 1.5KE100 1.5KE100A 1.5KE110 1.5KE110A 1.5KE120 1.5KE120A 1.5KE130 1.5KE130A 1.5KE150 1.5KE150A 1.5KE160 1.5KE160A
1N6289 1N6289A 1N6290 1N6290A 1N6291 1N6291A 1N6292 1N6292A 1N6293 1N6293A 1N6294 1N9294A 1N6295 1N6295A 1N6296 1N6296A 1N6297 1N6297A 1N6298 1N6298A 1N6299 1N6299A 1N6300 1N6300A
45.60 47.80 50.20 53.00 55.10 58.10 60.70 64.10 66.40 70.10 73.70 77.80 81.00 85.50 89.20 94.00 97.20 102.00 105.00 111.00 121.00 128.00 130.00 136.00
50.40 53.20 55.80 58.90 61.20 64.60 67.50 71.30 73.80 77.90 81.90 86.50 90.00 95.00 99.00 105.00 108.00 114.00 117.00 124.00 135.00 143.00 144.00 152.00
61.60 58.80 68.20 65.10 74.80 71.40 82.50 78.80 90.20 86.10 100.00 95.50 110.00 105.00 121.00 116.00 132.00 126.00 143.00 137.00 165.00 158.00 176.00 168.00
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
80.5 77.0 89.0 85.0 98.0 92.0 108.0 103.0 118.0 113.0 131.0 125.0 144.0 137.0 158.0 152.0 173.0 165.0 187.0 179.0 215.0 207.0 230.0 219.0
18.6 19.5 16.9 17.7 15.3 16.3 13.9 14.6 12.7 13.3 11.4 12.0 10.4 11.0 9.5 9.9 8.7 9.1 8.0 8.4 7.0 7.2 6.5 6.8
5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
UNI-DIRECTIONAL 1500 Watt Axial Lead TVS
UNIDIRECTIONAL PART NUMBER 1.5KE170 1.5KE170A 1.5KE180 1.5KE180A 1.5KE200 1.5KE200A 1.5KE220 1.5KE220A 1.5KE250 1.5KE250A 1.5KE300 1.5KE300A 1.5KE350 1.5KE350A 1.5KE400 1.5KE400A 1.5KE440 1.5KE440A JEDEC PART NUMBER 1N6301 1N6301A 1N6302 1N6302A 1N6303 1N6303A REVERSE STAND-OFF VOLTAGE VRWM (V) 138.00 145.00 146.00 154.00 162.00 171.00 175.00 185.00 202.00 214.00 243.00 256.00 284.00 300.00 324.00 342.00 356.00 376.00 BREAKDOWN VOLTAGE VBR (V) MIN. @IT 153.00 162.00 162.00 171.00 180.00 190.00 198.00 209.00 225.00 237.00 270.00 285.00 315.00 332.00 360.00 380.00 396.00 418.00 BREAKDOWN VOLTAGE VBR (V) MAX. @IT 187.00 179.00 198.00 189.00 220.00 210.00 242.00 231.00 275.00 263.00 330.00 315.00 385.00 368.00 440.00 420.00 484.00 462.00 TEST CURRENT IT (mA) 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 MAXIMUM CLAMPING VOLTAGE @IPP VC (V) 244.0 234.0 258.0 246.0 287.0 274.0 344.0 328.0 360.0 344.0 430.0 414.0 504.0 482.0 574.0 548.0 631.0 600.0 PEAK PULSE CURRENT IPP (A) 6.2 6.4 5.8 6.1 5.2 5.5 4.3 4.6 4.3 4.5 3.6 3.8 3.1 3.2 2.7 2.8 2.4 2.6 REVERSE LEAKAGE @VRWM IR (uA) 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
BI-DIRECTIONAL 1500 Watt Axial Lead TVS
BIDIRECTIONAL PART NUMBER 1.5KE6.8C 1.5KE6.8CA 1.5KE7.5C 1.5KE7.5CA 1.5KE8.2C 1.5KE8.2CA 1.5KE9.1C 1.5KE9.1CA 1.5KE10C 1.5KE10CA 1.5KE11C 1.5KE11CA 1.5KE12C 1.5KE12CA 1.5KE13C 1.5KE13CA 1.5KE15C 1.5KE15CA 1.5KE16C 1.5KE16CA 1.5KE18C 1.5KE18CA JEDEC PART NUMBER 1N6267C 1N6267CA 1N6268C 1N6268CA 1N6269C 1N6269CA 1N6270C 1N6270CA 1N62701C 1N6271CA 1N6272C 1N6272CA 1N6273C 1N6273CA 1N6274C 1N6274CA 1N6275C 1N6275CA 1N6276C 1N6276CA 1N6277C 1N6277CA REVERSE STAND-OFF VOLTAGE VRWM (V) 5.50 5.80 6.05 6.40 6.63 7.02 7.37 7.38 8.10 8.55 8.92 9.40 9.72 10.20 10.50 11.10 12.10 12.80 12.90 13.60 14.50 15.30 BREAKDOWN VOLTAGE VBR (V) MIN. @IT 6.12 6.45 6.75 7.13 7.38 7.79 8.19 8.65 9.00 9.50 9.90 10.50 10.80 11.40 11.70 12.40 13.50 14.30 14.40 15.20 16.20 17.10 BREAKDOWN VOLTAGE VBR (V) MAX. @IT 7.48 7.14 8.25 7.88 9.02 8.61 10.00 9.50 11.00 10.50 12.10 11.60 13.20 12.60 14.30 13.70 16.50 15.80 17.60 16.80 19.80 18.90 TEST CURRENT IT (mA) 10 10 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 MAXIMUM CLAMPING VOLTAGE @IPP VC (V) 10.8 10.5 11.7 11.3 12.5 12.1 13.8 13.4 15.0 14.5 16.2 15.6 17.3 16.7 19.0 18.2 22.0 21.2 23.5 22.5 26.5 25.2 PEAK PULSE CURRENT IPP (A) 139.0 143.0 128.0 132.0 120.0 124.0 109.0 112.0 100.0 103.0 93.0 96.0 87.0 90.0 79.0 82.0 68.0 71.0 64.0 67.0 56.5 59.5 REVERSE LEAKAGE @VRWM IR (uA) 2000.0 2000.0 1000.0 1000.0 400.0 400.0 100.0 100.0 20.0 20.0 10.0 10.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
1.5KE20C 1.5KE20CA 1.5KE22C 1.5KE22CA 1.5KE24C 1.5KE24CA 1.5KE27C 1.5KE27CA 1.5KE30C 1.5KE30CA 1.5KE33C 1.5KE33CA 1.5KE36C 1.5KE36CA 1.5KE39C 1.5KE39CA 1.5KE43C 1.5KE43CA 1.5KE47C 1.5KE47CA 1.5KE51C 1.5KE51CA 1.5KE56C 1.5KE56CA 1.5KE62C 1.5KE62CA 1.5KE68C 1.5KE68CA 1.5KE75C 1.5KE75CA 1.5KE82C 1.5KE82CA 1.5KE91C 1.5KE91CA 1.5KE100C 1.5KE100CA 1.5KE110C 1.5KE110CA 1.5KE120C 1.5KE120CA 1.5KE130C 1.5KE130CA 1.5KE150C 1.5KE150CA 1.5KE160C 1.5KE160CA
1N6278C 1N6278CA 1N6279C 1N6279CA 1N6280C 1N6280CA 1N6281C 1N6281CA 1N6282C 1N6282CA 1N6283C 1N6283CA 1N6284C 1N6284CA 1N6285C 1N6285CA 1N6286C 1N6286CA 1N6287C 1N6287CA 1N6288C 1N6288CA 1N6289C 1N6289CA 1N6290C 1N6290CA 1N6291C 1N6291CA 1N6292C 1N6292CA 1N6293C 1N6293CA 1N6294C 1N9294CA 1N6295C 1N6295CA 1N6296C 1N6296CA 1N6297C 1N6297CA 1N6298C 1N6298CA 1N6299C 1N6299CA 1N6300C 1N6300CA
16.20 17.10 17.80 18.80 19.40 20.50 21.80 23.10 24.30 25.60 26.80 28.20 29.10 30.80 31.60 33.30 34.80 36.80 38.10 40.20 41.30 43.60 45.60 47.80 50.20 53.00 55.10 58.10 60.70 64.10 66.40 70.10 73.70 77.80 81.00 85.50 89.20 94.00 97.20 102.00 105.00 111.00 121.00 128.00 130.00 136.00
18.00 19.00 19.80 20.90 21.60 22.80 24.30 25.70 27.00 28.50 29.70 31.40 32.40 34.20 35.10 37.10 38.70 40.90 42.30 44.70 45.90 48.50 50.40 53.20 55.80 58.90 61.20 64.60 67.50 71.30 73.80 77.90 81.90 86.50 90.00 95.00 99.00 105.00 108.00 114.00 117.00 124.00 135.00 143.00 144.00 152.00
22.00 21.00 24.20 23.10 26.40 25.20 29.70 28.40 33.00 31.50 36.30 34.70 39.60 37.80 42.90 41.00 47.30 45.20 51.70 49.40 56.10 53.60 61.60 58.80 68.20 65.10 74.80 71.40 82.50 78.80 90.20 86.10 100.00 95.50 110.00 105.00 121.00 116.00 132.00 126.00 143.00 137.00 165.00 158.00 176.00 168.00
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
29.1 27.7 31.9 30.6 34.7 33.2 39.1 37.5 43.5 41.4 47.7 45.7 52.0 49.9 56.4 53.9 61.9 59.3 67.8 64.8 73.5 70.1 80.5 77.0 89.0 85.0 98.0 92.0 108.0 103.0 118.0 113.0 131.0 125.0 144.0 137.0 158.0 152.0 173.0 165.0 187.0 179.0 215.0 207.0 230.0 219.0
51.5 54.0 47.0 49.0 43.0 45.0 38.5 40.0 34.5 36.0 31.5 33.0 29.0 30.0 26.5 28.0 24.0 25.3 22.2 23.2 20.4 21.4 18.6 19.5 16.9 17.7 15.3 16.3 13.9 14.6 12.7 13.3 11.4 12.0 10.4 11.0 9.5 9.9 8.7 9.1 8.0 8.4 7.0 7.2 6.5 6.8
5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
BI-DIRECTIONAL 1500 Watt Axial Lead TVS
BIDIRECTIONAL PART NUMBER 1.5KE170C 1.5KE170CA 1.5KE180C 1.5KE180CA 1.5KE200C 1.5KE200CA 1.5KE220C 1.5KE220CA 1.5KE250C 1.5KE250CA 1.5KE300C 1.5KE300CA 1.5KE350C 1.5KE350CA 1.5KE400C 1.5KE400CA 1.5KE440C 1.5KE440CA JEDEC PART NUMBER 1N6301C 1N6301CA 1N6302C 1N6302CA 1N6303C 1N6303CA REVERSE STAND-OFF VOLTAGE VRWM (V) 138.00 145.00 146.00 154.00 162.00 171.00 175.00 185.00 202.00 214.00 243.00 256.00 284.00 300.00 324.00 342.00 356.00 376.00 BREAKDOWN VOLTAGE VBR (V) MIN. @IT 153.00 162.00 162.00 171.00 180.00 190.00 198.00 209.00 225.00 237.00 270.00 285.00 315.00 332.00 360.00 380.00 396.00 418.00 BREAKDOWN VOLTAGE VBR (V) MAX. @IT 187.00 179.00 198.00 189.00 220.00 210.00 242.00 231.00 275.00 263.00 330.00 315.00 385.00 368.00 440.00 420.00 484.00 462.00 TEST CURRENT IT (mA) 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 MAXIMUM CLAMPING VOLTAGE @IPP VC (V) 244.0 234.0 258.0 246.0 287.0 274.0 344.0 328.0 360.0 344.0 430.0 414.0 504.0 482.0 574.0 548.0 631.0 600.0 PEAK PULSE CURRENT IPP (A) 6.2 6.4 5.8 6.1 5.2 5.5 4.3 4.6 4.3 4.5 3.6 3.8 3.1 3.2 2.7 2.8 2.4 2.6 REVERSE LEAKAGE @VRWM IR (uA) 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0


▲Up To Search▲   

 
Price & Availability of 15KE350

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X